Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download MAVC-060103-130400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Synthesizer , SMT 400 MHz
Features

RoHS Compliant Fully Integrated VCO, PLL, Loop Filter High Performance, Low Cost Miniature SMT Package (LSM6)
MAVC-060103-130400
Rev: C
Description
This synthesizer design integrates a high performance VCO, PLL, IC and discrete loop filter in a surface mount package. This SMT package provides electrical shielding, easy PCB assembly and repeatable performance. The synthesizer is designed for use in wireless base stations. M/A-COM synthesizers are manufactured in an ISO9001 certified facility, incorporating surface mount assembly and automated electrical testing. This ensures consistent electrical performance and quality over volume production quantities.
Electrical Specifications1:
TA = +25C, Z0 = 50 Ohms, Vcc1 = 5V, Vcc2 = 3.3V.
Parameter Frequency Range RF Output Power Phase Noise Test Conditions Over Top 2 Over Top 2 SSB at 100 Hz offset from carrier SSB at 1 kHz offset from carrier SSB at 10 kHz offset from carrier SSB at 100 kHz offset from carrier SSB at 1000 kHz offset from carrier Units MHz dBm dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc Phase comparison frequency Other spurious dBc dBc dBc Over Fout , +/- 500Hz Recommended operating condition Recommended operating condition Recommended operating condition Recommended operating condition mS mA mA V V 4.75 3.1 20 27 9 5.0 3.3 -3.0 -83 -83 -110 -130 -148 -25 -73 -85 Min Typ 400 +3.0 -80 -80 -105 -127 -145 -20 -70 -80 -80 30 30 10 5.25 3.5 Max
Harmonic Suppression Spurious Suppression (Non-Harmonic) Reference breakthrough Frequency Lock Time VCO Supply Current (ICC1) PLL Supply Current (ICC2) VCO Power Supply (VCC1) PLL Power Supply (VCC2)
1. All specification limits are indicated values @ +25 C and apply over Fout unless otherwise stated. 2. See "Absolute Maximum Ratings" for Top. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use. or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Synthesizer , SMT 400 MHz
Electrical Specifications1: (cont'd)
Parameter Step Size (F) Reference Frequency (FR) PLL Programming PLL Lock Monitor Output Test Conditions Recommended operating limit 1.0 V pp 0.2V square wave with input filter
MAVC-060103-130400
Units kHz MHz
Min
Typ 1000
Max
6
10
100
3-wire serial CMOS IAW ADF4113, Charge Pump max current Logic high = VCC2 x 0.8 Min and Logic low = VCC2 x 0.2 Max Locked = VCC2 - 0.4 Min , Unlocked = 0.4V Max
Pin Configuration
Pin No. 1 2 3 4 5 6 7 Function VCC2 GND REF I/P GND VCC1 GND RF O/P Pin No. 8 9 10 11 12 13 14 Function GND Lock Detect Clock Data Load Enable GND GND
Absolute Maximum Ratings TA = +25C
Parameter VCO Supply Voltage (VCC1) PLL Supply Voltage (VCC2) Reference Frequency Level Data, Clock, Strobe Voltages Operating Temperature Storage Temperature Solder Assembly Temperature Weight
TO CONTROLLER
Absolute Maximum -0.3V to 6.5 V -0.3V to 6.5 V -0.3V to 6.5 V -0.3V to Vcc + 0.3 V -40C to +85C -45C to +120C See App Note M2032 3.0 grams
2
Functional Block Diagram
Moisture Sensitivity Level ESD Rating
2 Class 1
13 1 10nF 2 GND DATA 11 GND VCC2 LOAD ENABLE 12
3
REF IN
CLOCK
10
1. Operation of this device above any one of these parameters may cause permanent damage. 2. As per JEDEC-STD-020.
4
GND
LOCK DETECT
9
Environmental Specifications
Devices are designed to function after exposure to the shock, vibration, thermal shock and moisture conditions typically encountered in base station and other infrastructure environments.
50R
5 10nF 6
VCC1
GND
8
GND GND 14
RF OUT
7
Ordering Information
1. The diagram above shows a typical application. 2. The Reference input and RF output are internally AC coupled. 3. The diagram applies when digital lock detect is selected. For analog open-drain mode, a filter is required. Part Number MAVC-060103-130400 1. See application note M513. Package Tape and Reel (300/Reel) 1
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use. or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Synthesizer , SMT 400 MHz
Recommended PCB Layout
MAVC-060103-130400
1. 2. 3.
Tolerance: 0.1mm Both views are shown from top of device. Crossed hatched areas to be left clear. These areas may have active vias.
Outline Drawing
1. 2. 3. 4. 5.
Plating: Au, 0.05m -- 0.15m over Ni barrier of 2.5m -- 5.0m. Internal Solder: Sn95.5/Ag4.0/Cu0.5, lead free. Substrate: FR4 Cover: mild steel Tolerance: 0.2mm unless otherwise noted.
ECO History
Rev A B C 3 Date Dec 8th 2005 Create datasheet Description By JS JS JS
Dec 15th 2005 Change of the reference frequency specification from Min=10, Typ=, to Min=6, Typ=10, Feb 20th 2005 Change of 1000kHz SSB Phase noise from Typically Change of 1000kHz SSB Phase noise from Max -150 to -148dBc/Hz, -147 to -145dBc/Hz.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use. or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAVC-060103-130400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X