Part Number Hot Search : 
ZTBF500E MIC22205 FDMS7650 RBR5L30A BO12864 1057091 SM2958 89HPE
Product Description
Full Text Search
 

To Download MASWSS0118TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Features
* * * * * * Low Voltage Operation: 2.5 V Low Harmonics: < -65 dBc at +34 dBm & 1 GHz Low Insertion Loss: 0.65 dB at 1 GHz High Isolation: 23 dB at 2 GHz 4 mm 16-Lead PQFN Package 0.5 micron GaAs PHEMT Process
MASWSS0118 V2
Functional Schematic
GND GND ANT
39 pF
Pin 16 Pin 1 V1 RF1
39 pF
V4
RF4
39 pF
Description
M/A-COM's MASWSS0118 is a GaAs PHEMT MMIC single pole four throw (SP4T) high power switch in a low cost 4 mm 16-lead PQFN package. The MASWSS0118 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size, and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other handset and related applications. This part can be used in all systems operating up to 3.0 GHz requiring high power at low control voltage. The MASWSS0118 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
GND GND RF3
39 pF
GND RF2
39 pF
GND
Pin Configuration
Pin No.
1 2 3 4 5 6
Pin Name
V1 RF1 GND RF2 GND V2 V3 GND RF3 GND GND RF4 GND V4 GND ANT Paddle 2
GND
Description
Control 1 RF Port 1 RF Ground RF Port 2 RF Ground Control 2 Control 3 RF Ground RF Port 3 RF Ground RF Ground RF Port 4 RF Ground Control 4 RF Ground Antenna Port RF Ground
V2
Ordering Information
Part Number
MASWSS0118TR MASWSS0118TR-3000 MASWSS0118SMB
7
Package
1000 piece reel 3000 piece reel Sample Test Board
8 9 10 11 12 13 14 15 16 17
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
V3
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 3
Parameter
Insertion Loss
4
MASWSS0118 V2
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz VC = 0 V / 2.5 V Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz VC = 0 V / 2.5 V VC = 0 V / 2.5 V 1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V 1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V 10% RF to 90% RF, 90% to 10% RF, VC = 0 V / 2.5 V 50% control to 90% RF, 50% control to 10% RF, VC = 0 V / 2.5 V
Units
dB dB dB dB dB dB dB dBm dBm dBm dBc dBc S S mV
Min.
-- -- -- 27 21 -- -- -- -- -- -- -- -- -- -- --
Typ.
0.65 0.80 1.00 29.0 23.0 18.5 20 57 81 38 -80 -68 0.2 0.2 35 10
Max.
0.85 1.00 -- -- -- -- -- -- -- -- -71 -65 -- -- -- 50
Isolation
Return Loss IP3 IP2 P.1dB 2 Harmonic 3 Harmonic Trise, Tfall Ton, Toff Transients Control Current
rd nd
VC = 0 V / 2.5 V, 34 dBm
A
3. External DC blocking capacitors are required on all RF ports. 4. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 39 pF for 0.5 GHz - 3 GHz.
Absolute Maximum Ratings 5,6
Parameter
Input Power (0.5 - 3.0 GHz, 2.5 V Control) Voltage Operating Temperature Storage Temperature
Truth Table 7,8
V1
1
Absolute Maximum
+38 dBm
V2
0
1
V3
0 0 1 0
V4
0 0 0 1
ANTRF1
On Off Off Off
ANTRF2
Off On Off Off
ANTRF3
Off Off On Off
ANTRF4
Off Off Off On
8.5 volts -40 C to +85 C -65C to +150C

0 0 0
0 0
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits.
7. Differential voltage, V (state 1) -V (state 2), must be 2.5 V minimum. 8. 0 = -5 V to +2.5 V, 1 = -2.5 V to +5 V
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss vs. Temperature
+25C 1.6 1.4 +85C -40C
40 35
MASWSS0118 V2
Isolation vs. Temperature
+25C +85C -40C
Insertion Loss (dB)
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Isolation (dB)
30 25 20 15 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
1 GHz 2nd Harmonic Rejection
25C -50 85C -40C
1 GHz 3rd Harmonic Rejection
25C -50 -60 -70 -80 -90 -100 2.0 85C -40C
-70
-80
-90
-100 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Harmonic (dBc)
-60
Harmonic (dBc)
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (V)
Control Voltage (V)
4 mm 16-Lead PQFN
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0118TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X