Part Number Hot Search : 
HCT555 CONDUCTO EA09834 GP210 BH55471F 4HCT37 ATMEGA16 HMS87C1
Product Description
Full Text Search
 

To Download MASWSS0107TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
Features
* 802.11a + b/g Broadband Applications * Broadband Performance: 1.0 - 6.0 GHz * Low Insertion Loss: 1.0 dB @ 2.4 GHz 1.2 dB @ 6.0 GHz * High Isolation: 38 dB @ 2.4 GHz 31 dB @ 6.0 GHz * Fast Switching Speed: 0.5 m GaAs PHEMT * Lead-Free 3 mm 12-Lead PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible
MASWSS0107 V1
Functional Schematic
GND Rx Tx Vc4 GND Vc1
Vc3 GND Vc2
ANT1
M/A-COM's MASWSS0107 is a broadband GaAs PHEMT MMIC diversity switch in a low cost, lead-free 3 mm 12-lead PQFN package. The MASWSS0107 is ideally suited for applications where very small size and low cost are required. Typical applications are for WLAN IEEE 802.11a and 802.11b/g systems that employ two antennas for transmit and receive diversity. Other applications include cordless phones and base stations.Designed for high power, this DPDT switch maintains high linearity up to 6.0 GHz. The MASWSS0107 can be controlled with either two or four control signals. With four control signals each of the four insertion paths can be controlled individually. To control the switch with only two signals, tie pairs of control lines together. The MASWSS0107 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12 13
Pin Name
Vc4 GND VC 1 ANT1 GND ANT2 Vc2 GND Vc3 Rx GND Tx Paddle
2
ANT2
Description
GND
Description
Control 4 Ground Control 1 Antenna Port 1 Ground Antenna Port 2 Control 2 Ground Control 3 Receive Port Ground Transmit Port DC and RF Ground
Ordering Information 1
Part Number
MASWSS0107TR-3000 MASWSS0107SMB 1.
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Package
3000 piece reel Sample Test Board
(Includes 5 Samples)
Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 3 V, 5 pF Capacitor 3
Parameter
Insertion Loss4 Test Conditions 2.4 GHz 2 - 4 GHz 4 - 5 GHz 4.9 - 6 GHz One Path Active 2.4 GHz 4.9 - 6 GHz Both Paths Active 2.4 GHz 4.9 - 6 GHz One Path Active 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz Both Paths Active 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz Two Tone, 15 dBm/tone, 5 MHz Spacing 2.4 GHz 4.9 - 6 GHz Two Tone, 15 dBm/tone, 5 MHz Spacing 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz PIN = 20 dBm 2.4 GHz 5.8 GHz PIN = 20 dBm 2.4 GHz 5.8 GHz 10% to 90% RF 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm nS nS nS mV |Vc| = 3 V A Min. -- -- -- -- 36 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 1.0 1.1 1.2 1.2 38 32 33 27 31 22 30 27 25 20 25 27 21 19 91 90 53 51 27 29 33 32 -77 -75 -76 -78 80 70 97 14 1 Max. 1.3 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10
MASWSS0107 V1
Isolation (Input to Output) Isolation (Input to Output) Isolation (Antenna to Antenna) (Tx - Rx) Isolation (Antenna to Antenna) (Tx - Rx) Return Loss IP2
IP3
Input P0.1dB Input P1dB 2nd Harmonic
3rd Harmonic
Trise, Tfall Ton, Toff Transients Control Current
3. For positive voltage control, external DC blocking capacitors are required on all RF ports. 4. Insertion loss can be optimized by varying the DC blocking capacitor value.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
Truth Table 5
Control Vc1 Control Vc2
1 0 0 0 0 1 0 1 0 0 0 1
MASWSS0107 V1
Control Vc3
0 0 1 0 1 0
Control Vc4
0 0 0 1 1 0
ANT1 - Rx
Off Off On Off On Off
ANT1 - Tx
On Off Off Off Off On
ANT2 - Rx
Off On Off Off Off On
ANT2 - Tx
Off Off Off On On Off
5. 1 = +2.7 V to +5 V, 0 = 0 V + 0.2 V.
Absolute Maximum Ratings 6,7
Parameter
Input Power Operating Voltage Operating Temperature Storage Temperature
Handling Procedures
Please observe the following precautions to avoid damage:
Absolute Maximum
+32 dBm +8.5 volts -40C to +85C -65C to +150C
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits.
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
Typical Performance Curves, 5 pF Blocking Capacitors
Insertion Loss
2.0
MASWSS0107 V1
Return Loss
0
1.5
-5
-10 1.0 -15 0.5
-20
0.0 1 2 3 4 5 6
-25 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Isolation (Input to Output, One Path Active)
45
Isolation (Input to Output, Both Paths Active)
45
40
40
35
35
30
30
25
25
20 1 2 3 4 5 6
20 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Lead-Free 3 mm 12-Lead PQFN
4
Reference Application Note M538 for lead-free solder reflow recommendations.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0107TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X