Part Number Hot Search : 
AC100 N5551 TVW7JR43 UDN2962 Z5221B 22200 SA211 BU42XXF
Product Description
Full Text Search
 

To Download MASWSS0103TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
SPDT High Isolation CATV Switch 5 - 1000 MHz
Features
* * * * * * * * * 75 Ohm Impedance Input Terminated Positive Voltage Control High Isolation: 65 dB at 870 MHz 0.5 micron GaAs PHEMT Process Lead-Free 4 mm 20-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MASWSS0103 V1
Functional Schematic
G1 V1 V2 V1 G2
GND GND RF1 GND GT1
GND GND RF2 GND GT2
Description
M/A-COM's MASWSS0103 is a GaAs PHEMT MMIC single pole double throw (SPDT) switch in a lead-free 4 mm 20-lead PQFN package. The MASWSS0103 is ideally suited for applications where low control voltage, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 systems operating up to 1 GHz. The MASWSS0103 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
GI1
GND
RFC GND
GI2
Pin Configuration 1
Pin No.
1 2 3 4 5 6 7 8 9
Pin Name
GND GND RF1 GND GT1 GI1 GND RFC GND GI2 GT2 GND RF2 GND GND G2 V1 V2 V1 G1
Description
Ground Ground RF Port 1 Ground RF Ground RF Ground Ground RF Common Port Ground RF Ground RF Ground Ground RF Port 2 Ground Ground RF Ground Control 1 Control 2 Control 1 RF Ground
Ordering Information
Part Number
MASWSS0103TR-3000 MASWSS0103SMB
10
Package
13 inch, 3000 piece reel Sample Test Board (Includes 5 Samples)
11 12 13 14 15 16 17 18 19 20
Note: Reference Application Note M513 for reel size information.
1. The exposed pad centered on the package bottom must be connected to RF and DC ground. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation CATV Switch 5 - 1000 MHz MASWSS0103 V1
Electrical Specifications: TA = 25C, Z0 = 75 2, VC = 0 V / 2.9 V, PIN = 10 dBm
Parameter
Insertion Loss Isolation Return Loss (On) Return Loss (Off) IP3
Test Conditions
5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz Two Tone, +15 dBm/tone, 6 MHz spacing, > 50 MHz VC = 0 V / 2.9 V VC = 0 V / 5.0 V 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF In Band |VC| = 2.9 V
Units
dB dB dB dB dB dB dB dB dBm dBm nS nS mV A
Min.
-- -- -- 60 -- -- -- -- -- -- -- -- -- --
Typ.
0.75 1.0 100 63 28 16 26 16 47 52 8 18 70 5
Max.
-- 1.2 -- -- -- -- -- -- -- -- -- -- -- 10
Trise, Tfall Ton, Toff Transients Control Current
2. External 0.01 F DC blocking capacitors are required on all RF In/Out and RF ground ports. See Application Schematic.
Absolute Maximum Ratings 3,4
Parameter
Input Power (5 - 1000 MHz, 2.9 V Control) Operating Voltage Operating Temperature Storage Temperature
Application Schematic
C10 C4 C11 C9
G1 V1 V2 V1 G2
Absolute Maximum
+32 dBm +8.5 volts -40C to +85C -65C to +150C
GND
GND GND RF2
3. Exceeding any one or combination of these limits may cause permanent damage. 4. M/A-COM does not recommend sustained operation near these survivability limits.
C1
GND RF1
C2
GND GT1
GND GT2
Truth Table 5
V1 1 0 V2 0 1 RFC - RF1 On Off RFC - RF2 Off On
C5
GI1
GND RFC
GND GI2
C8 C7
C6
C3
C1 - C9 = 0.01 F, RF Bypass Capacitors C10 - C11 = 0.01 F, Logic Control Decoupling Capacitors
5. 1 = +2.9 to +5 V, 0 = 0 + 0.2 V.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation CATV Switch 5 - 1000 MHz
Typical Performance Curves
Insertion Loss
1.5
MASWSS0103 V1
1.0
0.5
+25C +85C -40C
0.0 0 200 400 600 800 1000 1200
Frequency (MHz)
RF1 Isolation
90
RF2 Isolation
90
80
+25C +85C -40C
80
70
70
60
60
+25C +85C -40C
50 0 200 400 600 800 1000 1200
50 0 200 400 600 800 1000 1200
Frequency (MHz)
Frequency (MHz)
On Return Loss
0
Off Return Loss
0
-10
+25C +85C -40C
-10
+25C +85C -40C
-20
-20
-30
-30
-40 0 200 400 600 800 1000 1200
-40 0 200 400 600 800 1000 1200
Frequency (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (MHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation CATV Switch 5 - 1000 MHz
Lead-Free 4 mm 20-Lead PQFN
MASWSS0103 V1
Reference Application Note M538 for lead-free solder reflow recommendations.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0103TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X