Part Number Hot Search : 
8HC05 NJU6318 MBRF201 AP1075 A7800 14100 SL431AM RF200
Product Description
Full Text Search
 

To Download MASWSS0102TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPST High Isolation CATV Switch 5 - 1000 MHz
Preliminary
V2P
MASWSS0102
MASWSS0102
Features
* * * * * *
Functional Schematic
G1 V1 V2 V1 G2
75 Ohm Positive Voltage Control (0 / +5 V) Input Terminated High Isolation 70 dB at 1000 MHz 4 mm FQFP-N 20 Lead Package 0.5 micron GaAs PHEMT Process
GND GND RF1 GND GT1
GND GND RF2 GND GND
Description
M/A-COM's MASWSS0102 is a GaAs PHEMT MMIC single pole single throw (SPST) switch in a low cost 4 mm FQFP-N 20 lead package. The MASWSS0102 is ideally suited for applications where low control voltage, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 ohm systems operating up to 1.0 GHz. The MASWSS0102 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
GND
GND
GND GND
GND
Absolute Maximum Ratings 2
Parameter Max Input Power (5 - 1000 MHz, 2.5V Control) Operating Voltage Absolute Maximum +32 dBm +8.5 volts -40 oC to +85 oC -65 oC to +150 oC
Ordering Information 1
Part Number MASWSS0102 MASWSS0102TR Package FQFP-N 20 Lead Plastic Package 7 inch, 1000 piece reel
Operating Temperature Storage Temperature
2. Exceeding any one or combination of these limits may cause permanent damage.
MASWSS0102TR-3000 13 inch, 3000 piece reel
MASWSS0102SMB Sample Test Board (Includes 5 Samples)
Truth Table 3,4
V1 0 1 V2 1 0 RF1 - RF2 On Off
1. Reference Application Note M513 for reel size information.
3. 0 = +2.9 to +5V, 1 = 0 + 0.2V 4. External 0.01 uF DC blocking capacitors are required on all RF In/Out and RF Ground ports.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. 1 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
SPST High Isolation CATV Switch, 5 - 1000 MHz Pin Configuration
PIN No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 PIN Name GND GND RF1 GND GT1 GND GND GND GND GND GND GND RF2 GND GND G2 V1 V2 V1 G1
MASWSS0102
V2P
5
Description Ground Ground RF In/Out Ground RF Ground Ground Ground Ground Ground Ground Ground Ground RF In/Out Ground Ground RF Ground Control 1 Control 2 Control 1 RF Ground
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium arsenide integrated circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Use proper ESD control precautions when handling these devices.
5. Center paddle should be connected to ground.
Electrical Specifications: TA = 25C, Z0 = 75
Parameter Insertion Loss Isolation Return Loss (On) Return Loss (Off) IP3 Trise, Tfall Ton, Toff Transients Gate Leakage Test Conditions 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz Two Tone -10 dBm, 6 MHz Spacing, > 50 MHz Vc = 0V/5V 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF In Band |Vc| = 2.5V Units dB dB dB dB dB dB dB dB dBm nS nS mV uA Min. Typ. 0.7 0.9 100 70 30 16 20 16 55 20 30 112 12 Max.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
2 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
SPST High Isolation CATV Switch, 5 - 1000 MHz Typical Performance Curves
Insertion Loss
1.5
MASWSS0102
V2P
Isolation
100 +25C
1.2 +85C 0.9 +25C
90 +85C 80
-40C 0.6
70
-40C
0.3
60
0 0 200 400 600 800 1000 1200
50 0 200 400 600 800 1000 1200
Frequency (MHz)
Frequency (MHz)
On Return Loss
0
Off Return Loss
0
-8 +85C -40C -24 +25C -32
-8
-16
-16 +85C -24 +25C -32 -40C
-40 0 200 400 600 800 1000 1200
-40 0 200 400 600 800 1000 1200
Frequency (MHz)
Frequency (MHz)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
3 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0102
V2P
Application Schematic
C6 C3
G1 V1 V2 V1 G2
C7 C5
GND
GND GND RF2
C1
GND RF1
C2
GND GT1
GND GND
C4
GND
GND
GND
GND GND
C1 - C5 = 0.01 uF, RF Bypass Capacitors C6 - C7 = 0.01 uF, Logic Control Decoupling Capacitors
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
4 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
SPST High Isolation CATV Switch, 5 - 1000 MHz Sample Board
MASWSS0102
V2P
Insertion Loss State:
Freq 45 90 135 180 225 270 315 360 405 495 540 585 630 675 720 765 810 855 900 990 1035 1080 1125 1170 1200 +25C +25C +25C -40C -40C -40C +85C +85C +85C S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB) -31.283 -0.666 -31.096 -33.690 -0.616 -33.621 -28.033 -0.735 -28.038 -29.391 -0.684 -29.559 -30.707 -0.644 -30.951 -27.052 -0.755 -27.412 -27.286 -0.695 -27.694 -28.132 -0.653 -28.496 -25.540 -0.777 -26.147 -25.466 -0.711 -25.938 -26.179 -0.677 -26.697 -24.049 -0.790 -24.715 -24.028 -0.728 -24.602 -24.740 -0.683 -25.353 -22.761 -0.815 -23.402 -22.815 -0.738 -23.428 -23.537 -0.691 -24.188 -21.619 -0.818 -22.195 -21.686 -0.740 -22.307 -22.423 -0.702 -23.098 -20.551 -0.838 -21.091 -20.733 -0.754 -21.394 -21.460 -0.713 -22.167 -19.635 -0.871 -20.204 -19.943 -0.753 -20.622 -20.676 -0.705 -21.388 -18.924 -0.868 -19.448 -18.660 -0.810 -19.326 -19.342 -0.739 -20.037 -17.723 -0.921 -18.297 -18.152 -0.795 -18.806 -18.779 -0.730 -19.473 -17.259 -0.914 -17.830 -17.746 -0.821 -18.427 -18.334 -0.743 -19.019 -16.890 -0.956 -17.506 -17.348 -0.846 -18.003 -17.887 -0.769 -18.561 -16.563 -0.990 -17.147 -17.023 -0.840 -17.643 -17.526 -0.763 -18.139 -16.279 -0.990 -16.849 -16.771 -0.848 -17.443 -17.242 -0.763 -17.866 -16.061 -0.993 -16.705 -16.599 -0.874 -17.232 -17.037 -0.779 -17.668 -15.923 -1.023 -16.568 -16.387 -0.879 -17.047 -16.817 -0.783 -17.435 -15.767 -1.033 -16.416 -16.286 -0.876 -16.916 -16.706 -0.785 -17.307 -15.658 -1.030 -16.331 -16.154 -0.892 -16.817 -16.569 -0.802 -17.210 -15.553 -1.069 -16.269 -16.152 -0.900 -16.854 -16.557 -0.787 -17.218 -15.559 -1.076 -16.285 -16.169 -0.933 -16.877 -16.609 -0.804 -17.257 -15.572 -1.087 -16.317 -16.295 -0.925 -16.993 -16.729 -0.806 -17.393 -15.685 -1.116 -16.458 -16.458 -0.940 -17.165 -16.912 -0.828 -17.569 -15.821 -1.133 -16.602 -16.616 -0.941 -17.326 -17.085 -0.817 -17.724 -15.966 -1.131 -16.770 -16.834 -0.959 -17.563 -17.317 -0.829 -17.967 -16.180 -1.145 -16.982
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
5 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
SPST High Isolation CATV Switch, 5 - 1000 MHz Isolation State:
Freq 45 90 135 180 225 270 315 360 405 450 495 540 585 630 675 720 765 810 855 900 945 990 1035 1080 1125 1170 1200 +25C +25C +25C S11(dB) S21(dB) S22(dB) -21.451 -101.859 -0.109 -24.416 -101.210 -0.141 -24.290 -93.360 -0.163 -24.323 -100.100 -0.163 -23.798 -88.970 -0.193 -23.736 -90.210 -0.210 -23.129 -87.977 -0.215 -22.696 -87.691 -0.246 -22.147 -93.357 -0.261 -21.719 -86.196 -0.282 -21.105 -90.365 -0.314 -20.726 -95.475 -0.328 -20.304 -85.779 -0.351 -19.866 -92.551 -0.390 -19.342 -89.633 -0.415 -19.156 -84.750 -0.431 -18.706 -79.289 -0.471 -18.228 -74.363 -0.487 -17.936 -73.453 -0.522 -17.699 -70.377 -0.563 -17.149 -70.706 -0.587 -16.892 -72.148 -0.565 -16.744 -76.185 -0.624 -16.415 -74.735 -0.655 -16.169 -74.252 -0.646 -16.050 -72.245 -0.683 -16.010 -66.832 -0.708 -40C -40C -40C S11(dB) S21(dB) S22(dB) -24.164 -102.004 -0.122 -37.610 -95.572 -0.151 -35.762 -93.610 -0.172 -35.020 -90.697 -0.172 -33.274 -96.759 -0.200 -32.730 -89.723 -0.216 -31.180 -90.210 -0.223 -30.194 -88.777 -0.242 -29.041 -89.026 -0.259 -28.153 -84.886 -0.274 -27.022 -87.770 -0.308 -26.520 -87.295 -0.319 -25.708 -84.513 -0.336 -25.068 -100.557 -0.368 -24.268 -91.456 -0.394 -24.067 -83.970 -0.406 -23.342 -80.741 -0.442 -22.685 -73.848 -0.456 -22.293 -72.746 -0.484 -22.013 -69.378 -0.523 -21.231 -70.119 -0.556 -20.884 -70.863 -0.534 -20.678 -74.109 -0.582 -20.219 -74.578 -0.611 -19.913 -74.338 -0.598 -19.782 -71.390 -0.630 -19.750 -67.853 -0.642
MASWSS0102
V2P
+85C +85C S11(dB) S21(dB) -17.876 -105.151 -18.569 -93.541 -18.505 -91.513 -18.478 -91.189 -18.251 -88.938 -18.221 -90.738 -17.861 -88.980 -17.570 -86.136 -17.228 -87.537 -16.952 -84.794 -16.567 -84.869 -16.279 -89.267 -16.055 -87.403 -15.768 -101.159 -15.428 -88.765 -15.326 -83.477 -15.051 -77.039 -14.723 -73.079 -14.526 -72.057 -14.352 -71.657 -13.979 -71.628 -13.771 -73.305 -13.661 -76.465 -13.412 -75.304 -13.211 -75.860 -13.115 -72.601 -13.063 -67.603
+85C S22(dB) -0.104 -0.138 -0.162 -0.171 -0.208 -0.227 -0.236 -0.274 -0.291 -0.313 -0.355 -0.371 -0.397 -0.431 -0.461 -0.488 -0.524 -0.547 -0.583 -0.632 -0.663 -0.637 -0.693 -0.727 -0.731 -0.765 -0.779
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
6 North America: Tel. (800) 366-2266 Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300


▲Up To Search▲   

 
Price & Availability of MASWSS0102TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X