Part Number Hot Search : 
4301H1 MUR120 IU0503SA 2SK387 SC110 BRB304 21447 4CX5000R
Product Description
Full Text Search
 

To Download MASW-008075-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Features
* * * * * * * Low Insertion Loss: 0.4 dB @ 2.4 GHz Moderate Isolation: 25 dB @ 2.4 GHz Low Power Consumption: 5 A @ +3.0 V Lead-Free SC-70 (SOT-363) Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MASW-008075 V1
Functional Schematic
C = 39 pF
V1
RFC
V2
Description
M/A-COM's MASW-008075 is a GaAs PHEMT MMIC SPDT switch in a lead-free SC-70 (SOT-363) surface mount plastic package. The MASW-008075 is ideally suited for applications where very small size and low cost are required.
Pin 1
RF1
GND
RF2
Typical applications are transmit / receive (Tx / Rx) switching in linear systems such as WLAN 802.11b/g. Other applications include 1.9 GHz and 2.4 GHz DECT and linear systems operating up to 3.0 GHz. The MASW-008075 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
C = 39 pF
C = 39 pF
Pin Configuration
Pin No.
1 2 3 4
Pin Name
RF1 GND RF2 V2 RFC V1
Description
RF Port 1 Ground RF Port 2 Control 2 RF Input Control 1
Ordering Information 1
Part Number
MASW-008075-000000 MASW-008075-TR3000 MASW-008075-001SMB
5
Package
Bulk packaging 3000 piece reel Sample Board
6
Absolute Maximum Ratings 2,3
Parameter
Input Power (0.5 - 3.0 GHz) 3 V Control Voltage Operating Temperature Storage Temperature
Absolute Maximum
+30 dBm -8.5 V < Vc < +8.5 V -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 3 V, Z0 = 50 4
Parameter
Insertion Loss5 Isolation VSWR IIP2 IIP3 Input P1dB Trise, Tfall Ton, Toff Transients Current
MASW-008075 V1
Test Conditions
1.0 GHz 2.4 GHz 1.0 GHz 2.4 GHz 0.05 - 3.0 GHz Two Tone, +5 dBm / Tone, 5 MHz Spacing 2.4 GHz Two Tone, +5 dBm / Tone, 5 MHz Spacing 2.4 GHz -- 10% to 90% RF and 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF -- VC = 3.0 V
Units
dB dB dB dB Ratio dBm dBm dBm nS nS mV A
Min.
-- -- -- 23 -- -- -- -- -- -- -- --
Typ.
0.3 0.4 23 25 1.2:1 80 48 28 35 40 10 5
Max.
-- 0.5 -- -- -- -- -- -- -- -- -- 10
4. For positive voltage control, external DC blocking capacitors are required on all RF ports. 5. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1.0 GHz, 39 pF for 0.5 - 3.0 GHz.
Truth Table 6,7
Control V1
0 1
Lead-Free SC-70 (SOT-363)
RFC-RF1
On Off
Control V2
1 0
RFC-RF2
Off On
6. Differential voltage, V (state 1) - V (state 0), must be +2.3 V minimum and must not exceed 8.5 V. 7. 0 = 0 V 0.2 V, 1 = +2.5 V to 5.0 V
Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss
0.0
MASW-008075 V1
Isolation
0 -5 -10 -15
-0.1
-0.2
-0.3 -20 -0.4 -25 -0.5 -30 -35 0.5 1.0 1.5 2.0 2.5 3.0
-0.6 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Return Loss
0 -5 -10 -15 -20 -25 -30 -35 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-008075-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X