Part Number Hot Search : 
AS4028 ANTX1 PE2023 ARF1501 171ED 03515 S6B1400X 1100P
Product Description
Full Text Search
 

To Download MAP42-1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAP30/40/42 AC-DC Series Data Sheet
Description
Features * RoHS lead-solder-exempt compliant * Universal input 85-264 VAC * CE marked to Low Voltage Directive * Input transient & ESD compliance to EN61000-4-2/-3/-4 * Meets EN55022 conducted and radiated limits * Greater than 311,000 Hours MTBF * Remote sense (MAP30, MAP42)
Power-One's MAP30/40/42 Series of power supplies combines low cost and universal input in a board-only power solution to meet commercial and industrial requirements. Full international safety, EMI, and ESD compliance ensure worldwide acceptance. All units bear the CE Mark. Fixed frequency operation simplifies system level operation. The MAP30/40/42 Series is configured to the international standard 3.00" x 5.00" footprint. Input and output connections are made via popular single-row Molex connectors. Single output models feature wide-range output adjustability to meet a wide variety of standard and user-specific output voltage requirements. Single-Output Model Selection
MODEL OUTPUT VOLTAGE ADJUSTMENT RANGE MAXIMUM OUTPUT CURRENT PEAK OUTPUT CURRENT (NOTE 2) LINE REGULATION LOAD REGULATION RIPPLE & NOISE %p-p (NOTE 1) INITIAL SETTING ACCURACY
MAP30-1005 MAP42-1005 MAP42-1012 MAP42-1024
NOTES:
5V 5V 12V/15V 24V/28V
4.7V to 5.8V 4.7V to 5.8V 11.0V to 18.0V 23.0V to 29.0V
6A 8A 3.4/2.7A (Note 3) 1.7/1.4A (Note 3)
8A 11A 4.6/3.7A (Note 3) 2.3/1.9A (Note 3)
0.2% 0.2% 0.2% 0.2%
1% 1% 1% 1%
1% 1% 1% 1%
4.9V to 5.1V 4.9V to 5.1V 11.9V to 12.1V 23.8V to 24.2V
1) Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth. 2) Peak ratings may be used as maximum output current with 100 Linear Feet per Minute (LFM) forced air cooling. 3) MAP42-1012 output currents are expressed as 12V/15V operation. MAP42-1024 output currents are expressed as 24V/28V operation.
Multiple-Output Model Selection - 40W CONTINUOUS OUTPUT POWER
MODEL OUTPUT VOLTAGE ADJUSTMENT RANGE OUTPUT CURRENT PEAK OUTPUT CURRENT (NOTE 1) LINE REGULATION LOAD REGULATION RIPPLE & NOISE %p-p (NOTE 2) INITIAL SETTING ACCURACY
MAP40-3000
MAP40-3100
MAP40-3101
MAP40-3105
MAP40-3500
MAP40-3003
NOTES : 1) 2) 3) 4)
+5V +12V -12V +5V +12V -12V +5V +24V -12V +5V +12 -5V +5V +12V -12V +5V +15V -15V
4.75V to 5.50V Fixed Fixed 4.75V to 5.25V Fixed Fixed 4.75V to 5.25V Fixed Fixed 4.7V to 5.8V Fixed Fixed 4.7V to 5.8V Fixed Fixed 4.7V to 5.8V Fixed Fixed
3A 2A 0.3A 3A 2A 0.3A 3A 1A 0.3A 3A 2A 0.5A 5A 1A 0.3A 3A 1.5A 0.2A
5A 3.5A 0.5A 5A 3.5A 0.5A 5A 1.5A 0.5A 5A 3.5A 1.0A 6A 3.5A 0.5A 5A 3A 0.5A
0.2% 1% 1% 0.2% 1% 1% 0.2% 1% 1% 0.2% 1% 1% 0.2% 1% 1% 0.2% 1% 1%
2% 3.5% (Note 3) 2% (Note 4) 2% 3.5% (Note 3) 2% 2% 3.5% (Note 3) 2% 2% 3.5% (Note 3) 2% 2% 3.5% (Note 3) 2% 2% 3.5% (Note 3) 2% (Note 4)
1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1%
4.9V to 5.1V 11.5V to 12.5V -11.4V to -12.6V 4.9V to 5.1V 11.5V to 12.5V -11.4V to -12.6V 4.9V to 5.1V 23.0V to 25.0V -11.5V to -12.5V 4.9V to 5.1V 11.5V to 12.5V -4.75V to -5.25V 4.9V to 5.1V 11.5V to 12.5V -11.4V to -12.6V 4.9V to 5.1V 14.7V to 15.3V -14.3V to -15.7V
Peak loads for 30 seconds or less are acceptable, (10% duty cycle max.). Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth. Quasi regulated output. See Regulation Curves for more information. Requires a minimum load of 0.5A on V1 or 0.3A on V2.
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 1 of 5
www.power-one.com
MAP30/40/42 AC-DC Series Data Sheet
Input Specifications
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Input Voltage - AC Input Frequency Brown Out Protection Hold-up Time Input Current Input Protection Inrush Surge Current Operating Frequency
Continuous input range.
MAP42 MAP30, MAP40
AC input. Lowest AC input voltage that regulation is maintained with full rated loads. Nominal AC Input Voltage (115VAC), full rated load. 90 VAC (40W load). Non-user serviceable internally located AC input line fuse. Internally limited by thermistor. Vin = 264VAC (one cycle). 25 C. Switching frequency of power supply (fixed frequency).
85 90 47 85 15
264 264 63
VAC Hz VAC ms ARMS APK kHz
1.2 38 23 25 30
Output Specifications
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Efficiency Minimum Loads Ripple and Noise Output Power Overshoot / Undershoot Regulation
Transient Response Turn-on Delay Turn-on Rise Time
Full load, 120VAC. Single output models; MAP30, MAP42. All multiple output models, see regulation graphs. Full load, 20 MHz bandwidth. Multiple output models with convection cooling. Output voltage overshoot/undershoot at turn-on, V1. Varies by output, total regulation includes: Line changes from 90-132 VAC or 175-264, changes in load starting at 20% load and changing to 100% load. Recovery time, to within 1% of initial set point due to a 50-100% load change, 4% max. deviation. (Main output only of multiple output units). Time required for initial output voltage stabilization. Time required for output voltage to rise from 10% to 90%.
70 0.0
% Amps
See Model Selection Chart. 40 Watts 1 % See regulation graphs. 500 1 20 2 s Sec ms
Interface Signals and Internal Protection
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Overvoltage Protection Overload Protection Remote Sense
MAP30-1005, MAP42-1005 MAP42-1012 MAP42-1024 Main output only of multiple output units. Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition. Total cable drop, single output models only.
5.8 20.0 32.0 5.8 130
6.8 22.0 37.0 6.8
V %
250
mV
Safety, Regulatory, and EMI Specifications
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Agency Approvals
Dielectric Withstand Voltage Electromagnetic Interference Input Transient Protection Insulation Resistance Leakage Current
NOTES:
UL60950. CSA 22.2 No. 60950. EN60950 (TUV). Input to output. FCC CFR title 47 part 15 sub-part B - conducted. EN55022 / CISPR 22 conducted (Note 1). EN55022 / CISPR 22 radiated (Note 2). EN61000-4-5 Level 3 Input to output. Per EN60950, 264VAC
Approved. 2600 B B B Line to Line Line to Ground 1 2 7 500 750 VDC
Class kV M A
MAP42, MAP40-3100, 3001, 3105, 3500 MAP30-1005, MAP40-3000, MAP40-3003
1) MAP30-1005, MAP40-3000, MAP40-3003 meet Class A. 2) MAP40-3000, MAP40-3003, MAP3500 meet Class A.
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 2 of 5
www.power-one.com
MAP30/40/42 AC-DC Series Data Sheet
Environmental Specifications
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Altitude Operating Temperature Storage Temperature Temperature Coefficient Relative Humidity Shock Vibration
Operating. Non-operating. Derate linearly above 50C by 2.5% per C to a maximum temperature of 70C. 0C to 70C (after 15 minute warm-up). Non-condensing. Operating, peak acceleration. Random vibration, 10Hz to 2kHz, 3 axis.
At 100% load: At 50% load:
0 0 -40 0.02 5
10k 40k 50 70 85 0.03 95 20 6
ASL Ft. ASL Ft. C C C %/C %RH G GRMS
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 3 of 5
www.power-one.com
MAP30/40/42 AC-DC Series Data Sheet
MAP40-3500 TYPICAL QUASI REGULATION PERFORMANCE FOR +12V OUTPUT
14.25
13.75
12V OUTPUT VOLTAGE
13.25
12.75 +5V @ 5.0 Amps 12.25 +5V @ 3.0 Amps +5V @ 1.0 Amps +5V @ 0 Amps 11.25 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
11.75
12V OUTPUT CURRENT
MAP40-3000/3100/3105 TYPICAL QUASI REGULATION PERFORMANCE FOR +12V OUTPUT
13.5
12V OUTPUT VOLTAGE
13.0
12.5
12.0 +5V @ 3.0 Amps 11.5 +5V @ 1.8 Amps +5V @ 0.6 Amps +5V @ 0 Amps 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
11.0
12V OUTPUT CURRENT
MAP40-3003 TYPICAL QUASI REGULATION PERFORMANCE FOR +15V OUTPUT
17.0 16.5 16.0
15V OUTPUT VOLTAGE
15.5 15.0 14.5 14.0 13.5 0 0.15 0.3 0.45 0.6 0.75 0.9 1.05 1.2 1.35 1.5 +5V @ 3.0 Amps +5V @ 1.8 Amps +5V @ 0.6 Amps +5V @ 0 Amps
15V OUTPUT CURRENT
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 4 of 5
www.power-one.com
MAP30/40/42 AC-DC Series Data Sheet
OVERALL SIZE: 5.00" x 3.00" x (see table) (127.0mm x 76.2mm x see table) WEIGHT: 0.6 lb (0.26 kg)
J1
NEUTRAL PIN 1
MAP30 J2
PIN 7 N/C V1 V1 GND GND +Sense -Sense
MAP40 J2
PIN 6 V2 V1 V1 GND GND V3
MAP42 J2
PIN 6 V1 V1 GND GND +Sense -Sense
LINE
PIN 2
J3
SAFETY EARTH GROUND (0.250" x 0.032" FASTON)
PIN 1
PIN 1
PIN 1
J1/J2 MATES WITH MOLEX (SERIES 2139 or SERIES 41695) .156" (4mm) CENTER CRIMP TERMINAL HOUSING OR EQUIVALENT
MAP30/40/42 SERIES HEIGHT Single Output Models Model MAP30-1005 MAP42-1005 MAP42-1012 MAP42-1024 Height 1.16" (29.5) 1.25" (31.8) 1.25" (31.8) 1.25" (31.8) Multiple Output Models Model MAP40-3000 MAP40-3003 MAP40-3100 MAP40-3101 MAP40-3105 MAP40-3500 Height 1.16" (29.5) 1.16" (29.5) 1.25" (31.8) 1.25" (31.8) 1.25" (31.8) 1.60" (40.6) www.power-one.com
REV. SEP 07, 2004 revised to JUN 19, 2006
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of MAP42-1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X