Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download MAMX-000950-1225MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Features
* * * * * * * SOT-25 Low Cost Miniature Plastic Package 7.0 dB Typical Conversion Loss +7 to +13 dBm LO Drive HMICTM Patented Process Silicon Medium Barrier Schottky Diodes DC - 400 MHz IF Bandwidth Lead Free (RoHS Compliant) with 260 C Reflow Capability * 100% Matte Tin Plating
MAMX-000950-1225MT V1
SOT-25 Package Outline (Topview)
3 2 1
Description and Applications
M/A-COM's MAMX-000950-1225MT is a 700-1200 MHz silicon monolithic double balanced mixer in a low cost miniature surface mount SOT-25 package. The die uses M/A-COM's unique HMIC silicon/glass process to achieve low loss passive elements while retaining the advantages of medium barrier silicon Schottky barrier diodes. These mixers are well suited for high volume wireless and cellular applications where small size and repeatability are required. Typical applications include frequency conversion, modulation, and demodulation in wireless receivers and transmitters.
4
5
PIN Configuration
PIN 1 2 3 Function RF GND LO PIN 4 5 Function GND IF
Absolute Maximum Ratings1
Parameter
Operating Temperature Storage Temperature Incident LO Power Incident RF Power Soldering Temperature
Schematic
IF RF LO
Maximum Ratings
-65 C to +125 C -65 C to +150 C +20 dBm +20 dBm +260 C max.
1. Exceeding these limits may cause permanent damage. * Please refer to application note M538 for surface mounting instructions.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Electrical Specifications @ +25 C
Parameter Conversion Loss L - R Isolation L - I Isolation R - I Isolation LO VSWR RF VSWR IF VSWR Input IP3 Input 1 dB Compression IF 1 dB Bandwidth Frequency 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz DC - 400 MHz 850 MHz 0.7-1.2 GHz 850 MHz 0.7-1.2 GHz DC - 400 MHz Test Conditions LO Drive = +10 dBm RF = -10 dBm, IF = 60 MHz LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF Level = -10 dBm LO Drive = +10 dBm RF = -5 dBm, IF = 60 MHz LO Drive = +10 dBm IF = 60 MHz LO = 850 MHz @ +5dBm dBm dBm MHz 0 18.5 13.0 Units DB DB DB DB Min. Typ. 7.0 8.1 26.0 20.5 26.5 27.0 27.5 24.0 1.8:1 1.8:1 1.6:1 2.5:1 1.05:1 20.5 18.0 4.3 5.6 400.0 Max. 8.0 10.5
MAMX-000950-1225MT V1
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz MAMX-000950-1225MT V1
Typical Performance Curves (LO Drive = +10 dBm, RF = -10 dBm, IF = 60 MHz)
Conversion Loss
Conversion Loss Characterization Average Plots
P -6.00 LO Drive = 7, 10, 13dBm, P RF = -10dBm, f IF = LS - 60MHz PLO=7dBm
-6.50
0.00
Isolation
ISOLATION VS
FREQUENCY
PLO = +10dBm , fIF = LS 60MHz
(ISO L - I)
-5.00
PLO=10dBm PLO=13dBm
(ISO L - R) (ISO R - I)
-7.00
-7.50
ISOLATION(dB)
-10.00
-8.00 LOSS (DB)
-15.00
-8.50
-20.00
-9.00
-9.50
-25.00
-10.00
-30.00
-10.50
-35.00
-11.00 700 725 750 775 800 825 850 875 900 925 950 975 1000 1025 1050 1075 1100 1125 1150 1175 1200 FREQUENCY (MHz)
700
725
750
775 800
825
850
875
900
925
950 975 1000 1025 1050 1075 1100 1125 1150 1175 1200
FREQUENCY (MHz)
RF and IF VSWR
Third Order Intercept and Input 1 dB Compression Power
Ip3 & 1dB Compression Pt.
P (LO) Drive = 7,10,13dBm, P(RF) = -10dBm, f(IF) = LS60MHz
25
VSWR TYP
P(LO) = +10dBm , P(RF) = -10dBm , f (IF) = LS60MHz 5.00
I -Port
4.50
L -Port R -Port
20
4.00
3.50 VSWR RATIO
15 iP3 (dBm)
PLO=7dBm PLO=10dBm PLO=13dBm Typical 1dB Compression
10
3.00
2.50
2.00
1.50
5
1.00 700 50 725 75 750 100 775 125 800 150 825 175 850 200 875 225 900 250 925 275 950 300 975 1000 1025 1050 1075 1100 1125 1150 1175 1200 325 350 375 400 425 450 475 500
0 700 750 800 850 900 950 FREQUENCY (MHz) 1000 1050 1100 1150 1200
FREQUENCY (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
Case Style - SOT-25 SOT-25 Dimensions
Inches Dim A B C D E F G H J Min. .1103 .1023 0.0355 0.0591 Max. .1181 .1181 .0512 .0669
MAMX-000950-1225MT V1
Millimeters
Min. 2.80 2.6 0.9 1.5 Max. 3.10 3.00 1.30 1.70
.0374 REF. .0138 .0031 .0002 .0138 .0197 0.0079 .0059 .0216
0.95 REF. .35 .08 .05 .35 .50 0.2 .15 .55
1. Dimensions do not include mold flas, protrusion or gate burrs which shall not exceed 0.0098 in (.25mm) per side. 2. Leads Coplanarity should be 0.003 (0.08) max.
Ordering Information
Part Number
MAMX-000950-1225MT Package Tape and Reel
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAMX-000950-1225MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X