Part Number Hot Search : 
BD675G IRFB3206 L7805AB 1771033 120SI LA5315 CR0300 EL2186CS
Product Description
Full Text Search
 

To Download MADP-000910-13050T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AlGaAs Flip-Chip PIN Diode
100MHz to 50GHz
Features * * * * * *
*
MA4AGFCP910
Rev 2.0
Top View Shown Is With Diode Junction Up
Cathode
Lower Series Resistance, 5.2 Ultra Low Capacitance, 18 f F High Switching Cutoff Frequency, 50 GHz 3 Nanosecond Switching Speed Driven by Standard TTL Silicon Nitride Passivation Polyimide Scratch Protection
Description
M/A-COM's MA4AGFCP910 is an Aluminum Gallium Arsenide Flip-Chip PIN diode. These devices are fabricated on OMCVD epitaxial wafers using a process designed for high device uniformity and extremely low parasitics. The diodes exhibit an extremely low RC Product, ( 0.1 ps) and 3nS switching characteristics. They are fully passivated with silicon nitride and have an additional layer of a polymer for scratch protection. The protective coatings prevent damage to the junction and the anode airbridge during handling.
Package Outline
Electrical Specifications at TA = 25 C
Parameters and Test Conditions Symbol Units 1 MHz & DC Specifications Min Total Capacitance at -5 V RF Resistance at +10 mA Forward Voltage at +10 mA Reverse Breakdown Voltage at 10 uA3 Minority Carrier Lifetime Ct Rs Vf Vb pF Volts Volts nS 50 1.33 75 4.0 1.4 Typ. 0.018 Max 0.021 10 GHz Reference 1,2 Data Min Typ. 0.018 5.2 Max. .021 6.0
L
Notes:
1. Capacitance is determined by measuring Single Series Diode Isolation in a 50 ohm line at 10 GHz.
2. Forward Series Resistance is determined by measuring Single Series Diode Insertion Loss in a 50 ohm line at 10 GHz. 3. Reverse current will not exceed 10 microamperes at the Maximum Voltage Rating.
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
1
AlGaAs Flip-Chip PIN Diode
Typical RF Performance
MA4AGFCP910
Rev 2.0
MA4AGFCP910 Typical Insertion Loss vs. Frequency
0.0 5mA 10mA 15mA
-0.2
15 mA 10 mA 5 mA
Loss (dB)
-0.4
-0.6
-0.8 2 10 18 26
Frequency (GHz)
34
42
50
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
2
AlGaAs Flip-Chip PIN Diode
Typical RF Performance
MA4AGFCP910
Rev 2.0
MA4AGFCP910 Typical Return Loss vs. Frequency ( Either Port Direction )
0 5mA -5 10mA 15mA
-10
15 mA 10 mA 5 mA
Return Loss (dB)
-15
-20
-25
-30
-35 2 10 18 26 Frequency (GHz) 34 42 50
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
3
AlGaAs Flip-Chip PIN Diode
Typical RF Performance
MA4AGFCP910 Typical Isolation vs Frequency
0
MA4AGFCP910
Rev 2.0
-5
-10
Isolation (dB)
-15
-20
-25
0V
5V
-30
-35 2 10 18 26 Frequency (GHz) 34 42 50
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
4
AlGaAs Flip-Chip PIN Diodes
Applications
MA4AGFCP910
Rev 2.0
The 20 fF capacitance of the MA4AGFCP910 allows use through mmwave switch and switched phase shifter applications. This diode is designed for use in pulsed or CW applications, where single digit nS switching speed is required. For surface mount assembly, the low capacitance of the MA4AGFCP910 makes it ideal for use in microwave multithrow switch assemblies, where the series capacitance of each "off" port adversely loads the input port and affects VSWR.
Absolute Maximum Ratings @ 25 C
Parameter Operating Temperature Storage Temperature Junction Temperature Dissipated RF & DC Power RF C.W. Incident Power Mounting Temperature Maximum Ratings -65 C to +125 C -65 C to +150 C +175 C 50 mW +23 dBm C.W. +300 C for 10 seconds
Note: Exceeding these limits may cause permanent damage. Device Installation Procedures
The following guidelines should be observed to avoid damaging GaAs Flip-Chips.
Cleanliness
These devices should be handled in a clean environment. Do Not attempt to Clean Die After installation.
Static Sensitivity
Gallium arsenide PIN diodes are ESD sensitive and can be damaged by static electricity. Proper ESD techniques should be used when handling these devices. These devices are rated Class 0, ( 0-199V ) per HBM MIL-STD-883, method 3015.7 [C = 100pF 10%, R = 1.5kW 1%]. Even though tested die pass 50V ESD, they must be handled in a static-free environment.
General Handling
These devices have a polymer layer which provides scratch protection for the junction area and the anode air bridge. Die can be handled with plastic tweezers or picked and placed with a #27 tip vacuum pencil.
Assembly Requirements using Electrically Conductive Ag Epoxy and Solder
These chips are designed to be inserted onto hard or soft substrates with the junction side down. They should be mounted onto silkscreened circuits using Electrically Conductive Ag Epoxy, approximately 1-2 mils in thickness and cured at approximately 90C to 150 C per manufacturer's schedule. For extended cure times > 30 minutes, temperatures must be below 200 C. Sn Rich Solders are not recommended due to the Tungsten Metallization scheme beneath the gold contacts. Indalloy or 80 Au/20 Sn Solders are acceptable. Maximum soldering temperature must be < 300 C for < 10 sec.
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
5
AlGaAs Flip-Chip PIN Diodes
Ordering Information Part Number MA4AGCP910 MADP-000910-13050T Packaging Die in Carrier Tape/Reel
MA4AGFCP910
Rev 2.0
Circuit Mounting Dimensions ( Inches )
0.013
0.012 (2) PL
0.008 (2) PL
Specification Subject to Change Without Notice M/A-COM Inc.
43 South Avenue, Burlington, MA 01803 USA
Telephone: 617-564-3100
6


▲Up To Search▲   

 
Price & Availability of MADP-000910-13050T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X