Part Number Hot Search : 
S16S35PT 7C135 2815T SG1844J 52000 TDF8704 IRFIB SP9841KN
Product Description
Full Text Search
 

To Download MACPCT0014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8dB Directional coupler 50 Ohms 50 - 870 MHz
Features * SMT unit * Coupling 8dB typical * Available on tape & reel * Excellent temperature stability Description M/A-COM's MACPCT0014 is a low cost SMT 8dB directional coupler designed for high volume CATV Broadband applications. An external 50 ohm load is required on the isolated port. Typical applications include set-top boxes, network interface units, cable amplifiers and headend equipment.
V2
MACPCT0014
Electrical Specifications @ 25C, Z0 = 50 Ohm
Parameter Frequency Range: 50-870 MHz Coupling Coupling Flatness Main Line Loss Isolation Input Return Loss Output Return Loss Coupled Port Return Loss 50 - 870 MHz 50 - 870 MHz 50 - 500 MHz 500 - 870 MHz 50 - 200 MHz 200 - 870 MHz 50 - 870 MHz 50 - 500 MHz 500 - 870 MHz 50 - 870 MHz dB dB dB dB dB dB dB dB dB dB -- -- -- -- 26 20 17 20 18 16 8.0 -- 1.2 1.6 29 24 19 25 23 18 0.5 1.0 1.5 2.0 -- -- -- -- -- -- Test Conditions Units Min. Typ. Max.
M/A-COM Inc. and it's affiliates reserve the right to make changes to the product(s) Or information contained herein without notice Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883 ! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298 ! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300 1
Broadband CATV 8dB Directional Coupler
Typical Performance @ +25C, 50 Ohm
MACPCT0014
Coupling: pin 3-1
-7.5 -7.6 -7.7 -7.8 -7.9
-1.0 -1.1 -1.2 -1.3 -1.4
Main Line Loss: pin 6-1
dB
dB
50 130 210 290 370 450 530 610 690 770 850
-8.0 -8.1 -8.2 -8.3 -8.4
-1.5 -1.6 -1.7 -1.8 -1.9
-8.5
-2.0 50 130 210 290 370 450 530 610 690 770 850
Frequency (MHz)
Frequency (MHz)
Isolation
0
Return Loss: Input port
0
-5
-5
-10
-10
-15
-20
dB
-15
dB
-25
-20
-30
-35 50 130 210 290 370 450 530 610 690 770 850
-25 50 130 210 290 370 450 530 610 690 770 850
Frequency (MHz)
Frequency (MHz)
Absolute Maximum Ratings 1
Absolute Maximum RF Power DC Current Operating/Storage Temperature 250 mW 30 mA -20 C to +85 C
1 Exceeding one or a combination of these settings may cause permanent damage to the unit
M/A-COM Inc. and it's affiliates reserve the right to make changes to the product(s) Or information contained herein without notice Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883 ! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298 ! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300 2
Broadband CATV 8dB Directional Coupler
SM-55 Case Style
MACPCT0014
Suggested Footprint
M/A-COM Inc. and it's affiliates reserve the right to make changes to the product(s) Or information contained herein without notice Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883 ! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298 ! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300 3
Broadband CATV 8dB Directional Coupler
MACPCT0014
Functional Schematic
6 1
2
4
3
Pin Configuration
Pin No. Function Input Coupled Output Isolated (external 50 Ohms) Ground 1 3 6 4 2&5
M/A-COM Inc. and it's affiliates reserve the right to make changes to the product(s) Or information contained herein without notice Visit www.macom.com for additional data sheets and product information
! North America: Tel. (800) 366-266, Fax (800) 618-8883 ! Asia/Pacific: Tel.+ 81-44-844-8296, Fax+81-44-844-8298 ! Europe: Tel. +44(1908) 574 200, Fax +44(1908) 574 300 4


▲Up To Search▲   

 
Price & Availability of MACPCT0014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X