Part Number Hot Search : 
645ETT DTA115T MB651XXX 1A66C IDTQS3 ACTF410A LH2640 1115A
Product Description
Full Text Search
 

To Download MACH4-9696-15YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
FINAL
MACH 4 FAMILY
COM'L: -15
IND: -18
Lattice Semiconductor
MACH4-96/96-15
High-Performance EE CMOS Programmable Logic
DISTINCTIVE CHARACTERISTICS
x 144 Pins in PQFP x 96 Macrocells x 15 ns tPD Commercial, 18 ns tPD Industrial x 47.6 MHz fCNT x 102 Inputs with pull-up resistors x 96 I/Os; 4 dedicated inputs/clocks; 2 dedicated inputs x 96 Flip-flops x Up to 20 product terms per macrocell, with XOR x Flexible clocking MACH 4 Family
x x x x x
-- Four global clock pins with selectable edges -- Asynchronous mode available for each macrocell 3 MACH111SP-size blocks SpeedLockingTM for guaranteed fixed timing JTAG, 5-V, in-system programmable JTAG (IEEE 1149.1) boundary scan testing capability Input and output switch matrices for high routability
PLEASE NOTE: The MACH4-96/96 (M4-96/96) reflects a new nomenclature for the MACH(R) 4 Family. This device is currently dual-marked with the MACH355 ordering part number. The dual-mark scheme will facilitate design and manufacturing flows until we have completely phased in the new M4-96/96 nomenclature. Please use the MACH355 data sheet (PID# 17467) as a reference.
GENERAL DESCRIPTION
The MACH4-96/96 (M4-96/96) is a member of Vantis' high-performance EE CMOS MACH 4 family. This device has approximately three times the macrocell capability of the popular MACH111SP, with significant additional density and functional features. The M4-96/96 consists of six PAL(R) blocks interconnected by a programmable central switch matrix. The central switch matrix connects the PAL blocks to each other and to all input pins, providing a high degree of connectivity between the PAL blocks. This allows designs to be placed and routed efficiently. Routability is further enhanced by an input switch matrix and an output switch matrix. The input switch matrix provides input signals with alternative paths into the central switch matrix; the output switch matrix provides flexibility in assigning macrocells to I/O pins.
Publication# 21535 Amendment/+1
Rev: A Issue Date: November 1997
1
VANTIS
The M4-96/96 has macrocells that can be configured as synchronous or asynchronous. This allows designers to implement both synchronous and asynchronous logic together on the same device. The two types of design can be mixed in any proportion, since the selection on each macrocell affects only that macrocell. Up to 20 product terms per macrocell can be assigned. It is possible to allocate some product terms away from a macrocell without losing the use of that macrocell for logic generation. The M4-96 macrocell provides either registered or combinatorial outputs with programmable polarity. If a registered configuration is chosen, the register can be configured as D-type, T-type, JK, or S-R to help reduce the number of product terms used. The flip-flop can also be configured as a latch. The register type decision can be made by the designer using software. All macrocells can be connected to an I/O cell through the output switch matrix. The output switch matrix makes it possible to make significant design changes while minimizing the risk of pinout changes. Vantis offers software design support for MACH devices through its own development system and device fitters integrated into third-party CAE tools. Platform support extends across PCs, Sun and HP workstations under advanced operating systems such as Windows 3.1, Windows 95 and NT, SunOS and Solaris, and HPUX. MACHXL(R) software is a complete development system for the PC, supporting Vantis' MACH devices. It supports design entry with Boolean and behavioral syntax, state machine syntax and truth tables. Functional simulation and static timing analysis are also included in this easy-to-use system. This development system includes high-performance device fitters for all MACH devices. The same fitter technology included in MACHXL software is seamlessly incorporated into thirdparty tools from leading CAE vendors such as Synario, Viewlogic, Mentor Graphics, Cadence and MINC. Interface kits and MACHXL configurations are also available to support design entry and verification with other leading vendors such as Synopsys, Exemplar, OrCAD, Synplicity and Model Technology. These MACHXL configurations and interfaces accept EDIF 2.0.0 netlists, generate JEDEC files for MACH devices, and create industry-standard SDF, VITAL-compliant VHDL and Verilog output files for design simulation. Vantis offers in-system programming support for MACH devices through its MACHPRO(R) software enabling MACH device programmability through JTAG compliant ports and easy-to-use PC interface. Additionally, MACHPRO generated vectors work seamlessly with HP3070, GenRad and Teradyne testers to program MACH devices or test them for connectivity. All MACH devices are supported by industry standard programmers available from a number of vendors. These programmer vendors include Advin Systems, BP Microsystems, Data I/O Corporation, Hi-Lo Systems, SMS GmbH, Stag House, and System General.
2
MACH4-96/96-15
Block C
I/O32-I/047 I/O16-I/031 I/O0-I/015
Block B
Block A
16 I/O Cells 4 16 16 16 16 Macrocells OE OE 16 Input Switch Matrix 66 X 98 AND Logic Array and Logic Allocator 4 32 66 X 98 AND Logic Array and Logic Allocator 16 Macrocells 4 16 16 4 16 16 16 4 Macrocells OE 16 Input Switch Matrix 66 X 98 AND Logic Array and Logic Allocator 4 32 33 16 Output Switch Matrix 16 16 Output Switch Matrix Output Switch Matrix Clock Generator Clock Generator 16 4 16 16 4 33 33 32 Input Switch Matrix 4 Clock Generator I/O Cells I/O Cells
BLOCK DIAGRAM
16 16
I2, I5
4 33 32 33 32
Central Switch Matrix
33 32
I0/CLK0, I1/CLK1, I3/CLK2, I4/CLK3
MACH 4 Family
MACH4-96/96-15
Input Switch Matrix Input Switch Matrix 4 OE OE 66 X 98 AND Logic Array and Logic Allocator 4 16 16 Macrocells 16 16 Output Switch Matrix 16 I/O Cells 16 16 16 4 4 16 16 Output Switch Matrix 16 I/O Cells 16 16 4 16 4 Macrocells 4 16 4 66 X 98 AND Logic Array and Logic Allocator 4 OE Clock Generator Clock Generator Clock Generator I/O48-I/O63 I/O64-I/O79
4
2
Input Switch Matrix 66 X 98 AND Logic Array and Logic Allocator 16 Macrocells 16 16 Output Switch Matrix 16 I/O Cells 16 16
I/O80-I/O95
VANTIS
3
Block D
Block E
Block F
VANTIS
CONNECTION DIAGRAM
Top View
144-Pin PQFP Block A Block F
I/O13 I/O14 I/O15 VCC TDI I5 GND I0/CLK0 I1/CLK1 I/O16 I/O17 VCC I/O18 I/O19 GND I/O20 I/O21 I/O22 I/O23 I/O24 I/O25 VCC GND I/O26 I/O27 I/O28 I/O29 I/O30 I/O31 GND TMS TCK VCC I/O32 I/O33 I/O34
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109
I/O12 GND I/O11 I/O10 I/O9 I/O8 VCC I/O7 I/O6 GND I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 VCC GND GND VCC I/O95 I/O94 I/O93 I/O92 I/O91 I/O90 GND I/O89 I/O88 VCC I/O87 I/O86 I/O85 I/O84 GND I/O83
108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73
I/O82 I/O81 I/O80 VCC TDO TRST GND I4/CLK3 I3/CLK2 I/O79 I/O78 VCC I/O77 I/O76 GND I/O75 I/O74 I/O73 I/O72 I/O71 I/O70 VCC GND I/O69 I/O68 I/O67 I/O66 I/O65 I/O64 GND I2 ENABLE VCC I/O63 I/O62 I/O61
Block B
Block E
Block C
PIN DESIGNATIONS
CLK/I GND I I/O VCC TDI = Clock or Input = Ground = Input = Input/Output = Supply Voltage = Test Data In TMS TCK TDO TRST = Test Mode Select = Test Clock = Test Data Out = Test Reset
4
I/O35 GND I/O36 I/O37 I/O38 I/O39 VCC I/O40 I/O41 GND I/O42 I/O43 I/O44 I/O45 I/O46 I/O47 VCC GND GND VCC I/O48 I/O49 I/O50 I/O51 I/O52 I/O53 GND I/O54 I/O55 VCC I/O56 I/O57 I/O58 I/O59 GND I/O60
MACH4-96/96-15
53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72
Block D
ENABLE = Program
VANTIS
ORDERING INFORMATION
Commercial Products
Vantis programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of:
M4
-96
/96
-15
Y
C
FAMILY TYPE M4 = MACH 4 Family (5-V VCC) DEVICE NUMBER 96 = 96 Macrocells
OPERATING CONDITIONS C = Commercial (0C to +70C)
MACH 4 Family
PACKAGE TYPE Y = 144-Pin Plastic Quad Pack (PQR144)
I/O /96 =144-pin Package
SPEED -15 = 15 ns tPD
Valid Combinations MACH4-96/96-15 YC
Valid Combinations The Valid Combinations table lists configurations planned to be supported in volume for this device. Consult the local Vantis sales office to confir m availability of specific valid combinations and to check on newly released combinations.
MACH4-96/96-15 (Com'l)
5
VANTIS
ORDERING INFORMATION
Industrial Products
Vantis programmable logic products for commercial applications are available with several ordering options. The order number (Valid Combination) is formed by a combination of:
M4
-96
/96
-18
Y
I
FAMILY TYPE M4 = MACH 4 Family (5-V VCC) DEVICE NUMBER 96 = 96 Macrocells
OPERATING CONDITIONS I= Industrial (-40C to +85C) PACKAGE TYPE Y = 144-Pin Plastic Quad Pack (PQR144)
I/O /96 =144-pin Package
SPEED -18 = 18 ns tPD
Valid Combinations MACH4-96/96-18 YI
Valid Combinations The Valid Combinations table lists configurations planned to be supported in volume for this device. Consult the local Vantis sales office to confir m availability of specific valid combinations and to check on newly released combinations.
6
MACH4-96/96-18 (Ind)
VANTIS
FUNCTIONAL DESCRIPTION
The M4-96/96 consists of six PAL blocks connected by a central switch matrix. There are 96 I/O pins and 6 dedicated input pins feeding the central switch matrix. These signals are distributed to the eight PAL blocks for efficient design implementation. There are 4 global clock pins that can also be used as dedicated inputs. All inputs and I/O pins have built-in pull-up resistors. While it is always good design practice to tie unused pins high, the pull-up resistors provide design security and stability in the event that unused pins are left disconnected. The PAL Blocks Each PAL block in the M4-96/96 (Figure 7) contains a clock generator, a 98-product-term logic array, a logic allocator, 16 macrocells, an output switch matrix, 16 I/O cells, and an input switch matrix. The central switch matrix feeds each PAL block with 33 inputs. This makes the PAL block look effectively like an independent "PALCE33V16". In addition to the logic product terms, individual output enable product terms and two PAL block initialization product term are provided. Each I/O pin can be individually enabled. All flip-flops that are in the synchronous mode within a PAL block are initialized together by either of the PAL block initialization product terms.
4 Clock/Input Pins Central Switch Matrix 33 Logic Array Input Switch Matrix Clock Generator PAL Block Output Switch Matrix
MACH 4 Family
Logic 16 Output Allocator Macrocells with XOR 16
16
16
Dedicated Input Pins
16 PAL Block PAL Block
I/O Cells
I/O Pins
I/O Pins
I/O Pins
21535A-1
Figure 1. MACH4-96/96 Block Diagram and PAL Block Structure
The Central Switch Matrix and Input Switch Matrix The M4-96/96 central switch matrix is fed by the input switch matrices in each PAL block. Each PAL block provides 16 internal feedback signals and 16 I/O pin signals to the input switch matrix. Of these 32 signals, 24 decoded signals are provided to the central switch matrix by the input switch matrix. The central switch matrix distributes these signals back to the PAL blocks in a very efficient manner that provides for high performance. The design software automatically configures the input and central switch matrices when fitting a design into the device. The input switch matrix (Figure 2) optimizes routing of inputs to the central switch matrix. Without the input switch matrix, each input and feedback signal has only one way to enter the central switch matrix. The input switch matrix provides additional ways for these signals to enter the central switch matrix.
MACH4-96/96-15 7
VANTIS
To Central Switch Matrix
From Macrocell
From I/O Pin
21535A-2
Figure 2. MACH4-96/96 Input Switch Matrix
The Clock Generator Each PAL block has a clock generator that can generate four clock signals for use throughout the PAL block. These four signals are available to all macrocells and I/O cells in the PAL block, whether in synchronous or asynchronous mode. The clock generator chooses the four signals from the eight possible signals given by the true and complement versions of the four global clock pin signals.
GCLK0 Block CLK0 (GCLK0 or GCLK1) GCLK1 Block CLK1 (GCLK1 or GCLK0) Block CLK2 (GCLK2 or GCLK3) Block CLK3 (GCLK3 or GCLK2)
GCLK2
GCLK3
21535A-3
Figure 3. PAL Block Clock Generator
Synchronous and Asynchronous Operation The MACH 4 family can perform synchronous or asynchronous logic. Each individual cell can be programmed as synchronous or asynchronous, allowing unlimited "mixing and matching" of the two logic styles. The selection of synchronous or asynchronous mode affects the logic allocator and the macrocell, since product terms used for logic in the synchronous mode are used for control functions in the asynchronous mode. The Product-Term Array The M4-96/96 product-term array consists of 80 product terms for logic use, 16 product terms for output enable use, and two product terms for global PAL block initialization. Each macrocell has
8 MACH4-96/96-15
VANTIS
a nominal allocation of 5 product terms for logic, although the logic allocator allows for logic redistribution. Each I/O pin has its own individual output enable term. The initialization product terms provide asynchronous reset or preset to synchronous-mode macrocells in the PAL block. The Logic Allocator The logic allocator in the M4-96/96 takes the 80 logic product terms and allocates them to the 16 macrocells as needed. Each macrocell can be driven by up to 20 product terms in synchronous mode, or 18 product terms in asynchronous mode. When product terms are routed away from a macrocell, it is possible to redirect all 5 product terms away, which precludes the use of the macrocell for logic generation. It is possible to route only 4 product terms; or it is possible to route only 4 product terms away, leaving one for simple function generation. The design software automatically configures the logic allocator when fitting the design into the device. The logic allocator also provides an exclusive-OR gate. This gate allows generation of combinatorial exclusive-OR logic, such as comparison or addition. It allows registered exclusiveOR functions, such as CRC generation, to be implemented more efficiently. Emulating all flip-flop types with a D-type flip-flop is also made possible. Register type emulation is automatically handled by the design software. Table 1 illustrates which product term clusters are available to each macrocell within a PAL block. Refer to Figure 7 for cluster and macrocell numbers.
Table 1. Output Switch Matrix Combinations
Macrocell M0, M1 M2, M3 M4, M5 M6, M7 M8, M9 M10, M11 M12, M13 M14, M15 I/O Pin I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 I/O8 I/O9 I/O10 I/O11 I/O12 I/O13 I/O14 I/O15 I/O8,I/O9,I/O10,I/O11,I/O12, I/O13,I /O14,I/O15 Available Macrocells M0, M1, M2, M3, M4, M5, M6, M7 M1, M2, M3, M4, M5, M6, M7, M0 M2, M3, M4, M5, M6, M7, M0, M1 M3, M4, M5, M6, M7, M0, M1, M2 M4, M5, M6, M7 M0, M1, M2, M3 M5, M6, M7, M0, M1, M2, M3, M4 M6, M7, M0, M1, M2, M3, M4, M5 M7, M0, M1, M2, M3, M4, M5, M6 M8, M9, M10, M11, M12, M13, M14, M15 M9, M10, M11, M12, M13, M14, M15, M8 M10, M11, M12, M13, M14, M15, M8, M9 M11, M12, M13, M14, M15, M8, M9, M10 M12, M13, M14, M15, M8, M9, M10, M11 M13, M14, M15, M8, M9, M10, M11, M12 M14, M15, M8, M9, M10, M11, M12, M13 M15, M8, M9, M10, M11, M12, M13, M14 I/O6,I/O7 Routable to I/O Pins I/O0, I/O1,I/O2,I/O3,I/O4,I/O5,
MACH 4 Family
MACH4-96/96-15
9
VANTIS
The Macrocell and Output Switch Matrix Each M4-96/96 PAL block has 16 macrocells, half of which can drive I/O pins; this selection is made by the output switch matrix. Each macrocell can drive one of four I/O cells. The allowed combinations are shown in Table 1. Please refer to Figure 7 for macrocell and I/O pin numbers.The macrocells can be configured as registered, latched, or combinatorial. In combination with the logic allocator, the registered configuration can be any of the standard flip-flop types. The macrocell provides internal feedback whether configured with or without the flip-flop, and whether or not the macrocell drives an I/O cell. The flip-flop clock depends on the mode selected for the macrocell. In synchronous mode, any of the PAL block clocks generated by the Clock Generator can be used. In asynchronous mode, the additional choice of either edge of an individual product-term clock is available. Initialization can be handled as part of a bank of macrocells via the PAL block initialization terms if in synchronous mode, or individually if in asynchronous mode (Figure 4). In synchronous mode, one of the PAL block product terms is available each for preset and reset. The swap function determines which product term drives which function. This allows initialization polarity compatibility with the MACH 1 and 2 series. In asynchronous mode, one product term can be used either to drive reset or preset.
Power-Up Reset
PAL-Block Initialization Product Terms
Common PAL-block resource Individual macrocell resources
SWAP
From Logic Allocator From PAL-Clock Generator
Block CLK0 Block CLK1 Block CLK2 Block CLK3
AP D/T/L
AR Q
To Output and Input Switch Matrices
a. Synchronous Mode
Power-Up Reset Individual Initialization Product Term
From Logic Allocator From PAL-Block Clock Generator Individual Clock Product Term
Block CLK0 Block CLK1
AP AR Q D/T/L
To Output and Input Switch Matrices
b. Asynchronous Mode
21535A-4
Figure 4. Macrocell
10
MACH4-96/96-15
VANTIS
The output switch matrix allows macrocells to be connected to any of several I/O cells within a PAL block. This provides high flexibility in determining pinout, and allows design changes that will not affect pinout. In the MACH 4 devices, each PAL block has twice as many macrocells as I/O cells. The MACH 4 output switch matrix allows for half of the macrocells to drive I/O cells within a PAL block, in combinations according to Figure 5. Each I/O cell can choose from eight macrocells; each macrocell has a choice of four I/O cells.
I/O Cell Macrocell
MACH 4 Family
I/O cell
Macrocell
I/O cell
Macrocell
Macrocell
I/O cell
Macrocell MUX I/O Cell
I/O cell
Macrocell
I/O cell
Macrocell
I/O cell
Macrocell
I/O cell
Macrocell
a. Macrocell drives one of 3 I/Os Figure 5.
b. I/O can choose one of 8 macrocells
21535A-5
MACH4-96/96 Output Switch Matrix
The I/O Cell The I/O cell (Figure 6) in the M4-96/96 consists of a three-state buffer and an input flip-flop. The I/O cell is driven by one of the macrocells, as selected by the output switch matrix. Each I/O cell can take its input from one of eight macrocells. The three-state buffer is controlled by an individual product term. The direct I/O signal is available to the input switch matrix, and can be used if desired.
MACH4-96/96-15
11
VANTIS
Individual Output Enable Product Term From Output Switch Matrix
To Input Switch Matrix
Q
D/L* Block CLK0 Block CLK1 Block CLK2 Block CLK3
21535A-6
Figure 6. I/O Cell
SpeedLocking for Guaranteed Fixed Timing The MACH 4 architecture allows allocation of up to 20 product terms to an individual macrocell with the assistance of an XOR gate without incurring additional timing delays. Using this architectural strength, the M4-96/96 provides the industry's highest-speed and only fixed timing at 5-V supply voltages. This SpeedLocking feature delivers guaranteed fixed speed independent of logic path, routing resources, or design refits. 5-V In-System Programming Another benefit of the JTAG circuitry is the ability to use the JTAG port for 5-V programming. This allows the device to be soldered to the board before programming. Once the device is attached, the delicate Plastic Quad Flat Pack, or PQFP, leads are protected from programming and testing operations that could potentially damage them. Programming and verification of the device is done serially which is ideal for on-board programming since it only requires the use of the Test Access Port. There is an optional ENABLE pin which can be used to inhibit programming for additional security. These devices can be programmed in any JTAG chain. JTAG Boundary Scan Testing JTAG is the commonly used acronym for the IEEE Standard 1149.1-1990. The JTAG standard defines input and output pins, logic control functions, and instructions. Vantis has incorporated this standard into the M4-96/96 device.
12
MACH4-96/96-15
VANTIS
CLK0/I0 CLK1/I1
16
Clock Generator
4
0
CLK2/I3 CLK3/I4
C0
M0
M0
Macrocell
O0
I/O Cell I/O Cell
I/O0 I/O1
C1
M1
M1
Macrocell
O1
MACH 4 Family
C2
M2
M2
Macrocell
O2
I/O Cell
I/O2
C3
M3
M3
Macrocell
O3
I/O Cell
I/O3
C4
M4
M4
Macrocell
O4
I/O Cell
I/O4
C5
M5
M5
Macrocell
O5
I/O Cell
I/O5
Central Switch Matrix
C6
M6
M6
Macrocell
Output Switch Matrix
Logic Allocator
O6
I/O Cell
I/O6
C7
M7
M7
Macrocell
O7
I/O Cell
I/O7
C8
M8
M8
Macrocell
O8
I/O Cell
I/O8
C9
M9
M9
Macrocell
O9
I/O Cell
I/O9
C10 M10
Macrocell
M10 O10
I/O Cell
I/O10
C11 M11
M11
Macrocell
O11
I/O Cell
I/O11
C12 M12
Macrocell
M12 O12
I/O Cell
I/O12
C13 M13
M13
Macrocell
O13
I/O Cell
I/O13
C14 M14
M14
Macrocell
O14
I/O Cell
I/O14
C15 M15
M15
Macrocell
O15
I/O Cell
I/O15
97
17 16 24
Input Switch Matrix
16
Figure 7. M4-96/96 PAL Block
MACH4-96/96-15
13
VANTIS
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . Ambient Temperature with Power Applied . . . . . . . Device Junction Temperature Supply Voltage with Respect to Ground . . . . . . . . DC Input Voltage . . . . . . . . . DC Output or I/O Pin Voltage . . . . . . . . . . . Static Discharge Voltage . . . . Latchup Current (TA = 0C to +70C) . . . . . . . . . . . . . .-65C to +150C . . . . . . .-55C to +125C . . . . . . . . . . . . . +150C . . . . . . -0.5 V to +7.0 V . . . -0.5 V to VCC +0.5 V . . . -0.5 V to VCC +0.5 V . . . . . . . . . . . . . 2001 V . . . . . . . . . . . . . 200 mA
OPERATING RANGES
Commercial (C) Devices
Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C Supply Voltage (VCC) with Respect to Ground. . . . . . . . . . . . . +4.75 V to +5.25 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
DC CHARACTERISTICS over COMMERCIAL operating ranges
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA, VCC = Min VIN = VIH or VIL IOL = 24 mA, VCC = Min VIN = VIH or VIL (Note 1) Guaranteed Input Logical HIGH Voltage for all Inputs (Note 2) Guaranteed Input Logical LOW Voltage for all Inputs (Note 2) VIN = 5.25 V, VCC = Max (Note 3) VIN = 0 V, VCC = Max (Note 3) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 3) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 3) VOUT = 0.5 V, VCC = Max (Note 4) VIN = 0 V, Outputs Open (IOUT = 0 mA), VCC = 5.0 V, f =25 MHz, TA = 25C (Note 5) -30 2.0 0.8 10 -100 10 -100 -160 Min 2.4 0.5 Typ Max Unit V V V V A A A A mA
225
mA
Notes: 1. Total IOL for one PAL block should not exceed 128 mA. 2. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 3. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 4. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 5. Measured with a 16-bit up/down counter pattern. This pattern is programmed in each PAL block and capable of being loaded, enabled, and reset. An actual ICC value can be calculated by using the "Typical Dynamic ICC Characteristics" Chart towards the end of this data sheet.
14
MACH4-96/96-15 (Com'l)
VANTIS
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance VIN = 2.0 V VOUT = 2.0 V Test Conditions VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 6 8 Unit pF pF
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1)
MACH 4 Family
-15 Parameter Symbol tPD tSA tHA tCOA tWLA tWHA Maximum Frequency Using Product Term Clock (Note 3) External Feedback 1/(tSA+tCO) Parameter Description Input, I/O, or Feedback to Combinatorial Output (Note 2) Setup Time from Input, I/O, or Feedback to Product Term Clock Register Data Hold Time Using Product Term Clock Product Term Clock to Output (Note 2) LOW Product Term, Clock Width HIGH D-type T-type D-type Internal Feedback f(CNTA) No Feedback (Note 4) 1/(tWLA+tWHA) D-type tSS tHS tCOS tWLS tWHS External Feedback 1/(tSS + tCOS) Setup Time from Input, I/O, or Feedback to Global Clock T-type Register Data Hold Time Using Global Clock Global Clock to Output (Note 2) LOW Global Clock Width HIGH D-type T-type D-type Internal Feedback (fCNTS) No Feedback (Note4) tSLA tHLA tGOA 1/(tWLS + tWHS) T-type 6 50 47.6 66.6 62.5 83.3 8 8 19 ns MHz MHz MHz MHz MHz ns ns ns 11 0 2 6 10 ns ns ns ns T-type 9 38.5 37 47.6 45.4 55.6 10 ns MHz MHz MHz MHz MHz ns D-type T-type Min 3 8 9 8 4 9 18 Max 15 Unit ns ns ns ns ns ns
fMAXA
fMAXS
Maximum Frequency Using Global Clock (Note 3)
Setup Time from Input, I/O, or Feedback to Product Term Clock Latch Data Hold Time Using Product Term Clock Product Term Gate to Output (Note 2)
MACH4-96/96-15 (Com'l)
15
VANTIS
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1) (Continued)
-15 Parameter Symbol tGWA tSLS tHLS tGOS tGWS tPDL tAR tARW tARR tAP tAPW tAPR tEA tER Parameter Description Product Term Gate Width LOW (for LOW transparent) or HIGH (for HIGH transparent) Setup Time from Input, I/O, or Feedback to Global Gate Latch Data Hold Time Using Global Gate Gate to Output (Note 2) Global Gate Width LOW (for LOW transparent) or HIGH (for HIGH transparent) Input, I/O or Feedback to Output through Transparent Output Latch Asynchronous Reset to Registered or Latched Output Asynchronous Reset Width (Note 3) Asynchronous Reset Recovery Time (Note 3) Asynchronous Preset to Registered or Latched Output Asynchronous Preset Width (Note 3) Asynchronous Preset Recovery Time (Note 3) Input, I/O, or Feedback to Output Enable (Note 2) Input, I/O, or Feedback to Output Disable (Note 2 15 15 2 2 15 15 15 15 20 6 Min 9 10 0 11 Max Unit ns ns ns ns ns
17 20
ns ns ns ns ns ns ns ns ns
Notes: 1. See Switching Test Circuit at the end of this Data Book for test conditions.
2. Parameters measured with 32 outputs switching. 3. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where frequency may be affected. 4. This parameter does not apply to flip-flops in the emulated mode since the feedback path is required for emulation.
16
MACH4-96/96-15 (Com'l)
VANTIS
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . Ambient Temperature with Power Applied . . . . . . . Device Junction Temperature Supply Voltage with Respect to Ground . . . . . . . . DC Input Voltage . . . . . . . . . DC Output or I/O Pin Voltage . . . . . . . . . . . Static Discharge Voltage . . . . Latchup Current (TA = -40C to +85C) . . . . . . . . . . . . .-65C to +150C . . . . . . .-55C to +125C . . . . . . . . . . . . . +150C . . . . . . -0.5 V to +7.0 V . . . -0.5 V to VCC +0.5 V . . . -0.5 V to VCC +0.5 V . . . . . . . . . . . . . 2001 V . . . . . . . . . . . . . 200 mA
OPERATING RANGES
Industrial (I) Devices
Temperature (TA) Operating in Free Air . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Supply Voltage (VCC) with Respect to Ground. . . . . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
MACH 4 Family
Stresses above those listed under Absolute Maximum Ratings may cause permanent device failure. Functionality at or above these limits is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
DC CHARACTERISTICS over COMMERCIAL operating ranges
Parameter Symbol VOH VOL VIH VIL IIH IIL IOZH IOZL ISC ICC Parameter Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Leakage Current Input LOW Leakage Current Off-State Output Leakage Current HIGH Off-State Output Leakage Current LOW Output Short-Circuit Current Supply Current Test Conditions IOH = -3.2 mA, VCC = Min VIN = VIH or VIL IOL = 24 mA, VCC = Min VIN = VIH or VIL (Note 1) Guaranteed Input Logical HIGH Voltage for all Inputs (Note 2) Guaranteed Input Logical LOW Voltage for all Inputs (Note 2) VIN = 5.25 V, VCC = Max (Note 3) VIN = 0 V, VCC = Max (Note 3) VOUT = 5.25 V, VCC = Max VIN = VIH or VIL (Note 3) VOUT = 0 V, VCC = Max VIN = VIH or VIL (Note 3) VOUT = 0.5 V, VCC = Max (Note 4) VIN = 0 V, Outputs Open (IOUT = 0 mA), VCC = 5.0 V, f =25 MHz, TA = 25C (Note 5) -30 2.0 0.8 10 -100 10 -100 -160 Min 2.4 0.5 Typ Max Unit V V V V A A A A mA
225
mA
Notes: 1. Total IOL for one PAL block should not exceed 128 mA. 2. These are absolute values with respect to device ground and all overshoots due to system or tester noise are included. 3. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH). 4. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation. 5. Measured with a 16-bit up/down counter pattern. This pattern is programmed in each PAL block and capable of being loaded, enabled, and reset. An actual ICC value can be calculated by using the "Typical Dynamic ICC Characteristics" Chart towards the end of this data sheet.
MACH4-96/96-18 (Ind)
17
VANTIS
CAPACITANCE (Note 1)
Parameter Symbol CIN COUT Parameter Description Input Capacitance Output Capacitance VIN = 2.0 V VOUT = 2.0 V Test Conditions VCC = 5.0 V, TA = 25C, f = 1 MHz Typ 6 8 Unit pF pF
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1)
-18 Parameter Symbol tPD tSA tHA tCOA tWLA tWHA Maximum Frequency Using Product Term Clock (Note 3) External Feedback 1/(tSA+tCO) Parameter Description Input, I/O, or Feedback to Combinatorial Output (Note 2) Setup Time from Input, I/O, or Feedback to Product Term Clock Register Data Hold Time Using Product Term Clock Product Term Clock to Output (Note 2) LOW Product Term, Clock Width HIGH D-type T-type D-type Internal Feedback f(CNTA) No Feedback (Note 4) 1/(tWLA+tWHA) D-type tSS tHS tCOS tWLS tWHS External Feedback 1/(tSS + tCOS) Setup Time from Input, I/O, or Feedback to Global Clock T-type Register Data Hold Time Using Global Clock Global Clock to Output (Note 2) LOW Global Clock Width HIGH D-type T-type D-type Internal Feedback (fCNTS) No Feedback (Note4) tSLA tHLA tGOA 1/(tWLS + tWHS) T-type 7 41.7 40.0 58.8 55.5 71.4 10 10 22 ns MHz MHz MHz MHz MHz ns ns ns 13 0 2 7 12 ns ns ns ns T-type 10 33.3 33.2 35.7 34.4 50.0 12 ns MHz MHz MHz MHz MHz ns D-type T-type Min 3 10 11 10 4 10 20 Max 18 Unit ns ns ns ns ns ns
fMAXA
fMAXS
Maximum Frequency Using Global Clock (Note 3)
Setup Time from Input, I/O, or Feedback to Product Term Clock Latch Data Hold Time Using Product Term Clock Product Term Gate to Output (Note 2)
18
MACH4-96/96-18 (Ind)
VANTIS
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1) (Continued)
-18 Parameter Symbol tGWA tSLS tHLS tGOS tGWS tPDL tAR tARW tARR tAP tAPW tAPR tEA tER Parameter Description Product Term Gate Width LOW (for LOW transparent) or HIGH (for HIGH transparent) Setup Time from Input, I/O, or Feedback to Global Gate Latch Data Hold Time Using Global Gate Gate to Output (Note 2) Global Gate Width LOW (for LOW transparent) or HIGH (for HIGH transparent) Input, I/O or Feedback to Output through Transparent Output Latch Asynchronous Reset to Registered or Latched Output Asynchronous Reset Width (Note 3) Asynchronous Reset Recovery Time (Note 3) Asynchronous Preset to Registered or Latched Output Asynchronous Preset Width (Note 3) Asynchronous Preset Recovery Time (Note 3) Input, I/O, or Feedback to Output Enable (Note 2) Input, I/O, or Feedback to Output Disable (Note 2 17 17 2 2 17 17 17 17 22 7 Min 11 12 0 12 Max Unit ns ns ns ns ns
MACH 4 Family
20 22
ns ns ns ns ns ns ns ns ns
Notes: 1. See Switching Test Circuit at the end of this Data Book for test conditions.
2. Parameters measured with 32 outputs switching. 3. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where frequency may be affected. 4. This parameter does not apply to flip-flops in the emulated mode since the feedback path is required for emulation.
MACH4-96/96-18 (Ind)
19
VANTIS
TYPICAL CURRENT vs. VOLTAGE (I-V) CHARACTERISTICS
VCC = 5.0 V, TA = 25C
IOL (mA) 80 60 40 20 VOL (V)
-1.0 -0.8 -0.6 -0.4 -0.2 -20 -40 -60 -80
0.2 0.4
0.6
0.8 1.0
Output, LOW
21535A-7
IOH (mA) 25 1 -3 -2 -1 -25 -50 -75 -100 -125 -150 Output, HIGH
21535A-8
2
3
4
5
VOH (V)
II (mA) 20 VI (V) -2 -1 -20 -40 -60 -80 -100 Input 1 2 3 4 5
21535A-9
20
MACH4-96/96-15
VANTIS
TYPICAL ICC CHARACTERISTICS
VCC = 5 V, TA = 25C
400
350
MACH 4 Family
300
250 ICC (mA)
200
150
100
50
0 0 10 20 30 40 50 60 70 80 90
Frequency (MHz)
21535A-10
The selected "typical" pattern is a 16-bit up/down counter. This pattern is programmed in each PAL block and is capable of being loaded, enabled, and reset. Maximum frequency shown uses internal feedback and a D-type register.
MACH4-96/96-15
21
VANTIS
TYPICAL THERMAL CHARACTERISTICS
Measured at 25C ambient. These parameters are not tested.
Parameter Symbol jc ja Typ Parameter Description Thermal impedance, junction to case Thermal impedance, junction to ambient 200 lfpm air jma Thermal impedance, junction to ambient air flow 400 lfpm air 600 lfpm air 800 lfpm air PQFP 7 25 21 18 16 15 Unit C /W C /W C /W C /W C /W C /W
Plastic jc Considerations The data listed for plastic jc are for reference only and are not recommended for use in calculating junction temperatures. The heat-flow paths in plastic-encapsulated devices are complex, making the jc measurement relative to a specific location on the package surface. Tests indicate this measurement reference point is directly below the die-attach area on the bottom center of the package. Furthermore, jc tests on packages are performed in a constant-temperature bath, keeping the package surface at a constant temperature. Therefore, the measurements can only be used in a similar environment.
SWITCHING WAVEFORMS
Input, I/O, or Feedback VT tPD Combinatorial Output VT
21535A-11
Combinatorial Output
Input, I/O, or Feedback tS Clock VT tCO Registered Output
VT tH
Input, I/O, or Feedback tSL Gate tPDL VT Latched Out
VT tHL VT tGO VT
21535A-12
21535A-13
Registered Output
Latched Output
Notes: 1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns-4 ns typical.
22
MACH4-96/96-15
VANTIS
SWITCHING WAVEFORMS
tWH Clock tWL
21535A-14
Gate tGWS
VT
21535A-15
Clock Width Registered Input Input Register Clock Output Register Clock
Gate Width
MACH 4 Family
Registered Input tSIR Input Register Clock Combinatorial Output VT tICO
VT tHIR
VT
VT
VT
tICS
VT
21535A-16
21535A-17
Registered Input
Input Register to Output Register Setup
Latched In tSIL Gate
VT tHIL VT tIGO
Combinatorial Output
VT
21535A-18
Latched Input
Notes: 1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns-4 ns typical.
MACH4-96/96-15
23
VANTIS
SWITCHING WAVEFORMS
tPDLL Latched In Latched Out Input Latch Gate tIGOL tSLL VT VT
VT
tIGS Output Latch Gate
21535A-19
Latched Input and Output
tWICH Clock tWICL VT Input Latch Gate tWIGL VT
21535A-20
21535A-21
Input Register Clock Width
Input Latch Gate Width
Notes: 1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns-4 ns typical.
24
MACH4-96/96-15
VANTIS
SWITCHING WAVEFORMS
tARW Input, I/O, or Feedback tAR Registered Output VT Registered Output tARR Clock VT Clock
21535A-22
tAPW VT Input, I/O, or Feedback tAP VT VT
MACH 4 Family
tAPR VT
21535A-23
Asynchronous Reset
Asynchronous Preset
Input, I/O, or Feedback tER Outputs VOH - 0.5 V VOL + 0.5 V
VT tEA VT
21535A-24
Output Disable/Enable
Notes: 1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V. 3. Input rise and fall times 2 ns-4 ns typical.
MACH4-96/96-15
25
VANTIS
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Must be Steady May Change from H to L May Change from L to H Don't Care, Any Change Permitted Does Not Apply OUTPUTS Will be Steady Will be Changing from H to L Will be Changing from L to H Changing, State Unknown Center Line is HighImpedance "Off" State
KS000010-PAL
SWITCHING TEST CIRCUIT
VCC
S1
R1 Output R2 CL Test Point
21535A-25
Commercial Specification tPD, tCO tEA tER Closed Z H: Open Z L: Closed H Z: Open L Z: Closed 5 pF 35 pF 300 390 1.5 V H Z: VOH - 0.5 V L Z: VOL + 0.5 V S1 CL R1 R2 Measured Output Value
* Switching several outputs simultaneously should be avoided for accurate measurement.
26
MACH4-96/96-15
VANTIS
fMAX PARAMETERS
The parameter fMAX is the maximum clock rate at which the device is guaranteed to operate. Because the flexibility inherent in programmable logic devices offers a choice of clocked flip-flop designs, fMAX is specified for three types of synchronous designs. The first type of design is a state machine with feedback signals sent off-chip. This external feedback could go back to the device inputs, or to a second device in a multi-chip state machine. The slowest path defining the period is the sum of the clock-to-output time and the input setup time for the external signals (tS + tCO). The reciprocal, fMAX, is the maximum frequency with external feedback or in conjunction with an equivalent speed device. This fMAX is designated "fMAX external." The second type of design is a single-chip state machine with internal feedback only. In this case, flip-flop inputs are defined by the device inputs and flip-flop outputs. Under these conditions, the period is limited by the internal delay from the flip-flop outputs through the internal feedback and logic to the flip-flop inputs. This fMAX is designated "fMAX internal". A simple internal counter is a good example of this type of design; therefore, this parameter is sometimes called "fCNT." The third type of design is a simple data path application. In this case, input data is presented to the flip-flop and clocked through; no feedback is employed. Under these conditions, the period is limited by the sum of the data setup time and the data hold time (tS + tH). However, a lower limit for the period of each fMAX type is the minimum clock period (tWH + tWL). Usually, this minimum clock period determines the period for the third fMAX, designated "fMAX no feedback." For devices with input registers, one additional fMAX parameter is specified: fMAXIR. Because this involves no feedback, it is calculated the same way as fMAX no feedback. The minimum period will be limited either by the sum of the setup and hold times (tSIR + tHIR) or the sum of the clock widths (tWICL + tWICH). The clock widths are normally the limiting parameters, so that fMAXIR is specified as 1/(tWICL + tWICH). Note that if both input and output registers are used in the same path, the overall frequency will be limited by tICS. All frequencies except fMAX internal are calculated from other measured AC parameters. fMAX internal is measured directly.
CLK
(SECOND CHIP)
MACH 4 Family
CLK
LOGIC
REGISTER
LOGIC
REGISTER
tS
tCO
tS
fMAX Internal (fCNT) CLK
fMAX External 1/(ts + tCO) CLK
LOGIC
REGISTER
REGISTER
LOGIC
tS fMAX No Feedback; 1/(ts + tH) or 1/(tWH + tWL)
tHIR tSIR fMAXIR; 1/(tSIR + tHIR) or 1/(tWICL + tWICH)
21535A-26
MACH4-96/96-15
27
VANTIS
ENDURANCE CHARACTERISTICS
The MACH families are manufactured using Vantis' advanced Electrically Erasable process. This technology uses an EE cell to replace the fuse link used in bipolar parts. As a result, the device can be erased and reprogrammed, a feature which allows 100% testing at the factory. Endurance Characteristics
Parameter Symbol tDR N Parameter Description 10 Min Pattern Data Retention Time 20 Max Reprogramming Cycles 100 Years Cycles Max Operating Temperature Normal Programming Conditions Units Years Test Conditions Max Storage Temperature
POWER-UP RESET
The MACH devices have been designed with the capability to reset during system power-up. Following power-up, all flip-flops will be reset to LOW. The output state will depend on the logic polarity. This feature provides extra flexibility to the designer and is especially valuable in simplifying state machine initialization. A timing diagram and parameter table are shown below. Due to the synchronous operation of the power-up reset and the wide range of ways VCC can rise to its steady state, two conditions are required to insure a valid power-up reset. These conditions are: 1. The VCC rise must be monotonic. 2. Following reset, the clock input must not be driven from LOW to HIGH until all applicable input and feedback setup times are met.
Parameter Symbol tPR tS tWL Parameter Descriptions Power-Up Reset Time Input or Feedback Setup Time See Switching Characteristics Clock Width LOW Max 10 Unit s
VCC Power 4V tPR Registered Output tS Clock
tWL
21535A-27
Power-Up Reset Waveform
28
MACH4-96/96-15
VANTIS
DEVELOPMENT SYSTEMS (subject to change)
For more information on the products listed below, please consult the local Vantis sales office. MANUFACTURER
Vantis Corporation P.O. Box 3755 920 DeGuigne Drive Sunnyvale, CA 94088 (408) 732-0555 or 1(888) 826-8472 (VANTIS2) http://www.vantis.com Aldec, Inc. 3 Sunset Way, Suite F Henderson, NV 89014 (702) 456-1222 or (800) 487-8743 Cadence Design Systems 555 River Oaks Pkwy San Jose, CA 95134 (408) 943-1234 or (800) 746-6223 Exemplar Logic, Inc. 815 Atlantic Avenue, Suite 105 Alameda, CA 94501 (510) 337-3700 Logic Modeling 19500 NW Gibbs Dr. P.O. Box 310 Beaverton, OR 97075 (800) 346-6335 Mentor Graphics Corp. 8005 S.W. Boeckman Rd. Wilsonville, OR 97070-7777 (800) 547-3000 or (503) 685-7000 MicroSim Corp. 20 Fairbanks Irvine, CA 92718 (714) 770-3022 MINC Inc. 6755 Earl Drive, Suite 200 Colorado Springs, CO 80918 (800) 755-FPGA or (719) 590-1155 Model Technology 8905 S.W. Nimbus Avenue, Suite 150 Beaverton, OR 97008 (503) 641-1340 OrCAD, Inc. 9300 S.W. Nimbus Avenue Beaverton, OR 97008 (503) 671-9500 or (800) 671-9505 Synario(R) Design Automation 10525 Willows Road N.E. P.O. Box 97046 Redmond, WA 98073-9746 (800) 332-8246 or (206) 881-6444
SOFTWARE DEVELOPMENT SYSTEMS
MACHXL Software Vantis-ABEL Software Vantis-Synario Software
MACH 4 Family
ACTIVE-CAD
PIC Designer Concept/Composer Synergy Leapfrog/Verilog-XL LeonardoTM GalileoTM
SmartModel(R) Library
Design Architect, PLDSynthesisTM II Autologic II Synthesizer, QuickSim Simulator, QuickHDL Simulator
MicroSim Design Lab PLogic, PLSyn
PLDesigner-XLTM Software
V-System/VHDL
OrCAD Express
ABELTM SynarioTM Software
MACH4-96/96-15
29
VANTIS
MANUFACTURER
Synopsys 700 E. Middlefield Rd. Mountain View, CA 94040 (415) 962-5000 or (800) 388-9125 Synplicity, Inc. 624 East Evelyn Ave. Sunnyvale, CA 94086 (408) 617-6000 Teradyne EDA 321 Harrison Ave. Boston, MA 02118 (800) 777-2432 or (617) 422-2793 VeriBest, Inc. 6101 Lookout Road, Suite A Boulder, CO 80301 (800) 837-4237 Viewlogic Systems, Inc. 293 Boston Post Road West Marlboro, MA 01752 (800) 873-8439 or (508) 480-0881
SOFTWARE DEVELOPMENT SYSTEMS
FPGA or Design Compiler (Requires MINC PLDesigner-XLTM) VSS Simulator
Synplify
MultiSIM Interactive Simulator LASAR
VeriBest PLD
Viewdraw, ViewPLD, Viewsynthesis Speedwave Simulator, ViewSim Simulator, VCS Simulator
MANUFACTURER
Acugen Software, Inc. 427-3 Amherst St., Suite 391 Nashua, NH 03063 (603) 881-8821 iNt GmbH Busenstrasse 6 D-8033 Martinsried, Munich, Germany (87) 857-6667
TEST GENERATION SYSTEM
ATGENTM Test Generation Software
PLDCheck 90
Vantis is not responsible for any information relating to the products of third parties. The inclusion of such information is not a representation nor an endorsement by Vantis of these products.
30
MACH4-96/96-15
VANTIS
APPROVED PROGRAMMERS (subject to change)
For more information on the products listed below, please consult the local Vantis sales office. MANUFACTURER
Advin Systems, Inc. 1050-L East Duane Ave. Sunnyvale, CA 940 86 (408) 243-7000 or (800) 627-2456 BBS (408) 737-9200 Fax (408) 736-2503 BP Microsystems 1000 N. Post Oak Rd., Suite 225 Houston, TX 77055-7237 (800) 225-2102 or (713) 688-4600 BBS (713) 688-9283 Fax (713) 688-0920 Data I/O Corporation 10525 Willows Road N.E. P.O. Box 97046 Redmond, WA 98073-9746 (800) 426-1045 or (206) 881-6444 BBS (206) 882-3211 Fax (206) 882-1043 Hi-Lo Systems 4F, No. 2, Sec. 5, Ming Shoh E. Road Taipei, Taiwan (886) 2-764-0215 Fax (886) 2-756-6403 or Tribal Microsystems / Hi-Lo Systems 44388 South Grimmer Blvd. Fremont, CA 94538 (510) 623-8859 BBS (510) 623-0430 Fax (510) 623-9925 SMS GmbH Im Grund 15 88239 Wangen Germany (49) 7522-97280 Fax (49) 7522-972850 or SMS USA 544 Weddell Dr. Suite 12 Sunnyvale, CA 94089 (408) 542-0388 Stag House Silver Court Watchmead, Welwyn Garden City Herfordshire UK AL7 1LT 44-1-707-332148 Fax 44-1-707-371503
PROGRAMMER CONFIGURATION
Pilot-U40
Pilot-U84
MVP
MACH 4 Family
BP1200
BP1400
BP2100
BP2200
UniSiteTM
Model 2900
Model 3900
AutoSite
ALL-07
FLEX-700
Sprint Expert
Sprint Optima
Multisite
Stag Quazar
MACH4-96/96-15
31
VANTIS
MANUFACTURER
System General 1603A South Main Street Milpitas, CA 95035 (408) 263-6667 BBS (408) 262-6438 Fax (408) 262-9220 or 3F, No. 1, Alley 8, Lane 45 Bao Shing Road, Shin Diau Taipei, Taiwan (886) 2-917-3005 Fax (886) 2-911-1283
PROGRAMMER CONFIGURATION
Turpro-1
Turpro-1/FX
Turpro-1/TX
APPROVED ADAPTER MANUFACTURERS
MANUFACTURER
California Integration Coordinators, Inc. 656 Main Street Placerville, CA 95667 (916) 626-6168 Fax (916) 626-7740 Emulation Technology, Inc. 2344 Walsh Ave., Bldg. F Santa Clara, CA 95051 (408) 982-0660 Fax (408) 982-0664
PROGRAMMER CONFIGURATION
MACH/PAL Programming Adapters
Adapt-A-Socket(R) Programming Adapters
APPROVED ON-BOARD ISP PROGRAMMING TOOLS
MANUFACTURER
Corelis, Inc. 12607 Hidden Creek Way, Suite H Cerritos, California 70703 (310) 926-6727 Vantis Corporation P.O. Box 3755 920 DeGuigne Drive Sunnyvale, CA 94088 (408) 732-0555 or 1(888) 826-8472 (VANTIS2) http://www.vantis.com
PROGRAMMER CONFIGURATION
JTAGPROGTM
MACHPRO(R)
32
MACH4-96/96-15
VANTIS
PHYSICAL DIMENSIONS
PQR144 144-Pin Plastic Quad Flat Pack; Trimmed and Formed (measured in millimeters)
31.00 31.40
Pin 144
22.75 REF
27.90 28.10
Pin 108
MACH 4 Family
Pin 1 I.D.
22.75 REF 27.90 28.10 31.00 31.40
Pin 36 Pin 72
3.20 3.60 0.25 MIN
0.65 BASIC
3.95 MAX
SEATING PLANE
16-038-PQR-1_AH PQR144 DP92 9-3-96 lv
Trademarks Copyright (c) 1997 Advanced Micro Devices, Inc. All rights reserved. AMD, Vantis, the Vantis logo and combinations thereof, SpeedLocking and Bus-Friendly are trademarks, MACH, MACHXL, MACHPRO and PAL are registered trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
MACH4-96/96-15
33


▲Up To Search▲   

 
Price & Availability of MACH4-9696-15YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X