Part Number Hot Search : 
K2475 AD741 NTE5045A TCM811 WP710 MBT5401 RHRP1560 045984
Product Description
Full Text Search
 

To Download MAATSS0022TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
Features
* * * * * * * 5 Bits, 0.5 dB Steps Excellent Accuracy Single Positive Control (+3 V to +5 V) Lead-Free MSOP-10 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible
MAATSS0022 V2
Recommended Configuration
RF1
0.1uF VC1
8 dB
VC2
4 dB
GND
Description
M/A-COM's MAATSS0022 is a 0.5 dB step GaAs MMIC digital attenuator with 15.5 dB attenuation range in a lead-free MSOP-10 package. It requires external DC blocking capacitors on the RF ports, positive supply voltage and five individual bit control voltages. The MAATSS0022 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base stations, wireless data, and wireless local loop gain level control circuits. The MAATSS0022 is fabricated using M/A-COM's GaAs 1.0 micron process. The process features full chip passivation for increased performance and reliability.
VC3
2 dB
GND
1 dB
VC4
0.5 dB
GND
10K VC5 0.1uF Vs
RF2
Pin Configuration
Pin No.
1 2 3 4 5
Function
VC1 VC2 VC3 VC4 VC5
Pin No.
6 7 8 9 10
Function
RF Port 2 Ground Ground Ground RF Port 1
Ordering Information 1
Part Number
MAATSS0022 MAATSS0022TR-3000 MAATSS0022SMB
Package
Bulk Packaging 3000 piece reel Sample Test Board
Absolute Maximum Ratings 2,3
Parameter
Input Power Voltage Operating Temperature Storage Temperature
Absolute Maximum
+34 dBm +7 V -40C to +85C -65C to +125C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
Electrical Specifications: TA = 25 C, Z0 = 50 , Vs = +5 V, VC = 0 V / 5 V
Parameter Conditions Frequency
0.5 - 0.8 GHz 0.8 - 1.8 GHz 1.8 - 2.2 GHz 2.1 GHz 2.2 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 0.8 GHz 0.8 - 1.8 GHz 1.8 - 2.2 GHz 2.1 GHz 2.2 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz -- -- -- -- -- -- --
MAATSS0022 V2
Units
dB dB dB dB dB Ratio dB dB dB dB dB dB dBm dBm dBm dBm S S mV A A A A
Min.
-- -- -- -- -- --
Typ.
1.45 1.75 2.05 2.1 2.2 1.6:1
Max.
-- -- -- 2.5 -- --
Insertion Loss (reference state)
--
VSWR
Any State
Accuracy
Any State
(0.3 + 4% atten setting) Typical (0.3 + 3% atten setting) Typical (0.3 + 6% atten setting) Typical (0.3 + 6% atten setting) Min / Max (0.3 + 8% atten setting) Typical -- -- -- -- -- -- -- -- -- -- -- -- 15.5 25 30 36 46 2 2 62 5 5 -- -- -- -- -- -- -- -- -- -- 40 40 100 100
Attenuation Range 1 dB Compression Input Power
-- +3 V +5 V Two tones, Pin < +5 dBm / tone +3 V +5 V 10/90% or 90/10% RF 50% CNTL to 90/10% RF In Band +3 V +5 V +3 V +5 V
IP3
Trise, Tfall Ton, Toff Transients Supply Current Total Control Current
Truth Table 4
Control Inputs VC5
1 0 1 1 1 1 0
Operating Instructions
VC2
1 1 1 1 0 1 0
VC4
1 1 0 1 1 1 0
VC3
1 1 1 0 1 1 0
VC1
1 1 1 1 1 0 0
Attenuation (dB)
Reference 0.5 dB 1 dB 2 dB 4 dB 8 dB 15.5 dB
The MAATSS0022 is designed to operate with 5 V logic levels. The difference between +3 V and +5 V operation is minimal for small signal performance. IIP3, however, is a strong function of voltage. +3 V is the minimum voltage at which the product will reliably operate. The MAATSS0022 requires a parallel interface that allows the user to enter a 5 bit digital word. Each state increments the attenuation by 0.5 dB giving a total range of 15.5 dB. The MAATSS0022 is not internally DC blocked. This means that the device requires DC blocking capacitors on the RF1 and RF2 ports. M/A-COM recommends 0.1 uF to allow for the entire frequency range to be utilized. Higher frequency applications can use smaller value capacitors as DC blocks.
4. 0 = 0.0 V 0.2 V, 1 = Vs = 5.0 V 0.2 V.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
Typical Performance Curves @ +5 V
Attenuation, All Major States
25
0.5 dB 1.0 dB 2.0 dB 4.0 dB 8.0 dB 15.5 dB
MAATSS0022 V2
Insertion Loss
3.0
20
2.5
2.0
15
1.5
10
1.0
5
+25C +85C -40C
0.5
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Input Return Loss at Insertion Loss State
0
Output Return Loss at Insertion Loss State
0
-10
-10
-20
-20
-30
-30
-40
+25C +85C -40C
-40
+25C +85C -40C
-50 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-50 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Input IP3 at Insertion Loss State
55
50
45
40 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3
Frequency (GHz)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
Lead-Free MSOP-10
MAATSS0022 V2
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAATSS0022TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X