Part Number Hot Search : 
SI2124 ERF6B1 SS805 BZX85C75 3PB2540 XRT72L50 311649 P1504
Product Description
Full Text Search
 

To Download MAATSS0015TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
Features
* * * * * * * * * * * 1-dB Attenuation Steps to 15 dB High Accuracy Low Intermodulation Product: +50 dBm IP3 Low DC Power Consumption: 50 W Tape and Reel Packaging Available Temperature Stability +/-0.15 dB: -40C to +85C Lead-Free SOIC-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Re-flow Compatible RoHS* Compliant Version of AT-210
MAATSS0015 V3
Functional Schematic
Description
M/A-COM's MAATSS0015 is a 4-bit, 1-dB step GaAs MMIC digital attenuator in a lead-free SOIC 16-lead surface mount plastic package. The MAATSS0015 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, and wireless LANs, GPS equipment and other gain/ level control circuits. The MAATSS0015 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6 7
Function
VC1 VC1 VC2 VC2 VC3 VC3 VC4 VC4
Pin No.
9 10 11 12 13 14 15 16
Function
RF2 GND GND GND GND GND GND RF1
Ordering Information
Part Number
MAATSS0015 MAATSS0015TR
1
8
Package
SOIC 16-Lead Plastic Package Tape & Reel
Absolute Maximum Ratings 2,3
Parameter
Input Power: 50 MHz 500-2000 MHz Control Voltage Operating Temperature Storage Temperature
Absolute Maximum
+27 dBm +34 dBm -8.5 V VC 5V -40C to +85C -65C to +150C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / -5 V, Z0 = 50
Parameter Test Conditions Frequency
DC - 0.1 GHz DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz
MAATSS0015 V3
Units
dB dB dB dB
Min.
-- -- -- --
Typ.
0.9 1.3 1.5 2.0
Max.
-- 1.5 1.8 --
Insertion Loss (Reference state)
Attenuation Accuracy 4 VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression IP2 IP3 Control Current 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In-Band Input Power Input Power Measured Relative to Input Power (For two-tone input power up to +5 dBm) Measured Relative to Input Power (For two-tone input power up to +5 dBm) |VC| = 5 V
(0.15 dB + 3% of Atten Setting in dB) dB (0.30 dB + 3% of Atten Setting in dB) dB Ratio -- -- -- -- -- -- -- -- -- -- -- 1.4 10 15 18 22 28 49 72 45 50 10 -- -- -- -- -- -- -- -- -- -- 20
-- -- -- 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz
nS nS mV dBm dBm dBm dBm dBm dBm A
4. Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
Lead-Free SOIC-16
Truth Table 5
Control Inputs
VC4 VC4 1 0 1 1 1 0 0 1 0 0 0 1 VC3 1 1 0 1 1 0 VC3 VC2 VC2 VC1 VC1 0 0 1 0 0 1 1 1 1 0 1 0 0 0 0 1 0 1 1 1 1 1 0 0 0 0 0 0 1 1 Attenuation (dB) Reference state 1 dB 2 dB 4 dB 8 dB 15 dB
5. 0 = -0.2 V to 0 V, 1 = -8 V to -5 V.
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
Typical Performance Curves
Insertion Loss
2.5
+25C -40C +85C
MAATSS0015 V3
Attenuation Accuracy
0.5
1 dB 2 dB 4 dB 8 dB 15 dB
2.0
0.4
0.3 1.5 0.2 1.0 0.1 0.5
0
0.0 0.0
-0.1 0.5 1.0 1.5 2.0 0.0 0.5 1.0 1.5 2.0
Frequency (GHz)
Frequency (GHz)
VSWR
2.0
IL 1 dB 2 dB 4 dB 8 dB 15 dB
Attenuation
20
1 dB 2 dB 3 dB 4 dB 5 dB 6 dB 7 dB 8 dB 9 dB 10 dB 11 dB 12 dB 13 dB 14 dB 15 dB
1.8 15 1.6 10 1.4 5 1.2
1.0 0.0
0.5
1.0
1.5
2.0
0 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAATSS0015TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X