Part Number Hot Search : 
OR3T55 2N2905 LM4002 MS274 MAX252 SN8P2610 BCP5510 IRF78
Product Description
Full Text Search
 

To Download MA650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast Recovery Diodes (FRD)
MA111
MA650
Silicon planer type (cathode common)
0.70.1
For switching s Features
q q
Unit : mm
10.00.2 5.50.2 2.70.2 4.20.2
Low forward voltage V F Fast reverse recovery time trr
16.70.3
q
High reverse voltage VR
7.50.2
o3.10.1
4.20.2
1.40.1 1.30.2 0.5 -0.1 0.80.1
+0.2
14.00.5
Solder Dip
4.0
2.540.25
s Absolute Maximum Ratings (Ta= 25C)
Parameter Repetitive peak reverse voltage Non-repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current Junction temperature Storage temperature
* Sine half wave : 10ms/cycle
5.080.5
Symbol VRRM VRSM IF(AV) IFSM* Tj Tstg
Rating 200 200 10 60 - 40 to +150 - 40 to +150
Unit V V A A C C
1 : Anode 2 : Cathode (common) 3 : Anode TO-220F(a) (TO-220 Full-Pack Package)
1 2 3
s Internal Connection
1
2
3
s Electrical Characteristics (Ta= 25C)
Parameter Repetitive peak reverse current Forward voltage (DC) Reverse recovery time Thermal resistance Symbol IRRM1 IRRM2 VF trr* Rth(j-c) Rth(j-a) Condition VRRM= 200V, TC= 25C VRRM= 200V, Tj=150C IF= 5A, TC= 25C IF=1A, IR=1A Flat direct current between junction and case min typ max 100 6 1 100 3 63 Unit A mA V ns C/W C/W
Note 1. Rated input/output frequency : 10MHz 2. * trr measuring circuit
50 D.U.T
50 IF IR 5.5
trr
0.1 x IR
Fast Recovery Diodes (FRD)
MA650
IF - VF
100 TC=25C
108
IR - VR
30
PD(AV) - IF(AV)
100C
IR (nA)
(A)
10
Ta=150C
25C
106
Ta=150C
Average forward current PD(AV) (W)
107
25
t0 t1
20
IF
100C
Forward current
Reverse current
1
105
15
t0/t1=1/6 1/3 1/2 DC
104 25C 103
10
0.1
5
0.01 0 0.4 0.8 1.2 VF 1.6 (V) 2.0 Forward voltage
102 0 50 100 150 200 250 300 Reverse voltage VR (V)
0 0 2 4 6 8 10 12 Average forward current IF(AV) (A)
IF(AV) - TC
12 t0/t1=1/2
Thermal resistance Rth (C/W)
Rth(t) - t
102 Without heat sink
(A)
10
1/3 1/6 8
DC
Average forward current
IF(AV)
10
6
1
4
10-1
2 t0 t1 0 30 50 100 TC (C) 150
10-2 10-4
10-3
10-2
10-1 Time
1 t (s)
10
102
103
104
Case temperature


▲Up To Search▲   

 
Price & Availability of MA650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X