Part Number Hot Search : 
AM5460N TA78L TA78L A7BW99BA 01907 XFATM9P8 1040D TA889
Product Description
Full Text Search
 

To Download MA4X796 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA4X796
Silicon epitaxial planar type
Unit : mm
For super-high speed switching circuit For small current rectification I Features
* Two MA3X787s in the same direction are contained in one package * Allowing to rectify under (IF(AV) = 100 mA) condition * Optimum for high-frequency rectification because of its short reverse recovery time (trr) * Low VF (forward rise voltage), with high rectification efficiency * Reverse voltage VR (DC value) = 50 V guaranteed
2.8 - 0.3 0.65 0.15 1.5 - 0.05
+ 0.25
+ 0.2
0.65 0.15
0.5 R
1.9 0.2
2.9 - 0.05
0.95
4
1
+ 0.2
0.95
0.5
+ 0.1
3
0.4 - 0.05
2
0.2 1.1 - 0.1
+ 0.2
Reverse voltage (DC) Repetitive peak reverse voltage Peak forward current Average forward current Single Double*2 Single Double*2
VR VRRM IFM IF(AV)
50 50 300 200 100 70
V V mA
0.4 0.2
1 : Cathode 1 2 : Cathode 2 3 : Anode 2 4 : Anode 1 Mini Type Package (4-pin)
mA
Marking Symbol: M4B Internal Connection
Non-repetitive peak forward surge current*1 Junction temperature Storage temperature
IFSM Tj Tstg
1 125 -55 to +125
A 4 C C 3 2 1
Note) *1 : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive) *2 : Value per chip
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Terminal capacitance Reverse recovery time* Symbol IR VF Ct trr VR = 50 V IF = 100 mA VR = 0 V, f = 1 MHz IF = IR = 100 mA Irr = 10 mA, RL = 100 25 3 Conditions Min Typ Max 30 0.55 Unit A V pF ns
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 200 MHz 3. * : trr measuring circuit Bias Application Unit N-50BU Input Pulse Output Pulse
tr 10% tp t IF trr t Irr = 10 mA IF = 100 mA IR = 100 mA RL = 100
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
0 to 0.1
Parameter
Symbol
Rating
Unit
0.1 to 0.3
0.8
I Absolute Maximum Ratings Ta = 25C
0.16 - 0.06
+ 0.1
0.6 - 0
+ 0.1
0.4 - 0.05 1.45
+ 0.1
1
MA4X796
IF V F
103
0.8 0.7
Schottky Barrier Diodes (SBD)
VF Ta IR VR
104 Ta = 125C
102
103
Forward voltage VF (V)
Forward current IF (A)
0.6 0.5 IF = 100 mA 0.4 0.3 0.2 10 mA 0.1 3 mA
Ta = 125C 10 75C 25C - 20C 1
Reverse current IR (A)
75C 102
10
25C
10-1
1
10-2
0
0.1
0.2
0.3
0.4
0.5
0.6
0 -40
10-1
0 40 80 120 160 200
0
10
20
30
40
50
60
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
104 VR = 50 V
60
Ct VR
1 000 300
IF(surge) tW
Ta = 25C IF(surge) tW 100 30 10 3 1 0.3 0.1 0.03
Terminal capacitance Ct (pF)
103
Reverse current IR (A)
30 V 10 V
50
40
102
30
10
20
1
10
10-1
-40
0
0
40
80
120
160
200
0
10
20
30
40
50
60
Forward surge current IF(surge) (A)
0.1
0.3
1
3
10
30
Ambient temperature Ta (C)
Reverse voltage VR
(V)
Pulse width tW (ms)
2


▲Up To Search▲   

 
Price & Availability of MA4X796

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X