Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download MA4VAT900-1277T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
Features
* * * * * * * Bandwidth: 0.80 GHz to 1.00 GHz <1.0 dB Insertion Loss, Typical 1.4:1 VSWR, Typical 24 dB Attenuation, Typical 40 dBm IIP3, Typical ( 1MHz Offset, @ +0dBm Pinc ) 0-1.8 Volt Control Voltage. User can add an External Resistor for higher voltage requirements. * RoHs Compliant
MA4VAT900-1277T V2
MLP 3mm Package--Circuit Side View
Extra Features
* * * * Usable Bandwidth: 0.60 GHz to 2.00 GHz 1.9 dB Insertion Loss, Max 2:1 VSWR, Max 20 dB Attenuation, Max
PIN 1
PIN 16
PIN Configuration
PIN 1 2 3 4 5 6 Function GND GND GND GND GND RF2 GND GND PIN 9 10 11 12 13 14 15 16 Function DC2 GND GND DC1 GND GND RF1 GND
Description and Applications
M/A-COM's MA4VAT900-1277T is a HMIC MONLITHIC PIN Diode Variable Attenuator which utilizes an integrated 90 degree 3dB hybrid with a pair of Silicon PIN Diodes to perform the required attenuation function as Voltage (Current) is applied. This device operates from 0 to 2 Volts at 330 uA typical control current for maximum attenuation. The user can add external biasing resistors to the bias ports for higher voltage requirements as required. M/A-COM's MA4VAT900-1277T PIN Diode Variable Attenuator is designed for AGC Circuit Applications requiring: * Lower Insertion Loss * Lower distortion through attenuation * Larger dynamic range for wide spread spectrum applications
7 8
Center Paddle is RF and D.C. Ground Note: RF Input & RF Output Ports are Functionally Symmetrical
Absolute Maximum Ratings @ +25 C
Parameter
Operating Temperature Storage Temperature Junction Temperature RF C.W. Incident Power Reversed Current @ -30 V Control Current
Maximum Ratings
-40 C to +85 C -65 C to +150 C +175 C +33 dBm C.W. 50nA 5 mA per Diode
Notes: 1. All the above values are at +25 C, unless otherwise noted. 2. Exceeding these limits may cause permanent damage. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
Electrical Specifications @ +25 C
Parameter No DC Bias RF Parameter Insertion Loss Input Return Loss Output Return Loss P1dB IIP3 Control Voltage DC Bias RF Parameter Maximum Attenuation Input Return Loss @ Max Attenuation Output Return Loss @ Max Attenuation Input IP3 Control Voltage @ Max Attenuation 0.80 GHz--1.00 GHz dB dB dB dBm V 21 17 17 15 0.80 GHz--1.00 GHz dB dB dB dBm dBm V 11 11 30 37 Frequency Band Unit Min
MA4VAT900-1277T V2
Typ
Max
1.0 14 14 33 40 0 V @ 0uA
1.2 -
24 20 20 18 1.80 V @ 330 uA
-
Typical RF Performance Over Industry Designated RF Frequency Bands
Band Freq (MHz) AMPS RX TX 824-849 869-894 I. Loss (dB) 0.9 0.9 Att. (dB) 24 24 R. Loss (dB) 13 13 IIP3 (dBm) 40 40 Phase -Relative(Degree) -15
GSM
RX TX
880-915 925-960
1.1 1.1
21 21
11 11
40 40
-15
Notes: 1. All are typical values only. 2. Relative phase is the measured Insertion Phase difference between Insertion Loss and 15 dB Attenuation. (Please refer to the plots below)
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
Plots of Typical RF Characteristics @ +25 C
Typical Insertion Loss & Attenuation Plot
Typical Insertion Loss & Attenuation for MA4VAT900-1277
0 -5
30 25 Attenuation (dB) 20 15 10 5
MA4VAT900-1277T V2
Typical Attenuation vs Voltage Plot (@900 MHz)
Typical Attenuation vs Volatge for MA4VAT900-1277
Attenuation (dB)
-10 -15 -20 -25 -30 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 Voltage Applied (V)
Frequency (GHz)
0V/0uA 0.76V/49uA 1.05V/125uA 1.30V/185uA 1.50V/240uA 1.80V/330uA
Typical Return Loss @ All Attenuation Levels Plot
Typical Return Loss at Attenuation levels for MA4VAT900-1277
0 -5 Return Loss (dB) -10
Typical IIP3 vs Attenuation Plot
Typical IP3 vs Attenuation for MA4VAT900-1277
50 40 IP3 (dBm) 30 20 10 0
-15 -20 -25 -30 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 Frequency (GHz)
0V/0uA 0.76V/49uA 1.05V125uA 1.30V185uA 1.50V/240uA 1.80V330uA
0
3
6
9
12
15
18
21
24
27
Attenuation (dB)
800Mhz 900MHz 1000MHz
Typical Relative Phase Shift Per Attenuation (Voltage) Plot
Typical Relative phase shift vs Frequency per Voltage (Attenuation) for MA4VAT900-1277
0 Relative Phase Shift (degree) -20 -40 -60 -80 -100 -120 0.6
0V
* * * * *
0.8
0.76V
For Reference ONLY: With 0 External Bias Resistor, the following are Approximate Values: * Insertion Loss = 0 V @ 0 uA 5dB Attenuation 10dB Attenuation 15dB Attenuation Max Attenuation = 0.76 V @ 49 uA = 1.05 V @ 125uA = 1.30 V @ 185 uA = 1.8 V @ 330 uA
20dB Anttenuation = 1.50 V @ 240 uA
1.0
1.05V
1.2 1.4 Frequency (GHz)
1.30V
1.6
1.50V
1.8
1.80V
2.0
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
MA4VAT900-1277T V2
Package PIN Designation, External Components, and Equivalent Circuit
RF in/out Cblock
Cblock =10pF Cbias = 10pF Rexternal = 0 -Ohms
Cbias
Rbias INPUT Control Current Cbias GND
Paddle
Cblock RF out/in
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MA4VAT900-1277T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X