Part Number Hot Search : 
04008 HF120 800000 AV9155 H1G22 H1089NL SW625G AR509LT
Product Description
Full Text Search
 

To Download MA4ST350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Also Offering RoHs Compliant Equivalent Parts
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Features
MA4ST300 Series V4
Absolute Maximum Ratings @ TA=+25 C (Unless Otherwise Noted) 1
Parameter Reverse Voltage Forward Current Total Power Dissipation Operating Temperature Storage Temperature Absolute Maximum 12 V 50 mA 250 mW -55 C to +125 C -55 C to +125 C
* * * * * * *
Surface Mount Packages (SOT-23, SOT323, SOD-323) High Capacitance Ratio at Low Voltages High Q at Low Voltages SPC Process for Superior C-V Repeatability Available as Single and Common Cathode Pairs Tape and Reel Packaging Designed for Commercial Wireless Applications
Description
The MA4ST300 series are ion-implanted, hyperabrupt junction, silicon tuning varactors in SOT23, SOT-323, and SOD-323 surface mount packages. This series of varactors is designed for high capacitance ratio and low voltage operation. Each varactor type has a better than 3:1 capacitance ratio between 0.5V and 3.0V.
1. Operation of this device above any one of these parameters may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions
Applications
The MA4ST300 series tuning varactors are useful for wide band tuning and low phase noise applications where the supply voltage is limited to 5 volts or less. These varactors have been specifically designed to cover wireless application bands up to the 2.4 GHz WLAN band. Applications include VCOs and voltage tuned filters.
320 330 340 350
Active Pagers CT2 SMR PDC GSM IS-136/95 NMT JCT NMT TACS AMPS
PCS GPS DCS1800 PHP DECT
WLAN
RoHs Compliant parts
0.25
Part Number RoHs Compliant Part Number
0.5
0.75
1.0
2.0
3.0
FREQUENCY (GHz)
MA4ST320 MA4ST330 MA4ST340 MA4ST350
MAVR-000320 MAVR-000330 MAVR-000340 MAVR-000350 Fig. 1 Typical Device Selection by Frequency
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Electrical Specifications @ TA = +25 C
Breakdown Voltage @ IR = 10A, Vb = 12 V Minimum Reverse Leakage Current @ VR =10V, IR = 100 nA Maximum
MA4ST300 Series V4
C T2 RoHs Compliant Part Number Base1 (pF)
f=1 MHz, VR=0.5V
Capacitance Ratio (pF)
f=1MHz, VR=3.0V CT0.5/CT3.0
Q Factor
Part Number Base
f=50 MHz, VR= 2.0V
Min. MA4ST320 MA4ST330 MA4ST340 MA4ST350
1 2
Nom. 58.0 26.0 18.5 11.8
Max. 63.0 30.0 21.0 13.5
Max. 19.0 9.0 6.5 4.5
Typ. 3.2 3.2 3.2 3.2
Min. 300 350 350 400
MAVR-000320-XXXXXX MAVR-000330-XXXXXX MAVR-000340-XXXXXX MAVR-000350-XXXXXX
48.0 22.0 15.0 9.5
The prefix defines package style, configuration and packaging information. Contact representative for complete part identification. Capacitance @ 1 MHz
Spice Model
Intrinsic Diode Model: N = 1.1 CJ0=(see table below) VJ = (see table below) FC = 0.5 BV = 12.0 V M = (see table below)
Rs
Cp Package Parasitics
Cj Parasitics: Cp= 0.15 pF Ls= 1.4 nH
Ls
Part No.
MA4ST320 MA4ST330 MA4ST340 MA4ST350
CJ0 (pF)
77.4 33.9 25.3 15.7
VJ (V)
11.71 8.91 14.25 14.55
M
6.51 5.15 7.41 7.26
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Typical Performance Curves
Total Capacitance vs. Reverse Voltage at 1 MHz
100 MA4ST320
MA4ST300 Series V4
Nominal Q at 50 MHz vs. Reverse Voltage
1000
MA4ST330 Total Capacitance (pF)
MA 4ST340
MA4ST340
10 MA4ST350
Nominal Q
MA 4ST350
MA 4ST330 MA 4ST320
1 0.1 1 Reverse Voltage (V) 10
100 0.1
1 Reverse Voltage (V)
10
Nominal Change in Capacitance with temperature
900
700 TCC(PPM/C)
500
300
100
0 1 2 3 4 5 6
Reverse Voltage (V)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Case Styles SOD-323 Case Style 1141
C F D G E
MA4ST300 Series V4
INCHES DIM. A B C D E F G H MIN. 0.010 0.003 0.063 0.045 0.091 MAX. 0.043 0.004 0.008 0.016 0.006 0.075 0.057 0.106
MILLIMETERS MIN. 0.25 0.08 1.6 1.15 2.3 MAX. 1.1 0.1 0.2 0.4 0.15 1.9 1.45 2.7
H B A
SC-70, 3 Lead Case Style 1146
A E J H
INCHES DIM. A B
10 M A X .
MILLIMETERS MAX. 0.087 0.053 0.094 0.057 0.016 0.039 0.004 0.007 0.010 MIN. 1.80 1.15 1.80 1.19 0.25 0.80 0.00 0.10 0.10 MAX. 2.20 1.35 2.40 1.45 0.41 1.00 0.10 0.18 0.25
MIN. 0.071 0.045 0.071 0.047 0.010 0.031 0.000 0.004 0.004
C
B G
F D
C D E F G H J
SC-79 Case Style 1279
Topview Cathode Mark B 10 Max Seating Plane F E
DIM.
A B C D E F G H
MIN.
INCHES MAX.
0.028 0.008 0.010 0.014 0.067 0.051 0.012
MILLIMETERS MIN. MAX.
0.50 0.08 0.15 0.25 0.08 1.50 0.28 0.94 0.71 0.20 0.25 0.36 0.15 1.30 0.30
C D A 10 Max G H
0.020 0.003 0.006 0.010 0.059 0.043 0.011 0.037 typical
0.043
1.09
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Also Offering RoHs Compliant Equivalent Parts
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Mounting Information
The illustration indicates the recommended mounting pad configuration for the SC-79, SOT-323 and SOD-323 packages. Solder paste containing flux should be screened onto the pads to a thickness of 0.005- 0.007 inches. The plastic package is placed in position, firmly adhering to the solder paste. Permanent attachment is performed by a reflow soldering procedure during which the tab temperature does not exceed +275 C and the body temperature does not exceed +250 C, for standard models and +260 C for the RoHS compliant devices. Please refer to Application Note M538 for surface mounting instructions.
MA4ST300 Series V4
SC-79
0.020 0.50
0.020 0.50
0.053 1.35 Dimenstions: inches mm
SOT-323
0.030 0.80 0.030 0.80
SOD-323
0.030 0.80 0.030 0.80
0.075 1.9 0.030 0.80 0.030 0.80
0.030 0.80
.090 2.2 Dimenstions: inches mm
Dimenstions: inches mm
5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MA4ST350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X