Part Number Hot Search : 
BZY93C51 CED62A2 4001BC CM1820 2SC44 IRF78 CGY340 TES150
Product Description
Full Text Search
 

To Download MA4PK3004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Features
Reverse Voltage up to 3000 Volts 25 Ampere Current Rating Designed for HF, Multi-Throw Kilowatt Switches Low Loss, Low Distortion Rugged, Hermetically Sealed Packaging Convenient Solder Lug Attachment Low Magnetic Parts for MRI
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
Package Outlines
Description
M/A-COM's Kilovolt PIN diodes utilize modern semiconductor and packaging technology that assures low loss, low distortion, and reliable performance in multi-kilowatt switch applications at frequencies as low as 1 MHz. The semiconductor chips employed have low resistance, high power dissipation and very high stand-off voltage capability. Kilovolt PIN diodes employ ultra high resistively, long carrier lifetime, float zone silicon intrinsic material onto which P+ and N+ regions are deposited using an epitaxial process specifically designed at M/A-COM for high voltage PIN diodes. This process results in better preservation of the intrinsic carrier lifetime and superior junctions in comparison to the conventional double diffused process. The processing of the I-region width is tightly controlled using modern lapping techniques. Kilovolt PIN diode chips utilize M/A-COM's proprietary cermachip glass passivation. The hard glass covers all exposed junction and intrinsic region surfaces. This results in a hermetically sealed, passivated chip that has been accepted in many hi-rel military programs.
Note: Black dot denotes cathode
Applications
M/A-COM's Kilovolt PIN diodes are designed for use as high power switching elements in multi-kilowatt HF and VHF applications. These PIN diodes have been extensively characterized for their electrical and thermal properties to assure predictable low loss, high power handling, and low distortion performance. Some typical applications are as follows: Filter Switches Antenna Couplers Power Amplifier By-pass Switches MRI Switches
TM
Applications The metal-ceramic packages were developed specifically for the Kilovolt PIN diode series. The packages are designed to withstand extremely high voltages and currents and to be compatible with industry standard semiconductor chip and RF circuitry. These packages meet the environmental requirements of MIL-STD-202 and MIL-STD750. The PIN diode chip is bonded to the package and the anode strap is bonded to the chip at temperatures exceeding 300C. The anode strap has a unique, large cross-sectional area design allowing for high current capability. The packages are sealed using a projection welding technique in an inert environment. Kilovolt PIN diodes are available with a solder lug on the anode electrode to allow for a convenient and reliable wrap-around wire connection. Diode Part Numbers and Associated Packages 2000 Volts
MA4PK2000 MA4PK2001 MA4PK2002 MA4PK2003 MA4PK2004
3000 Volts
MA4PK3000 MA4PK3001 MA4PK3002 MA4PK3003 MA4PK3004
Package Type
Pill Threaded Stud & Solder Lug Threaded Stud Only Insulated Threaded Stud & Solder Lug Insulated Threaded Stud Only
KILOVOLT
is a trademark of M/A-COM, Inc.
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
ABSOLUTE MAXIMUM RATINGS Operating and Storage Temp. Installation Temperature Instantaneous Reverse Voltage Forward Current (RF and DC) -65C to +175C 250C/30 Seconds Voltage Rating 25 Amperes
MAXIMUM POWER DISSIPATION @ TCASE = 25C MA4PK2001 MA4PK2002 MA4PK2003, MA4PK2004 MA4PK3001 MA4PK3002 MA4PK3003 MA4PK3004 50 Watts 37.5 Watts 75 Watts 50 Watts
ELECTRICAL SPECIFICATIONS @ TA = 25C
PARAMETER Reverse Voltage (Max) VR Series Resistance (Max) RS Series Resistance (Typ.) RS Total Capacitance (Max) CT Parallel Resistance (Typ.) RP Carrier Lifetime (Min) TL Forward Voltage (Max) VF Thermal Resistance (Max) O I-Region Width (Nom)
Specifications Subject to Change Without Notice.
CONDITION 10 A F = 4 MHz, I = 0.5 A F = 1.0 -100 MHz, I = 0.5 A F = 1 MHz, V = 100 V F =100 MHz, V = 0 V IF = 10 mA IF = 1 A
MA4PK2000 Series MA4PK3000 Series 2000 Volts 0.20 0.10 3.2 pF 5K 10 s 1.2 V 3C/W (Stud) 4C/W (Ins Stud) 200 M 3000 Volts 0.25 0.15 4.0 pF 10K 20 s 1.2 V 2C/W (Stud) 3C/W (Ins Stud) 325 M
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Typical Performance Curves
SERIES RESISTANCE vs. CURRENT FREQUENCY AT 100 MHz (MA4PK2000, MA4PK3000 SERIES) DC FORWARD VOLTAGE vs. FORWARD CURRENT (MA4PK2000, MA4PK3000 SERIES)
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
REVERSE BIAS CAPACITANCE vs. FREQUENCY AND REVERSE VOLTAGE (MA4PK2000 SERIES)
REVERSE BIAS CAPACITANCE vs. FREQUENCY AND REVERSE VOLTAGE (MA4PK3000 SERIES)
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Typical Performance Curves
REVERSE BIAS CONDUCTANCE vs. FREQUENCY AND REVERSE VOLTAGE (MA4PK2000 SERIES) REVERSE BIAS CONDUCTANCE vs. FREQUENCY AND REVERSE VOLTAGE (MA4PK3000 SERIES)
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
CARRIER LIFETIME vs. FORWARD CURRENT
PULSED THERMAL RESISTANCE
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Case Styles Black Dot Denotes Cathode
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
MA4PK2000
CASE STYLE 1027 DIM A B C D INCHES MIN 0.304 0.286 0.245 0.023 CP = .45pF MAX 0.316 0.292 0.255 0.031 MILLIMETERS MIN 7.72 7.26 6.22 0.58 LS = 2nH MAX 8.02 7.42 6.48 0.79 INCHES MIN 0.468 0.387 0.390 0.028
MA4PK3000
CASE STYLE 1073 MILLIMETERS MAX 0.485 0.411 0.400 0.042 MIN 11.90 9.83 9.90 0.71 MAX 12.30 10.40 10.10 1.06
CP = .75pF
LS = 3nH
MA4PK2001
DIM A B C D E F G H I CASE STYLE 1082 INCHES MILLIMETERS MIN MAX MIN MAX 0.304 0.316 7.72 8.02 0.286 0.292 7.26 7.42 0.245 0.255 6.22 6.48 0.023 0.031 0.58 0.79 0.060 0.065 1.52 1.65 0.281 0.305 7.14 7.75 0.190 0.205 4.83 5.21 6-40 UNF-3A .072 SPLINE X .070 DP
MA4PK3001
CASE STYLE 1084 INCHES MILLIMETERS MIN MAX MIN MAX 0.468 0.485 11.90 12.30 0.387 0.411 9.83 10.40 0.390 0.400 9.90 10.10 0.028 0.042 0.71 1.06 0.060 0.065 1.52 1.65 0.425 0.445 10.80 11.30 0.190 0.205 4.83 5.21 10-32 UNF-2A
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * EuropeCP = 44.1908.574.200 / Fax: 44.1908.574.300 Tel: .75pF LS = 3nH * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM CP = .45pF LS = 2nH makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
.050 SLOT X .060 DP
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Case Styles Black Dot Denotes Cathode
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
MA4PK2002
DIM A B C D F H I CASE STYLE 1048 INCHES MILLIMETERS MIN MAX MIN MAX 0.304 0.316 7.72 8.02 0.286 0.292 7.26 7.42 0.245 0.255 6.22 6.48 0.023 0.031 0.58 0.79 0.281 0.305 7.14 7.75 6-40 UNF-3A .072 SPLINE X .070 DP CP = .45pF LS = 2nH
MA4PK3002
CASE STYLE 1074 INCHES MILLIMETERS MIN MAX MIN MAX 0.468 0.485 11.90 12.30 0.387 0.411 9.83 10.40 0.390 0.400 9.90 10.10 0.028 0.042 0.71 1.06 0.425 0.445 10.80 11.30 10-32 UNF-2A .050 SLOT X .060 DP CP = .75pF LS = 3nH
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Case Styles Black Dot Denotes Cathode
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
MA4PK2003
CASE STYLE 1080 INCHES MILLIMETERS DIM MIN MAX MIN MAX A .304 .316 7.72 8.02 B .254 .270 6.45 6.86 C .245 .255 6.22 6.48 D .023 .031 0.58 0.79 E .221 .252 5.61 6.40 F .780 .790 19.8 20.1 G .245 .255 6.22 6.48 H .128 .137 3.25 3.48 J .120 .130 3.05 3.30 K .007 .009 0.18 0.23 L .190 .205 4.83 5.21 M .060 .065 1.52 1.65 N 6-32 UNF-3A CGND = 1.1pF CP = .45pF LS = 2nH
MA4PK2004
CASE STYLE 1038 INCHES MILLIMETERS DIM MIN MAX MIN MAX A .304 .316 7.72 8.02 B .254 .270 6.45 6.86 C .245 .255 6.22 6.48 D .023 .031 0.58 0.79 E .221 .252 5.61 6.40 F .780 .790 19.8 20.1 G .245 .255 6.22 6.48 H .128 .137 3.25 3.48 J .120 .130 3.05 3.30 K .007 .009 0.18 0.23 N 6-32 UNF-3A CGND = 1.1pF CP = .45pF LS = 2nH
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.
RoHS Compliant 2000 Volt and 3000 Volt PIN Diodes
Case Styles Black Dot Denotes Cathode
MA4PK2000, 3000 KILOVOLTTM Series
V. 6
MA4PK3003
CASE STYLE 1085 INCHES MILLIMETERS DIM MIN MAX MIN MAX A .468 .485 11.9 12.3 B .387 .411 9.83 10.4 C .390 .400 9.90 10.1 D .028 .042 0.71 1.06 E .060 .065 1.52 1.65 F .425 .445 10.8 11.3 G .190 .205 4.83 5.21 H .148 .170 3.76 4.32 J .120 .130 3.05 3.30 K .022 .026 .550 .660 L .190 .205 4.83 5.21 M .060 .065 1.52 1.65 N 10-32 UNF-2A CGND = 1.1pF CP = .75pF LS = 3nH
MA4PK3004
CASE STYLE 1075 INCHES MILLIMETERS DIM MIN MAX MIN MAX A .468 .485 11.9 12.3 B .387 .411 9.83 10.4 C .390 .400 9.90 10.1 D .028 .042 0.71 1.06 E .060 .065 1.52 1.65 F .425 .445 10.8 11.3 G .190 .205 4.83 5.21 H .148 .170 3.76 4.32 J .120 .130 3.05 3.30 K .022 .026 .550 .660 N 10-32 UNF-2A CGND = 1.1pF CP = .75pF LS = 3nH
M/A-COM Inc. and its affiliates reserve the right to make changes to the products or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any products or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit : www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MA4PK3004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X