Part Number Hot Search : 
T1504 P6KE36A 5N03L STM1816 LC5734 FDMS86 ACX470K1 D4242
Product Description
Full Text Search
 

To Download MA4P7470F-1072T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non Magnetic SMQ HIPAX PIN Diode
V 1.00
MA4P7470F-1072T
Features
Non-Magnetic Package Suitable for MRI Applications Rectangular MELF SMQ Ceramic Package Hermetically Sealed Lower Rs for Lower Series Loss n Longer L for Lower Intermodulation Distortion n Lower Cj for Higher Series Isolation n Higher Average Incident Power Handling Capability
n n n n
Description
The MA4P7470F-1072T is a surface mountable PIN diode in a Non-Magnetic ( patent pending ) Metal Electrode Leadless Faced (MELF) package. The device incorporates M/A-COM's proven HIPAX technology to produce a low inductance ceramic package with no ribbons or whisker wires. The package utilizes M/A-COM's new nonmagnetic plating process to provide an extremely low permeability, hermetically sealed package. Incorporated in the package is a passivated PIN diode that is full face bonded on both the cathode and anode of the chip to maximize surface area for lower electrical and thermal resistance. The MA4P7470F-1072T has been comprehensively characterized both electrically and mechanically to ensure repeatable and predictable performance.
Designed for Automated Assembly
These SMQ PIN diodes are designed for high volume tape and reel assembly. The rectangular package design provides for highly efficient automatic pick and place assembly techniques. The parallel flat surfaces are suitable for key jaw or vacuum pickup techniques. All solder able surfaces are tin plated and compatible with reflow and vapor phase soldering methods.
Enviornmental Capability
HIPAX devices are applicable for use in industrial and military applications and can be screened to meet the environmental requirements of MIL-STD -750, MIL-STD-202 as well as other military standards. The table below lists some of the MIL-STD 750 tests the device is designed to meet.
Applications
The diodes are well suited for use in low loss, low distortion, and high power switching circuits applicable for high magnetic field environments from HF through UHF frequencies. The lower thermal resistance of this device provides excellent higher average performance at RF power incident levels up to 200 watts CW. This device is designed to meet the most rigorous electrical and mechanical requirements of MRI testing environments.
MIL-STD-750 Test High Temperature Storage Temperature Shock HTRB Moisture Resistance Gross Leak Vibration Fatigue Solderability 1031 1051 1038 1021 1071 Cond. E 2046 2026 Method Description +150 C, for 340 Hours -65 C to +125 C, 20 Cycles 80% of rated VB, +150 C, for 96 Hours No Initial Conditioning, 85 % RH, +85 C Dye Penetrant Visual 20,000 G's, 60 Hz, x, y, z axis Test Temperature = +245 C
Non Magnetic SMQ HIPAX PIN Diode Electrical Specifications @ +25 C
Parameter Forward Voltage (Maximum) Voltage Rating (Minimum) Total Capacitance (Maximum) Series Resistance (Maximum) Parallel Resistance (Minimum) Carrier Lifetime (Nominal) I-Region Length (Nominal) C.W. Thermal Resistance (Maximum) Power Dissipation in Free Air (Maximum) Power Dissipation with Diode Case at Tambient (Maximum) Symbol VF VR CT RS RP Condition IF = +100 mA Ir = -10 uA -100 V @ 100 MHz +100 mA @ 100 MHz -10 V @ 100 MHz +6 mA / -10 mA @ (50% - 90% Voltage) IH = 1A, IL = 10 mA, T = 1 mS IF = +100 mA IF = +100 mA
MA4P7470F-1072T
V 1.00
Unit Value 1.0 VDC l - 800 l VDC 0.7 pF 0.8 Ohms 50 K 6.5 us 140 m 13 C/W 4W 12 W
L
m W PD
Absolute Maximum Ratings1 @ 25C
Parameter Operating Temperature Storage Temperature Diode Junction Temperature Diode Mounting Temperature RF C.W. Incident Power Forward D.C. Current Reverse Voltage @ -10 uA Absolute Maximum -65 C to +125 C -65 C to +150 C +175 C Continuous +235 C for 10 seconds
+ 53 dBm C.W.
+ 150 mA l - 900 V l
1. Exceeding these limits may cause permanent damage.
2 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n n n
North America: Tel. (800) 366-2266 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Non Magnetic SMQ HIPAX PIN Diode Mechanical Outline
Case Style A Square Min / Max 0.080 / 0.095 (2.03 / 2.41) Dimensions in Inches (mm) B Min / Max 0.115 / 0.135 (2.92/ 3.43)
MA4P7470F-1072T
V 1.00
1072
C Min / Max 0.008 / 0.030 (.203 / .762)
3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n n n
North America: Tel. (800) 366-2266 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Non Magnetic SMQ HIPAX PIN Diode Typical Electrical Performance
MA4P7470F-1072T Rs vs I
1000
MA4P7470F-1072T
V 1.00
Rs_1 GHz Rs_100 MHz
1 GHz 100
Rs (Ohms)
100 MHz 10
1
0.1 0.01
0.10
1.00 I ( mA )
10.00
100.00
MA4P7470F-1072T Rp vs Voltage
1.0E+05
Rp ( Ohms )
Rp_ 1.5 GHz 1.0E+04
1.0E+03 1.00
10.00 V oltage ( V )
100.00
4 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n n n
North America: Tel. (800) 366-2266 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Non Magnetic SMQ HIPAX PIN Diode Typical Electrical Performance
MA4P7470F-1072T Ct vs Voltage
1
MA4P7470F-1072T
V 1.00
1500 MHz
Ct (pF)
100 MHz Ct_ 100 MHz Ct_ 1500 MHz
0.1 0.1 1.0 Voltage ( V ) 10.0 100.0
MA4P7470F-1072T Ls vs Frequency
1
Ls_50 mA
Ls (nH)
0.1 100.0
Frequency ( MHz )
1000.0
5 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n n n
North America: Tel. (800) 366-2266 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Non Magnetic SMQ HIPAX PIN Diode Typical Non-Magnetic Performance
MA4P7470F-1072T
V 1.00
Comparison of Magnetic Moment vs H Field for MA4P7400-1072T Non-Magnetic Series & MA4P1250-1072T Magnetic Devices 2.50E-02
2.00E-02 MA4P1250-1072T Magnetic 1.50E-02 MA4P7400-1072T Non-Magnetic Series 1.00E-02
Device Magnetic Moment (EMU)
MA4P1250-1072T Magnetic
5.00E-03
0.00E+00
-5.00E-03
MA4P7400-1072T Non-Magnetic Series
-1.00E-02
-1.50E-02
-2.00E-02
-2.50E-02 -1.0E+04
-8.0E+03
-6.0E+03
-4.0E+03
-2.0E+03
0.0E+00
2.0E+03
4.0E+03
6.0E+03
8.0E+03
1.0E+04
H Field ( Oersteads )
Table 1 - Typical Magnetic Properties of Non-Magnetic MA4P7470F-1072T Device Vs. Conventional MA4P1250-1072T Magnetic Device
Magnetic Property Saturation Moment (EMU) @ H = HMAX Oersteads Remanance Moment (EMU) @ H = 0 Oersteads Coercivity (Oersteads) @ EMU = 0 Moment MA4P7470F-1072T Value 2.3 x E-4 4.2 x E-8 1 MA4P1250-1072T Value 2.1 x E-2 7.1 x E-3 59.2
6 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n n n
North America: Tel. (800) 366-2266 Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300


▲Up To Search▲   

 
Price & Availability of MA4P7470F-1072T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X