Part Number Hot Search : 
2SC4434 PT6045 BZP62 033200 033200 0F109 MW7IC 044H0
Product Description
Full Text Search
 

To Download MA4EXP190H-1225T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Double Balanced HMICTM Mixer, 2000 - 2300 MHz
V 2.00
MA4EXP190H-1225
Features
n n n n n n
Low Cost SOT-25 Miniature Plastic Package +29 dBm Typical Input IP3 8.1 dB Typical Conversion Loss +15 to +19 dBm LO Drive Double Balanced Passive Mixer NO External Matching Required
Outline SOT 25 Top View
3 2 1
Description
M/A-COM's MA4EXP190H-1225T is a silicon monolithic 2000-2300 MHz double-balanced mixer in a low cost miniature surface mount SOT-25 package. The die uses M/A-COM's unique HMICTM silicon/glass process to achieve low loss passive elements while retaining the advantages of high barrier silicon Schottky diodes to produce a compact device.
4
5
Applications
These mixers are well suited for WCDMA & UMTS applications where high intermodulation suppression is required. Typical applications include frequency conversion, modulation, and demodulation for receivers and transmitters in base station applications.
PIN Configuration
PIN 1 2 3 Function RF Gnd LO PIN 4 5 Function Gnd IF
Ordering Information
Part Number MA4EXP190H-1225T Package Tape and Reel
Absolute Maximum Ratings1
Parameter Operating Temperature Storage Temperature Incident LO Power Incident RF Power Maximum Ratings
Schematic
IF RF LO
-40 C to +85 C -65 C to +150 C +20 dBm +20 dBm
1. Exceeding these limits may cause permanent damage.
Silicon Double Balanced HMICTM Mixer, 2000-2300 MHz Electrical Specifications: @ + 25 C
MA4EXP190H-1225
V 2.00
Parameter
Conversion Loss
Frequency Range
2150 MHz 2000-2300 MHz
Test Conditions
LO Drive = +17 dBm RF = -10 dBm, IF = 60 MHz LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm
Units
dB dB dB dB dB dB dB dB Ratio
Min.
-
Avg.
8.1 8.2 27.0 27.0 28.0 28.0 17.0 17.0 1.8:1 1.8:1 2.5:1 2.5:1 1.4:1 29.0 29.0 13.0 13.0 -
Max.
9.0 9.5 -
L - R Isolation
2150 MHz 2000-2300 MHz
L - I Isolation
2150 MHz 2000-2300 MHz
R - I Isolation
2150 MHz 2000-2300 MHz
LO VSWR
2150 MHz 2000-2300 MHz
RF VSWR
2150 MHz 2000-2300 MHz
Ratio
-
IF VSWR
DC - 300 MHz
Ratio
-
Input IP3
2150 MHz 2000-2300 MHz
LO Drive = +17 dBm IF = 60 MHz LO Drive = +17 dBm IF = 60 MHz LO = 2150 MHz @ +17 dBm
dBm dBm dBm dBm MHz
25 25 0
300
Input 1 dB Compression
2150 MHz 2000-2300 MHz
IF 1 dB Bandwidth
DC-300 MHz
2 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Silicon Double Balanced HMICTM Mixer, 2000-2300 MHz
MA4EXP190H-1225
V 2.00
Typical Performance Curves (LO Drive = +17 dBm, RF = -10 dBm, IF = 60 MHz)
Conversion Loss
-7.400 -7.600 PLO = 19dBm -7.800
-19
Isolation
-15 -17
R-I
LO SS -8.000 (D B) -8.200
PLO = 15dBm -8.400 -8.600 -8.800 -9.000
ISOLATION(dB)
-21 -23 -25 -27 -29
PLO = 17dBm
L-R
L-I
-31 -33 -35
2000 2025 2050 2075 2100 2125 2150 2175 2200 2225 2250 2275 2300
2000
2050
2100
2150
2200
2250
2300
FREQUENCY (MHz)
FREQUENCY (MHz)
VSWR
IF FREQUENCY (MHz) 10 3.00 60 110 160 210 260 310
INPUT IP3 & 1 dB Compression Power
35
PLO = 19dBm
30
PLO = 17dBm
2.80 2.60
L Port PLO = 15dBm
25
IP3 (dBm)
2.40
20
VSWR
2.20 2.00 1.80 R Port
1db Compression Pt.
15
10
1.60 1.40 1.20 1.00 2000 2025 2050 2075 2100 2125 2150 2175
I Port
5
2200 2225 2250
2275 2300
0 2000
2050
2100
2150
2200
2250
2300
RF & LO FREQUENCY (MHz)
FREQUENCY (MHz)
3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Silicon Double Balanced HMICTM Mixer, 2000-2300 MHz
Case Style - SOT-25 SOT-25
INCHES
MA4EXP190H-1225
V 2.00
MILLIMETERS
Dim A B C D E F G H J
Min. .106 .100 .032 .014 .003 .000
Max. .122 .118 .051 .043 .020
Min. 2.70 2.54 .80 .35 .08 .00
Max. 3.10 3.00 1.30
.063 REF.
1.60 REF. 1.10 .50
.006
.15
.018 REF.
.45 REF.
Notes: 1. Leads Coplanarity should be 0.003 (0.08) max.
4 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300


▲Up To Search▲   

 
Price & Availability of MA4EXP190H-1225T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X