Part Number Hot Search : 
ASCX30DN 1N522 B4406 Z550LA20 APTGT1 D70N2L HT1016 BP5038A1
Product Description
Full Text Search
 

To Download MA3U749 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3U749
Silicon epitaxial planar type (cathode common)
Unit : mm
For switching power supply I Features
* Surface mounting type small U-type package * Low forward rise voltage VF * Cathode common dual type
6.5 0.1 5.3 0.1 4.35 0.1
2.3 0.1 0.5 0.1
7.3 0.1
1.8 0.1
2.5 0.1
0.8 max.
0.93 0.1
1.0 0.1 0.1 0.05 0.5 0.1
I Absolute Maximum Ratings Ta = 25C
Parameter Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Symbol VRRM IF(AV) IFSM Tj Tstg Rating 40 5 40 -40 to +125 -40 to +125 Unit V mA
1
0.75 0.1 2.3 0.1 4.6 0.1
2
3
A C C
1 : Anode 2 : Cathode (Common) 3 : Anode U-Type Package
Note) * : Half sine-wave: 10 ms/cycle
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Thermal resistance* Symbol IR VF Rth(j-c) Conditions VR = 40 V, TC = 25C IF = 2.5 A, TC = 25C Between junction and case Min Typ Max 1 0.55 12.5 Unit mA V C/W
Note) 1. Rated input/output frequency: 1 000 MHz 2. * : TC = 25C
1.0 0.2
1
MA3U749
IF V F
104 Ta = 125C 103 - 20C 75C 25C
0.8 0.7
Schottky Barrier Diodes (SBD)
VF Ta
105
IR VR
104
Forward current IF (mA)
Forward voltage VF (V)
0.6 IF = 5 A 0.5 0.4 0.3 0.2 0.1
102
Reverse current IR (A)
Ta = 125C
103 75C 102
2.5 A 1A
10
1
10
25C
10-1
0
0.2
0.4
0.6
0.8
1.0
1.2
0 -40
1
0 40 80 120 160 200
0
10
20
30
40
50
60
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
105 800 700
Ct VR
f = 1 MHz Ta = 25C
Reverse current IR (A)
VR = 45 V 20 V 10 V
Terminal capacitance Ct (pF)
104
600 500 400 300 200 100
103
102
10
1 -40
0 0 40 80 120 160 200
0
10
20
30
40
50
60
Ambient temperature Ta (C)
Reverse voltage VR (V)
2


▲Up To Search▲   

 
Price & Availability of MA3U749

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X