Part Number Hot Search : 
X1227 PI5A3159 AOZ1212 APTGT1 1G32S STP60N MAX6839 5SF125
Product Description
Full Text Search
 

To Download MA3S781E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3S781E
Silicon epitaxial planar type (cathode common)
Unit : mm
0.28 0.05
For high-speed switching circuits I Features
* SS-mini type 3-pin package * Allowing high-density mounting * Cathode common type
1.60 0.1 0.80 0.80 0.05
1.60 - 0.03 0.80 0.80 0.51 0.51
1
+ 0.05
3
2
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) Peak reverse voltage Average forward current Peak forward current Single Double Single Double Tj Tstg IFM Symbol VR VRM IF Rating 30 30 30 20 150 110 125 -55 to +125 C C mA Unit V V mA
0.60 - 0.03
+ 0.05
0.28 0.05
0.44
0.44
+ 0.05
1 : Anode 1 2 : Anode 2 3 : Cathode SS-Mini Type Package (3-pin)
0.88 - 0.03
Marking Symbol: M2R Internal Connection
1 3 2
Junction temperature Storage temperature
I Electrical Characteristics Ta = 25C 3C
Parameter Reverse current (DC) Forward voltage (DC) Symbol IR VF1 VF2 Terminal capacitance Reverse recovery time* Ct trr VR = 30 V IF = 1 mA IF = 30 mA VR = 1 V, f = 1 MHz IF = IR = 10 mA Irr = 1 mA, RL = 100 Vin = 3 V(peak), f = 30 MHz RL = 3.9 k, CL = 10 pF 1.5 1.0 Conditions Min Typ Max 1.0 0.4 1.0 Unit A V V pF ns
Detection efficiency
65
0.12 - 0.02
+ 0.05
0.28 0.05
%
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 2 000 MHz 3. * : trr measuring circuit
Bias Application Unit N-50BU Input Pulse tp 10% Output Pulse tr t IF trr t Irr = 1 mA IF = 10 mA IR = 10 mA RL = 100
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
1
MA3S781E
IF V F
103
Schottky Barrier Diodes (SBD)
VF Ta
1.6 1.4
102 103
IR VR
102
75C 25C
Forward current IF (mA)
Forward voltage VF (V)
Ta = 125C 10
- 20C
1.2 1.0 0.8 0.6 0.4 3 mA 0.2 1 mA
Reverse current IR (A)
Ta = 125C
10 75C
IF = 30 mA
1
1
10-1
10-1
25C
10-2
0
0.2
0.4
0.6
0.8
1.0
1.2
0 -40
10-2
0
40
80
120
160
200
0
5
10
15
20
25
30
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
103
3.0
Ct VR
1 000
IF(surge) tW
Ta = 25C 300 tW 100 30 10 3 1 0.3 0.1 0.03 IF ( surge )
Reverse current IR (A)
VR = 30 V 10 V 1V
Terminal capacitance Ct (pF)
102
2.5
2.0
10
1.5
1
1.0
10-1
0.5
10-2
-40
0
Forward surge current IF(surge) (A)
0
40
80
120
160
200
0
5
10
15
20
25
30
0.1
0.3
1
3
10
30
Ambient temperature Ta
(C)
Reverse voltage VR (V)
Pulse width tW (ms)
2


▲Up To Search▲   

 
Price & Availability of MA3S781E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X