Part Number Hot Search : 
BTA12 2N6788 STB30 LTC1606 TA0104A LTC1606 SB4035PT MAX32
Product Description
Full Text Search
 

To Download MA3D761 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA3D761
Silicon epitaxial planar type (cathode common)
Unit : mm
For switching power supply
15.0 0.5
9.9 0.3 3.0 0.5
4.6 0.2 2.9 0.2
I Features
* Low forward rise voltage VF * TO-220D (Full-pack package) with high dielectric breakdown voltage > 5.0 kV * Easy-to-mount, caused by its V cut lead end
3.2 0.1
13.7 0.2 4.2 0.2
1.4 0.2 1.6 0.2 0.8 0.1 2.54 0.3 3 5.08 0.5
2.6 0.1
0.55 0.15
I Absolute Maximum Ratings Ta = 25C
1 2
Parameter Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature
Symbol VRRM IF(AV) IFSM Tj Tstg
Rating 90 10 100 -40 to +125 -40 to +125
Unit V A A C C
1 : Anode 2 : Cathode (Common) 3 : Anode TO-220D Package
Note) * : Half sine-wave; 10 ms/cycle
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Thermal resistance* Symbol IR VF Rth(j-c) Conditions VR = 90 V, TC = 25C IF = 5 A, TC = 25C Direct current (between junction and case) Min Typ Max 3 0.85 3 Unit mA V C/W
Note) 1. Rated input/output frequency: 150 MHz 2. * : TC = 25C
1
MA3D761
IF V F
102
Schottky Barrier Diodes (SBD)
VF Ta
1.6 1.4 10 1.2 1.0 IF = 10 A 0.8 0.6 0.4 0.2 5A 102
IR VR
10
75C 25C -20C
1
Reverse current IR (mA)
Forward voltage VF (V)
Forward current IF (A)
Ta = 125C
Ta = 125C
1
75C 25C
10-1
10-1
10-2
1A
10-2
10-3
0
0.2
0.4
0.6
0.8
1.0
1.2
0 -40
10-3 0 40 80 120 160 200
0
20
40
60
80
100
120
Forward voltage VF (V)
Ambient temperature Ta (C)
Reverse voltage VR (V)
IR T a
100 VR = 90 V 30 V 10 V 1
800 700
Ct VR
Average forward power PD(AV) (W)
f = 1 MHz Ta = 25C 20
PD(AV) IF(AV)
10
Terminal capacitance Ct (pF)
t0 t1 15 t0 / t1 = 1/6
Reverse current IR (mA)
600 500 400 300 200 100
10
0.1
1/3 1/2 DC
5
0.01
0.001 -40
0
0
40
80
120
160
200
0
20
40
60
80
100
120
0
0
2
4
6
8
10
12
Ambient temperature Ta (C)
Reverse voltage VR
(V)
Average forward current IF(AV) (A)
IF(AV) TC
16
Average forward current IF(AV) (A)
14 12 10 8 6 4 2 0 20 t0 / t1 = 1/2 1/3 DC 1/6
t0 t1
40
60
80
100
120
140
Case temperature TC (C)
2


▲Up To Search▲   

 
Price & Availability of MA3D761

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X