Part Number Hot Search : 
MMBT222 42S16 LH1540 ITM1602A 2N673 0AS01 LD39150 TEG1211
Product Description
Full Text Search
 

To Download MA26V02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Variable Capacitance Diodes
MA26V02
Silicon epitaxial planar type
Unit: mm
For VCO Features
* Good linearity and large capacitance-ratio in CD - VR relation * Small series resistance rD
1 1.000.05
0.600.05
3
2
0.39+0.01 -0.03
Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage Junction temperature Storage temperature Symbol VR Tj Tstg Rating 6 125 -55 to +125 Unit V C C
0.500.05
0.250.05
0.250.05 1
3 0.650.01
2 0.050.03
1: Anode 2: N.C. 3: Cathode ML3-N2 Package
Marking Symbol: 2E
Electrical Characteristics Ta = 25C 3C
Parameter Reverse current Diode capacitance Symbol IR CD1V CD4V Capacitance ratio Series resistance
*
Conditions VR = 5 V VR = 1 V, f = 1 MHz VR = 4 V, f = 1 MHz VR = 4 V, f = 470 MHz
Min
Typ
Max 10
18.0 7.3 2.1
20.0 9.0 2.6 0.3
CD1V /CD4V rD
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes. 2. Absolute frequency of input and output is 470 MHz. 3. *: Measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
0.150.05 0.050.03 0.350.01
Unit nA pF
Publication date: November 2003
SKD00073CED
1
MA26V02
IF V F
180 160 102
CD VR
f = 1 MHz Ta = 25C
1.032 f = 1 MHz
CD Ta
Diode capacitance CD (pF)
Forward current IF (mA)
140 120 100 80 60 40 20 0
Ta = 60C
1.024
VR = 1 V
CD (Ta) CD (Ta = 25C)
1.016 4V
-40C 25C
10
1.008
1.000
0.992
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
0.984
0
2
4
6
8
0
20
40
60
80
100
Forward voltage VF (V)
Reverse voltage VR (V)
Ambient temperature Ta (C)
IR T a
10 VR = 5 V
Reverse current IR (nA)
1
10-1
10-2
0
40
80
120
Ambient temperature Ta (C)
2
SKD00073CED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of MA26V02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X