Part Number Hot Search : 
MB810 EL3021 DTL1638 74ABT540 HCT100 11084 00BGI MLD5120
Product Description
Full Text Search
 

To Download MA02305AK-SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0 V 100 mW RF Power Amplifier IC for Bluetooth
V 1.00
MA02305AK
Features
n 20 dB Gain - dramatically increases range of your low
MA02305AK
power Bluetooth devices
n Single 3.0V positive supply - operates over a wide
range of supply voltages
n Extremely small size - 6 pin SOT plastic package n n n n n
3 mm x 1.75 mm body size Output power easily controllable via VDD1 45% Power Added Efficiency 100% Duty Cycle 2000 to 2900 MHz Operation Self-Aligned MSAG(R)-Lite MESFET Process
Description
The MA02305AK is an RF power amplifier based on M/ACOM's Self-Aligned MSAG(R) MESFET Process. This product is designed for use in 2.4 GHz ISM products as a booster for high power Bluetooth devices. Output power can be controlled to meet Bluetooth requirements via varying input power or the voltage on VDD1.
Maximum Ratings
Rating DC Supply Voltage
(TA = 25C unless otherwise noted)
Symbol V DD PIN TJ TSTG
Value 5.5 10 150 -40 to +150
Unit V mW C C
Ordering Information
Part Number MA02305AK-R7 MA02305AK-SMB Package 7 inch, 3000 Piece Reel MA02305AK Test Board
RF Input Power Junction Temperature Storage Temperature Range
Electrical Characteristics:
Characteristic
VDD1 = 2.5 V, VDD2 = 3 V, PIN = +0 dBm, Duty Cycle = 100%, T A = 25C
Symbol POUT 2 3 S21 RT H Min 2400 18.7 40 20 45 -30 -27 1.5 -25 180 -26 -22 2.0 Typ Max 2500 Unit MHz dBm % dBc :1 dB C/W
Frequency Range Output Power f = 2450 MHz Power Added Efficiency f = 2450 MHz Harmonics Input VSWR Off Isolation (VDD=0 V) Thermal Resistance, junction to soldering point (pin 2) Load Mismatch (VDD = 5.5 V, VSWR = 8:1, PIN = 0 dBm) Stability (PIN = 0dBm, V DD = 0-5.5 V, Load VSWR = 5:1, fixed phases)
No Degradation in Power Output All non-harmonically related outputs more than 60 dB below desired signal
3.0 V 100 mW RF Power Amplifier IC for Bluetooth Typical Performance Curves
Output Power, Drain Currents, and Efficiency vs. Frequency V DD2 = 3 V , VDD1 = 2.5 V, PIN = 0 dBm 50 40 30 20 10 0
2300 2350 2400 2450 2500 2550 2600
Pout
MA02305AK
V 1.00
Output Power, Drain Currents and Efficiency vs. Input Power V DD2 = 3 V , = 2450 MHz, V DD1 = 2.5V
Pout (dBm), PAE (%)
Pout (dBm), PAE (%)
65 45 35 25 15 5 Id1, Id2 (mA) 55
50 40 30 20 10 0 -15 -10 -5 0 5
100 80 60 40 20 0
Pout PAE Id1 Id2
Frequency (MHz)
PAE Id1 Id2
Input Power (dBm)
Output Power, Drain Currents and Efficiency vs. Supply Voltage PIN = 0 dBm , = 2450 MHz, VDD1 = 2.5 V
50 40 30 20 10 0 0 1 2 3 4 5 100
Output Power, Drain Currents and Efficiency vs. V DD1 for Power Control PIN = 0 dBm , = 2450 MHz, VDD2 = 3 V
60 70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Pout PAE Id1 Id2
Pout (dBm), PAE (%)
Pout (dBm), PAE (%)
Id1, Id2 (mA)
80 60 40 20 0
50 40 30 20 10 0 -10
Pout PAE Id1 Id2
VD2 (volts)
VD1 (volts)
Harmonics PIN = 0 dBm , 0 = 2450 MHz, V DD1 = 2.5V, VDD2 = 3V
Output Power, Input Return Loss and Efficiency vs. Temperature PIN = 0 dBm , = 2450 MHz, VDD1 = 2.5 V, VDD2 = 3 V
Output Power (dBm)
10 0 -10 -20 -30 -40 fo 2fo 3fo 4fo 5fo
Pout (dBm), PAE (%)
50 40 30 20 10 -40 25 80
-10 -15 -20 -25 -30
Temperature (C)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Input Return Loss (dB)
Pout PAE IRL
20
Id1, Id2 (mA)
Id1, Id2 (mA)
3.0 V 100 mW RF Power Amplifier IC for Bluetooth Mechanical Data
MA02305AK
V 1.00
C1
C4
C2 C5 C6 L1 R1
L2
C3
Component layout and printed circuit drawing for evaluation board.
Application Information
List of Components for MA02305AK:
Part C1 C2 C3 C4 C5 C6 R1 L1 L2 Value 100 pF 100 pF 100 pF 4700 pF 1.5 pF 0.5 pF 210 Ohm 2.7 nH 22 nH Manufacturer Dielectric Labs Murata Murata Murata Dielectric Labs Dielectric Labs Panasonic Toko Coilcraft Size 0805 0603 0603 0603 0603 0805 0603 0603 0603 Part Number C11AH101K8TXL GRM39C0G101J050AD GRM39C0G101J050AD GRM39X7R471K C06CF1R5B5UL C11AH0R5B8TXL ERJ-3EKF2100 LL1608-F2N7S 0603HC-22NXJBU
Vdd2 C4
Vdd1 0.18 C1 L2 0.27* 0.15*
4 5 3
C3
RFout
0.05*
2 1
RFin
C2
0.26
L1
0.12
6
C6
C5
Vgg1 R1
Vgg2
0.28*
Evaluation Board Schematic. 50 transmission line lengths in inches based on 10 mil thick, FR4. Critical line lengths denoted with (*).
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3
3.0 V 100 mW RF Power Amplifier IC for Bluetooth Designing With the MA02305AK
MA02305AK
V 1.00
The MA02305AK is built using a near-enhancement mode FET that operates from a single supply voltage. A negative voltage is not required because the FET is designed to operate with a +0V DC gate bias. There is no impedance matching or RF choking on this IC - these functions are supplied externally. This approach offers the highest level of performance. To duplicate MA02305AK data sheet performance, your circuit board must recreate the same impedances developed on the evaluation board depicted in the preceding figures. One-port S-parameters looking into the board impedances away from the device are listed below. The calibration plane for the datasheet is the pin of the device.
Frequency (MHz) GHz
V GG2 Pin 1 MAG ANG
RF O U T/V D D 2 Pin 3 MAG ANG
V DD1 Pin 4 MAG ANG
RF IN /V GG1 Pin 6 MAG ANG
0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00
0.97043 0.99055 0.99177 0.98788 0.98749 0.98721 0.98736 0.98679 0.98706 0.98788 0.98726 0.98626 0.98641 0.98644 0.98500 0.98453 0.98446 0.98349 0.98313 0.98382 0.98452 0.98438 0.98388 0.98292 0.98095 0.98047 0.97883 0.97676 0.97636 0.97572
179.42 174.22 171.32 168.52 165.67 162.81 159.91 157.04 154.23 151.34 148.45 145.60 142.71 139.82 136.88 133.95 130.94 127.91 124.92 121.96 118.98 115.96 112.89 109.77 106.65 103.48 100.30 97.12 94.00 90.90
0.71433 0.60534 0.47048 0.33247 0.26397 0.19530 0.14041 0.08519 0.07177 0.06349 0.06587 0.07191 0.08315 0.09505 0.10675 0.11951 0.12963 0.14015 0.14882 0.15720 0.16432 0.17177 0.17810 0.18392 0.18976 0.19541 0.20085 0.20642 0.21257 0.21802
139.99 129.51 120.60 111.57 107.46 103.28 110.03 120.66 135.30 153.01 169.91 -174.26 -166.96 -160.56 -157.86 -155.52 -155.34 -154.79 -155.14 -155.31 -155.56 -156.08 -156.67 -157.01 -157.26 -157.75 -157.91 -157.88 -158.32 -158.71
0.95319 0.98326 0.98368 0.97982 0.98418 0.98820 0.98958 0.99031 0.98996 0.98991 0.98978 0.98931 0.98780 0.98649 0.94242 0.89784 0.94174 0.98750 0.98984 0.99198 0.99283 0.99454 0.99489 0.99429 0.99242 0.99221 0.98695 0.98054 0.94404 0.90652
152.14 162.08 173.64 -174.63 178.14 170.74 166.96 163.16 160.07 156.76 153.72 150.61 147.19 143.63 143.98 144.34 139.92 135.30 132.06 128.73 125.72 122.46 119.34 116.09 112.85 109.40 105.78 102.09 98.07 93.92
0.17741 0.15709 0.16001 0.16851 0.18235 0.19827 0.21441 0.23162 0.24969 0.26778 0.28514 0.30267 0.31953 0.33628 0.35222 0.36683 0.38061 0.39320 0.40495 0.41623 0.42563 0.43485 0.44313 0.45009 0.45667 0.46135 0.46780 0.47186 0.47850 0.48427
-126.15 -145.68 -151.45 -154.29 -156.15 -158.65 -161.89 -165.23 -168.85 -173.43 -178.11 176.84 171.23 165.32 159.06 152.71 145.84 138.74 131.52 124.12 116.58 108.81 101.04 93.13 85.39 77.68 70.00 62.56 55.39 48.41
4
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3.0 V 100 mW RF Power Amplifier IC for Bluetooth
Frequency (MHz) GHz V GG2 Pin 1 MAG ANG RF O U T/V D D 2 Pin 3 MAG ANG V DD1 Pin 4 MAG ANG
MA02305AK
V 1.00 RF IN /V GG1 Pin 6 MAG ANG
3.10 3.20 3.30 3.40 3.50 3.60 3.70 3.80 3.90 4.00 4.10 4.20 4.30 4.40 4.50 4.60 4.70 4.80 4.90 5.00 5.10 5.20 5.30 5.40 5.50 5.60 5.70 5.80 5.90 6.00
0.97519 0.97443 0.97243 0.97032 0.96903 0.96701 0.96360 0.96292 0.96262 0.96034 0.95820 0.95728 0.95652 0.95406 0.95198 0.95125 0.95152 0.95166 0.95067 0.94774 0.94351 0.94210 0.94232 0.94193 0.94382 0.94635 0.94601 0.94421 0.94367 0.94249
87.69 84.47 81.27 78.11 74.98 71.74 68.63 65.58 62.38 59.13 55.98 52.79 49.53 46.40 43.31 40.19 37.10 33.99 30.77 27.57 24.50 21.54 18.59 15.72 12.78 9.68 6.52 3.50 0.68 -2.19
0.22473 0.23177 0.24068 0.24969 0.26052 0.27111 0.28211 0.29396 0.30492 0.31552 0.33008 0.34582 0.36052 0.37552 0.39089 0.40622 0.42189 0.44003 0.45429 0.46894 0.48131 0.49478 0.50530 0.51842 0.52984 0.54223 0.54973 0.55888 0.56482 0.56973
-158.80 -158.99 -159.25 -159.62 -160.44 -161.00 -161.90 -162.97 -164.32 -165.45 -167.00 -168.67 -170.75 -172.64 -175.10 -177.54 179.59 176.61 173.31 169.93 166.56 163.09 159.43 155.69 151.82 147.54 143.21 138.79 134.44 130.04
0.92813 0.95106 0.96150 0.97174 0.96351 0.95413 0.93047 0.91064 0.93350 0.95344 0.95477 0.95909 0.95625 0.95056 0.94539 0.94197 0.93401 0.92723 0.90236 0.87776 0.84543 0.81564 0.85067 0.88431 0.89525 0.90655 0.90262 0.89847 0.88135 0.86517
94.32 94.75 90.58 86.31 82.36 78.37 76.80 75.14 71.90 68.60 64.91 61.22 57.65 54.21 50.71 47.20 43.41 39.69 35.79 32.01 31.67 31.34 29.15 27.07 23.25 19.42 15.33 11.62 8.25 5.04
0.49202 0.49805 0.50499 0.51221 0.51994 0.52764 0.53520 0.54388 0.55281 0.56144 0.57003 0.57934 0.58809 0.59686 0.60531 0.61438 0.62434 0.63385 0.64268 0.65242 0.65976 0.66830 0.67776 0.68668 0.69550 0.70606 0.71713 0.72678 0.73521 0.74383
41.58 35.13 28.91 22.98 17.31 11.82 6.57 1.67 -3.06 -7.62 -11.96 -15.94 -19.92 -23.71 -27.27 -30.62 -33.90 -37.21 -40.26 -43.36 -46.33 -49.11 -51.79 -54.49 -57.16 -59.79 -62.63 -65.49 -68.25 -71.11
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MA02305AK-SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X