Part Number Hot Search : 
PS1201 561U100H 29F800 MIC293 HD74H MIW2022 M7212 B250014
Product Description
Full Text Search
 

To Download M74HCT74MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT74 Dual D-Type Flip-Flop with Preset and Clear
February 1984 Revised January 2005
MM74HCT74 Dual D-Type Flip-Flop with Preset and Clear
General Description
The MM74HCT74 utilizes advanced silicon-gate CMOS technology to achieve operation speeds similar to the equivalent LS-TTL part. It possesses the high noise immunity and low power consumption of standard CMOS integrated circuits, along with the ability to drive 10 LS-TTL loads. This flip-flop has independent data, preset, clear, and clock inputs and Q and Q outputs. The logic level present at the data input is transferred to the output during the positivegoing transition of the clock pulse. Preset and clear are independent of the clock and accomplished by a low level at the appropriate input. The 74HCT logic family is functionally and pin-out compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground. MM74HCT devices are intended to interface between TTL and NMOS components and standard CMOS devices. These parts are also plug-in replacements for LS-TTL devices and can be used to reduce power consumption in existing designs.
Features
s Typical propagation delay: 20 ns s Low quiescent current: 40 A maximum (74HCT Series) s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Meta-stable hardened
Ordering Code:
Order Number MM74HCT74M MM74HCT74SJ M74HCT74MTC MM74HCT74N MM74HCT74N_NL Package Number M14A M14D MTC14 N14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Pb-Free 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B.
(c) 2005 Fairchild Semiconductor Corporation
DS005360
www.fairchildsemi.com
MM74HCT74
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Truth Table
Inputs PR L H L H H H CLR H L L H H H CLK X X X D X X X H L X Outputs Q H L Q L H
H H (Note 1) (Note 1) H L Q0 L H Q0

L
Q0 = the level of Q before the indicated input conditions were established. Note 1: This configuration is nonstable; that is, it will not persist when preset and clear inputs return to their inactive (HIGH) level.
Logic Diagram
www.fairchildsemi.com
2
MM74HCT74
Absolute Maximum Ratings(Note 2)
(Note 3) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 4) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) Input Rise or Fall Times (tr, tf) 500 ns
Note 2: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 3: Unless otherwise specified all voltages are referenced to ground. Note 4: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
-0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 50 mA -65C to +150C
Max 5.5 VCC
Units V V
4.5 0
-40
+85
C
DC Electrical Characteristics
VCC = 5V 10% (unless otherwise specified) Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| = 20 A |IOUT| = 4.0 mA, VCC = 4.5V |IOUT| = 4.8 mA, VCC = 5.5V VOL Maximum LOW Level Voltage VIN = VIH or VIL |IOUT| = 20 A |IOUT| = 4.0 mA, VCC = 4.5V |IOUT| = 4.8 mA, VCC = 5.5V IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = VCC or GND, VIH or VIL VIN = VCC or GND IOUT = 0 A VIN = 2.4V or 0.5V (Note 5)
Note 5: This is measured per pin. All other inputs are held at VCC Ground.
Conditions
TA = 25C Typ 2.0 0.8
TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 2.0 0.8 2.0 0.8
Units V V
VCC 4.2 5.2 0 0.2 0.2
VCC- 0.1 3.98 4.98 0.1 0.26 0.26 0.0.5
VCC- 0.1 3.84 4.84 0.1 0.33 0.33 0.5
VCC- 0.1 3.7 4.7 0.1 0.4 0.4 1.0
V V V V V V A
2.0 0.3
20 0.4
80 0.5
A mA
3
www.fairchildsemi.com
MM74HCT74
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol fMAX Parameter Maximum Operating Frequency from Clock to Q or Q tPHL, tPLH tPHL, tPLH Maximum Propagation Delay Clock to Q or Q Maximum Propagation Delay from Preset or Clear to Q or Q tREM tS tH tW Minimum Removal Time, Preset or Clear to Clock Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Minimum Pulse Width Clock, Preset or Clear 8 16 ns -3 0 ns 20 ns 20 ns 18 30 ns 18 30 ns Conditions Typ 50 Guaranteed Limit 30 Units MHz
AC Electrical Characteristics
VCC = 5.0V 10%, CL = 50 pF, tr = tf = 6 ns unless otherwise specified Symbol fMAX tPHL, tPLH Parameter Maximum Operating Frequency Maximum Propagation Delay from Clock to Q or Q tPHL, tPLH Maximum Propagation Delay from Preset or Clear to Q or Q tREM tS tH tW tr, tf tTHL, tTLH CPD CIN Minimum Removal Time Preset or Clear to Clock Minimum Setup Time Data to Clock Minimum Hold Time Clock to Data Minimum Pulse Width Clock, Preset or Clear Maximum Clock Input Rise and Fall Time Maximum Output Rise and Fall Time Power Dissipation Capacitance (Note 6) Maximum Input Capacitance
Note 6: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC.
Conditions
TA = 25C Typ 27 21 35
TA = -40 to +85C Guaranteed Limits 21 44
Units MHz ns
21
35
44
ns
20 20 -3 9 0 16 500 15 (per flip-flop) 10 5 10
25 25 0 20 500 19
ns ns ns ns ns ns pF
10
pF
www.fairchildsemi.com
4
MM74HCT74
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
5
www.fairchildsemi.com
MM74HCT74
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
6
MM74HCT74
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
7
www.fairchildsemi.com
MM74HCT74 Dual D-Type Flip-Flop with Preset and Clear
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of M74HCT74MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X