Part Number Hot Search : 
26FBP06 18CX10 STM8450A SDA130A 26N50 2SD2295 TC4056 03515
Product Description
Full Text Search
 

To Download M74HC4016TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC4016
QUAD BILATERAL SWITCH
s
s
s
s
s
s
s
HIGH SPEED: tPD = 9ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C LOW "ON" RESISTANCE: RON = 60 TYP. AT VCC = 9V, II/O = 100 A WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2V TO 12V SINE WAVE DISTORTION: 0.042% at VCC = 9Vpp , f = 1KHz HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 4016
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HC4016B1R M74HC4016M1R T&R M74HC4016RM13TR M74HC4016TTR
DESCRIPTION The M74HC4016 is an high speed CMOS QUAD BILATERAL SWITCH fabricated with silicon gate C2MOS technology.
The C input is provided to control the switch; the switch is on when the C input is held high and off when C is held low.
PIN CONNECTION AND IEC LOGIC SYMBOLS
August 2001
1/11
M74HC4016
LOGIC DIAGRAM PIN DESCRIPTION
PIN No 1, 4, 8, 11 2, 3, 9, 10 13, 5, 6, 12 7 14 SYMBOL 1 to 4 I/O 1 to 4 O/I 1C to 4C GND VCC NAME AND FUNCTION Independent Inputs/Outputs Independent Outputs/ Inputs Enable Inputs (Active High) Ground (0V) Positive Supply Voltage
TRUTH TABLE
CONTROL H L SWITCH FUNCTION ON OFF
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VIN VI/O IOK IIOK IO Supply Voltage DC Input Voltage DC Input/Output Voltage Control Input DC Diode Current I/O DC Diode Current DC Output Source Sink Current Per Output Pin Parameter Value -0.5 to +13 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500(*) -65 to +150 300 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current PD Power Dissipation Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN VI/O Top Supply Voltage Input Voltage (Control) I/O Voltage Operating Temperature Input Rise and Fall Time tr, tf VCC = 2.0V VCC = 4.5V VCC = 6.0V VCC = 10.0V Parameter Value 2 to 12 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 0 to 250 ns Unit V V V C
2/11
M74HC4016
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 9.0 12.0 2.0 4.5 9.0 12.0 4.5 VIN = VIHC 9.0 VI/O = VCC to GND II/O = 100A 12.0 4.5 VIN = VIHC 9.0 VI/O = VCC or GND II/O = 100A 12.0 4.5 VIN = VIHC 9.0 VI/O = VCC or GND II/O 100A 12.0 VOS = VCC or GND 12.0 VIS = VCC or GND VIN = VILC 12.0 6.0 6.0 9.0 12.0 VOS = VCC or GND VIN = VIHC VIN = VCC or GND VIN = VCC or GND TA = 25C Min. 1.5 3.15 6.3 8.4 0.5 1.35 2.5 3.6 320 170 120 160 120 100 Typ. Max. Value -40 to 85C Min. 1.5 3.15 6.3 8.4 0.5 1.35 2.5 3.6 400 213 150 200 150 125 Max. -55 to 125C Min. 1.5 3.15 6.3 8.4 0.5 1.35 2.5 3.6 450 260 180 250 200 150 Max. Unit
VIHC
High Level Control Input Voltage
V
VILC
Low Level Control Input Voltage
V
RON
ON Resistance
RON
Difference of ON Resistance between switches Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Control Input Current Quiescent Supply Current
160 85 60 80 60 50 16 9 6
IOFF
0.1
1
2
A
IIZ
0.1 0.1 1 4 8
1 1 10 40 80
2 1 20 80 160
A A A
IIN ICC
3/11
M74HC4016
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 20 5 4 3 40 10 8 7 60 15 10 8 Max. 50 10 8 7 100 20 15 14 150 30 26 24 Value -40 to 85C Min. Max. 65 13 10 9 125 25 20 18 190 38 33 30 -55 to 125C Min. Max. 75 15 12 11 150 30 24 21 225 45 36 32 Unit
I/O
tPZL tPZH
tPLZ tPHZ
2.0 4.5 9.0 12.0 Output Enable Time 2.0 4.5 9.0 12.0 Output Disable 2.0 Time 4.5 9.0 12.0
Phase Difference Between Input and Output
ns
RL = 1K
ns
RL = 1K
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 5 5 1 15 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF pF Unit
CIN CI/O CIOS CPD
Input Capacitance Switch Terminal Capacitance Feed Through Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
4/11
M74HC4016
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25C)
Symbol Parameter VCC (V) Sine Wave Distortion (THD) fMAX Frequency Response (Switch ON) Feed through Attenuation (Switch OFF) Crosstalk (Control Input to Signal Output) Crosstalk (Between Any Switches) 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 4.5 9.0 12.0 VIN (Vp-p) 4.5 9.0 12.0 fIN = 1 KHz RL = 10 K, CL = 50 pF Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 50 pF VIN is centered at VCC/2. Adjust input for 0 dBm RL = 600 CL = 50 pF, fIN = 1MHz sine wave Test Condition Value Typ. 0.118 0.042 0.032 23 38 42 -50 -50 -50 8 23 40 -50 -50 -50 Unit
%
MHz
dB
RL = 600, CL = 50 pF, fIN = 1MHz square wave (tr = tf =6ns) Adjust VIN to Obtain 0 dBmat input RL = 600, CL = 50 pF, fIN = 1MHz sine wave
mV
dB
5/11
M74HC4016
SWITCHING CARACTERISTICS TEST CIRCUIT
CROSSTALK (control to output)
BANDWIDTH AND FEEDTHROUGH ATTENUATION
CROSSTALK BETWEEN ANY TWO SWITCHES
MAXIMUM CONTROL FREQUENCY
6/11
M74HC4016
CHANNEL RESISTANCE (RON) ICC (Opr.)
7/11
M74HC4016
Plastic DIP-14 MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001A
8/11
M74HC4016
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
9/11
M74HC4016
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
10/11
M74HC4016
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of M74HC4016TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X