Part Number Hot Search : 
MB258GW STBCFG01 W9816G6 1N4007 321J1U 74C926 21C10 LNBEH21
Product Description
Full Text Search
 

To Download M74ACT02TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT02
QUAD 2-INPUT NOR GATE
s s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 5ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 2A(MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), V IL = 0.8V (MAX.) 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 02 IMPROVED LATCH-UP IMMUNITY
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE 74ACT02B 74ACT02M T&R 74ACT02MTR 74ACT02TTR
DESCRIPTION The 74ACT02 is an advanced high-speed CMOS QUAD 2-INPUT NOR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.
The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
April 2001
1/8
74ACT02
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 2, 5, 8, 11 3, 6, 9, 12 1, 4, 10, 13 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H B L H L H Y H L L L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 200 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) Parameter Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to 125 8 Unit V V V C ns/V
1) VIN from 0.8V to 2.0V
2/8
74ACT02
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Low Level Output Voltage 4.5 5.5 4.5 5.5 II ICCT ICC IOLD IOHD Input Leakage Current Max ICC/Input Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 5.5 VO = 0.1 V or VCC-0.1V VO = 0.1 V or VCC-0.1V IO=-50 A IO=-50 A IO=-24 mA IO=-24 mA IO=50 A IO=50 A IO=24 mA IO=24 mA VI = VCC or GND VI = VCC - 2.1V VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min 0.6 2 4.4 5.4 3.86 4.86 0.001 0.001 0.1 0.1 0.36 0.36 0.1 TA = 25C Min. 2.0 2.0 Typ. 1.5 1.5 1.5 1.5 4.49 5.49 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1 1.5 20 75 -75 Max. Value -40 to 85C Min. 2.0 2.0 0.8 0.8 4.4 5.4 3.7 4.7 0.1 0.1 0.5 0.5 1 1.6 40 50 -50 A mA A mA mA V Max. -55 to 125C Min. 2.0 2.0 0.8 0.8 V Max. V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) Value
TA = 25C Min. 1.5 Typ. 5.0 Max. 8.0
-40 to 85C Min. 1.0 Max. 11.0
-55 to 125C Min. 1.0 Max. 11.0
Unit
tPLH tPHL Propagation Delay Time
(*) Voltage range is 5.0V 0.5V
5.0(*)
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 fIN = 10MHz TA = 25C Min. Typ. 4 47 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
3/8
74ACT02
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500W or equivalent RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
4/8
74ACT02
Plastic DIP-14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
5/8
74ACT02
SO-14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
6/8
74ACT02
TSSOP14 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/8
74ACT02
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of M74ACT02TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X