Part Number Hot Search : 
UG2006 HMC39507 AD1585 1M35V10 OZ6833B BLF546 L128D AD1556
Product Description
Full Text Search
 

To Download M62216GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M62216FP/GP
Low Voltage Operation STEP-UP DC/DC Converter
REJ03D0845-0300 Rev.3.00 Jun 15, 2007
Description
The M62216FP is designed as low voltage operation STEP-UP DC/DC converter. This IC can operate very low input voltage (over 0.9 V) and low power dissipation. (circuit current is less than 850 A) So, this IC suitable for power supply of portable system that using low voltage battery. (DRY battery, rechargeable battery)
Features
* * * * * * Pre-drive type PWM output (Pre-drive only) Low voltage operation: VIN = 0.9 V min. Low current dissipation: IB = 850 A typ. Pre-drive output current can be adjusted Built-in ON/OFF Function: IB (OFF) = 35 A typ. Application for STEP-DOWN Converter can be used
Application
DC/DC Converter for portable sets of battery used
Block Diagram
ON/OFF 7 8 VREF Iconst 1 OSC
+ - -
BIAS
DRIVE2 DRIVE1
2
++
Amp
PWM Comp Start 3 PWM
Start OSC
6 IN
5 FB
4 GND
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 1 of 11
M62216FP/GP
Pin Arrangement
M62216FP/GP DRIVE2 DRIVE1 PWM GND 1 2 3 4 (Top view) Outline: PRSP0008DE-C [FP] (recommend) PRSP0008DA-A (8P2S-A) [FP] (not recommend for new design) 8P2X-A [GP] 8 7 6 5 BIAS ON/OFF IN FB
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 2 of 11
M62216FP/GP
Absolute Maximum Ratings
(Ta = 25C, unless otherwise noted)
Item Input voltage Bias terminal supply voltage Drive1 terminal supply voltage Drive2 terminal supply voltage Drive1 terminal input current Drive2 terminal Input current Power dissipation Operating temperature Storage temperature Symbol VIN VBlAS VDRIVE1 VDRIVE2 IDRIVE1 IDRIVE2 Pd Topr Tstg Ratings 15.5 15.5 15.5 15.5 100 10 440 (FP) 250 (GP) -20 to +85 -40 to +150 Units V V V V mA mA mW C C Ta = 25C Conditions
Electrical Characteristics
(Ta = 25C, VIN = 1.7 V, VOUT = VBIAS = 3.0 V, unless otherwise noted)
Block All device Item Input voltage range BIAS voltage setting range* BIAS current Voltage reference Error Amp. BIAS current at off mode Reference voltage BIAS voltage regulation of VREF Input current Open loop voltage gain FB terminal sink current Osc. FB terminal source current Oscillation frequency Maximum on duty Output Saturation voltage between PWM Term. and DRIVE1 Term. Saturation voltage between PWM Term. and DRIVE2 Term. Leak current of DRIVE1 terminal Leak current of DRIVE2 terminal Output low voltage of PWM terminal ON/OFF Input current of ON/OFF terminal at on status Threshold voltage of ON/OFF terminal
1
Symbol VIN VBlAS IB IB (OFF) VREF VREF IIN AV IFB+ IFB- fOSC DUTYmax Vsat1 Vsat2 IL1 IL2 VPWM (L) ION VTH (ON)
Min 0.9 1.7 1.20 260 30 95 82 -1 -1
Limits Typ Max 850 35 1.26 10 20 70 800 45 125 87 0.25 1.0 0.03 2 0.65 15 15 1200 47 1.32 30 60 155 92 0.5 1.2 1 1 0.3 3 0.75
Units V V A A V mV nA dB A A kHz % V V A A V A V
Test Condition
Use internal amp as Buffer-amp VBIAS = 1.7 to 15 V IN = 1 V/IM fIN = 100 Hz, null amp operation IN = 1.4 V, FB = 1.25 V/IM IN = 1.1 V, FB = 1.25 V/IM PWM terminal monitored PWM terminal monitored, IN = 1.1 V IDRIVE1 = 50 mA, IDRIVE2 = 5 mA
IN = 1.4 V IN = 1.4 V IPWM = 1 mA
Note:
1. Setting range of BlAS voltage as same as setting range of output voltage.
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 3 of 11
M62216FP/GP
Application Circuit
(1) Standard application circuit
VIN CIN + 7 ON/OFF BIAS DRIVE2 DRIVE1 IN 6 FB 5 GND 4 PWM 8 RD2 1 RD1 2 3 Tr R2 R1 VIN : 0.9~14 V VOUT : 1.7~15 V (VOUT > VIN) L Di + VOUT Co
(2) Application circuit 1 (VIN 1.7 V)
VIN CIN + 7 ON/OFF BIAS DRIVE2 DRIVE1 IN 6 FB 5 GND 4 PWM 8 RD2 1 RD1 2 3 Tr R2 R1 VIN : 1.7~14 V VOUT : 2.5~15 V (VOUT > VIN) L Di + VOUT Co
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 4 of 11
M62216FP/GP (3) Application circuit 2 (VOUT > 15 V)
VIN CIN + 7 ON/OFF BIAS 8 RD2 DRIVE2 1 RD1 DRIVE1 2 Tr IN 6 FB 5 GND 4 PWM 3 R2 R1 VIN : 1.7~15 V VOUT : 15 V~ (VOUT > VIN) L Di + VOUT Co
(4) Application circuit for STEP-DOWN circuit
VIN CIN + 7 ON/OFF BIAS 8 RD2 DRIVE2 1 DRIVE1 2 IN 6 FB 5 GND 4 PWM 3 R2 RD1 R1 VIN : 2.0~15 V VOUT : 1.7~14 V (VOUT < VIN) Tr L Di + VOUT
Co
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 5 of 11
M62216FP/GP
Typical Characteristics
Thermal Derating (Absolute Maximum Rating)
600 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0 25 50 75 100 125 150 0 2 4 6 8 10 12 14 16
BIAS Current vs. BIAS Voltage (Ta = 25C)
Power Dissipation Pd (mW)
FP 400 300 200 100 0
GP
Ambient Temperature Ta (C) BIAS Current vs. Ambient Temperature
1.6 80 VBIAS = 1.7 V VBIAS = 3.0 V VBIAS = 15 V
BIAS Current IB (mA)
500
BIAS Voltage VBIAS (V) OFF State BIAS Current vs. BIAS Voltage (ON/OFF = GND)
Ta = -20C Ta = +25C Ta = +85C
OFF State BIAS Current IB (OFF) (A)
60 80 100
BIAS Current IB (mA)
1.4 1.2 1.0 0.8 0.6 0.4 -40 -20
60
40
20
0 0 20 40 0 2 4 6 8 10 12 14 16
Ambient Temperature Ta (C)
BIAS Voltage VBIAS (V) FB Voltage vs. FB Sink Current (VBIAS = 3.0 V, IN = 1.4 V)
1.25
Open Loop Gain vs. Input Frequency (Vin = 0.1 Vrms, Null Amp, Ta = 25C)
100 VBIAS = 1.7 V VBIAS = 3.0 V VBIAS = 15 V
Open Loop Gain AV (dB)
80
FB Voltage VFB (V)
1.00
0.75 0.50
60
40
0.25
20 0.01
0 0.1 1 10 100 0 0.2 0.4 0.6 0.8
Ta = -20C Ta = +25C Ta = +85C 1.0 1.2 1.4
Input Frequency fin (kHz)
FB Sink Current IFB+ (mA)
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 6 of 11
M62216FP/GP
Oscillating Frequency vs. BIAS Voltage (PWM Terminal Monitored, Ta = 25C)
Oscillating Frequency fOSC (kHz)
160
FB Source Current vs. FB Voltage (VBIAS = 3.0 V, IN = 1.1 V)
60
FB Source Current IFB- (A)
50 40 30 20 10 0 0 0.5 1.0 1.5 2.0 2.5 3.0 Ta = -20C Ta = +25C Ta = +85C
140
120
100
80 0 2 4 6 8 10 12 14 16
FB Voltage VFB (V) Oscillating Frequency vs. Ambient Temperature (PWM Terminal Monitored, IN = 1.1 V)
Oscillating Frequency fOSC (kHz)
160 VBIAS = 1.7 V VBIAS = 3.0 V VBIAS = 15 V
BIAS Voltage VBIAS (V)
Max ON Duty vs. BIAS Voltage (PWM Terminal Monitored, IN = 1.1 V, Ta = 25C)
100
Max ON Duty DUTYmax (%)
100
140
95
90
120
85
100
80 75
80 -40 -20
0
20
40
60
80
0
2
4
6
8
10
12
14
16
Ambient Temperature Ta (C)
BIAS Voltage VBIAS (V) Saturation Voltage Between PWM-DRIVE1 Terminal vs. Input Current of DRIVE1 Terminal (IDRIVE2 = 5 mA, IN = 1.1 V, Ta = 25C)
Saturation Voltage Between PWM-DRIVE1 Terminal Vsat1 (V)
1.0 VBIAS = 1.7 V VBIAS = 3.0 V VBIAS = 9.0 V VBIAS = 15 V
Max ON Duty vs. Ambient Temperature (PWM Terminal Monitored, IN = 1.1 V)
100
Max ON Duty DUTYmax (%)
95
VBIAS = 1.7 V VBIAS = 3.0 V VBIAS = 15 V
0.8
90
0.6 0.4
85
80
0.2
75 -40 -20
0 0 20 40 60 80 100 0 10 20 30 40 50 60 70
Ambient Temperature Ta (C)
Input Current of DRIVE1 Terminal IDRIVE1 (mA)
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 7 of 11
M62216FP/GP
Saturation Voltage Between PWM-DRIVE1 Terminal vs. Input Current of DRIVE1 Terminal (VBIAS = 3.0 V, IN = 1.1 V, Ta = 25C)
0.5
Saturation Voltage Between PWM-DRIVE2 Terminal vs. Input Current of DRIVE2 Terminal (IN = 1.1 V, Ta = 25C)
1.7
Saturation Voltage Between PWM-DRIVE2 Terminal Vsat2 (V)
Saturation Voltage Between PWM-DRIVE1 Terminal Vsat1 (V)
0.4
1.5
VBIAS = 1.7 V, IDRIVE1 = 20 mA VBIAS = 3.0 V, IDRIVE1 = 50 mA VBIAS = 15 V, IDRIVE1 = 40 mA
0.3
1.3
0.2
1.1
0.1
IDRIVE2 = 2 mA IDRIVE2 = 5 mA IDRIVE2 = 10 mA 0 20 40 60 80 100 120
0.9
0
0.7 0
2
4
6
8
10
12
Input Current of DRIVE1 Terminal IDRIVE1 (mA) PWM Output Low Voltage vs. PWM Sink Current (VBIAS = 3.0 V, IN = 1.4 V)
Input Current of DRIVE2 Terminal IDRIVE2 (mA)
Input ON Current vs. Ambient Temperature
4.0
0.6
PWM Output Low Voltage VPWM (L) (V)
Input ON Current (A)
0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 Ta = -20C Ta = +25C Ta = +85C 8 10 12
3.0
2.0
1.0
VBIAS = VON = 1.7 V VBIAS = VON = 3.0 V VBIAS = VON = 15 V 0 20 40 60 80 100
0 -40 -20
PWM Sink Current (mA)
Ambient Temperature Ta (C) Max Load Current for START-UP(*1) vs. Input Voltage (Standard Application Circuit, VO = 3.0 V, Ta = 25C)
200
Threshold Voltage of ON/OFF Terminal vs. Ambient Temperature (VBIAS = 3.0 V)
1.0
Max Load Current for START-UP IOmax (mA)
Threshold Voltage of ON/OFF Terminal VTH (ON) (V)
175 150 125 100 75 50 25 0 0.8
0.8
Tr: 2SC3052-F, L: 68 H, RD1: 680 , RD2: 1.6 k Tr: 2SC3439-H, L: 22 H, RD1: 1.3 k, RD2: 3.3 k
0.6
0.4
0.2
0 -40 -20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
Ambient Temperature Ta (C)
Input Voltage VIN (V)
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 8 of 11
M62216FP/GP
Efficiency vs. Load Current (Standard Application circuit: VIN = 1.5 V, VO = 3.0 V, Ta = 25C)
100
Max Load Current for START-UP (*2) vs. Input Voltage (Application circuit1: VO = 5.0 V, Ta = 25C)
200
Max Load Current for START-UP IOSTmax (mA)
175
150 125 100 75 50 25 0 1.5 2.0 2.5 3.0 3.5 4.0 Tr: 2SC3052-F, L: 150 H, RD1: 750 , RD2: 3.6 k Tr: 2SC3439-H, L: 22 H, RD1: 1.3 k, RD2: 6.8 k
80
Efficiency (%)
60
40 Tr: 2SC3052-F Tr: 2SC3439-H 20
0 1 10 100 1000
Load Current IO (mA) Efficiency vs. Load Current (Application circuit1: VIN = 3.0 V, VO = 5.0 V, Ta = 25C)
100
Input Voltage VIN (V)
80
Efficiency (%)
60
40 Tr: 2SC3052-F Tr: 2SC3439-H 20
0 1 10 100 1000
Load Current IO (mA)
Notes:
1, 2. These characteristics show the maximum output load current when start-up. Therefore, output voltage can grown-up to setting voltage less than a curve in the graph when using these external components value. (2SC3052-F: hFE = 250 to 500, 2SC3439-H: hFE = 600 to 1200)
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 9 of 11
M62216FP/GP
Equation for Constants Calculation
Constants
TON TOFF TON + TOFF TOFF (MIN) TON (MAX) lpk L (MIN)
Standard Application Circuit
VO + VF - VIN VIN - VCE (sat) 1 fOSC TON + TOFF T 1 + ON TOFF 1 - TOFF (MIN) fOSC 2x 1+ TON x (lO + lB) TOFF
Application Circuit 1
VO + VF - VIN VIN - VCE (sat) 1 fOSC TON + TOFF T 1 + ON TOFF 1 - TOFF (MIN) fOSC 2x 1+ TON x lO TOFF
Application Circuit 2
VO + VF - VIN VIN - VCE (sat) 1 fOSC TON + TOFF T 1 + ON TOFF 1 - TOFF (MIN) fOSC 2x 1+ TON x lO TOFF
(VIN - VCE (sat))2 x TON (MAX)2 x fOSC 2 x VO x (lO + lB) VO - 1 x R2 VREF VO - (VBE + Vsat1) (lpk/hFE) x A1 VO - (VBE + Vsat2) (lpk/hFE) x A2
(VIN - VCE (sat))2 x TON (MAX)2 x fOSC 2 x VO x lO VO - 1 x R2 VREF VO- (VBE + Vsat1) (lpk/hFE) x A1 VO - (VBE + Vsat2) (lpk/hFE) x A2
(VIN - VCE (sat))2 x TON (MAX)2 x fOSC 2 x VO x l O VO - 1 x R2 VREF VIN - (VBE + Vsat1) (lpk/hFE) x A1 VIN - (VBE + Vsat2) (lpk/hFE) x A2
R1 RD1 RD2
Constants
TON TOFF TON + TOFF
STEP-DOWN Circuit
VO + V F VIN - VCE (sat) - VO 1 fOSC TON + TOFF T 1 + ON TOFF 1 - TOFF (MIN) fOSC 2 x lO (VIN - VCE (sat) - VO) x TON (MAX) lO VO - 1 x R2 VREF VO - VBE - Vsat1 lpk/hFE VIN - Vsat2 (lpk/hFE) x A3
Note:
VF: Forward voltage of external diode. VCE (sat): Saturation voltage of external transistor. VBE: Voltage between Base - Emitter of external transistor. hFE: hFE of external transistor at saturating. A1: Ratio of current into DRIVE1 terminal. (A1 = 0.8~0.9) A2: Ratio of current into DRIVE2 terminal. (A2 = 1 - A1) A3: Ratio of current into DRIVE2 terminal. (A3 = 0.1~0.2) * Set R2 to several k ~ several 10ths k. * Set current into DRIVE2 terminal more than 100 A. (Ipk / hFE) x A2 100 A, (Ipk / hFE) x A3 100 A * Set IO to 1/5 ~ 1/3 of maximum load current * The maximum rating of current of external parts (transistor, diode and inductor) are 1.5 to 2 times of Ipk.
TOFF (MIN)
TON (MAX) lpk L (MIN)
R1 RD1 RD2
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 10 of 11
M62216FP/GP
Package Dimensions
JEITA Package Code P-SOP8-4.4x4.85-1.27 RENESAS Code PRSP0008DE-C Previous Code -- MASS[Typ.] 0.1g
*1
D
F
8
5
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e 4
*3
c
Reference Symbol
Dimension in Millimeters
bp
x
M L1
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
A
A2
Min Nom Max 4.65 4.85 5.05 4.2 4.4 4.6 1.85 0.00 0.1 0.20 2.03 0.34 0.4 0.46 0.15 0.20 0.25 0 8 5.7 6.2 6.5 1.12 1.27 1.42 0.12 0.10 0.75 0.25 0.45 0.65 0.90
JEITA Package Code P-SOP8-4.4x5-1.27
RENESAS Code PRSP0008DA-A
Previous Code 8P2S-A
MASS[Typ.] 0.07g
8
5
HE
*1
E
F
1
Index mark
4
NOTE) 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET.
c
A2 A1
*2
D
Reference Symbol
Dimension in Millimeters
*3 e y
bp
D E A2 A1 A bp c HE e y L
Detail F
Min Nom Max 4.8 5.0 5.2 4.2 4.4 4.6 1.5 0.05 1.9 0.35 0.4 0.5 0.13 0.15 0.2 0 10 5.9 6.2 6.5 1.12 1.27 1.42 0.1 0.2 0.4 0.6
A
REJ03D0845-0300 Rev.3.00 Jun 15, 2007 Page 11 of 11
L
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2007. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.0


▲Up To Search▲   

 
Price & Availability of M62216GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X