Part Number Hot Search : 
LTC10 SD1135 1N472 UPC1043 051A1 AQY213 R12KE ZSM33006
Product Description
Full Text Search
 

To Download M372F3280DJ3-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAM MODULE
M372F320(8)0DJ3-C
M372F320(8)0DJ3-C EDO Mode 32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
GENERAL DESCRIPTION
The Samsung M372F320(8)0DJ3-C is a 32Mx72bits Dynamic RAM high density memory module. The Samsung M372F320(8)0DJ3-C consists of thirty-six CMOS 16Mx4bits DRAMs in SOJ 400mil packages and two 16 bits driver IC in TSSOP package mounted on a 168-pin glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The M372F320(8)0DJ3-C is a Dual In-line Memory Module and is intended for mounting into 168 pin edge connector sockets.
FEATURES
* Part Identification Part number M372F3200DJ3-C M372F3280DJ3-C PKG SOJ SOJ Ref. 4K 8K CBR Ref. 4K/64ms ROR Ref. 8K/64ms 4K/64ms
* Extended Data Out Mode Operation * CAS-before-RAS Refresh capability * RAS-only and Hidden refresh capability * LVTTL compatible inputs and outputs * Single 3.3V0.3V power supply
PERFORMANCE RANGE
Speed -C50 -C60
tRAC
50ns 60ns
tCAC
18ns 20ns
tRC
84ns 104ns
tHPC
20ns 25ns
* JEDEC standard pinout & Buffered PDpin * Buffered input except RAS and DQ * PCB : Height(1650mil), double sided component
PIN CONFIGURATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Front Pin Front Pin Front Pin VSS DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VCC DQ14 DQ15 DQ16 DQ17 VSS RSVD RSVD VCC W0 CAS0 29 *CAS2 57 30 RAS0 58 31 OE0 59 32 VSS 60 33 A0 61 34 A2 62 35 A4 63 36 A6 64 37 A8 65 38 A10 66 39 A12 67 40 VCC 68 41 RFU 69 42 RFU 70 43 VSS 71 44 OE2 72 45 RAS2 73 46 CAS4 74 47 *CAS6 75 48 W2 76 49 VCC 77 50 RSVD 78 51 RSVD 79 52 DQ18 80 53 DQ19 81 54 82 VSS 55 DQ20 83 56 DQ21 84 DQ22 DQ23 VCC DQ24 RFU RFU RFU RFU DQ25 DQ26 DQ27 VSS DQ28 DQ29 DQ30 DQ31 VCC DQ32 DQ33 DQ34 DQ35 VSS PD1 PD3 PD5 PD7 ID0 VCC 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 Back VSS DQ36 DQ37 DQ38 DQ39 VCC DQ40 DQ41 DQ42 DQ43 DQ44 VSS DQ45 DQ46 DQ47 DQ48 DQ49 VCC DQ50 DQ51 DQ52 DQ53 VSS RSVD RSVD VCC RFU CAS1 Pin 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 Back *CAS3 RAS1 RFU VSS A1 A3 A5 A7 A9 A11 *A13 VCC RFU B0 VSS RFU RAS3 CAS5 *CAS7 PDE VCC RSVD RSVD DQ54 DQ55 VSS DQ56 DQ57 Pin 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 Back DQ58 DQ59 VCC DQ60 RFU RFU RFU RFU DQ61 DQ62 DQ63 VSS DQ64 DQ65 DQ66 DQ67 VCC DQ68 DQ69 DQ70 DQ71 VSS PD2 PD4 PD6 PD8 ID1 VCC
PIN NAMES
Pin Names A0, B0, A1 - A11 A0, B0, A1 - A12 DQ0 - DQ71 W0, W2 OE0, OE2 RAS0 - RAS3 CAS0, 1,4,5 VCC VSS NC PDE PD1 - 8 ID0 - 1 RSVD RFU Function Address Input(4K ref.) Address Input(8K ref.) Data In/Out Read/Write Enable Output Enable Row Address Strobe Column Address Strobe Power(+3.3V) Ground No Connection Presence Detect Enable Presence Detect ID bit Reserved Use Reserved for Future Use
Pins marked * are not used in this module.
PD & ID Table
Pin PD1 PD2 PD3 PD4 PD5 PD6 PD7 PD8 ID0 ID1 50NS 1 0 0 0 1 0 0 0 0 0 60NS 1 0 0 0 1 1 1 0 0 0
NOTE : A12 is used for only M372F3280DJ3-C (8K Ref.)
PD Note :PD & ID Terminals must each be pulled up through a register to VCC at the next higher level assembly. PDs will be either open (NC) or driven to VSS via on-board buffer circuits. PD : 0 for Vol of Drive IC & 1 for N.C ID : 0 for Vss & 1 for N.C ID Note : IDs will be either open (NC) or connected directly to VSS without a buffer.
REV. 0.1 Oct. 2000
DRAM MODULE
FUNCTIONAL BLOCK DIAGRAM
RAS0 CAS0 OE0 W0 A0 A1-A11(A12)
U0
M372F320(8)0DJ3-C
RAS3 CAS5 OE2 W2 B0 A1-A11(A12) DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3
U27
RAS1 CAS1
RAS2 CAS4
DQ0-35 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3
U18 U9
DQ36-71 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3 DQ0 DQ1 DQ2 DQ3
U1
U19
U10
U28
U2
U20
U11
U29
U3
U21
U12
U30
U4
U22
U13
U31
U5
U23
U14
U32
U6
U24
U15
U33
U7
U25
U16
U34
U8
U26
U17
U35
NOTE : A12 is used for only M372F3280DJ3(8K Ref.) Vcc 0.1 or 0.22uF Capacitor under each DRAM Vss To all DRAMs
A0 B0 A1-A11(A12) W0, OE0 W2, OE2
U0-U8, U18-U26 U9-U17, U27-U35 U0-U35 U0-U8, U18-U26 U9-U17, U27-U35
REV. 0.1 Oct. 2000
DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg PD IOS
M372F320(8)0DJ3-C
Rating -0.5 to +4.6 -0.5 to +4.6 -55 to +125 36 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 3.0 0 2.0 -0.3 *2 Typ 3.3 0 Max 3.6 0 VCC+0.3*1 0.8 Unit V V V V
*1 : VCC+1.3V at pulse width15ns, which is measured at VCC. *2 : -1.3V at pulse width15ns, which is measured at VSS.
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL Speed -50 -60 Dont care -50 -60 -50 -60 Dont care -50 -60 Dont care Dont care M372F3200DJ3 Min
-
M372F3280DJ3 Max Min -10 -10 2.4 Max 1458 1278 100 1458 1278 1638 1458 30 1998 1818 10 10 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
1998 1818 100 1998 1818 1638 1458 30 1998 1818 10 10 0.4
-10 -10 2.4 -
ICC1* : Operating Current * (RAS, CAS, Address cycling @tRC=min) ICC2 : Standby Current (RAS=CAS=W=VIH) ICC3* : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) ICC4* : Extended Data Out Mode Current * (RAS=VIL, CAS cycling : tHPC=min) ICC5 : Standby Current (RAS=CAS=W=Vcc-0.2V) ICC6* : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) I(IL) : Input Leakage Current (Any input 0VINVcc+0.3V, all other pins not under test=0 V) I(OL) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) VOH : Output High Voltage Level (IOH = -2mA) VOL : Output Low Voltage Level (IOL = 2mA) * NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one EDO mode cycle time, tHPC.
REV. 0.1 Oct. 2000
DRAM MODULE
CAPACITANCE (TA = 25C, f = 1MHz)
Item Input capacitance[A0, B0, A1 - A12] Input capacitance[W0, W2, OE0, OE2] Input capacitance[RAS0 - RAS3] Input capacitance[CAS0, 1,4,5] Input/Output capacitance[DQ0 - 71] Symbol CIN1 CIN2 CIN3 CIN4 CDQ Min
-
M372F320(8)0DJ3-C
Max 20 20 73 20 24 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=3.3V0.3V. See notes 1,2.)
Test condition : Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V, output loading CL=100pF Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z OE to output in Low-Z Output buffer turn-off delay from CAS Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold referenced to CAS Read command hold referenced to RAS Write command set-up time Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data set-up time Data hold time Refresh period(4K & 8K) CAS to W delay time RAS to W delay time Symbol Min -50 Max Min 104 153 50 18 30 8 8 8 1 30 50 13 36 8 15 10 10 5 5 0 7 30 0 0 -2 0 7 7 13 7 -2 13 64 33 68 38 82 10K 32 20 10K 18 50 8 8 8 1 40 60 15 38 10 18 13 10 5 8 0 10 35 0 0 -2 0 10 10 15 10 -2 15 64 10K 40 25 10K 18 50 60 20 35 84 128 -60 Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 7 7,13 9,13 9,13 13 8 8,13 7 13 4,13 10,13 13 13 13 13 13 3,4,10 3,4,5,13 3,10,13 3,13 3,13 6,11,13 2 Unit Note
tRC tRWC tRAC tCAC tAA tCLZ tOLZ tCEZ tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tRWL tCWL tDS tDH tREF tCWD tRWD
REV. 0.1 Oct. 2000
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=3.3V0.3V. See notes 1,2.)
Parameter Column address to W delay time CAS precharge time to W delay time CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Hyper page cycle time Hyper page read-modify-write cycle time CAS precharge time(Hyper page cycle) RAS pulse width (Hyper page cycle) RAS hold time from CAS precharge W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) OE access time OE to data delay Output buffer turn off delay time from OE OE command hold time Output data hold time(C-B-R refresh) Output buffer turn off delay time from RAS Output buffer turn off delay time from W W to data delay OE to CAS hold time CAS hold time to OE OE precharge time W pulse width (Hyper page cycle) Present Detect Read Cycle PDE to Valid PD bit PDE to PD bit Inactive Symbol -50 Min 45 47 10 8 3 33 20 70 8 50 35 15 8 18 15 8 5 10 3 8 20 5 5 5 5 13 18 18 18 8 5 10 3 8 20 5 5 5 5 200K 25 77 10 60 40 15 8 Max Min 53 58 10 8 3
M372F320(8)0DJ3-C
-60 Max
Unit ns ns ns ns ns
Note 7 13 13 13 3,13 12 12
tAWD tCPWD tCSR tCHR tRPC tCPA tHPC tHPRWC tCP tRASP tRHCP tWRP tWRH tOEA tOED tOEZ tOEH tDOH tREZ tWEZ tWED tOCH tCHO tOEP tWPE
40
ns ns ns ns
200K
ns ns ns ns 13 13 13 13 13 13 13 6,11 6,13 13
20 18
ns ns ns ns ns
13 18
ns ns ns ns ns ns ns
tPD tPDOFF
10 2 7 2
10 7
ns ns
REV. 0.1 Oct. 2000
DRAM MODULE
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 1 TTL loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes tha tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameter. They are included in the data sheet as electrical characteristics only. If tWCStWCS(min) the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. If tRWDtRWD(min), tCWDtCWD(min), tAWDtAWD(min) and tCPWDtCPWD(min). The cycle is a read-modify-write cycle and the data out will contain data read from the selected cell. If neither of the above sets of conditions is satisfied, the condition of data out(at access time) is indeterminate.
M372F320(8)0DJ3-C
8. Either tRCH or tRRH must be satisfied for a read cycle. 9. These parameters are referenced to the CAS leading edge in early write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. If RAS goes high before CAS high going, the open circuit condition of the output is achieved by CAS high going. If CAS goes high before RAS high going , the open circuit condition of the output is achieved by RAS going. 12. tASC6ns. 13. The timing skew from the DRAM to the DIMM resulted from the addition of buffers.
REV. 0.1 Oct. 2000
DRAM MODULE
READ CYCLE
M372F320(8)0DJ3-C
tRC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tCSH tRCD tRSH tCAS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH
tWEZ tAA
OE VIH VIL -
tCEZ tOEZ tOEA
DQ
VOH VOL -
tRAC OPEN
tOLZ tCAC tCLZ
tREZ
DATA-OUT
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
M372F320(8)0DJ3-C
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD tRAD
tRSH tCAS
tCRP
tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
WRITE CYCLE ( OE CONTROLLED WRITE )
NOTE : DOUT = OPEN
M372F320(8)0DJ3-C
tRC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tCSH tRCD tRSH tCAS tCRP
tRAD tRAL tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tCWL tRWL
W VIH VIL -
tWP
OE
VIH VIL -
tOED tDS
tOEH tDH
DATA-IN
DQ
VIH VIL -
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
READ - MODIFY - WRITE CYCLE
M372F320(8)0DJ3-C
tRAS
RAS VIH VIL -
tRWC
tRP
tCRP
CAS VIH VIL -
tRCD tRAD tRAH
tRSH tCAS
tASR
VIH VIL -
tASC
tCAH tCSH
A
ROW ADDR
COLUMN ADDRESS
tAWD tCWD
W VIH VIL -
tRWL tCWL tWP
tRWD
OE VIH VIL -
tOEA tOLZ tCLZ tCAC tAA tRAC
VALID DATA-OUT
tOED tOEZ tDS tDH
VALID DATA-IN
DQ
VI/OH VI/OL -
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
HYPER PAGE READ CYCLE
M372F320(8)0DJ3-C
tRASP
RAS VIH VIL o
tRP
tCSH tCRP
CAS VIH VIL -
tRHCP tHPC tCP tHPC tCAS tCP tHPC tCAS tCP tCAS
tRCD tCAS tRAD
tASR
A VIH VIL -
tRAH tASC
tCAH
tASC
tCAH
tASC
tCAH
COLUMN ADDR
tASC
tCAH
tREZ
ROW ADDR
COLUMN ADDRESS
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH tCPA tCAC tAA tCPA tCAC tOEA tCAC tAA tCPA tOCH tOEA tOEP tDOH
VALID DATA-OUT
tCAC tAA tCHO tOEP
tAA
OE VIH VIL -
tCAC tRAC
DQ VOH VOL -
tOEA tOEZ
VALID DATA-OUT VALID DATA-OUT
tOEZ
tOEZ
tOLZ tCLZ
VALID DATA-OUT
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
M372F320(8)0DJ3-C
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tHPC tRCD tCAS tRAD tCSH tASC tCP tCAS
o
tHPC tCP
tRSH tCAS
tASR
A VIH VIL -
tRAH
tCAH
tASC
tCAH
o o
tASC
tCAH
ROW ADDR.
COLUMN ADDRESS
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH
tWCS
tWCH tWP tCWL
o o o
tWCS
tWCH tWP tCWL tRWL
tWP tCWL
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
VALID DATA-IN
tDS
tDH
o
VALID DATA-IN
tDS
tDH
o
VALID DATA-IN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
HYPER PAGE READ-MODIFY-WRITE CYCLE
M372F320(8)0DJ3-C
RAS
VIH VIL -
tRASP tCSH tCRP tRSH tHPRWC tRCD tCAS tRAD tRAH tASR tASC
COL. ADDR
tRP
tCP tCAS tRAL
tCRP
CAS
VIH VIL -
tCAH tASC
COL. ADDR
tCAH
A
VIH VIL -
ROW ADDR
tRCS
W VIH VIL -
tCWL tWP tCWD tAWD tCPWD tOEA tOED
tRWL tCWL tWP
tCWD tAWD tRWD tOEA tCAC tAA tRAC tCAC
OE
VIH VIL -
tOED tDH tDS tAA tDH tOEZ tDS
tOEZ
DQ
VI/OH VI/OL -
tCLZ tOLZ
VALID DATA-OUT
tCLZ
VALID DATA-IN
tOLZ
VALID DATA-OUT
VALID DATA-IN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
HYPER PAGE READ AND WRITE MIXED CYCLE
M372F320(8)0DJ3-C
tRASP
RAS VIH VIL READ(tCAC) READ(tCPA) WRITE READ(tAA)
tRP
tHPC tCP
CAS VIH VIL -
tHPC tCP tCP tCAS tASC
COL. ADDR
tHPC tCAS tASC tCAH
COL. ADDR
tRAD tASR tRAH tASC
tCAS tCAH
tCAS tCAH
tCAH
tASC
COLUMN ADDRESS
A
VIH VIL -
ROW ADDR
COLUMN ADDRESS
tRCS
W VIH VIL -
tRCH
tRCS
tRCH tWCS
tWCH
tRCH
tWPE tCLZ tCPA
OE VIH VIL -
tWED
DQ
VI/OH VI/OL -
tOEA tCAC tAA tRAC
tWEZ
tDH tWEZ
VALID
DATA-OUT
tDS
VALID DATA-IN
tAA
VALID DATA-OUT
tREZ
VALID DATA-OUT
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
RAS - ONLY REFRESH CYCLE*
NOTE : W, OE, DIN = Dont care DOUT = OPEN tRC
RAS VIH VIL -
M372F320(8)0DJ3-C
tRP
tRAS tCRP tRPC tCRP
CAS
VIH VIL -
tASR
A VIH VIL -
tRAH
ROW ADDR
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE , A = Dont care
tRP
RAS VIH VIL -
tRC tRAS
tRP
tRPC tCP tCSR tCHR
tRPC
CAS
VIH VIL -
tWRP
W VIH VIL -
tWRH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
* In RAS-only refresh cycle of 64Mb A-dile & B-die, when CAS signal transits from Low to High, the valid data may be cut off.
REV. 0.1 Oct. 2000
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
M372F320(8)0DJ3-C
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRRH
tWRH tWRP
tAA
OE VIH VIL -
tOEA tOLZ tCAC tCLZ tRAC tOEZ
DATA-OUT
tCEZ tREZ tWEZ
DQ
VOH VOL -
OPEN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
M372F320(8)0DJ3-C
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS tCRP
tRCD
tRSH
tCHR
CAS
VIH VIL -
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWCS
W VIH VIL -
tWRP tWCH tWP
tWRH
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
M372F320(8)0DJ3-C
tRP
RAS
VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W OE VIH VIL VIH VIL -
tWRP
tWRH
tRCS
tAA tCAC
tRRH tRCH
DQ
VOH VOL -
tCLZ
tOEA
tOEZ
DATA-OUT
tCEZ tREZ
tWEZ
WRITE CYCLE
W VIH VIL VIH VIL -
tWRP
tWRH tWCS
tRWL tCWL tWCH tWP
OE
tDS
DQ VIH VIL -
tDH
DATA-IN
READ-MODIFY-WRITE
tWRP
W VIH VIL -
tWRH
tRCS
tAWD tCWD tCAC tWP
tCWL tRWL
tAA tOEA
OE VIH VIL -
tOED tCLZ tOEZ tDS
tDH
DQ
VI/OH VI/OL VALID DATA-OUT VALID DATA-IN
Dont care Undefined
NOTE : This timing diagram is applied to all devices besides 64M DRAM based modules.
REV. 0.1 Oct. 2000
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
M372F320(8)0DJ3-C
tRP
RAS VIH VIL -
tRASS
tRPS
tRPC tCP tCHS tCSR
tRPC
CAS
VIH VIL -
tCEZ
DQ VOH VOL -
OPEN
W
VIH VIL -
tWRP
tWRH
TEST MODE IN CYCLE
NOTE : OE , A = Dont care tRC tRAS tRPC tCP
CAS VIH VIL -
tRP
RAS VIH VIL -
tRP
tRPC tCSR tCHR
tWTS
W VIH VIL -
tWTH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
REV. 0.1 Oct. 2000
DRAM MODULE
PACKAGE DIMENSIONS
M372F320(8)0DJ3-C
Units : Inches (millimeters)
6.950 (176.53 ) 5.250 (133.350) 5.014 (127.350)
0.85 (21.59) 0.118 (3.000)
0.054 (1.372) R 0.079 (R 2.000)
1.65 (41.91)
0.1570.004 (4.0000.100) 0.700 (17.780) 0.250 (6.350) .450 (11.430) 1.450 (36.830) 4.550 (115.57) 0.250 (6.350) 2.150 (54.61)
R 0.055(1.45) 0.118 (3.000) .118DIA.004 (3.000DIA.100) 0.350 (8.890) 0.100Min (2.540Min) A B C
( Front view )
0.350Max (8.89Max)
( Back view )
0.0500.0039 (1.2700.10)
0.250 (6.350)
0.250 (6.350)
(2.540 Min)
0.100 Min
0.039.002 (1.000.050)
0.1230.0050 (3.125.125) 0.079.0040 (2.000.100)
0.1230.0050 (3.125.125)
0.008.0.006 (0.200.0.150) 0.050 (1.270)
0.079.0040 (2.000.100)
Detail A Tolerances : .005(.13) unless otherwise specified The used device is 16Mx4 DRAM with EDO mode, SOJ. DRAM Part No. : M372F3200DJ3 - K4E640412D-J. M372F3280DJ3 - K4E660412D-J.
Detail B
Detail C
REV. 0.1 Oct. 2000


▲Up To Search▲   

 
Price & Availability of M372F3280DJ3-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X