Part Number Hot Search : 
FT100 MAX1402 2N4123 103SE 4067N ZXSC440 05201033 ACS04
Product Description
Full Text Search
 

To Download M211-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M211-L
1 Form A Solid State Relay DESCRIPTION
The M211-L is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. This device also includes current-limiting circuitry. During increased load currents or transient current spikes, this circuitry acts to bring the current down, protecting downstream components.
FEATURES
APPLICATIONS
* * * * * * *
High input-to-output isolation Low input control power consumption 100mA maximum continuous load current 40 ohms maximum on-resistance Long life/high reliability Ultra miniature 4-pin small outline package Current limiting
* * * * * * * * *
Telecom switching Tip/Ring control PCMCIA modules Multiplexers Meter reading systems Data acquisition Medical equipment Battery monitoring Home/Safety security systems
OPTIONS/SUFFIXES
MAXIMUM RATINGS
PARAMETER Storage Temperature Operating Temperature UNIT C C mA mA V mW 6 400 MIN -55 -40 TYP MAX 125 85 40 400
*
-TR
Tape and Reel
SCHEMATIC DIAGRAM
1 + Input 4 Load
Continuous Input Current Transient Input Current
IC
2 - Input 3 Load
Reverse Input Control Voltage Output Power Dissipation
APPROVALS
*
BABT CERTIFICATE #650192: BS EN 60950, BS EN 41003, BS EN 60065
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
M211-L
1 Form A Solid State Relay
ELECTRICAL CHARACTERISTICS - 25
PARAMETER INPUT SPECIFICATIONS
LED Forward Voltage LED Reverse Voltage Turn-On Current Turn-Off Current V V mA mA 6 5 1.2 12 2.5 0.5 1.5 If = 10mA Ir = 10uA Io = 100mA
UNIT
MIN
TYP
MAX
TEST CONDITIONS
OUTPUT SPECIFICATIONS
Blocking Voltage Continuous Load Current Current Limit On-Resistance Leakage Current Output Capacitance Offset Voltage V mA mA A pF mV 100 120 35 0.2 25 400 100 150 40 10 50 0.2 Io = 10uA If = 5mA If = 5mA Io = 100mA Vo = 400V Vo = 25V, f = 1.0MHz If = 5mA
COUPLED SPECIFICATIONS
Isolation Voltage Turn-On Time Turn-Off Time Isolation Resistance Coupled Capacitance Contact Transient Ratio V ms ms G pF V/ s 2000 100 2 7000 dV = 50V 1500 1 0.1 2 0.5 T = 1 minute If = 5mA, Io = 100mA If = 5mA, Io = 100mA
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
M211-L
1 Form A Solid State Relay
PERFORMANCE DATA
M211-L Typical Turn-On Time Distribution N = 100, Ambient Temperature = 25C
M211-L Typical Turn-Off Time Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 Turn-On Tim e (m s) Device Count
40 30 20 10 0 0 0.04 0.08 0.12 0.16 0.2 0.24 0.28 Turn-Off Tim e (m s)
M211-L Typical On-Resistance Distribution N = 100, Ambient Temperature = 25C
M211-L Typical Leakage Current Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 31 32 33 34 35 36 37 38 On-Resistance (ohm s) Device Count
60 50 40 30 20 10 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 Leakage Current (uA)
M211-L Typical Blocking Voltage Distribution N = 100, Ambient Temperature = 25C
M211-L Typical Load Current vs. Temperature
30 20 10 0 400 410 420 430 440 450 460 470 Blocking Voltage (V)
Load Current (mA)
40 Device Count
120 100 80 60 40 20 0
20 40 60 -4 0 -2 0 80
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com
rev 1.0
0
Tem perature (C)
M211-L
1 Form A Solid State Relay
MECHANICAL DIMENSIONS 4 PIN SMALL OUTLINE PACKAGE
END VIEW
TOP VIEW
BACK VIEW
rev 1.0
Solid State Optronics, Inc. 1.888.377.4776 www.ssousa.com


▲Up To Search▲   

 
Price & Availability of M211-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X