Part Number Hot Search : 
1N475 IPW60R SB206 ACPAZ HIROSE OL5155 1583T6A1 2SK315
Product Description
Full Text Search
 

To Download M2107-AF5-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO.,LTD M2107
SINGLE OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M2107 is the single operational amplifier of ultra miniature surface mount package. It has features of low operating supply voltage and low saturation output voltage. It is suitable for small electronic equipments and hybrid circuits.
3 2 1
LINEAR INTEGRATED CIRCUIT
5 4
SOT-25
FEATURES
*Operating Voltage (V /V = 1.0V to 3.5V) *Low Output Saturation: (4Vp-p at single 5V supply) *V Shield Plate Between +Input and -Input *Suitable Pin Arrangement for Application *Bipolar Technology
+ -
*Pb-free plating product number: M2107L
PIN CONFIGURATION
PIN NO. 1 2 3 4 5 PIN NAME +INPUT V -INPUT OUTPUT + V
ORDERING INFORMATION Order Number Lead Free Normal M2107L-AF5-R M2107-AF5-R Package SOT-25 Packing Tape Reel
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co.,LTD
1
QW-R105-017,C
M2107
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
V+ (5)
(3) -INPUT (1) +INPUT
OUTPUT (4)
V- (2)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2
QW-R105-017,C
M2107
LINEAR INTEGRATED CIRCUIT
ABSOLUTE MAXIMUM RATINGS (Ta=25 , unless otherwise specified.)
PARAMETER SYMBOL RATINGS UNIT 7(or 3.5) Supply Voltage V+(V+/V-) V 7 Differential Input Voltage VI(DIFF) V 3.5 Input Voltage VIN V Power Dissipation PD 200 mW Operating Temperature Range TOPR 0 ~ +70 C Storage Temperature Range TSTG -40 ~ +150 C Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2.The device is guaranteed to meet performance specification within 0 ~70 operating temperature range and assured by design from -40 ~85 .
ELECTRICAL CHARACTERISTICS (Ta=25 , V+/V-= 2.5V , unless otherwise specified.)
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Supply Voltage Rejection Ratio Input Common Mode Voltage Range Rejection Ratio Output Voltage Swing Slew Rate Operating Current SYMBOL VIN(OFF) IIN(OFF) IIN(BIAS) GV SVR VIN(CM) RR VOM SR IOPR TEST CONDITION RS=10k +I -I VOUT= 2.0V,RL=10k RS10k RS10k RL=2.5k VIN= 1Vp-p, ACL=+1 MIN TYP 1 5 100 80 70 80 2.2 3 2 3 MAX 6 200 500 UNIT mV nA nA dB dB V dB V V/s mA
60 60 1.5 60 2.0 1
TEST CIRCUIT
100 + 0.1
100k + 6.8k VOUT 2.5k
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3
QW-R105-017,C
M2107
TYPICAL CHARACTERICS Voltage Gain,Phase vs.Frequency
50 Voltage Gain, Gv (dB) 40 30 20 10 0 -10 1k 100k 1k + 1k Vo 2.5k V +/V-= 2.5V,Ta=25 Maximum Output Voltage, V OUT (V)
LINEAR INTEGRATED CIRCUIT
Maximum Output Voltage vs.Frequency
4.0 3.0 2.0 1.0
0 -20 -40 -60 -80 Phase -100 -120 -140 Gain -160 -180 5M -10
phase
(deg)
5k 10k
50k100k 500k1M
Frequency, f (Hz)
V+/V- = 2.5V,Ta=25 R=2.5k 0 100 1k 100k 10k Frequency, f (Hz)
1M
Voltage Gain vs.Frequency
100 Voltage Gain Av (dB) 80 60 40 20 0 -20 10 100 1k 10k 100k Frequency, f (Hz) 1M 5M V +/V-= 2.5V,Ta=25
Maximum Output Voltage Swing, VOM (V)
Input Noise Voltage, VIN(NOISE) ( V)
Maximum Output Voltage Swing vs. Load Resistance
3 2 1 0 -1 -2 -3 100 500 1k 5k 10k 50k100k Load Resistance, RL ( -VoM V+/V-= 2.5V Ta=25 +VoM
Input Noise Voltage vs.Input Resistance
V+/V-= 3.0V Ta=25 10 5
1 0.5 0.1 10
50 100
500 1k
5k 10k 50k100k
Input Resistance, Rs (
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4
QW-R105-017,C
M2107
TYPICAL CHARACTERICS (Cont.)
Operating Current vs.Temperature
Operating Current, IOPR (mA)
LINEAR INTEGRATED CIRCUIT
Maximum Output Voltage Swing vs.Temperature Maximum Output Voltage Swing, VOM (V) 3.0 2.0 1.0 -1.0 -2.0 -3.0 -50 -25 0 25 50 75 100 125 V+/V-= 2.5V
4.0 3.0 2.0 1.0 0 -50 -25 0 25 50
V+/V-= 2.5V
75 100 125
Ambient Temperature, Ta( )
Ambient Temperature Ta( ) , Input Bias Current vs.Temperature Input Bias Current, II N(BIAS) (nA) 180 160 140 120 100 80 60 40 20 0 -50 -25 0 25 50 75 100 125 V+/V-= 2.5V
Input Offset Voltage vs.Temperature
Input Offset Voltage, VIN(OFF) (mV) 2.0 1.0 0 -1.0 -2.0 -50 -25 0 25 50 75 100 125 V+/V-= 2.5V
Ambient Temperature, Ta( )
Ambient Temperature, Ta( )
Operating Current vs.Operating Voltage
Operating Current, IOPER (mA) 4 3 2 1 0 0
Maximum Output Voltage Swing vs. Operating Voltage
Maximum Output Voltage Swing, VOM (V)
5 4 3 2 1 0 -1 -2 -3 -4 -5 0 RL=2.5k +VoM Ta=25
Ta=25
-VoM
1
2
3
4
1
2
3
4
5
Operating Voltage, V+/V- (V )
Operating Voltage, V+/V- (V )
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5
QW-R105-017,C
M2107
TYPICAL CHARACTERICS (Cont.) Input Offset Voltage vs.Operating Voltage
Total Harmonic Distortion, THD (%)
Input Offset Voltage, VIN(OFF) (mV) Ta=25
LINEAR INTEGRATED CIRCUIT
Total Harmonic Distortion vs.Output Voltage
RL=2.5k Ta=25 V+/V-= 2.5V, Gain=10dB
0.8 0.6 0.4 0.2 0 0.5
0.1 0.05 0.01 0.005
20kHz 20Hz 1kHz 3
1
2
3
4
0.001
Operating Voltage, V+/V- (V )
0.03 0.5 1 0.1 Output Voltage, VOUT (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw 6
QW-R105-017,C


▲Up To Search▲   

 
Price & Availability of M2107-AF5-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X