Part Number Hot Search : 
9170B 04N70B C15006 HSB857D 04K2G P0000Y 0471003 44000
Product Description
Full Text Search
 

To Download M18109A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @Ob3/4EAeN/|--1/2q
MOSDESIGN SEMICONDUCTOR CORP.
TAIPEI : TEL : FAX : H.K. : TEL : FAX :
886-2- 22783733 886-2- 22783633 852- 27569109 852- 27566961
LED FLASH
M18109A IC
FEATURES \aO-z E Built-in oscillator.
E MotorG motor output pin. E Power-ON blinking. E LEDG2 Hz 1/10 duty sequence. P/N -1 -2 Fosc 200 KHz 100 KHz
Power-ON blinking 2.5 sec 5 sec
ON Line blinking 7 sec 16 sec
APPLICATION ~AI E chain, Mobile phone, Toys. Key ELECTRICAL CHARACTERISTICS q(R)W(R)ae
Characteristics u@qA Operating Voltage u@qy Operating Current ARAqy Quiescent Current AEqy Driving Current (R)AuAWvOscillator Frequency u@*Ax Operating Temperature Sym. VDD IOP ISB IOL FOSC Temp. Min.
w w w
( @VDD=3V unless otherwise specified ) Max. 4.5 0.5 5 w w 60 Unit V mA gA mA KHz J @ VDS=1.2V O0% TOL. 3 No load REMARKS
Typ. 3 0.1 1 w 100 25
20
w
0
APPLICATION DIAGRAM N|OqoI
VDD = 3V
M18109A
VDD L1 L2 L3 L4 L5 VDD MOTO L1 L2 VSS OSC 1 16 T1
M
MOTOR
T1 OSC VDD 103
1.05 x 0.93 mm (c) =VSS
M18109A 2
VN
L3 VSS ANT VP VN VP VSS 8 9 L4 L5 VSS
VDD
1S106
*All specs and applications shown above subject to change without prior notice. ( HWqoIW(R)aeENN|O ,1/2qow|ae-x) 1/2 2005-03-08
@Ob3/4EAeN/|--1/2q
MOSDESIGN SEMICONDUCTOR CORP.
TAIPEI : TEL : FAX : H.K. : TEL : FAX :
886-2- 22783733 886-2- 22783633 852- 27569109 852- 27566961
LED FLASH
M18109A IC
PAD ASSIGNMENT&POSITION
5
4
3
2
1
6 7
Y
13
X ( 0,0 )
12 11 10
8 9
NO NAME X 1 L5 357.5 2 L4 187.5 3 L3 7.5 4 L2 -172.5 5 L1 -357.7 6 MOTO -357.7 7 T1 -353.2 8 OSC -357.7 9 VDD -357.7 10 VN 357.5 11 VP 357.5 12 VSS 357.5 13 VSS 357.5
Unit : um Y 301 301 301 301 301 138.2 4.5 -147.8 -302.8 -324.3 -164 -9 146
* CHIP SIZE ~ 1.05 x 0.93 mm2 * IC substrate should be connected to VSS in PCB (PCB WIC * VSS) ( HWqoIW(R)aeENN|O ,1/2qow|ae-x)
2/2
2005-03-08


▲Up To Search▲   

 
Price & Availability of M18109A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X