Part Number Hot Search : 
BCR573 M1FS4 SP612607 HSP50214 PJ393 UES1101 DX1000 TK75018
Product Description
Full Text Search
 

To Download LY791 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATIONS
MODEL PART NO. RED LAMP LED LR530A
[Contents] 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. Devices -------------------------------------------------Outline Dimensions ----------------------------------Absolute Maximum Ratings ------------------------Electro-Optical Characteristics ---------------------Reliability Tests ---------------------------------------Characteristic Diagrams -----------------------------Bin Code Description --------------------------------Packing -------------------------------------------------2 2 3 4 5 6 8 9
Soldering Profile --------------------------------------- 12 Reference ------------------------------------------------ 13 Precaution For Use ------------------------------------- 14
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -1-
1. DEVICES
Part Number Lens Color Diffusion Source Dice Source Color
LR530A
Water Clear
Non-Diffused
AlInGaP/GaP
Red
2. OUTLINE DEMENSIONS
0.5+0.2
DETAIL
0.5 0.05
CATHODE
2.5 0.2
MAX 1.0
4.98 0.2
Notes : 1. All dimensions are in millimeters. 2. Protruded epoxy is 1.0mm maximum.
<050201> Rev. 0.0 LR530A
2.50.05
MIN 1.0
1.0 0.2 MIN 28.0 8.62 0.2
5.1 0.2 5.5 0.2
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -2-
3. ABSOUTE MAXIMUM RATINGS (at Ta = 25C)
Item Symbol Value Unit
DC Forward Current Forward Peak Pulse Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Solder Temperature
Notes : 1. t 0.1ms, D = 1/10 2. 3mm bellow seating plane
IF IFP 1 VR PD Topr Tstg TS
30 100 5 90 -40 ~ 100 -40 ~ 105 260 C for 10 second 2
mA mA V mW C C C
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -3-
4. ELECTRO-OPTICAL CHARACTERISTICS (at IF = 20mA, Ta = 25C)
Value Item Symbol Min. Luminous Intensity 1 Dominant Wavelength Forward Voltage View Angle Reverse Current (at VR = 5V)
Note : 1. Luminous Intensity Tolerance 10%
Unit Typ. 3000 625 2.2 30 10 Max. 630 2.7 mcd nm V deg.
A
IV
2000 622 -
d
VF 2 1/2 IR
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -4-
5. RELIABLITY TESTS
Item
Life Test High Temperature Operating Low Temperature Operating Thermal Shock Temperature Cycle Moisture Resistance Cycle Resistance to soldering Heat ESD (Human Body Model) High Temperature Storage Low Temperature Storage Temperature Humidity Storage Temperature Humidity Operating
Condition
Ta = RT, IF = 30mA Ta = 100C, IF = 10mA Ta = -40C, IF = 20mA Ta = -40C (30min) ~ 105 (30min) (Transfer time : 5sec, 1Cycle = 1hr) Ta = -40C (25min) ~ 25C (5min) ~ 105C (25min) ~ 25C (5min) Ta = 25C ~ 65C ~ -10C, RH = 90% (1Cycle = 24hrs) Ts = 260 5C, t = 10 1sec 1kV, 1.5k ; 100pF Ta = 105C Ta = -40C Ta = 85C, RH = 85% Ta = 85C, RH = 85% IF = 15mA
Note
1000hrs 1000hrs 1000hrs 100cycles 100cycles 10cycles 1 time 1 time 1000hrs 1000hrs 1000hrs 100hrs
Failures
0/22 0/22 0/22 0/50 0/50 0/50 0/50 0/22 0/50 0/50 0/50 0/22
< Judging Criteria For Reliability Tests >
VF IR IV
Notes : 1. USL : Upper Standard Level <050201> Rev. 0.0 LR530A
USL 1 X 1.2 USL X 2.0 LSL 2 X 0.7
2. LSL : Lower Standard Level.
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -5-
6. CHARACTERISTIC DIAGRAMS
Irel = f ( ), Ta= 25C
1.0
100
IF = f (VF), Ta= 25C
Relative Radiant Intensity
0.8
0.6
Forward Current IF [mA]
10
0.4
0.2
1
0.0 -90
-60
-30
0
30
60
90
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
OFF Axis Angle [deg]
Forward Voltage VF [V]
Off Axis Angle vs. Relative Intensity
Forward Voltage vs. Forward Current
IV = f (IF), Ta= 25C
0.5
40
IF = f (Ta), Ta= 25C
Relative Luminous Intensity
0.4
0.3
Forward Current IF [mA]
0 5 10 15 20 25 30
30
20
0.2
0.1
10
0.0
0 -60
-40
-20
0
20
40
60
o
80
100
120
Forward Current IF [mA]
Ambient Temperature Ta [ C]
Forward Current vs. Relative Intensity
Ambient Temperature vs. Forward Current
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -6-
Irel = f ( d ), TA= 25C, IF= 20mA
1.0
1.3 1.2
IV /IV(25C)= f (TA ), IF= 20mA
Relative Luminous Intensity
Relative Luminuos Intensity
1.1 1.0 0.9 0.8 0.7 0.6
0.5
0.0 400
500
600
700
0.5 -40
-20
0
20
40
60
o
80
100
Wavelength [nm]
Ambient Temperature Ta[ C]
Wavelength vs. Relative Intensity
Ambient Temperature vs. Relative Intensity
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -7-
7. BIN CODE DESCRIPTION
BIN CODE Intensity A Color Ranks 1 Forward Voltage 1
Intensity (mcd) @ IF = 20mA BIN CODE A C Min. 2000 3000 Max. 3000 4000
Dominant Wavelength (nm) @ IF = 20mA BIN CODE 1 2 Min. 622 624 Max. 624 630
Forward Voltage (V) @ IF = 20mA BIN CODE 1 2 Min. 2.0 2.2 Max. 2.2 2.4
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -8-
8. PACKING
1) Bulk Packing
(1) Antistatic poly vinyl bag apply Poly bag: 5 Lamp Series : 500pcs 3 Lamp Series : 500pcs
(2) Inner box structure Box : 2 poly bags
70mm
P/O No. Lot No SEOUL SEMICONDUCTOR CO.,LTD TEL : (02) 3281-6269
170mm
260mm
(3) Outer box structure Box : 27 boxes
315.0mm 485.0mm
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -9-
97.0mm
2) Tapping Outline Dimensions
P 01.3 02.0
F W1 W2 Wo Po Do
Ho
Package Dimensions (unit : mm) Ho* W Wo W1 W2 18.0 +1.0 -0.5 13.00.3 1.00.5 9.00.5 1 Box contain quantity. 3 Series : 3000pcs * 5 Series : 2000pcs P Po F Do 12.70.5 12.70.3 2.540.5 4.00.5
* Remark : Ho - users define.
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -10-
W
3) Forming Outline Dimensions
P
H1
F Ho
H
W1 W2 Wo
Po
Do
Package Dimensions (unit : mm) H* Ho * H1 * W Wo W1 18.0 +1.0 -0.5 13.00.3 1.00.5 W2 P Po F Do 9.00.5 12.70.5 12.70.3 5.00.5 4.00.5 1 Box contain quantity. 3 Series : 2000pcs * 5 Series : 1500pcs
* Remark : H / Ho / H1- users define.
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -11-
W
9. SOLDERING PROFILE
1) Wave Soldering Conditions / Profile * Preliminary heating to be at 85C(120 C max) for 20 seconds(60 seconds max). * Soldering heat to be at 235 C (260C max) for 5 seconds (10 seconds max.) * Soak time above 200 C is 5 seconds
250
PEAK
200
5s (10s Max) 235 C(260 C Max)
Temperature [ C]
150
O
PREHEAT
100
20s (60s Max) 85 C(120 C Max)
50
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
T im e [s ]
2) Hand Soldering conditions * Not more than 5 seconds at max. 300C, under Soldering iron.
Note : In case the soldered products are reused in soldering process, we don't guarantee the products.
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -12-
10. PART NUMBERING SYSTEM
1
2
3
4
5
6
7
8
A
B
C
L* * * * * * * - * * *
1) Lamp LED initial 2) Color U: Ultra Violet, Y : Yellow (580~600) W : White 3) If the products have 2 or 3chips GR : Green + Red ( according to wavelength), 4) Outline type 1 : 3x2(square), 6 : 3Phi Oval, 5) Half angle 1: ~14O, 2: 15~24O , 3: 25~34O, 4: 35~44O, 5 : 45~54O... 0 : more than 100O 6) 1st Development according to a chip 7) 2nd Development (other material) D : diffused C : colored Z : zener chip attached 8) Stand off type A, B, C : Bin cord description A: IV, B: WD C: VF 2 : 5x2(square), 7 : 5Phi Oval 3 : Phi3, 5 : Phi 5 , FL : Full color B : Blue (460~490), O : Orange (600~620) M : Warm C : Cyan (490~510), R : Red (620~700) I : Infrared T : True Green (510~540), G : Yellow-Green (540~580)
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -13-
11. PRECAUTION FOR USE
1) 2) 3) 4) 5) 6) 7) 8) 9) 10) In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccators) with a desiccant . In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12Hr, at 605. In case of supposed the components is humid, shall be dried dip-solder just before, 12Hr at 805 or 10Hr at 1005. Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. Quick cooling shall not be avoid. Components shall not be mounted on warped direction of PCB. Anti radioactive ray design is not considered for the products listed here in. This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. The LEDs must be soldered within seven days after opening the moisture-proof packing. Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. The appearance and specifications of the product may be modified for improvement without notice.
11) 12) 13)
<050201> Rev. 0.0 LR530A
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : 82-2-3281-6269 FAX : 82-2-857-5430 -14-


▲Up To Search▲   

 
Price & Availability of LY791

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X