Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download LXMG1618-12-6X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
DESCRIPTION
KEY FEATURES
WWW .Microsemi .C OM
The LXMG1618-12-6X is a Single Output 6W Direct DriveTM CCFL (Cold Cathode Fluorescent Lamp) Inverter Module specifically designed for driving LCD backlight lamps. It is ideal for driving typical 12.1" to 15" panels. The maximum output current is externally programmable over a range of 5 to 8mA in 1mA steps to allow the inverter to properly match to a wide array of LCD panel lamp current specifications. The modules are include a dimming input that permits brightness control from either a DC voltage source, a PWM signal or an external potentiometer. LXMG1618 modules unlike the LXMG1617 series does not provide wide range `burst' mode dimming, rather dimming is provided by amplitude control of the output current waveform, this limits the potential dim range to typically less than 5:1.
For applications not requiring wide range dimming, amplitude control results in lower ripple on the input supply and reduced potential transient noise generation. Many STN type panels are particularly well suited for current amplitude dimming. The modules convert a DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. A 5V input inverter is also available (LXMG1618-05-6x). The inverter's design is based on Microsemi's new LX1689 backlight controller, which provides a number of cost and performance advantages due to the controller's high level of integration. Other benefits of this new topology are stable fixed-frequency operation, secondary-side strike-voltage regulation and both open and shorted lamp protection with fault timeout.
Externally Programmable Maximum Output Current Easy to Use Brightness Control Output Short-Circuit Protection and Automatic Strike-Voltage Regulation and Timeout Analog Current Amplitude Dimming Method Fixed Frequency Operation Rated From -20 to 70C UL60950 E175910 RoHS Compliant APPLICATIONS Notebook Computers Portable Instrumentation Desktop Displays Industrial Display Controls STN Topology LCD Panels BENEFITS Compact, Low Profile Design Mates to Wide Variety of LCD Panels Output Open Circuit Voltage Regulation Minimizes Corona Discharge For High Reliability
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
Protected By U.S. Patents: 5,923,129; 5,930,121; 6,198,234; Patents Pending
PRODUCT HIGHLIGHT
UNIVERSAL DIMMING INPUT
"PWM",
VDC, OR POTENTIOMETER
DC Voltage Source
Potentiometer
PWM Signal
LXMG1618-12-6X LXMG1618-12-6X
SELECTABLE MAXIMUM OUPUT CURRENT
5MA TO 8MARMS
PACKAGE ORDER INFO
PART NUMBER
LXMG1618-12-61 LXMG1618-12-62
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
OUTPUT CONNECTOR
JST SM02(8.0)B-BHS-1-TB (LF)(SN) or Yeon Ho 20015WR-05A00 JST SM02B-BHSS-1-TB (LF)(SN) or Yeon Ho 35001WR-02A00
INVERTER MATES DIRECTLY TO PANEL CONNECTORS
JST BHR-03VS-1 JST BHSR-02VS-1
Page 1
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
1
2
3
PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
ABSOLUTE MAXIMUM RATINGS (NOTE 1) Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V Input Power .................................................................................................................................................................... 8.25W Output Voltage, no load ............................................................................................................ Internally Limited to 1800VRMS Output Current .............................................................................................................................10mARMS (Internally Limited) Output Power ................................................................................................................................................................... 6.0W Input Signal Voltage ( SLEEP Input) ..................................................................................................................... -0.3V to VIN1 Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V Ambient Operating Temperature, zero airflow.....................................................................................................-20C to 70C Storage Temperature Range...............................................................................................................................-40C to 85C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified terminal.
WWW .Microsemi .C OM
RECOMMENDED OPERATING CONDITIONS (R.C.) This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance will be obtained if the module is operated under the condition listed in the `R.C.' column. Min. and Max. columns indicate values beyond which the inverter, although operational, will not function optimally. Parameter Input Supply Voltage Range (Fully Regulated Lamp Current) Input Supply Voltage Range (Functional) Output Power Linear BRITE Control Input Voltage Range Lamp Operating Voltage Lamp Current (Full Brightness) Operating Ambient Temperature Range Symbol VIN1 PO VBRT_ADJ VLAMP IOLAMP TA Recommended Operating Conditions Min R.C. Max 10.8 10.2 0.65 to 0.9 545 5 -20 12 12 640 13.2 13.8 6.0 2.0 735* 8 70 Units V W V VRMS mARMS C
The minimum VBRT ADJ voltage depends on the panel characteristics, depending on the panel it can vary from 0.65V to 0.9V * Total output power must not exceed 6W. Higher voltage lamps may require maximum output current to be set lower than 8mARMS
ELECTRICAL CHARACTERISTICS Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
OUTPUT PIN CHARACTERISTICS Full Bright Lamp Current Full Bright Lamp Current Full Bright Lamp Current Full Bright Lamp Current Min. Average Lamp Current Lamp Start Voltage IL(MAX) IL(MAX) IL(MAX) IL(MAX) IL(MIN) VLS VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Ground, ISET2 = Open VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Ground VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = Open, ISET2 = Open VBRT_ADJ = 0.65VDC, SLEEP > 2.0V, VIN1 = 12VDC ISET1 = ISET2 = Ground -20C < TA < 70C, VIN1 > 10.8VDC 4.4 5.4 6.4 7.4 5 6 7 8 1.5 * 1400 1650 5.6 6.6 7.6 8.6 mARMS mARMS
Symbol
Test Conditions
LXMG1618-12-6X Min Typ Max
Units
ELECTRICALS ELECTRICALS
mARMS mARMS mARMS VRMS
Operating Frequency fO 57 60 63 kHz VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 12V * The inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user's responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current.
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
ELECTRICAL CHARACTERISTICS (CONTINUED) Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25C except where otherwise noted. Parameter
BRITE INPUT Input Current Minimum Input for Max. Lamp Current Minimum Input for Min. Lamp Current SLEEP INPUT RUN Mode SLEEP Mode SET1,2 INPUT SET1,2 Low Threshold Input Current POWER CHARACTERISTICS Sleep Current Run Current Efficiency IIN(MIN) IRUN VIN1 = 12VDC, SLEEP < 0.8V VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 640VRMS VIN1 = 12VDC, SLEEP 2.0V, ISET1 = Open ISET2 = Ground, VLAMP = 640VRMS 0.0 8 428 88 20 ADC mADC % VL ISET 0.4 VSET 0.4V -300 V A IBRT VBRT_ADJ VBRT_ADJ VBRT_ADJ = 0VDC VBRT_ADJ = 3VDC IO(LAMP) = Maximum Lamp Current IO(LAMP) = Minimum Lamp Current -300 50 2.0 0.65 2.0 -0.3 5 0.8 ADC ADC VDC VDC VDC VDC
WWW .Microsemi .C OM
Symbol
Test Conditions
LXMG1618-12-6X Min Typ Max
Units
2.05
VSLEEP VSLEEP
* The Inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user's responsibility to set the minimum brightness (BRITE) input at or above the panel specification for minimum current. This is likely greater than the 0.65V minimum input.
FUNCTIONAL PIN DESCRIPTION CONN CN1-1 CN1-2 CN1-3 CN1-4 CN1-5 CN1-6 CN1-7 CN1-8 PIN DESCRIPTION CN1 (Molex 53261-0871) Mates with 51021-0800 housing, 50079-8100 pins. Mates with LX9501G input cable assembly VIN1 GND Main Input Power Supply (10.8V < VIN1 < 13.2V) Power Supply Return ON/OFF Control. (0V < SLEEP < 0.8 = OFF, SLEEP >= 2.0V = ON Brightness Control (0.65V to 2.0VDC). 2.0VDC gives maximum lamp current. SET1 MSB Connecting this pin to ground decreases the output current 2 mA (see Table 1) SET2 LSB Connecting this pin to ground decreases the output current 1 mA (see Table 1)
SLEEP
BRITE SET1 SET2
CN2 for LXMG1618-12-61 and -62 (JST SM02(8.0)B-BHS-1-TB (LF)(SN) | Yeon Ho 20015WR-05A00 or SM02B-BHSS-1-TB (LF)(SN) | Yeon Ho 35001WR-02A00) CN2-1 CN2-2 VHI VLO High voltage connection to high side of lamp. Connect to lamp terminal with shortest lead length. DO NOT connect to Ground. Connection to low side of lamp. Connect to lamp terminal with longer lead length. DO NOT connect to Ground
ELECTRICALS ELECTRICALS
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
TABLE 1 OUTPUT CURRENT SETTINGS SET1 SET2 Nominal Output Current (Pin 7) (Pin 8) Open* Open* 8.0mA Open* Ground 7.0mA Ground Open* 6.0mA Ground Ground 5.0mA * If driven by a logic signal it should be open collector or open drain only, not a voltage source. PHYSICAL DIMENSIONS LXMG1618-12-6X
100mm 85mm
3.35in 3.94in.
WWW .Microsemi .C OM
MOUNTING HOLE 2.44MM -.08 DIA.
CN1 16mm
0.63in. 12.5mm
0.492in
CN2
3.5mm
0.138in.
GROUNDED MOUNTING HOLE 2.44MM -.08 DIA. 11mm
0.433in.
74mm -0.2mm
2.91in
Warning
High Voltage Present at high side of Transformer and Output Connector 7.5mm Max
0.295in. Weight: (9g) typ .
1.0mm
0.0394in.
PCB tolerances - 0.2mm , M2 or 2-56 recommended mounting screws
All dimensions are in millimeters, inches for reference only SIMPLIFIED BLOCK DIAGRAM
+3V Controller VBRITE 0.65 2VDC 10K Comparator + Ramp +3V 10K SET1 +3V 10K
High Voltage Transformer
VIN1
VHI
Transformer Driver
LAMP
PACKAGE DATA PACKAGE DATA
Ramp Gen
OCSENSE
OVSENSE ISENSE
VLO
SET2
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
TYPICAL APPLICATION
12V DAC or Pot 0.65V 20K to 2.0V 2.7K BRITE VIN1 VHI LXMG1618-12-6X CCFL TUBE VLO GND
WWW .Microsemi .C OM
The brightness control may be a voltage output DAC or other voltage source, a digital pot or 20K manual pot. The inverter contains an internal 10K pull-up to 3V to bias the pot add a 2.7K resistor to set the lower threshold voltage. A 3.3V Logic Level PWM signal from a microcontroller may also be used as shown in Figure 1A. If you need to turn the inverter ON/OFF remotely, connect to TTL logic signal to the SLEEP input. Connect VHI to high voltage wire from the lamp. Connect VLO to the low voltage wire (wire with thinner insulation). Never connect VLO to circuit ground as this will defeat lamp current regulation. If both lamp wires have heavy high voltage insulation, connect the longest wire to VLO. This wire is typically white. Use the SET1 and SET2 (see Figure 2) inputs to select the desired maximum output current. Using these two pins in combination allows the inverter to match a wide variety of panels from different manufactures. Generally the best lamp lifetime correlates with driving the CCFL at the manufactures nominal current setting. However the SET1 and SET2 inputs allow the user the flexibility to adjust the current to the maximum allowable output current to increase panel brightness at the expense of some reduced lamp life. Although the SET pins are designed such that just leaving them open or grounding them is all that is needed to set the output current, they can also be actively set. Using a open collector or open drain logic signal will allow you to reduce the lamp current for situations where greater dim range is required, as an example in nighttime situations. In conjunction with a light sensor or other timer the panel could be set to higher brightness (maximum output current) for daytime illumination and lower brightness (minimum or typical output current) at nighttime. Since the dim ratio is a factor the peak output current, using this technique the effective dim ratio can be increased. Conversely the SET inputs could be used to overdrive the lamp temporarily to facilitate faster lamp warm up at initial lamp turn on. Of course any possible degradation on lamp life from such practices is the users responsibility as not all lamps are designed to be overdriven. The inverter has a built in fault timeout function. If the output is open (lamp disconnected or broken) or shorted the inverter will attempt to strike the lamp for several seconds. After about 2 to 4 seconds without success the inverter will shutdown. In order to restart the inverter it is necessary to toggle the sleep input or cycle the VIN1 input supply.
SLEEP SET1 SET2 NC NC
Figure 1 - Brightness Control (Output current set to maximum)
PWM Signal from System P.W.
BRITE
LXMG1618-12-6X 10s to 125S ~26 < P.W. < 100% of period
Figure 1A - PWM Brightness Control
12V BRITE VIN1 VHI CCFL TUBE VLO
LXMG1618-12-6X SLEEP SET1 SET2 GND
APPLICATION APPLICATION
L 5.0mARMS H 6.0mARMS L 7.0mARMS H 8.0mARMS L=GND; H=Open Figure 2 - Max Output Current (SET1 and SET2 Inputs)
L L H H
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
PanelMatchTM
TM (R)
LXMG1618-12-6X
PRODUCTION DATASHEET
12V 6W CCFL Programmable Inverter Module
NOTES
WWW .Microsemi .C OM
NOTES NOTES
PRODUCTION DATA - Information contained in this document is proprietary to Microsemi and is current as of publication date. This document may not be modified in any way without the express written consent of Microsemi. Product processing does not necessarily include testing of all parameters. Microsemi reserves the right to change the configuration and performance of the product and to discontinue product at any time.
Copyright (c) 2002 Rev. 1.0a, 2006-11-13
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6


▲Up To Search▲   

 
Price & Availability of LXMG1618-12-6X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X