Part Number Hot Search : 
L78M10CV 25600 1N5407GP 1N5401GP N5383 350G4C MIC25 B84131
Product Description
Full Text Search
 

To Download LX5211CPWP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIN D O C #: 5211
LX5211
9-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR
T
HE
I
NFINITE
P
OWER
OF
I
N N O VAT I O N
P
RODUCTION
D
ATA
S
HEET
DESCRIPTION
The LX5211 is a nine-line active terminator for the SCSI parallel bus. The SCSI standard recommends active termination at both ends of the SCSI bus. During disconnect mode, the LX5211 requires a meager 500nA of supply current while offering only 2.5pF of output capacitance. To enter this low-power mode, the disconnect pin can be left open (floating) or driven low, thereby disconnecting the terminating resistors and placing the internal low dropout regulator into low-power mode. In disconnect mode, each termination line presents a high impedance to the SCSI bus with the overall effect being to preserve high signal integrity and yield subsequent reliable, error-free communications. During normal operation, the LX5211 consumes only 600A of current, which is the lowest enabled supply current of any terminator available on the market today. Linfinity's proprietary BiCMOS low dropout regulator architecture enables this unique and very efficient operating characteristic. The LX5211 also offers a precisely trimmed channel output current specified to a 5% tolerance. The maximum value of the output current is trimmed as closely as possible to the SCSI standard maximum specification to give the highest possible noise margin for fast SCSI operation. And the LX5211 sinks up to 30mA of current, making it compatible with today's fast active negation drivers. The LX5211 is a stable, pin-for-pin replacement for a variety of industry products, such as the UCC5606.
K E Y F E AT U R E S
s 2.5pF OUTPUT CAPACITANCE DURING DISCONNECT s 500nA SUPPLY CURRENT IN DISCONNECT MODE s 600A SUPPLY CURRENT DURING NORMAL OPERATION s 30mA SINK CURRENT FOR ACTIVE NEGATION s LOGIC COMMAND DISCONNECTS ALL TERMINATION LINES s CURRENT LIMIT AND THERMAL PROTECTION s COMPATIBLE WITH SCSI 1, 2, 3, AND ULTRA SCSI STANDARDS s HOT SWAP COMPATIBLE s CONSULT FACTORY FOR APPLICATION TEST REPORT: 5211TR s EVALUATION BOARD AVAILABLE: REQUEST LXE9005 EVALUATION KIT
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.
PRODUCT HIGHLIGHT
RE C E I V I N G WAV E F O R M - 20MHZ
DR I V I N G W AV E F O R M - 20MHZ
Receiver 1 Meter, AWG 28 LX5211 LX5268
Driver LX5211 LX5268
PA C K A G E O R D E R I N F O R M AT I O N TA (C) 0 to 70
NOTE: For An In-Depth Discussion On Applying SCSI, Request Linfinity Application Note: "Understanding The Single-Ended SCSI Bus"
PWP Plastic TSSOP 24-pin, Power
LX5211CPWP
DP Plastic SOIC 16-pin, Power
LX5211CDP
Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number. (i.e. LX5211CDPT)
Copyright (c) 1997 Rev. 1.1 5/97
LINFINITY MICROELECTRONICS INC.
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
PRODUCT DATABOOK 1996/1997
LX5211
9-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR
P
RODUCTION
D
ATA
S
HEET
A B S O L U T E M A X I M U M R AT I N G S
(Note 1)
PACKAGE PIN OUTS
T7 T8 T9 N.C. GND HEATSINK/GND HEATSINK/GND HEATSINK/GND HEATSINK/GND DISCONNECT T1 T2
1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13
TermPwr Voltage ................................................................................................. +7V Signal Line Voltage ................................................................................... 0V to +7V Regulator Output Current ................................................................................... 0.4A Operating Junction Temperature Plastic (PWP, DP Packages) ........................................................................ 150C Storage Temperature Range .............................................................. -65C to 150C Lead Temperature (Soldering, 10 seconds) .................................................... 300C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal.
T6 T5 REG OUT N.C. HEATSINK/GND HEATSINK/GND HEATSINK/GND HEATSINK/GND N.C. VTERM T4 T3
T H E R MAL DATA
PWP PACKAGE: THERMAL RESISTANCE-JUNCTION TO LEADS, JL THERMAL RESISTANCE-JUNCTION TO AMBIENT, JA DP PACKAGE: THERMAL RESISTANCE-JUNCTION TO LEADS, JL THERMAL RESISTANCE-JUNCTION TO AMBIENT, JA 20C/W 50C/W 27C/W 100C/W
T7 T8 T9 HEATSINK/GND GND DISCONNECT T1 T2
PWP PACKAGE (Top View)
16 2 3 4 5 6 7 8 15 14 13 12 11 10 9
Junction Temperature Calculation: TJ = TA + (PD x JA). The JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.
T6 T5 REG OUT HEATSINK/GND HEATSINK/GND VTERM T4 T3
DP PACKAGE (Top View)
POWER UP / POWER DOWN FUNCTION TABLE
DISCONNECT L H Open Outputs HI Z Enabled HI Z Quiescent Current 0.5A 600A 0.5A
2
Copyright (c) 1997 Rev. 1.1 5/97
PRODUCT DATABOOK 1996/1997
LX5211
9-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR
P
RODUCTION
D
ATA
S
HEET
R E C O M M E N D E D O P E R AT I N G C O N D I T I O N S Parameter
TermPwr Voltage Signal Line Voltage DISCONNECT Input Voltage Output Capacitor on REGOUT Operating Virtual Junction Temperature Range LX5211C Note 2. Range over which the device is functional.
(Note 2)
Symbol
VTERM
Recommended Operating Conditions Min. Typ. Max.
4 0 0 2.2 0 5.25 5 VTERM
Units
V V V F C
125
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0C TA 70C. TermPwr = 4.75V, DISCONNECT = 0V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter Supply Current Section
TermPwr Supply Current Power Down Mode
Symbol
Test Conditions
Min.
LX5211 Typ. Max.
0.6 194 0.5 1.2 210 1 116 120 -23 -23 -23 -23 400
Units
All term lines = Open All term lines = 0.5V DISCONNECT = Open ITERM = -5mA to -15mA, TA = 25C ITERM = -5mA to -15mA VOUT = 0.5V, T A = 25C VOUT = 0.5V, 0C TA 70C VOUT = 0.5V, V TERM = 4V, TA = 25C VOUT = 0.5V, V TERM = 4V, 0C TA 70C DISCONNECT = Open, VTERM = 0V to 5.25V DISCONNECT = Open VOUT = 4V 104 100 2.7 -20.3 -19.0 -19.5 -18.0
mA mA A V mA mA mA mA nA pF mA V mV mV V mA C V A
Output Section (Terminator Lines)
Terminator Impedance Terminator Output High Voltage Max. Output Current 110 110 2.9 -21.8 -21.8 -21.8 -21.8 10 2.5 30 3.6 10 20 0.7 -200 150 0.8 DISCONNECT = 0V
Output Leakage Output Capacitance Sink Current
20
Regulator Section
Regulator Output Voltage Line Regulation Load Regulation Drop Out Voltage Short Circuit Current Thermal Shutdown VTERM = 4V to 6V I REG = 0 to -50mA IREG = -50mA VREG = 0V 20 50 1.0 -350
Disconnect Section
DISCONNECT Threshold Input Current 2.0 40
Copyright (c) 1997 Rev. 1.1 5/97
3
PRODUCT DATABOOK 1996/1997
LX5211
9-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR
P
RODUCTION
D
ATA
S
HEET
BLOCK DIAGRAM
FIGURE 1 -- LX5211 BLOCK DIAGRAM
REG OUT VTERM DISCONNECT VBG T0 VTERM Channel 1 of 9
VTERM
T8
A P P L I C AT I O N S C H E M AT I C
FIGURE 2 -- 8-BIT SCSI SYSTEM APPLICATION
5V
2.2F
TERM POWER
VTERM
HOST
PERIPHERAL
TERM POWER
VTERM
2.2F
5V
DISCONNECT
LX5211
REGOUT
2.2F
LX5211 DB (6) DB (7) DB (P) DB (6) DB (7) DB (P)
~~~
REGOUT
2.2F
TERMPWR
VTERM
TERMPWR
DISCONNECT
SCSI CABLE
LX5211
REGOUT
2.2F
LX5211 ACK RST MSG ACK RST MSG
~~~
REGOUT
2.2F
Note: Add third LX5211 for 16-bit SCSI
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.
4
Copyright (c) 1997 Rev. 1.1 5/97
DISCONNECT
ATN BSY
VTERM
ATN BSY
~~
DISCONNECT
DB (0) DB (1)
~~
DB (0) DB (1)


▲Up To Search▲   

 
Price & Availability of LX5211CPWP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X