Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download LX509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Current Quad Inverting Amplifiers
LX509 - DATA SHEET
FEATURES * 210 A typical current drain * 4 inverting opamps; B with 6 dB greater drive current * minimum 46 dB open loop gain * ideal for - active filtering - dual channel hearing aids - mixers - microphone / telecoil preamps STANDARD PACKAGING * 10 pin PLID(R) * 10 pin SLT * Chip (61 x 55 mils) Au Bump
DESCRIPTION The LX509 consists of 4 independent low noise, low current inverting operational amplifiers utilizing Gennum's low voltage bipolar JFET technology. Each amplifier has a minimum open loop gain of 46 dB with the closed loop gain set by the ratio of a feedback (RF) resistor to the source impedance (RS) . For a well controlled gain tolerance from amplifier to amplifier, it is recommended that the closed loop gain is at least 20 dB below the open loop gain. Three of the preamplifiers, A, C and D are capable of delivering typically 30 A of peak current drive while the fourth preamplifier B has 6 dB more current drive capability, allowing a 6 dB greater output into the same load impedance, or the same output level into one half the load impedance.
CIN 6 -C
COUT 7 8
VB 9
DIN
DOUT 10 -D
-B
-A
5 BIN
4 BOUT
3 AIN
2 AOUT
1 GND
BLOCK DIAGRAM
Revision Date: January 2001
Document No. 510 - 30 - 06
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 Web Site: www.gennum.com E-mail: hipinfo@gennum.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Operating Temperature Storage Temperature
o
PIN CONNECTION
VALUE / UNITS 5V DC -10 to +40oC -20o to +70oC
B IN B OUT A IN A OUT 5 6 C IN C OUT V
B
D IN 1 10 D OUT
CAUTION CLASS 1 ESD SENSITIVITY
GND
ELECTRICAL CHARACTERISTICS
VOUT Pin voltage measured with conditions as shown in Test Circuit Positive Current corresponds to current INTO the pin Negative Current corresponds to current OUT of the pin Conditions: Frequency = 1 kHz, Temperature = 25oC, Supply Voltage V = 1.3 VDC
B
PARAMETER Total Current Input Bias Voltage Input Bias Current Output Voltage Swing - Hi
SYMBOL ITOT VBIAS IBIAS VOH
CONDITIONS
MIN 115 500
TYP 210 570 0 580
MAX 305 620 50 -
UNITS A mVDC nA mVDC
RF = 1 M VIN = 0.4 VDC' RF = IL = -10 A, (Note 1) IIN = +1 A' RF = IL = +10 A, (Note 2)
-50 200
Output Voltage Swing - Lo
VOL AVOL IRN THD
200
280
-
mVDC
Open Loop Voltage Gain Input Referred Noise Harmonic Distortion Current Drive Capability
46 NFB 0.2 to 10kHz at 12dB/Oct A, C, D, B -
56 1 1 30 60
-
dB VRMS % A A
All Parameters and Switches remain as shown in Test Circuit unless otherwise stated in "Conditions" Column Notes: 1 VOH = VOUT - VOUT (IL = -10 A for Blocks A, C, D, IL = -20 A for Block B) 2 VOL = VOUT - VOUT (IL = +10 A for Blocks A, C, D, IL = +20 A for Block B)
RF = 0
RS 180 VRMS at 1kHz 3.92k
VIN CS 1.0
a
-A to -D
b S1
VOUT
IL = 0
All resistors in ohms, all capacitors in F unless otherwise stated
Fig. 1 LX509 Test Circuit
510 - 30 - 06
2
8
BASE CURRENT COMPENSATION
10
2
7
4
9
3
6
5
1
Fig. 2 Functional Schematic
RF
C11
V1 V2 V3
R1 R2 R3
R12
-A
VO
V1 C1 C1 -A C10 R10
Fig. 3a Summing Amplifier
R2 C2
High Pass R11
RF1
C4
R5 -B
VO C9 R9
RIN1 V1 -A
C1 4.7k R2 R F2 T
V2
R3
C3 -C R4
R3
Band Pass R1 C5
VO -B
RIN2 V2 -C C2
4.7k
V3 C7 R6 R7
C8 -D
R8
Fig. 3b Mixing Circuit
C6
Low Pass
R1 C4 C1 MIC -A R2 M T C2 -C TELE COIL C3 R3 -B VO RF
Fig. 3d Multi-Band Filtering
(for Filter Design refer to Note 600-9, Active Filtering for Hearing Aids) All resistors in ohms, all capacitors in F unless otherwise stated
Fig. 3c Mic / Telecoil Preamplifier Fig. 3 LX509 Application Circuits
3
510 - 30 - 06
0
4
RELATIVE OUTPUT (dB)
-20
RF = 100k
0
CS = 0.22 CS = 0.1
OUTPUT (dBV)
-40
-4
-60
RF = 47k RF = 10k
RF = 3.3k
-8
CS = 0.033
-80
-12
-100
-16
CS = 0.047
RF = 22k
-120 -130 -110 -90 -70 -50 -30 -10 -20 20 200 2k 20k
INPUT (dBV)
FREQUENCY (Hz)
Fig. 4 I/O Characteristics for Various RF Values
Fig. 5 Closed Loop Frequency Response for Various CS Values
4
60 55 50
0
RELATIVE GAIN (dB)
-4
GAIN (dB)
0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
45 40 35 30
-8
-12
-16 25 -20 10 20 100 1k 10k 100k
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
Fig. 6 Gain vs Supply Voltage
Fig. 7 Preamplifier Open Loop Frequency Response
40
RELATIVE TOTAL CURRENT (A)
20
0
-20
-40
-60
-20
-10
0
10
20
30
40
50
TEMPERATURE (oC)
Fig.8 Total Current vs Temperature GENNUM CORPORATION
MAILING ADDRESS: P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814 SHIPPING ADDRESS: 970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
DOCUMENT IDENTIFICATION: DATA SHEET The product is in production. Gennum reserves the right to make changes at any time to improve reliability, function or design, in order to provide the best product possible. REVISION NOTES: Changes to standard packaging information.
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081, Japan Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement. (c) Copyright July 1988 Gennum Corporation. All rights reserved.
Printed in Canada.
510 - 30 - 06
4


▲Up To Search▲   

 
Price & Availability of LX509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X