Part Number Hot Search : 
RN4988FE CXA2040 5ETTT C3834 P100A 74HCT244 CXA2040 MG800RW
Product Description
Full Text Search
 

To Download LX1691AIPW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LX1691A
TM (R)
Enhanced Multi-Mode CCFL Controller
PRODUCTION DATA SHEET
KEY FEATURES Simultaneous Amplitude And Duty Cycle Dimming Modes Resistor programmable min and max lamp currents Digital Dimming Can Synch To External Or Internal Clocks 120 ms Power On Delay Open Or Shorted Lamp Regulation & Shutdown "On Chip" Full Wave Lamp Current Rectifier 16 Pin TSSOP Package Very Stable Oscillator with OnChip timing capacitor Enhanced Digital Dimming Resolution Wide Input Voltage Capable BENEFITS Low Component Count / Module Cost / And Size High "Nits/Watt" Efficiency Operates Directly From a Single Li-Ion Cell Industries Safest And Highest Performing Strike Voltage Generation (Patented) Tight Operating Frequency Tolerance For Easier System Level RFI Control
DESCRIPTION
Mircrosemi's LX1691A is an enhanced Direct Drive CCFL (Cold Cathode Fluorescent Lamp) Controller. Its architecture is based on the LX1691. LX1691A based inverter modules can be designed for virtually any CCFL appliance from digital cameras and PDA's to big screen monitors and driver viewable automotive displays. New versatile dimming circuitry can accept digital and analog control inputs and provides six different dimming modes that control both lamp current amplitude and duty cycle, either simultaneously or separately. Designers can select normal or reverse polarity dimming and precisely program mini-mum and maximum lamp currents with resistors. The LX1691A fault shutdown feature is enhanced to include regulation and shutdown for over voltage and over current conditions. The LX1691A includes the Microsemi proven and patented strike method that allows significant efficiency gains while guaranteeing strong striking power at all operating temperatures.
Our method sweeps strike frequency smoothly up to the unloaded resonant frequency of the lamp and high voltage transformer. This, coupled with the LX1691A's active high output voltage regulation, produces just enough strike voltage without generating unpredictable high voltage spikes that cause arcing and component failures. Competitive devices that simply switch to a higher frequency for striking do not have this "real time" control over output voltage, and require much more attention to transformer design. The LX1691A is optimized for wide input voltage applications. It is identical to the LX1691 except it has a guaranteed minimum lamp strike interval of one second to meet notebook and monitor panel manufacturer's specifications. The LX1691A includes feed forward compensation that provides improved regulation and transient response over an 7 - 24 volt input supply range. The LX1691A can also be used with a fixed input supply and will produce performance equal to that of the LX1691.
WWW .Microsemi .C OM
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com Protected By U.S. Patents: 5,615,093; 5,923,129; 5,930,121; 6,198,234; Patents Pending
PRODUCT HIGHLIGHT
Traditional Analog
2
Lamp Current (mA)
BRITE_IN +3V
T2
+
External Digital
2
Lamp Current (mA)
BRITE_IN
+
VDC
0 T1
DD_CLK
T1
VDC
0
_ T2
T
DD_CLK
T = 512 / DD_CLK Frequency
T
_
Internal Digital
2
Lamp Current (mA)
BRITE_IN +3V
T
+
Direct PWM (Analog)
2
Lamp Current (mA)
BRITE_IN
+
VDC
0
DD_CLK
T
VDC
0 T1
_
T2
T = 512 / Lamp Frequency
DD_CLK
T1
LX1691A LX1691A
_ T2
Four of Six Dimming Modes
PACKAGE ORDER INFO
TA (C) -40 to +85
MIN VDDP 2.8V
MAX VDDP 5.5V
PW
Plastic TSSOP 16-PIN LX1691AIPW
RoHS Compliant / Pb-free
Note: Available in Tape & Reel. Append the letters "TR" to the part number. (i.e. LX1691AIPW-TR)
Copyright (c) 2003 Rev. 1.1b, 8/30/2006
Microsemi
Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
TM
(R)
WWW .Microsemi .C OM
INFORMATION
Thank you for your interest in Microsemi(R) IPG products.
The full data sheet for this device contains proprietary information. To obtain a copy, please contact your local Microsemi sales representative. The name of your local representative can be obtained at the following link http://www.microsemi.com/contact/contactfind.asp or Contact us directly by sending an email to: IPGdatasheets@microsemi.com Be sure to specify the data sheet you are requesting and include your company name and contact information and or vcard. We look forward to hearing from you.
Copyright
Microsemi
Integrated Products Division 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570


▲Up To Search▲   

 
Price & Availability of LX1691AIPW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X