Part Number Hot Search : 
TLOH16TP 2J473K UF1003E ZJ24B 00402 AD9050 LW010BK 10M20
Product Description
Full Text Search
 

To Download LV2502A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHF HYPERABRUPT TUNING DIODES LV2001(A) - LV2002(A)
PART NUMBER LV2001 LV2001A LV2002 LV2002A CT CAPACITANCE (pF) f = 1 MHz VR= 4 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 18 19 18 19 22 21 22 21 7.5 7.8 7.5 7.8 10.5 9.2 10.5 9.2 3.1 3.1 3.9 3.9 1.8 2.0 2.7 2.7 TR TUNING RATIO f = 1 MHz C*4/ C*8V C*4V / C*20V MIN MAX MIN MAX 5.4 5.4 6.6 6.6 Q VR = 4 Vdc f = 50 MHz MIN / TYP 160 160 160 160 220 220 220 220 VBR (Vdc) Ir = 10 Adc MIN 22 22 15 15 TYP 30 30 18 18 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 15 15 15 15 100 100 MAX 100 100
LV2201(A) - LV2202(A)
PART NUMBER LV2201 LV2201A LV2202 LV2202A CT CAPACITANCE (pF) f = 1 MHz VR= 4 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 45 55 47.5 52.5 45 55 47.5 52.5 18 18.4 18 18.4 25 21.6 25 21.6 7.3 7.3 9.2 9.2 1.8 2.2 2.8 2.8 TR TUNING RATIO f = 1 MHz C*4/ C*8V C*4V / C*20V MIN MAX MIN MAX 5.6 5.6 6.9 6.9 Q VR = 4 Vdc f = 50 MHz MIN / TYP 125 125 125 125 165 165 165 165 VBR (Vdc) Ir = 10 Adc MIN 22 22 15 15 TYP 30 30 18 18 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 20 20 20 20 100 100 MAX 100 100
LV2301(A) - LV2302(A)
PART NUMBER LV2301 LV2301A LV2302 LV2302A CT CAPACITANCE (pF) f = 1 MHz VR= 4 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 100 120 39 55 15 19 105 115 41.4 48.6 15 19 100 120 39 55 105 115 41.4 48.6 TR TUNING RATIO f = 1 MHz C*4/ C*8V C*4V / C*20V MIN MAX MIN MAX 5.9 7.3 5.9 7.3 1.8 2.8 2.15 2.8 Q VR = 4 Vdc f = 50 MHz MIN / TYP 80 110 80 110 80 110 80 110 VBR (Vdc ) Ir = 10 Adc MIN 22 22 15 15 TYP 30 30 18 18 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP MAX 30 100 30 100
30 30
100 100
LV2401(A) - LV2402(A)
PART NUMBER LV2401 LV2401A LV2402 LV2402A CT CAPACITANCE (pF) f = 1 MHz VR= 4 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 140 147 140 147 170 55 163 59.8 170 55 163 59.8 80 70.2 80 70.2 22.5 22.5 28 28 1.8 2.1 2.8 2.7 TR TUNING RATIO f = 1 MHz C*4/ C*8V C*4V / C*20V MIN MAX MIN MAX 5.8 5.8 7.1 7.1 Q VR = 4 Vdc f = 50 MHz MIN / TYP 70 70 70 70 90 90 90 90 VBR (Vdc ) Ir = 10 Adc MIN 22 22 15 15 TYP 30 30 18 18 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 50 50 50 50 500 500 MAX 500 500
LV2501(A) - LV2502(A)
PART NUMBER LV2501 LV2501A LV2502 LV2502A CT CAPACITANCE (pF) f = 1 MHz VR= 4 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 180 190 180 190 220 210 220 210 70 78 70 78 105 92 105 92 29 29 36 36 1.8 2.0 2.8 2.7 TR TUNING RATIO f = 1 MHz C*4/ C*8V C*4V / C*20V MIN MAX MIN MAX 5.8 5.8 7.1 7.1 Q VR = 4 Vdc f = 50 MHz MIN / TYP 60 60 60 60 80 80 80 80 VBR (Vdc) Ir = 10 Adc MIN 22 22 15 15 TYP 30 30 18 18 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 70 70 70 70 500 500 MAX 500 500
Package Style Operating Temperature (Topr) Storage Temperature (Tstg) Other package styles are available
DO-7 -55 to + 150C -65 to +200 C
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of LV2502A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X