Part Number Hot Search : 
ZS10B MBJ14 UPC29M03 29F52 MRFIC1 2M25V SMF200A M810S
Product Description
Full Text Search
 

To Download LV25-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Transducer LV 25-200
For the electronic measurement of voltages : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high voltage) and the secondary circuit (electronic circuit).
VPN =
200 V
Electrical data
VPN VP IPN RM Primary nominal r.m.s. voltage Primary voltage, measuring range Primary nominal r.m.s. current Measuring resistance with 12 V with 15 V ISN KN VC IC Vd @ 200 V max @ 300 V max @ 200 V max @ 300 V max 200 V 0 .. 300 V 10 mA RM min RM max 30 30 100 100 200 100 320 180
Features
*Closed loop (compensated) voltage
transducer using the Hall effect
*Transducer with insulated plastic
case recognized according to UL 94-V0 *Primary resistor R 1 and transducer mounted on printed circuit board 128 x 60 mm.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test 1), 50 Hz, 1 mn
25 mA 200 V / 25 mA 12 .. 15 V 10 (@ 15 V) + IS mA 4.1 kV
Advantages
*Excellent accuracy *Very good linearity *Low thermal drift *High immunity to external
interference.
Accuracy - Dynamic performance data
XG
L
Overall Accuracy @ VPN , TA = 25C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO Response time @ 90 % of VP max
0.8 < 0.2 Max 0.15 0.10 0.60 0.10 0.60 15 Typ
% % mA mA mA s
Applications
*AC variable speed drives and servo
motor drives
IO IOT tr
- 25C .. + 25C + 25C .. + 70C
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
General data
TA TS N P R1 RS m Ambient operating temperature Ambient storage temperature Turns ratio Total primary power loss Primary resistance @ TA = 25C Secondary coil resistance @ TA = 70C Mass Standards 2)
1) 2)
*Power supplies for welding
- 25 .. + 70 - 40 .. + 85 2500 : 1000 2 20 110 60 EN 50178 C C W k g applications.
Notes :
Between primary and secondary A list of corresponding tests is available 980909/2
LEM Components
w w w .lem.com
Dimensions LV 25-200
Front view
(in mm. 1 mm = 0.0394 inch)
Top view
Standard 00 or N SP.. Year Week
Secondary terminals
Terminal + : supply voltage + 12 .. 15 V Terminal M : measure Terminal - : supply voltage - 12 .. 15 V
Connection
Mechanical characteristics
*General tolerance *Fastening *Connection of primary *Connection of secondary
0.3 mm 4 holes 4.2 mm Faston 6.3 x 0.8 mm Faston 6.3 x 0.8 mm
Remarks
*IS is positive when VP is applied on terminal +HT. *The primary circuit of the transducer must be linked to the
connections where the voltage has to be measured.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LV25-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X