Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download LV100-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Transducer LV 100-200
For the electronic measurement of voltages : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high voltage) and the secondary circuit (electronic circuit).
VPN = 200 V
Electrical data
VPN VP IPN RM Primary nominal r.m.s. voltage Primary voltage, measuring range Primary nominal r.m.s. current Measuring resistance with 15 V ISN KN VC IC Vd @ 200 V max @ 300 V max 200 V 0 .. 300 V 50 mA RM min RM max 0 0 170 90
Features
*Closed loop (compensated) voltage
transducer using the Hall effect
*Insulated plastic case recognized
according to UL 94-V0
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
50 mA 200 V / 50 mA 15 V 10 + IS mA 6 kV
*Primary resistor R 1 incorporated into
the housing.
Advantages
*Excellent accuracy *Very good linearity *Low thermal drift *High immunity to external
interference.
Accuracy - Dynamic performance data
XG
L
Overall Accuracy @ VPN , TA = 25C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO Response time @ 90 % of VP max
0.7 < 0.1 Typ Max 0.2 0.3
% % mA mA s
Applications
*AC variable speed drives and servo
motor drives
IO IOT tr
0C .. + 70C
0.2 70
General data
TA TS N P R1 RS m Ambient operating temperature Ambient storage temperature Turns ratio Total primary power loss Primary resistance @ TA = 25C Secondary coil resistance @ TA = 70C Mass Standards 1) 0 .. + 70 - 25 .. + 85 2000 : 2000 10 4 60 850 EN 50178 C C W k g
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Power supplies for welding
applications.
Note :
1)
A list of corresponding tests is available
980709/3
LEM Components
w w w .lem.com
Dimensions LV 100-200
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal + : supply voltage + 15 V Terminal M : measure Terminal - : supply voltage - 15 V Terminal : ground or earth
Connection
Top view Mechanical characteristics
*General tolerance *Fastening *Connection of primary *Connection of secondary *Connection to the ground *Fastening torque
0.3 mm 2 holes 6.5 mm M5 threaded studs Faston 6.3 x 0.8 mm M5 threaded stud 2.2 Nm or 1.62 Lb. -Ft.
Remarks
*IS is positive when VP is applied on terminal +HT. *The primary circuit of the transducer must be linked to the
connections where the voltage has to be measured.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LV100-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X