|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
!!""#$$%$% $&&&$'(( ))*&$( + % $%$%,%$% % $-$)$ ) $ $$ $ $.' &($&$$ / 01 !!""#"1234/52462 "123460781906/:/;2809/88= 70>=13/ "16/ 3" 10 1 2310713/2 10 0;?02312/> 16 10 1 53191/16=2/620 /88= 6/8;" 126/= 886"/0013/"88"/2/308/31/013/!"" @#;8/002/3=0/2/6 ! ! A B C ! &( % ) &( ! % ) % ) A % ) &( &( % ) &( % ) ! % ) !"# :/315/=/300712/362 /1D'3=136;33/2/362 :/315/'3=136;33/2/362 /3125 /13'3"!/362 /:/30/-8215//362 7/3125/"7/312;3/15/ 2315//"7/312;3/15/ !B B B 2EB 2EB ") " " " - 86/3/"7/312;3/A/8=/12581/3/6012!A $ %!"# :/315/ ;";0$2/029 /1D"00)1:/8/52 7/2318 /%18)62 "12)1:/8/52 '3=136-8215//362 /:/30/;33/2/362 ;";0$2/029(12512 $ 7 6 - $ $" A ! B BB ! !A ! 6 " " " $FB">A;29 $F!" $F!" $F!" $F!" $FB" -F$FB">A;29 2/ ;";0 2/029 0 "/10;3/6 =2 1 852 0/03 16 82/3 "?12 212 17734"12/02/$ ""0$2/31218// G81315/#/9/3/070/;3:/ & $ % |
Price & Availability of LTP747Y |