Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download LTC3221EDC-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3221/ LTC3221-3.3/LTC3221-5 Micropower, Regulated Charge Pump in 2 x 2 DFN FEATURES

DESCRIPTIO

Ultralow Power: 8A Quiescent Current Regulated Output Voltages: 3.3V 4%, 5V 4%, ADJ VIN Range: 1.8V to 4.4V (LTC3221-3.3) 2.7V to 5.5V (LTC3221-5) Output Current: Up to 60mA No Inductors Needed Very Low Shutdown Current: <1A Shutdown Disconnects Load from VIN Burst Mode Control Short-Circuit Protected Solution Profile < 1mm Tiny 2mm x 2mm 6-Pin DFN Package
The LTC(R)3221 family are micropower charge pump DC/DC converters that produce a regulated output at up to 60mA. The input voltage range is 1.8V to 5.5V. Extremely low operating current (8A typical at no load) and low external parts count (one flying capacitor and two small bypass capacitors at VIN and VOUT) make them ideally suited for small, battery-powered applications. The LTC3221 family includes fixed 5V and 3.3V output versions plus an adjustable version. All parts operate as Burst Mode(R) switched capacitor voltage doublers to achieve ultralow quiescent current. The chips use a controlled current to supply the output and will survive a continuous short-circuit from VOUT to GND. The FB pin of the adjustable LTC3221 can be used to program the desired output voltage. The LTC3221 family is available in a low profile (0.75mm) 2mm x 2mm 6-pin DFN package.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst Mode is a registered trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners.
APPLICATIO S

Low Power 2 AA Cell to 3.3V Supply Memory Backup Supplies Tire Pressure Sensors General Purpose Low Power Li-Ion to 5V Supply RF Transmitters Glucose Meters
TYPICAL APPLICATIO
1F 2 VIN 2.2F 4,7 3 5 C- VIN GND SHDN 1
No-Load Input Current vs Supply Voltage
16 NO-LOAD INPUT CURRENT (A) C+ 6 VOUT 14 12 10 8 6 4 2 0 1.5 2.0 2.5 3.0 3.5 SUPPLY VOLTAGE (V) 4.0 4.5 TA = 90C TA = 25C TA = -45C
VOUT 4.7F
LTC3221-X
OFF ON
3221 TA01
REGULATED 3.3V OUTPUT FROM 1.8V TO 4.4V INPUT VOUT = 3.3V 4% IOUT = OmA TO 25mA; VIN >1.8V IOUT = OmA TO 60mA; VIN >2V REGULATED 5V OUTPUT FROM 2.7V TO 5.5V INPUT VOUT = 5V 4% IOUT = OmA TO 25mA; VIN >2.7V IOUT = OmA TO 60mA; VIN >3V
U
3221 TA01b
U
U
3221f
1
LTC3221/ LTC3221-3.3/LTC3221-5 ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW C+ 1 C- 2 SHDN/FB* 3 7 6 VOUT 5 VIN 4 GND
VIN, SHDN, FB ............................................. - 0.3V to 6V VOUT to GND............................................. - 0.3V to 5.5V VOUT Short-Circuit Duration ............................ Indefinite Operating Temperature Range (Note 2) .. - 40C to 85C Storage Temperature Range.................. - 65C to 125C Maximum Junction Temperature .......................... 125C
TJMAX = 125C, JA = 80C/W EXPOSED PAD IS GND (PIN 7) MUST BE SOLDERED TO PCB *SHDN ON LTC3221-3.3;LTC3221-5 FB ON LTC3221
ORDER PART NUMBER LTC3221EDC LTC3221EDC-3.3 LTC3221EDC-5
DC PART MARKING LCCP LBQP LCCN
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL LTC3221-3.3 VIN VOUT ICC VR ISC LTC3221-5 VIN VOUT ICC VR ISC LTC3221 VIN VFB ROL ICC IFB Input Supply Voltage Feedback Voltage Open-Loop Impedance Operating Supply Current FB Input Current Input Supply Voltage Output Voltage Operating Supply Current Output Ripple Efficiency Output Short-Circuit Current PARAMETER Input Supply Voltage Output Voltage Operating Supply Current Output Ripple Efficiency Output Short-Circuit Current
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 2.5V (LTC3221-3.3/LTC3221) or 3V (LTC3221-5), SHDN = VIN, CFLY = 1F, CIN = 2.2F, COUT = 2.2F, unless otherwise specified.
CONDITIONS
MIN 1.8 3.168
TYP
MAX 4.4
UNITS V V A mVP-P %
1.8V VIN 4.4V, IOUT 25mA 2V VIN < 4.4V, IOUT 60mA IOUT = 0mA VIN = 2V, IOUT = 60mA, COUT = 4.7F (Note 3) VIN = 2V, IOUT = 60mA (Note 3) VOUT = 0V

3.3 8 35 82
3.432 15
120 2.7 4.8 5 8 45 82
240 5.5 5.2 15
2.7V VIN 5.5V, IOUT < 25mA 3V VIN 5.5V, IOUT < 60mA IOUT = 0mA VIN = 3V, IOUT = 60mA, COUT = 4.7F (Note 3) VIN = 3V, IOUT = 60mA (Note 3) VOUT = 0V

mVP-P % 240 5.5 mA V V A nA
3221f
120 1.8 1.181 1.23 10 5 -100

1.279 20 12 100
VIN = 1.8V, VOUT = 3V (Note 4) IOUT = 0mA FB = 1.33V, VIN = 2V

2
U
mA V V A
W
U
U
WW
W
LTC3221/ LTC3221-3.3/LTC3221-5
The the specifications which ELECTRICAL CHARACTERISTICS25C. V denotes(LTC3221-3.3/LTC3221) orapply over the fullSoperating , temperature range, otherwise specifications are at T = = 2.5V 3V (LTC3221-5), HDN = V
A IN IN
CFLY = 1F, CIN = 2.2F, COUT = 2.2F, unless otherwise specified.
SYMBOL PARAMETER LTC3221-3.3/LTC3221-5 Shutdown Supply Current ISHDN SHDN Input Threshold (High) VIH SHDN Input Threshold (Low) VIL SHDN Input Current (High) IIH SHDN Input Current (Low) IIL LTC3221/LTC3221-3.3/LTC3221-5 Switching Frequency fOSC UVLO Threshold VUVLO CONDITIONS VOUT = 0V, SHDN = 0V

MIN
TYP
MAX 1
UNITS A V V A A kHz V
1.3 -1 -1 600 1 0.4 1 1
SHDN = VIN SHDN = 0V VOUT = 2.5V

Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LTC3221EDC-X is guaranteed to meet performance specifications from 0C to 70C. Specificaiton over the -40C to 85C
operating temperature range are assured by design, characterization and correlation with statisitical process controls. Note 3: Guaranteed by design, not subject to test. Note 4: ROL = (2VIN - VOUT)/IOUT.
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency vs Supply Voltage
800 750 700 FREQUENCY (kHz) FREQUENCY (kHz) 650 600 550 500 450 400 1.5 2.0 2.5 3.0 3.5 SUPPLY VOLTAGE (V) 4.0 4.5 800 750 700 650 600 VIN = 2.5V 550 500 450 400 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125 0.4 1.5 2.0 2.5 3.0 3.5 SUPPLY VOLTAGE (V) 4.0 4.5 VIN = 1.8V VIN = 4.5V THRESHOLD VOLTAGE (V) 0.8 LOW-TO-HIGH THRESHOLD
SHDN LO-to-HI Threshold vs Temperature
0.9 SHDN LO-TO-HI THRESHOLD (V) SHDN HI-TO-LO THRESHOLD (V) 0.9
SHORT-CIRCUIT CURRENT (mA)
0.8 VIN = 3.2V VIN = 2.5V 0.6 VIN = 1.8V 0.5
0.7
0.4 -50
-25
0 25 50 75 TEMPERATURE (C)
UW
100
Oscillator Frequency vs Temperature
0.9
SHDN Threshold Voltage vs Supply Voltage
0.7 HIGH-TO-LOW THRESHOLD 0.6
0.5
3221 G01
3221 G02
3221 G03
SHDN HI-to-LO Threshold vs Temperature
150 VIN = 3.2V
Short-Circuit Current vs Supply Voltage
TA = -45C 130
0.8
0.7
VIN = 2.5V
110 TA = 25C 90
TA = 90C
0.6
VIN = 1.8V
0.5
70
125
0.4 -50
-25
0 25 50 75 TEMPERATURE (C)
100
125
50 1.5
2.0
2.5 3.0 3.5 SUPPLY VOLTAGE (V)
4.0
4.5
3221 G04
3221 G05
3221 G06
3221f
3
LTC3221/ LTC3221-3.3/LTC3221-5 TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
3.36 3.34 3.32 OUTPUT VOLTAGE (V) 3.30 3.28 3.26 3.24 3.22 3.20 3.18 3.16 0 20 40 60 80 LOAD CURRENT (mA) 100 120
3221 G07
120 110 VIN = 3.2V LOAD CURRENT (mA) 100 90 80 70 60 50
EFFECTIVE OPEN-LOOP OUTPUT RESISTANCE ()
VIN = 2.5V
VIN = 1.8V
No-Load Input Current vs Supply Voltage
16 14 NO-LOAD INPUT CURRENT (A) EXCESS INPUT CURRENT (mA) 12 10 8 6 4 2 0 1.5 2.0 2.5 3.0 3.5 SUPPLY VOLTAGE (V) 4.0 4.5 TA = 90C TA = 25C TA = -45C 1 10
EFFICIENCY (%)
Output Ripple vs Load Current
70 60 OUTPUT RIPPLE (mVP-P) COUT = 2.2F 50 40 30 20 10 0 0 20 40 60 80 LOAD CURRENT (mA) 100
3221 G13
COUT = 4.7F
4
UW
3221 G10
(LTC3221-3.3 only)
Output Load Capability at 4% Below Regulation
VOUT = 3.168V TA = -45C 15
Effective Open-Loop Output Resistance vs Temperature
VIN = 1.8V 14 VOUT = 3V 13 12 11 10 9 8 7 6 5 -50 -25 0 25 50 TEMPERATURE (C) 75 100
3221 G09
TA = 90C
TA = 25C
40 1.5
2.0 2.5 3.0 SUPPLY VOLTAGE (V)
3.5
3221 G08
Extra Input Current vs Load Current (IIN-2 ILOAD)
VIN = 2.5V 100 90 80 70 60 50 40 30 0.01 20 10 0.001 0.01 0 0.1 1 10 LOAD CURRENT (mA) 100
3221 G11
Efficiency vs Supply Voltage
THEORETICAL MAX
IOUT = 30mA IOUT = 1mA
0.1
1.8
2.0
2.2 2.4 2.6 2.8 SUPPLY VOLTAGE (V)
3.0
3.2
3221 G12
Output Ripple
VOUT 20mV/DIV (AC-COUPLED)
Load Transient Response
VOUT 20mV/DIV (AC-COUPLED)
60mA IOUT 0mA
1s/DIV VIN = 2V ILOAD = 60mA COUT = 4.7F, 6.3V, SIZE 0603
3221 G14
5s/DIV VIN = 2V ILOAD = 0mA TO 60mA STEP COUT = 4.7F, 6.3V, SIZE 0603
3221 G15
3221f
LTC3221/ LTC3221-3.3/LTC3221-5 TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
5.10 5.05 OUTPUT VOLTAGE (V) 5.00 VIN = 3.6V 4.95 VIN = 2.7V 4.90 4.85 4.80 VIN = 4.2V LOAD CURRENT (mA) 100 90 80 70 60 50 40 2.7 3.0 3.3 3.6 3.9 SUPPLY VOLTAGE (V) 4.2
3221 G17 3221 G16
120 110
EFFECTIVE OPEN-LOOP OUTPUT RESISTANCE ()
0
20
40 60 80 LOAD CURRENT (mA)
No-Load Input Current vs Supply Voltage
16 14 NO-LOAD INPUT CURRENT (A) EXCESS INPUT CURRENT (mA) 12 10 8 6 4 2 0 2.7 3.0 3.3 3.6 3.9 SUPPLY VOLTAGE (V) 4.2 4.5 TA = 25C TA = -45C TA = 90C 1 10
EFFICIENCY (%)
Output Ripple vs Load Current
90 80 OUTPUT RIPPLE (mVP-P) 70 60 50 40 COUT = 4.7F 30 20 10 0 0 20 60 80 40 LOAD CURRENT (mA) 100
3221 G13
VIN = 3V COUT = 2.2F VOUT 50mV/DIV (AC-COUPLED)
UW
100
(LTC3221-5 only)
Output Load Capability at 4% Below Regulation
VOUT = 4.8V 15 TA = -45C
Effective Open-Loop Output Resistance vs Temperature
VIN = 2.7V 14 VOUT = 4.5V 13 12 11 10 9 8 7 6 5 -50 -25 0 25 50 TEMPERATURE (C) 75 100
3221 G18
TA = 90C TA = 25C
120
Extra Input Current vs Load Current (IIN-2 ILOAD)
VIN = 3V 100 90 80 70 60 50 40 30 0.01 20 10 0.001 0.01 0 0.1 1 10 LOAD CURRENT (mA) 100
3221 G20
Efficiency vs Supply Voltage
THEORETICAL MAX IOUT = 1mA IOUT = 30mA
0.1
2.7
3.0
3.3 3.6 3.9 SUPPLY VOLTAGE (V)
4.2
4.5
3221 G19
3221 G21
Output Ripple
VOUT 50mV/DIV (AC-COUPLED)
Load Transient Response
60mA IOUT 0mA
1s/DIV VIN = 3V ILOAD = 60mA COUT = 4.7F, 6.3V, SIZE 0603
3221 G23
5s/DIV VIN = 3V ILOAD = 0mA TO 60mA STEP COUT = 4.7F, 6.3V, SIZE 0603
3221 G24
3221f
5
LTC3221/ LTC3221-3.3/LTC3221-5 PI FU CTIO S
C+ (Pin 1): Flying Capacitor Positive Terminal. C- (Pin 2): Flying Capacitor Negative Terminal. SHDN (Pin 3) (LTC3221-3.3/LTC3221-5): Active Low Shutdown Input. A low on SHDN disables the LTC3221-3.3/ LTC3221-5. SHDN must not be allowed to float. FB (Pin 3) (LTC3221): Feedback. The voltage on this pin is compared to the internal reference voltage (1.23V) by the error comparator to keep the output in regulation. An external resistor divider is required between VOUT and FB to program the output voltage. GND (Pin 4): Ground. Should be tied to a ground plane for best performance. VIN (Pin 5): Input Supply Voltage. VIN should be bypassed with a 2.2F low ESR capacitor. VOUT (Pin 6): Regulated Output Voltage. For best performance, VOUT should be bypassed with a 2.2F or higher low ESR capacitor as close as possible to the pin. Exposed Pad (Pin 7) Ground. The exposed pad must be soldered to PCB ground to provide electrical contact and optimum thermal performance.
BLOCK DIAGRA
VOUT 6
LTC3221-3.3/LTC3221-5
VOUT 1 1 C+ 6
CMP
+ -
CONTROL 2
VREF 4 SHDN 3 GND VREF 4 GND
OPERATIO
(Refer to Block Diagrams)
The LTC3221 family uses a switched capacitor charge pump to boost VIN to a regulated output voltage. Regulation is achieved by monitoring the output voltage, VOUT using a comparator (CMP in the Block Diagram) and keeping it within a hysteresis window. If VOUT drops below the lower trip point of CMP, VOUT is charged by the controlled current, ISW in series with the flying capacitor CFLY. Once VOUT goes above the upper trip point of CMP, or if the upper trip point is not reached after 0.8s, CFLY is disconnected from VOUT. The bottom plate of CFLY is then connected to GND to allow ISW to replenish the charge on CFLY for 0.8s. After which, ISW is turned off to keep the operating supply current low. CMP continues to monitor VOUT and turns on ISW if the lower threshold is reached again.
6
W
U
U
U
U
LTC3221
2 ISW
2 1 ISW
1
C+
5
VIN
CMP FB 3
+
CONTROL 2
5
VIN
2 1
C-
-
1
2
C-
3221 BD
Shutdown Mode The SHDN pin is a CMOS input with a threshold voltage of approximately 0.8V. The LTC3221-3.3/ LTC3221-5 are in shutdown when a logic low is applied to the SHDN pin. In shutdown mode, all circuitry is turned off and the LTC3221-3.3/ LTC3221-5 draw only leakage current from the VIN supply. Furthermore, VOUT is disconnected from VIN. Since the SHDN pin is a very high impedance CMOS input, it should never be allowed to float. When SHDN is asserted low, the charge pump is first disabled, but the LTC3221-3.3/LTC3221-5 continue to draw 5A of supply current. This current will drop to zero when the output voltage (VOUT) is fully discharged to 0V.
3221f
LTC3221/ LTC3221-3.3/LTC3221-5 OPERATIO
The LTC3221 has a FB pin in place of the SHDN pin. This allows the output voltage to be programmed using an external resistive divider. Burst Mode Operation The LTC3221 family regulates the output voltage throughout the full 60mA load range using Burst Mode control. This keeps the quiescent current low at light load and improves the efficiency at full load by reducing the switching losses. All the internal circuitry except the comparator is kept off if the output voltage is high and the flying capacitor has been fully charged. These circuits are turned on only if VOUT drops below the comparator lower threshold. At light load,
APPLICATIO S I FOR ATIO
Power Efficiency
The input current of a doubling charge pump like the LTC3221 family is always twice that of the output current. This is true regardless of whether the output voltage is unregulated or regulated or of the regulation method used. In an ideal unregulated doubling charge pump, conservation of energy implies that the input current has to be twice that of the output current in order to obtain an output voltage twice that of the input voltage. In a regulated charge pump like the LTC3221, the regulation of VOUT is similar to that of a linear regulator, with the voltage difference between 2 * VIN (Input voltage plus the voltage across a fully charged flying capacitor) and VOUT being absorbed in an internal pass transistor. In the LTC3221, the controlled current ISW acts as a pass transistor. So the input current of an ideal regulated doubling charge pump is the same as an unregulated one, which is equal to twice the output current. The efficiency (n) of an ideal regulated doubler is therefore given by: = POUT VOUT * IOUT VOUT = = 2VIN PIN VIN * 2IOUT
At moderate to high output power, the switching losses and quiescent current of the LTC3221 family are negligible and the expression is valid. For example, an LTC3221-5 with VIN = 3V, IOUT = 60mA and VOUT regulating to 5V, has a measured efficiency of 82% which is in close agreement with
U
W
U
U
U
(Refer to Block Diagrams)
VOUT stays above this lower threshold for a long period of time, this result in a very low average input current. Soft-Start and Short-Circuit Protection The LTC3221 family uses a controlled current, ISW to deliver current to the output. This helps to limit the input and output current during start-up and output short-circuit condition. During start up ISW is used to charge up the flying capacitor and output capacitor, this limits the input current to approximately 240mA. During short-circuit condition, the output current is delivered through ISW and this limits the output current to approximately 120mA. This prevents excessive self-heating that causes damage to the part.
the theoretical 83.3% calculation. The LTC3221 product family continues to maintain good efficiency even at fairly light loads because of its inherently low power design. Maximum Available Output Current For the adjustable LTC3221, the maximum available output current and voltage can be calculated from the effective open-loop output resistance, ROL, and effective output voltage, 2VIN(MIN). From Figure 1 the available current is given by: IOUT = 2VIN - VOUT ROL
Effective Open-Loop Output Resistance (ROL) The effective open-loop output resistance(ROL) of a charge pump is a very important parameter which determines the strength of the charge pump. The value of this parameter
ROL
+
IOUT VOUT
+ -
2VIN
-
3221 F01
Figure 1. Equivalent Open-Loop Circuit
3221f
7
LTC3221/ LTC3221-3.3/LTC3221-5 APPLICATIO S I FOR ATIO
depends on many factors such as the oscillator frequency (fOSC), value of the flying capacitor (CFLY), the nonoverlap time, the internal switch resistances (RS) and the ESR of the external capacitors. A first order approximation for ROL is given below: ROL 2
S = 1 TO 4
RS +
1 fOSC * C FLY
Typical ROL values as a function of temperature are shown in Figure 2.
EFFECTIVE OPEN-LOOP OUTPUT RESISTANCE () 15 VIN = 1.8V 14 VOUT = 3V 13 12 11 10 9 8 7 6 5 -50 -25 0 25 50 TEMPERATURE (C) 75 100
3221 F02
Figure 2. Effective Open-Loop Output Resistance vs Temperature
Output Ripple Low frequency regulation mode ripple exists due to the hysteresis in the comparator CMP and propagation delay in the charge pump control circuit. The amplitude and frequency of this ripple are heavily dependent on the load current, the input voltage and the output capacitor size. The LTC3221 family uses a controlled current, ISW to deliver current to the output. This helps to keep the output ripple fairly constant over the full input voltage range. Typical combined output ripple for the LTC3221-3.3 with VIN = 2V under maximum load is 35mVP-P using a 4.7F 6.3V X5R case size 0603 output capacitor. A high frequency ripple component may also be present on the output capacitor due to the charge transfer action of the charge pump. In this case the output can display a voltage pulse during the charging phase. This pulse results from the product of the charging current and the
8
U
ESR of the output capacitor. It is proportional to the input voltage, the value of the flying capacitor and the ESR of the output capacitor. A smaller output capacitor and/ or larger output current load will result in higher ripple due to higher output voltage slew rates. There are several ways to reduce output voltage ripple. For applications requiring lower peak-to-peak ripple, a larger COUT capacitor (4.7F or greater) is recommended. A larger capacitor will reduce both the low and high frequency ripple due to the lower charging and discharging slew rates, as well as the lower ESR typically found with higher value (larger case size) capacitors. A low ESR ceramic output capacitor will minimize the high frequency ripple, but will not reduce the low frequency ripple unless a high capacitance value is used. VIN, VOUT Capacitor Selection The style and value of capacitors used with the LTC3221 family determine several important parameters such as output ripple, charge pump strength and minimum startup time. To reduce noise and ripple, it is recommended that low ESR (< 0.1) capacitors be used for both CIN and COUT. These capacitors should be either ceramic or tantalum and should be 2.2F or greater. Aluminum capacitors are not recommended because of their high ESR. Flying Capacitor Selection Warning: A polarized capacitor such as tantalum or aluminum should never be used for the flying capacitor since its voltage can reverse upon start-up of the LTC3221. Low ESR ceramic capacitors should always be used for the flying capacitor. The flying capacitor controls the strength of the charge pump. In order to achieve the rated output current, it is necessary to have at least 0.6F of capacitance for the flying capacitor. For very light load applications, the flying capacitor may be reduced to save space or cost.From the first order approximation of ROL in the section "Effective Open-Loop Output Resistance," the theoretical minimum output resistance of a voltage doubling charge pump can
3221f
W
U
U
LTC3221/ LTC3221-3.3/LTC3221-5 APPLICATIO S I FOR ATIO
be expressed by the following equation: ROL(MIN) 2VIN - VOUT 1 IOUT fOSC * C FLY
where fOSC is the switching frequency (600kHz) and CFLY is the value of the flying capacitor. The charge pump will typically be weaker than the theoretical limit due to additional switch resistance. However, for very light load applications, the above expression can be used as a guideline in determining a starting capacitor value. Ceramic Capacitors Capacitors of different materials lose their capacitance with higher temperature and voltage at different rates. For example, a ceramic capacitor made of X7R material will retain most of its capacitance from -40C to 85C, whereas, a Z5U or Y5V style capacitor will lose considerable capacitance over that range. Z5U and Y5V capacitors may also have a very strong voltage coefficient causing them to lose 50% or more of their capacitance when the rated voltage is applied. Therefore when comparing different capacitors, it is often more appropriate to compare the amount of achievable capacitance for a given case size rather than discussing the specified capacitance value. For example, over rated voltage and temperature conditions, a 1F 10V Y5V ceramic capacitor in a 0603 case may not provide any more capacitance than a 0.22F 10V X7R capacitor available in the same 0603 case. In fact, for most LTC3221-3.3/LTC3221-5/LTC3221 applications, these capacitors can be considered roughly equivalent. The capacitor manufacturer's data sheet should be consulted to determine what value of capacitor is needed to ensure 0.6F at all temperatures and voltages. Table 1 shows a list of ceramic capacitor manufacturers and how to contact them.
Table 1. Ceramic Capacitor Manufacturers
AVX Kemet Murata Taiyo Yuden Vishay www.avxcorp.com www.kemet.com www.murata.com www.t-yuden.com www.vishay.com
U
Programming the LTC3221 Output Voltage (FB Pin) While the LTC3221-3.3/LTC3221-5 versions have internal resistive dividers to program the output voltage, the programmable LTC3221 may be set to an arbitrary voltage via an external resistive divider. Figure 3 shows the required voltage divider connection.
VOUT 6 LTC3221 FB 3 R2 GND 4
3221 F03
W
U
U
VOUT = 1.23V (1 + R1 ) R2 R1 C1 COUT
Figure 3. Programming the Adjustable LTC3221
The voltage divider ratio is given by the expression: R1 VOUT = -1 R2 1.23V Since the LTC3221 employs a voltage doubling charge pump, it is not possible to achieve output voltages greater than twice the available input voltage. The VIN supply range required for regulation is given by the following expression: Maximum VIN < VOUT + 0.6 Minimum VIN =
( VOUT + IOUT * ROL ) or 1.8V;
2
whichever is higher Where ROL is the effective open-loop output resistance and IOUT is the maximum load current. VIN cannot be higher than VOUT by more than 0.6V, or else the line regulation is poor. Also, VIN has to be higher than the minimum operating voltage of 1.8V. The sum of the voltage divider resistors can be made large to keep the quiescent current to a minimum. Any standing current in the output divider (given by 1.23/R2) will be reflected by a factor of 2 in the input current. A reasonable resistance value should be such that the standing current is in the range of 10A to 100A when VOUT is regulated.
3221f
9
LTC3221/ LTC3221-3.3/LTC3221-5 APPLICATIO S I FOR ATIO
If the standing current is too low, the FB pin becomes very sensitive to the switching noise and will result in errors in the programmed VOUT. The compensation capacitor (C1) helps to improve the response time of the comparator and to keep the output ripple within an acceptable range. For best results, C1 should be between 22pF to 220pF. Layout Considerations Due to high switching frequency and high transient currents produced by the LTC3221 product family, careful board layout is necessary. A true ground plane and short
(LTC3221) 1F 1 2 3 R1 VOUT R2 PIN 7 6 5 4
2.2F VOUT VIN 2.2F GND
3221 F04
Figure 4. Recommended Layout
connections to all capacitors will improve performance and ensure proper regulation under all conditions. Figure 4 shows the recommended layout configuration. The flying capacitor pins C+ and C- will have very high edge rate waveforms. The large dv/dt on these pins can couple energy capacitively to adjacent printed circuit board runs. Magnetic fields can also be generated if the flying capacitors are not close to the LTC3221 (i.e. the loop area is large). To decouple capacitive energy transfer, a Faraday shield may be used. This is a grounded PC trace between the sensitive node and the LTC3221 pins. For a high quality AC ground it should be returned to a solid ground plane that extends all the way to the LTC3221. To reduce the maximum junction temperature due to power dissipation in the chip, a good thermal connection
POWER DISSIPATION (W)
10
U
to the PC board is recommended. Connecting the GND pin (Pin 4 and Pin 7 on the DFN package) to a ground plane, and maintaining a solid ground plane under the device can reduce the thermal resistance of the package and PC board considerably. Derating Power at High Temperatures To prevent an overtemperature condition in high power applications, Figure 5 should be used to determine the maximum combination of ambient temperature and power dissipation. The power dissipated in the LTC3221 family should always fall under the line shown for a given ambient temperature. The power dissipation is given by the expression: PD = (2V IN- VOUT )* IOUT This derating curve assumes a maximum thermal resistance, JA, of 80C/W for 2mm x 2mm DFN package. This can be achieved from a printed circuit board layout with a solid ground plane and a good connection to the ground pins of the LTC3221 and the Exposed Pad of the DFN package. Operation out of this curve will cause the junction temperature to exceed 150C which is the maximum junction temperature allowed.
3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 JA = 80C/W TJ = 160C 25 50 75 100 125 0 AMBIENT TEMPERATURE (C) 150
3221 F05
W
U
U
Figure 5. Maximum Power Dissipation vs Ambient Temperature
3221f
LTC3221/ LTC3221-3.3/LTC3221-5 PACKAGE DESCRIPTIO U
DC Package 6-Lead Plastic DFN (2mm x 2mm)
(Reference LTC DWG # 05-08-1703)
R = 0.115 TYP 0.56 0.05 (2 SIDES) 2.00 0.10 (4 SIDES) PIN 1 CHAMFER OF EXPOSED PAD 3 0.25 0.05 0.50 BSC 1.42 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 0.200 REF 0.75 0.05 1
(DC6) DFN 1103
0.38 0.05 4 6
0.675 0.05 2.50 0.05 1.15 0.05 0.61 0.05 (2 SIDES)
PIN 1 BAR PACKAGE TOP MARK OUTLINE (SEE NOTE 6)
0.25 0.05 0.50 BSC
1.37 0.05 (2 SIDES) 0.00 - 0.05 BOTTOM VIEW--EXPOSED PAD
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
3221f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
11
LTC3221/ LTC3221-3.3/LTC3221-5 RELATED PARTS
PART NUMBER LTC1262 LTC1514/LTC1515 LTC1516 LTC1517-5/LTC1517-3.3 LTC1522 LTC1555/LTC1556 LTC1682 LTC1751-3.3/LTC1751-5 LTC1754-3.3/LTC1754-5 LTC1755 LTC3200 LTC3203/LTC3203B/ LTC3203B-1/LTC3203-1 LTC3204/LTC3204B-3.3/ LTC3204-5 LTC3240-3.3/LTC3240-2.5 DESCRIPTION 12V, 30mA Flash Memory Program Supply Buck/Boost Charge Pumps with IQ = 60A Micropower 5V Charge Pump Micropower 5V/3.3V Doubler Charge Pumps Micropower 5V Doubler Charge Pump SIM Card Interface Low Noise Doubler Charge Pump Micropower 5V/3.3V Doubler Charge Pumps Micropower 5V/3.3V Doubler Charge Pumps Smart Card Interface Constant Frequency Doubler Charge Pump 500mA Low Noise High Efficiency Dual Mode Step Up Charge Pumps Low Noise Regulated Charge Pumps Step-Up/Step-Down Regulated Charge Pumps COMMENTS Regulated 12V 5% Output, IQ = 500A 50mA Output at 3.3V or 5V; 2V to 10V Input IQ = 12A, Up to 50mA Output, VIN = 2V to 5V IQ = 6A, Up to 20mA Output IQ = 6A, Up to 20mA Output Step-Up/Step-Down Charge Pump, VIN = 2.7V to 10V Output Noise = 60VRMS, 2.5V to 5.5V Output IQ = 20A, Up to 100mA Output, SOT-23 Package IQ = 13A, Up to 50mA Output, SOT-23 Package Buck/Boost Charge Pump, IQ = 60A, VIN = 2.7V to 6V Low Noise, 5V Output or Adjustable VIN: 2.7V to 5.5V, 3mm x 3mm DFN-10 Package Up to 150mA (LTC3204-5), Up to 50mA (LTC3204-3.3) Up to 150mA Output
3221f
12 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 1006 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LTC3221EDC-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X