Part Number Hot Search : 
SD08H0SB D65022 0V10X TDA9105 MSIW1000 1E101 K1535 PSD4235
Product Description
Full Text Search
 

To Download LTC2450IDCTRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

LTC2450 Easy-to-Use, Ultra-Tiny 16-Bit DS ADC Description
The LTC(R)2450 is an ultra-tiny 16-bit analog-to-digital converter. The LTC2450 uses a single 2.7V to 5.5V supply, accepts a single-ended analog input voltage, and communicates through an SPI interface. It includes an integrated oscillator that does not require any external components. It uses a delta-sigma modulator as a converter core and provides single-cycle settling time for multiplexed applications. The converter is available in a 6-pin, 2mm x 2mm DFN package. The internal oscillator does not require any external components. The LTC2450 includes a proprietary input sampling scheme that reduces the average input sampling current several orders of magnitude. The LTC2450 is capable of up to 30 conversions per second and, due to the very large oversampling ratio, has extremely relaxed antialiasing requirements. The LTC2450 includes continuous internal offset and full-scale calibration algorithms which are transparent to the user, ensuring accuracy over time and over the operating temperature range. The converter uses its power supply voltage as the reference voltage and the single-ended, rail-to-rail input voltage range extends from GND to VCC. Following a conversion, the LTC2450 can automatically enter a sleep mode and reduce its power to less than 200nA. If the user samples the ADC once a second, the LTC2450 consumes an average of less than 50W from a 2.7V supply.


GND to VCC Single-Ended Input Range 0.02LSB RMS Noise 2LSB INL, No Missing Codes 2LSB Offset Error 4LSB Full-Scale Error Single Conversion Settling Time for Multiplexed Applications Single Cycle Operation with Auto Shutdown 350A Supply Current 50nA Sleep Current 30 Conversions Per Second Internal Oscillator--No External Components Required Single Supply, 2.7V to 5.5V Operation SPI Interface Ultra-Tiny 2mm x 2mm DFN Package
applications

System Monitoring Environmental Monitoring Direct Temperature Measurements Instrumentation Industrial Process Control Data Acquisition Embedded ADC Upgrades
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Easy Drive is a trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners.
typical application
0.1F VCC VIN LTC2450 GND 10F
Integral Nonlinearity, VCC = 3V
3.0 2.5 2.0 1.5 1.0 INL (LSB) 0.5 0 -0.5 -1.0 -1.5
2450 TA01
VCC = VREF = 3V
1k SENSE
CLOSE TO CHIP 0.1F
CS SCK SDO 3-WIRE SPI INTERFACE
TA = -45C, 25C, 90C
-2.0 -2.5 -3.0 0 0.5 1.0 1.5 2.0 INPUT VOLTAGE (V) 2.5 3.0
2450 G02
2450fa
LTC2450 absolute MaxiMuM ratinGs
(Notes 1, 2)
pin conFiGuration
TOP VIEW VCC 1 VIN 2 GND 3 7 6 SCK 5 SDO 4 CS
Supply Voltage (VCC) ................................... -0.3V to 6V Analog Input Voltage (VIN) ............-0.3V to (VCC + 0.3V) Digital Input Voltage......................-0.3V to (VCC + 0.3V) Digital Output Voltage ...................-0.3V to (VCC + 0.3V) Operating Temperature Range LTC2450C ................................................ 0C to 70C LTC2450I.............................................. -40C to 85C Storage Temperature Range................... -65C to 150C Lead Temperature (Soldering, 10sec) ................... 300C
DC PACKAGE 6-LEAD (2mm x 2mm) PLASTIC DFN TJMAX = 125C, JA = 102C/W EXPOSED PAD (PIN7) IS GND, MUST BE SOLDERED TO PCB
orDer inForMation
Lead Free Finish TAPE AND REAL (MINI) TAPE AND REEL
LTC2450CDC#TRMPBF LTC2450IDC#TRMPBF LTC2450CDC#TRPBF LTC2450IDC#TRPBF PART MARKING LCTR LCTR PACKAGE DESCRIPTION 6-Lead (2mm x 2mm) Plastic DFN 6-Lead (2mm x 2mm) Plastic DFN TEMPERATURE RANGE 0C to 70C -40C to 85C
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
electrical characteristics
PARAMETER Resolution (No missing codes) Integral Nonlinearity Offset Error Offset Error Drift Gain Error Gain Error Drift Transition Noise Power Supply Rejection DC (Note 3) (Note 4)
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 2)
CONDITIONS

MIN 16
TYP 2 2 0.02 0.01 0.02 1.4
MAX 10 8 0.02
UNITS Bits LSB LSB LSB/C % of FS LSB/C VRMS dB
100Hz-100kHz
80
analoG input The denotes the specifications which apply over the full operating temperature range,otherwise
specifications are at TA = 25C.
SYMBOL VIN CIN IDC_LEAK (VIN) ICONV PARAMETER Input Voltage Range IN Sampling Capacitance IN DC Leakage Current Input Sampling Current (Note 9) VIN = GND (Note 5) VIN = VCC (Note 5)

CONDITIONS
MIN 0
TYP 0.35
MAX VCC
UNITS pF
-10 -10
1 1 50
10 10
nA nA nA
2450fa
LTC2450 power requireMents The denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25C.
SYMBOL VCC ICC PARAMETER Supply Voltage Supply Current Conversion Sleep CS = GND (Note 6) CS = VCC (Note 6) CONDITIONS

MIN 2.7
TYP
MAX 5.5
UNITS V A A
350 0.05
600 0.5
DiGital inputs anD DiGital outputs The denotes the specifications which apply over the full
operating temperature range,otherwise specifications are at TA = 25C. (Note 2)
SYMBOL VIH VIL IIN CIN VOH VOL IOZ PARAMETER High Level Input Voltage Low Level Input Voltage Digital Input Current Digital Input Capacitance High Level Output Voltage Low Level Output Voltage Hi-Z Output Leakage Current IO = -800mA IO = -1.6mA

CONDITIONS

MIN VCC - 0.3
TYP
MAX 0.3
UNITS V V A pF V
-10 10 VCC - 0.5
10
0.4 -10 10
V A
tiMinG characteristics The denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25C.
SYMBOL tCONV fSCK tlSCK thSCK t1 t2 t3 tKQ PARAMETER Conversion Time SCK Frequency Range SCK Low Period SCK High Period CS Falling Edge to SDO Low Z CS Rising Edge to SDO High Z CS Falling Edge to SCK Falling Edge SCK Falling Edge to SDO Valid (Note 7) (Notes 7, 8) (Notes 7, 8) CONDITIONS

MIN 29 250 250 0 0 100 0
TYP 33.3
MAX 42 2
UNITS ms MHz ns ns
100 100 100
ns ns ns ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All voltage values are with respect to GND. VCC = 2.7V to 5.5V unless otherwise specified. Note 3: Guaranteed by design, not subject to test. Note 4: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Guaranteed by design, test correlation and 3 point transfer curve measurement.
Note 5: CS = VCC. A positive current is flowing into the DUT pin. Note 6: SCK = VCC or GND. SDO is high impedance. Note 7: See Figure 3. Note 8: See Figure 4. Note 9: Input sampling current is the average input current drawn from the input sampling network while the LTC2450 is actively sampling the input.
2450fa
LTC2450 typical perForMance characteristics
Integral Nonlinearity, VCC = 5V
3.0 2.5 2.0 1.5 1.0 INL (LSB) INL (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 INPUT VOLTAGE (V)
2450 G01
Integral Nonlinearity, VCC = 3V
3.0 2.5 2.0 1.5 1.0 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 0 0.5 1.0 1.5 2.0 INPUT VOLTAGE (V) 2.5 3.0
2450 G02
Maximum INL vs Temperature
5.0 4.5 4.0 3.5
VCC = VREF = 5V
VCC = VREF = 3V
TA = -45C, 25C, 90C
INL (LSB)
0.5
3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 50 25 0 TEMPERATURE (C) 75 100
2450 G03
TA = -45C, 25C, 90C
VCC = 5V VCC = 4.1V VCC = 3V
Offset Error vs Temperature
5.0 4.5 4.0 OFFSET (LSB) VCC = 3V GAIN ERROR (LSB) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 50 25 0 TEMPERATURE (C) 75 100
2450 G04
Gain Error vs Temperature
5.0 4.5 TRANSITION NOISE RMS (V) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -50 -25 50 25 0 TEMPERATURE (C) 75 100
2450 G05
Transition Noise vs Temperature
3.00 2.75 2.50 2.25 2.00 1.75 1.50 VCC = 4.1V 1.25 1.00 0.50 0.75 0.25 0 -50 -30 50 -10 10 30 TEMPERATURE (C) 70 90
2450 G06
VCC = 5V
VCC = 4.1V
VCC = 4.1V VCC = 5V
VCC = 3V
VCC = 5V
VCC = 3V
Transition Noise vs Output Code
3.00 2.75 TRANSITION NOISE RMS (V) 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.50 0.75 0.25 0 0.80 1.00 0.40 0.60 0 0.20 OUTPUT CODE (NORMALIZED TO FULL SCALE)
2450 G07
Conversion Mode Power Supply Current vs Temperature
500 VCC = 5V VCC = 3V VCC = 4.1V
TA = 25C CONVERSION CURRENT (A)
400
VCC = 5V VCC = 3V
300
200
100
0 -45
-25
35 15 -5 55 TEMPERATURE (C)
75
95
2450 G08
2450fa
LTC2450 typical perForMance characteristics
Sleep Mode Power Supply Current vs Temperature
250
Average Power Dissipation vs Temperature, VCC = 3V
10000 AVERAGE POWER DISSIPATION (W)
SLEEP MODE CURRENT (nA)
200 VCC = 5V 150 VCC = 4.1V
25Hz OUTPUT SAMPLE RATE
1000 10Hz OUTPUT SAMPLE RATE 100
100
1Hz OUTPUT SAMPLE RATE
50
VCC = 3V
0 -45
-25
35 15 -5 55 TEMPERATURE (C)
75
95
10 -50
-25
0 25 50 TEMPERATURE (C)
75
100
2450 G12
2450 G09
Power Supply Rejection vs Frequency at VCC
0 42 40 CONVERSION TIME (ms) 38 36 34 32
Conversion Period vs Temperature
-20 REJECTION (dB)
-40
VCC = 5V, 4.1V, 3V
-60
-80
-100
1
10
100 1k 10k 100k FREQUENCY AT VCC (Hz)
1M
10M
30 -45 -25
35 15 55 -5 TEMPERATURE (C)
75
95
2450 G10
2450 G11
2450fa
LTC2450 pin Functions
VCC (Pin 1): Positive Supply Voltage and Converter Reference Voltage. Bypass to GND (Pin 3) with a 10F capacitor in parallel with a low series inductance 0.1F capacitor located as close to the part as possible. VIN (Pin 2): Analog Input Voltage. GND (Pin 3): Ground. Connect to a ground plane through a low impedance connection. CS (Pin 4): Chip Select Active LOW Digital Input. A LOW on this pin enables the SDO digital output. A HIGH on this pin places the SDO output pin in a high impedance state. SDO (Pin 5): Three-State Serial Data Output. SDO is used for serial data output during the DATA OUTPUT state and can be used to monitor the conversion status. SCK (Pin 6): Serial Clock Input. SCK synchronizes the serial data output. While digital data is available (the ADC is not in CONVERT state) and CS is LOW (ADC is not in SLEEP state) a new data bit is produced at the SDO output pin following every falling edge applied to the SCK pin. Exposed Pad (Pin 7): Ground. The Exposed Pad must be soldered to the same point as Pin 3.
Functional block DiaGraM
VCC VCC VIN GND REF + 16 BIT DS A/D CONVERTER REF - SPI INTERFACE INTERNAL OSCILLATOR CS SDO SCK
2450 BD
Figure 1. Functional Block Diagram
2450fa
LTC2450 applications inForMation
CONVERTER OPERATION Converter Operation Cycle The LTC2450 is a low power, delta-sigma analog-todigital converter with a simple 3-wire interface (see Figure 1). Its operation is composed of three successive states: CONVERT, SLEEP and DATA OUTPUT. The operating cycle begins with the CONVERT state, is followed by the SLEEP state and ends with the DATA OUTPUT state (see Figure 2). The 3-wire interface consists of serial data output (SDO), serial clock input (SCK) and the active low chip select input (CS). The CONVERT state duration is determined by the LTC2450 conversion time (nominally 33.3 milliseconds). Once started, this operation can not be aborted except by a low power supply condition (VCC < 2.1V) which generates an internal power-on reset signal. After the completion of a conversion, the LTC2450 enters the SLEEP state and remains here until both the chip select and clock inputs are low (CS = SCK = LOW). Following this condition the ADC transitions into the DATA OUTPUT state.
POWER-ON RESET
While in the SLEEP state, whenever the chip select input is pulled high (CS = HIGH), the LTC2450's power supply current is reduced to less than 200nA. When the chip select input is pulled low (CS = LOW), and SCK is maintained at a HIGH logic level, the LTC2450 will return to a normal power consumption level. During the SLEEP state, the result of the last conversion is held indefinitely in a static register. Upon entering the DATA OUTPUT state, SDO outputs the most significant bit (D15) of the conversion result. During this state, the ADC shifts the conversion result serially through the SDO output pin under the control of the SCK input pin. There is no latency in generating this result and it corresponds to the last completed conversion. A new bit of data appears at the SDO pin following each falling edge detected at the SCK input pin. The user can reliably latch this data on every rising edge of the external serial clock signal driving the SCK pin (see Figure 3). The DATA OUTPUT state concludes in one of two different ways. First, the DATA OUTPUT state operation is completed once all 16 data bits have been shifted out and the clock then goes low, which corresponds to the 16th falling edge of SCK. Second, the DATA OUTPUT state can be aborted at any time by a LOW-to-HIGH transition on the CS input. Following either one of these two actions, the LTC2450 will enter the CONVERT state and initiate a new conversion cycle. Power-Up Sequence When the power supply voltage VCC applied to the converter is below approximately 2.1V, the ADC performs a power-on reset. This feature guarantees the integrity of the conversion result. When VCC rises above this critical threshold, the converter generates an internal power-on reset (POR) signal for approximately 0.5ms. The POR signal clears all internal registers. Following the POR signal, the LTC2450 starts a conversion cycle and follows the succession of states described in Figure 2. The first conversion result following POR is accurate within the specifications of the device if the power supply voltage VCC is restored within the operating range (2.7V to 5.5V) before the end of the POR time interval.
2450fa
CONVERT
SLEEP
NO
SCK = LOW AND CS = LOW?
YES
DATA OUTPUT
NO
16TH FALLING EDGE OF SCK OR CS = HIGH?
YES
2450 F02
Figure 2. LTC2450 State Transition Diagram
LTC2450 applications inForMation
Ease of Use The LTC2450 data output has no latency, filter settling delay or redundant results associated with the conversion cycle. There is a one-to-one correspondence between the conversion and the output data. Therefore, multiplexing multiple analog input voltages requires no special actions. The LTC2450 performs offset and full-scale calibrations every conversion. This calibration is transparent to the user and has no effect upon the cyclic operation described previously. The advantage of continuous calibration is extreme stability of the ADC performance with respect to time and temperature. The LTC2450 includes a proprietary input sampling scheme that reduces the average input current several orders of magnitude as compared to traditional delta sigma architectures. This allows external filter networks to interface directly to the LTC2450. Since the average input sampling current is 50nA, an external RC lowpass filter using a 1k and 0.1F results in <1LSB error. Reference Voltage Range The converter uses the power supply voltage (VCC) as the positive reference voltage (see Figure 1). Thus, the reference range is the same as the power supply range, which extends from 2.7V to 5.5V. The LTC2450's internal noise level is extremely low so the output peak-to-peak noise remains well below 1LSB for any reference voltage within
t3
this range. Thus the converter resolution remains at 1LSB independent of the reference voltage. INL, offset, and fullscale errors vary with the reference voltage as indicated by the Typical Performance Characteristics graphs. These error terms will decrease with an increase in the reference voltage (as the LSB size in V increases). Input Voltage Range The ADC is capable of digitizing true rail-to-rail input signals. Ignoring offset and full-scale errors, the converter will theoretically output an "all zero" digital result when the input is at ground (a zero scale input) and an "all one" digital result when the input is at VCC (a full-scale input). The converter offset and gain error specifications ensure that all 65536 possible codes will be produced within this voltage range. In an under-range condition, for all input voltages less than the voltage corresponding to output code 0, the converter will generate the output code 0. In an over-range condition, for all input voltages greater than the voltage corresponding to output code 65535 the converter will generate the output code 65535. Output Data Format The LTC2450 generates a 16-bit direct binary encoded result. It is provided, MSB first, as a 16-bit serial stream through the SDO output pin under the control of the SCK input pin (see Figure 3).
t1 CS
t2
D15 SDO MSB
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 LSB
SCK tKQ tlSCK thSCK
2450 F02
Figure 3. Data Output Timing
2450fa
LTC2450 applications inForMation
During the data output operation the CS input pin must be pulled low (CS = LOW). The data output process starts with the most significant bit of the result being present at the SDO output pin (SDO = D15) once CS goes low. A new data bit appears at the SDO output pin following every falling edge detected at the SCK input pin. The output data can be latched by the user using the rising edge of SCK. Conversion Status Monitor For certain applications, the user may wish to monitor the LTC2450 conversion status. This can be achieved by holding SCK HIGH during the conversion cycle. In this condition, whenever the CS input pin is pulled low (CS = LOW), the SDO output pin will provide an indication of the conversion status. SDO = HIGH is an indication of a conversion cycle in progress while SDO = LOW is an indication of a completed conversion cycle. An example of such a sequence is shown in Figure 4. Conversion status monitoring, while possible, is not required for LTC2450 as its conversion time is fixed and equal at approximately 33.3ms (42ms maximum). Therefore, external timing can be used to determine the completion of a conversion cycle. SERIAL INTERFACE The LTC2450 transmits the conversion result and receives the start of conversion command through a synchronous 3-wire interface. This interface can be used during the
t1 CS t2
CONVERT and SLEEP states to assess the conversion status and during the DATA OUTPUT state to read the conversion result, and to trigger a new conversion. Serial Interface Operation Modes The following are a few of the more common interface operation examples. Many more valid control and serial data output operation sequences can be constructed based upon the above description of the function of the three digital interface pins. The modes of operation can be summarized as follows: 1) The LTC2450 functions with SCK idle high (commonly known as CPOL = 1) or idle low (commonly known as CPOL = 0). 2) After the 16th bit is read, the user can choose one of two ways to begin a new conversion. First, one can pull CS high (CS = ). Second, one can use a high-low transition on SCK (SCK = ). 3) In a similar vein, at any time during the Data Output state, pulling CS high (CS = ) causes the part to leave the I/O state, abort the output and begin a new conversion. 4) When SCK = HIGH, it is possible to monitor the conversion status by pulling CS low and watching for SDO to go low. This feature is available only in the idle-high (CPOL = 1) mode.
SDO
SCK = HI CONVERT SLEEP
2450 F03
Figure 4. Conversion Status Monitoring Mode
2450fa
LTC2450 applications inForMation
Serial Clock Idle-High (CPOL = 1) Examples In Figure 5, following a conversion cycle the LTC2450 automatically enters the low power sleep mode. The user can monitor the conversion status at convenient intervals using CS and SDO. CS is pulled low to test whether or not the chip is in the CONVERT state. While in the CONVERT state, SDO is HIGH while CS is LOW. In the SLEEP state, SDO is LOW while CS is LOW. These tests are not required operational steps but may be useful for some applications. When the data is available, the user applies 16 clock cycles to transfer the result. The CS rising edge is then used to initiate a new conversion. The operation example of Figure 6 is identical to that of Figure 5, except the new conversion cycle is triggered by
CS
the falling edge of the serial clock (SCK). A 17th clock pulse is used to trigger a new conversion cycle. Serial Clock Idle-Low (CPOL = 0) Examples In Figure 7, following a conversion cycle the LTC2450 automatically enters the low power sleep state. The user determines data availability (and the end of conversion) based upon external timing. The user then pulls CS low (CS = ) and uses 16 clock cycles to transfer the result. Following the 16th rising edge of the clock, CS is pulled high (CS = ), which triggers a new conversion. The timing diagram in Figure 8 is identical to that of Figure 7, except in this case a new conversion is triggered by SCK. The 16th SCK falling edge triggers a new conversion cycle and the CS signal is subsequently pulled high.
SD0
D15
D14
D13
D12
D2
D1
D0
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk3 clk4 DATA OUTPUT clk15 clk16 CONVERT
2450 F05
Figure 5. Idle-High (CPOL = 1) Serial Clock Operation Example. The Rising Edge of CS Starts a New Conversion
CS
SD0
D15
D14
D13
D12
D2
D1
D0
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk3 clk4 clk15 clk16 clk17 CONVERT
2450 F06
DATA OUTPUT
Figure 6. Idle-High (CPOL = 1) Clock Operation Example. A 17th Clock Pulse is Used to Trigger a New Conversion Cycle
2450fa
0
LTC2450 applications inForMation
CS
SD0
D15
D14
D13
D12
D2
D1
D0
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk3 clk4 clk14 clk15 clk16 CONVERT
2450 F07
DATA OUTPUT
Figure 7. Idle-Low (CPOL = 0) Clock. CS Triggers a New Conversion
CS
SD0
D15
D14
D13
D12
D2
D1
D0
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk3 clk4 clk15 clk15 clk16 CONVERT
2450 F08
DATA OUTPUT
Figure 8. Idle-Low (CPOL = 0) Clock. The 16th SCK Falling Edge Triggers a New Conversion
Examples of Aborting Cycle using CS For some applications the user may wish to abort the I/O cycle and begin a new conversion. If the LTC2450 is in the data output state, a CS rising edge clears the remaining data bits from memory, aborts the output cycle and triggers a new conversion. Figure 9 shows an example of aborting an I/O with idle-high (CPOL = 1) and Figure 10 shows an example of aborting an I/O with idle-low (CPOL = 0). A new conversion cycle can be triggered using the CS signal without having to generate any serial clock pulses as shown in Figure 11. If SCK is maintained at a LOW logic level, after the end of a conversion cycle, a new
conversion operation can be triggered by pulling CS low and then high. When CS is pulled low (CS = LOW), SDO will output the most significant bit (D15) of the result of the just completed conversion. While a low logic level is maintained at SCK pin and CS is subsequently pulled high (CS = HIGH) the remaining 15 bits of the result (D14:D0) are discarded and a new conversion cycle starts. Following the aborted I/O, additional clock pulses in the CONVERT state are acceptable, but excessive signal transitions on SCK can potentially create noise on the ADC during the conversion, and thus may negatively influence the conversion accuracy.
2450fa
LTC2450 applications inForMation
CS
SD0
D15
D14
D13
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk2 clk4 CONVERT
2450 F09
DATA OUTPUT
Figure 9. Idle-High (CPOL = 1) Clock and Aborted I/O Example
CS
SD0
D15
D14
D13
SCK clk1 CONVERT SLEEP LOW ICC clk2 clk3 CONVERT
2450 F10
DATA OUTPUT
Figure 10. Idle-Low (CPOL = 0) Clock and Aborted I/O Example
CS
SD0
D15
SCK = LOW
CONVERT
SLEEP LOW ICC
DATA OUTPUT
CONVERT
2450 F11
Figure 11. Idle-Low (CPOL = 0) Clock and Minimum Data Output Length Example
2450fa
LTC2450 applications inForMation
2-Wire Operation The 2-wire operation modes, while reducing the number of required control signals, should be used only if the LTC2450 low power sleep capability is not required. In addition the option to abort serial data transfers is no longer available. Hardwire CS to GND for 2-wire operation. Figure 12 shows a 2-wire operation sequence which uses an idle-high (CPOL = 1) serial clock signal. The conversion status can be monitored at the SDO output. Following a conversion cycle, the ADC enters SLEEP state and the SDO output transitions from HIGH to LOW. Subsequently 16 clock pulses are applied to the SCK input in order to serially shift the 16 bit result. Finally, the 17th clock pulse is applied to the SCK input in order to trigger a new conversion cycle. Figure 13 shows a 2-wire operation sequence which uses an idle-low (CPOL = 0) serial clock signal. The conversion status cannot be monitored at the SDO output. Following a conversion cycle, the LTC2450 bypasses the SLEEP state and immediately enters the DATA OUTPUT state. At this moment the SDO pin outputs the most significant bit (D15) of the conversion result. The user must use external timing in order to determine the end of conversion and result availability. Subsequently 16 clock pulses are applied to SCK in order to serially shift the 16-bit result. The 16th clock falling edge triggers a new conversion cycle. PRESERVING THE CONVERTER ACCURACY The LTC2450 is designed to reduce as much as possible the conversion result sensitivity to device decoupling, PCB layout, antialiasing circuits, line and frequency perturbations. Nevertheless, in order to preserve the very high accuracy capability of this part, some simple precautions are desirable.
CS = LOW SD0 D15 SCK D14 D13 D12 D2 D1 D0
clk1 CONVERT SLEEP
clk2
clk3
clk4 DATA OUTPUT
clk15
clk16
clk17 CONVERT
2450 F12
Figure 12. 2-Wire, Idle-High (CPOL = 1) Serial Clock, Operation Example
CS = LOW
SD0
D15
D14
D13
D12
D2
D1
D0
SCK clk1 CONVERT clk2 clk3 clk4 clk14 clk15 clk16 CONVERT
2450 F13
DATA OUTPUT
Figure 13. 2-Wire, Idle-Low (CPOL = 0) Serial Clock Operation Example
2450fa
LTC2450 applications inForMation
Digital Signal Levels The LTC2450's digital interface is easy to use. Its digital inputs (SCK and CS) accept standard CMOS logic levels and the internal hysteresis receivers can tolerate edge rates as slow as 100s. However, some considerations are required to take advantage of the exceptional accuracy and low supply current of this converter. The digital output signal SDO is less of a concern because it is not active during the conversion cycle. While a digital input signal is in the range 0.5V to VCC -0.5V, the CMOS input receiver may draw additional current from the power supply. Due to the nature of CMOS logic, a slow transition within this voltage range may cause an increase in the power supply current drawn by the converter, particularly in the low power operation mode within the SLEEP state. Thus, for low power consumption it is highly desirable to provide relatively fast edges for the two digital input pins SCK and CS, and to keep the digital input logic levels at VCC or GND. At the same time, during the CONVERT state, undershoot and/or overshoot of fast digital signals connected to the LTC2450 pins may alter the conversion result. Undershoot and overshoot can occur because of an impedance mismatch at the converter pin combined with very fast transition times. This problem becomes particularly difficult when shared control lines are used and multiple reflections may occur. The solution is to carefully terminate all transmission lines close to their characteristic impedance. Parallel termination is seldom an acceptable option in low power systems so a series resistor between 27 and 56 placed near the driver may eliminate this problem. The actual resistor value depends upon the trace impedance and connection topology. An alternate solution is to reduce the edge rate of the control signals, keeping in mind the concerns regarding slow edges mentioned above. Particular attention should be given to configurations in which a continuous clock signal is applied to SCK pin during the CONVERT state. While LTC2450 will ignore this signal from a logic point of view the signal edges may create unexpected errors depending upon the relation between its frequency and the internal oscillator frequency. In such a situation it is beneficial to use edge rates of about 10ns and to limit potential undershoot to less than 0.3V below GND and overshoot to less than 0.3V above VCC. Noisy external circuitry can potentially impact the output under 2-wire operation. In particular, it is possible to get the LTC2450 into an unknown state if an SCK pulse is missed or noise triggers an extra SCK pulse. In this situation, it is impossible to distinguish SDO = 1 (indicating conversion in progress) from valid "1" data bits. As such, CPOL = 1 is recommended for the 2-wire mode. The user should look for SDO = 0 before reading data, and look for SDO = 1 after reading data. If SDO does not return a "0" within the maximum conversion time (or return a "1" after a full data read), generate 16 SCK pulses to force a new conversion. Driving VCC and GND The VCC and GND pins of the LTC2450 converter are directly connected to the positive and negative reference voltages, respectively. A simplified equivalent circuit is shown in Figure 14. The power supply current passing through the parasitic layout resistance associated with these common pins will modify the ADC reference voltage and thus negatively affect the converter accuracy. It is thus important to keep the VCC and GND lines quiet, and to connect these supplies through very low impedance traces. In relation to the VCC and GND pins, the LTC2450 combines internal high frequency decoupling with damping
VCC RSW (TYP) 15k ILEAK VCC VCC VIN ILEAK ILEAK CEQ (TYP) 0.35pF ILEAK GND RSW (TYP) 15k RSW (TYP) 15k
VCC
2450 F14
INTERNAL SWITCHING FREQUENCY = 4 MHz
Figure 14. LTC2450 Analog Pins Equivalent Circuit
2450fa
LTC2450 applications inForMation
elements which reduce the ADC performance sensitivity to PCB layout and external components. Nevertheless, the very high accuracy of this converter is best preserved by careful low and high frequency power supply decoupling. A 0.1F high quality, ceramic capacitor in parallel with a , 10F ceramic capacitor should be connected between the VCC and GND pins, as close as possible to the package. The 0.1F capacitor should be placed closest to the ADC package. It is also desirable to avoid any via in the circuit path starting from the converter VCC pin, passing through these two decoupling capacitors and returning to the converter GND pin. The area encompassed by this circuit path, as well as the path length, should be minimized. Very low impedance ground and power planes and star connections at both VCC and GND pins are preferable. The VCC pin should have two distinct connections: the first to the decoupling capacitors described above and the second to the power supply voltage. The GND pin should have three distinct connections: the first to the decoupling capacitors described above, the second to the ground return for the input signal source and the third to the ground return for the power supply voltage source. Driving VIN The VIN input drive requirements can be best analyzed using the equivalent circuit of Figure 15. The input signal VSIG is connected to the ADC input pin VIN through an equivalent source resistance RS. This resistor includes both the actual generator source resistance and any additional optional resistor connected to the VIN pin. An optional input capacitor CIN is also connected to the ADC VIN pin. This capacitor is placed in parallel with the ADC input parasitic capacitance CPAR. Depending upon the PCB layout CPAR has typical values between 2pF and 15pF In . addition, the equivalent circuit of Figure 15 includes the converter equivalent internal resistor RSW and sampling capacitor CEQ. There are some immediate trade-offs in RS and CIN without needing a full circuit analysis. Increasing RS and CIN can give the following benefits: 1) Due to the LTC2450's input sampling algorithm, the input current drawn by VIN over a conversion cycle is 50nA. A high RS * CIN attenuates the high frequency components of the input current, and RS values up to 1k result in <1LSB error. 2) The bandwidth from VSIG is reduced at VIN.This bandwidth reduction isolates the ADC from high frequency signals, and as such provides simple antialiasing and input noise reduction. 3) Noise generated by the ADC is attenuated before it goes back to the signal source. 4) A large CIN gives a better AC ground at VIN, helping reduce reflections back to the signal source. 5) Increasing RS protects the ADC by limiting the current during an outside-the-rails fault condition. RS can be easily sized such as to protect against even extreme fault conditions. There is a limit to how large RS * CIN should be for a given application. Increasing RS beyond a given point increases the voltage drop across RS due to the input current, to the point that significant measurement errors exist. Additionally, for some applications, increasing the RS * CIN product too much may unacceptably attenuate the signal at frequencies of interest.
VCC RS VSIG VCC VIN CIN CPAR ILEAK
RSW 15k ILEAK (TYP) CEQ 0.35pF (TYP) ICONV
2450 F15
+ -
Figure 15. LTC2450 Input Drive Equivalent Circuit
2450fa
LTC2450 applications inForMation
For most applications, it is desirable to implement CIN as a high quality 0.1F ceramic capacitor and RS 1k. This capacitor should be located as close as possible to the actual VIN package pin. Furthermore the area encompassed by this circuit path as well as the path length should be minimized. In the case of a 2-wire sensor which is not remotely grounded, it is desirable to split RS and place series resistors in the ADC input line as well as in the sensor ground return line which should be tied to the ADC GND pin using a star connection topology. Figure 16 shows the measured LTC2450 INL vs Input Voltage as a function of RS value with an input capacitor CIN = 0.1F . In some cases, RS can be increased above these guidelines. In the case of the LTC2450, in the first half of the CONVERT state, the internal calibration algorithm maintains IAV strictly at zero. Each half of the CONVERT state is about 16.67ms. Additionally, the input current is zero while the
16 12 8 INL(LSB) INL (LSB) 4 0 -4 -8 -12 -16 0 1 3 INPUT VOLTAGE (V) 2 4 5
2450 F16
ADC is either in sleep or I/O modes. Thus, if the time constant of the input R-C circuit t = RS * CIN is of the same order magnitude or longer than the time periods between actual conversions, then one can consider the input current to be reduced correspondingly. These considerations need to be balanced out by the input signal bandwidth. The 3dB bandwidth 1/(2p RS CIN). Finally, if the recommended choice for CIN is unacceptable for the user's specific application, an alternate strategy is to eliminate CIN and minimize CPAR and RS. In practical terms, this configuration corresponds to a low impedance sensor directly connected to the ADC through minimum length traces. Actual applications include current measurements through low value sense resistors, temperature measurements, low impedance voltage source monitoring and so on. The resultant INL vs VIN is shown in Figure 17. The measurements of Figure 17 include a CPAR capacitor corresponding to a minimum size layout pad and a minimum width input trace of about 1 inch length.
8 6 4
RS = 1k RS = 0 RS = 10k
2 0 -2 -4 -6 -8 0 0.5 1 1.5 2 2.5 3 3.5 INPUT VOLTAGE (V) 4 4.5 5 RS = 0 RS = 1k
RS = 10k
2450 F17
Figure 16. Measured INL vs Input Voltage, CIN = 0.1F, VCC = 5V, TA = 25C
Figure 17. Measured INL vs VIN, CIN = 0, VCC = 5V, TA = 25C
2450fa
LTC2450 applications inForMation
Signal Bandwidth and Noise Equivalent Input Bandwidth The LTC2450 includes a sinc1 type digital filter with the first notch located at f0 = 60Hz. As such the 3dB input signal bandwidth is 26.54Hz. The calculated LTC2450 input signal attenuation with frequency at low frequencies is shown in Figure 18. The LTC2450 input signal attenuation with frequency over a wide frequency range is shown in Figure 19. The converter noise level is about 1.4VRMS and can be modeled by a white noise source connected at the input of a noise free converter. For a simple system noise analysis the VIN drive circuit can be modeled as a single pole equivalent circuit characterized by a pole location Fi and a noise spectral density ni. If the converter has an unlimited bandwidth or at least a bandwidth substantially larger than Fi, then the total
0 INPUT SIGNAL ATTENUATIOIN (dB) INPUT SIGNAL ATTENUATION (dB) -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 0 60 120 180 240 300 360 420 480 540 600 INPUT SIGNAL FREQUENCY (Hz)
2450 F18
noise contribution of the external drive circuit would be Vn = ni * p/2 * Fi. Then, the total system noise level can be estimated as the square root of the sum of (Vn2) and the square of the LTC2450 noise floor (2mV2). Aliasing The LTC2450 signal acquisition circuit is a sampled data system and as such suffers from input signal aliasing. As can be seen from Figure 19, due to the very high oversample ratios the high frequency input signal attenuation is reasonably good. Nevertheless a continuous time antialiasing filter connected at the input will preserve the converter accuracy when the input signal includes undesirable high frequency components. The antialiasing function can be accomplished using the RS and CIN components shown in Figure 15 sized such that t = RS * CIN > 450ns.
0
-20
-40
-60
-80
-100
0
2.5
5.0
7.5
10.0
12.5
15.0
2450 F19
INPUT SIGNAL FREQUENCY (MHz)
Figure 18. Input Signal Attenuation vs Frequency (Low Frequencies)
Figure 19. Input Signal Attenuation vs Frequency
2450fa
LTC2450 typical application
Thermistor Measurement
5V
10k VIN THERMISTOR 1k TO 10k 100nF
VCC LTC2450 GND
2450 TA02
CS SCK SDO
2450fa
LTC2450 packaGe Description
DC Package 6-Lead Plastic DFN (2mm x 2mm) (Reference LTC DWG # 05-08-1703)
0.675 0.05 2.50 0.05 1.15 0.05 0.61 0.05 (2 SIDES)
PACKAGE OUTLINE
0.25 0.05 0.50 BSC 1.42 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS R = 0.115 TYP 0.56 0.05 (2 SIDES) 2.00 0.10 (4 SIDES) 0.38 0.05 4 6
PIN 1 BAR TOP MARK (SEE NOTE 6)
PIN 1 CHAMFER OF EXPOSED PAD 3 1
(DC6) DFN 1103
0.200 REF
0.75 0.05
0.25 0.05 0.50 BSC
1.37 0.05 (2 SIDES) 0.00 - 0.05 BOTTOM VIEW--EXPOSED PAD
NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
2450fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LTC2450 typical applications
Easy Active Input
PRECONDITIONED SENSOR WITH VOLTAGE OUTPUT
Easy Passive Input
V+ VOUT GND
1k
LTC2450 100nF
2450 TA04
RS < 10k 100nF
LTC2450
2450 TA05
relateD parts
PART NUMBER LT(R)1236A-5 LT1461 LTC1860/LTC1861 LTC1860L/LTC1861L LTC1864/LTC1865 LTC1864L/LTC1865L LTC2440 LTC2480 LTC2481 LTC2482 LTC2483 LTC2484 LTC2485 LTC6241 LT6660 DESCRIPTION Precision Bandgap Reference, 5V Micropower Series Reference, 2.5V 12-Bit, 5V, 1-/2-Channel 250ksps SAR ADC in MSOP 12-Bit, 3V, 1-/2-Channel 150ksps SAR ADC 16-Bit, 5V, 1-/2-Channel 250ksps SAR ADC in MSOP 16-bit, 3V, 1-/2-Channel 150ksps SAR ADC 24-Bit No Latency DS ADC
TM
COMMENTS 0.05% Maximum, 5ppm/C Drift 0.04% Maximum, 3ppm/C Drift 850A at 250ksps, 2A at 1ksps, SO-8 and MSOP Packages 450A at 150ksps, 10A at 1ksps, SO-8 and MSOP Packages 850A at 250ksps, 2A at 1ksps, SO-8 and MSOP Packages 450A at 150ksps, 10A at 1ksps, SO-8 and MSOP Packages 200nVRMS Noise, 8kHz Output Rate, 15ppm INL Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package Easy Drive Input Current Cancellation, 600nVRMS Noise, Tiny 10-Lead DFN Package 550nVP-P Noise, 125V Offset Maximum 20ppm/C Maximum Drift, 0.2% Maximum
16-Bit, Differential Input, No Latency DS ADC, with PGA, Temperature Sensor, SPI 16-Bit, Differential Input, No Latency DS ADC, with PGA, Temperature Sensor, I2C 16-Bit, Differential Input, No Latency DS ADC, SPI 16-Bit, Differential Input, No Latency DS ADC, I2C 24-Bit, Differential Input, No Latency DS ADC, SPI 24-Bit, Differential Input, No Latency DS ADC, I2C Dual, 18MHz, Low Noise, Rail-to-Rail Op Amp Micropower References in 2mm x 2mm DFN Package, 2.5V, 3V, 3.3V, 5V
No Latency DS is a trademark of Linear Technololgy Corporation.
2450fa
0 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
LT 0707 REV A * PRINTED IN USA
FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2007


▲Up To Search▲   

 
Price & Availability of LTC2450IDCTRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X