Part Number Hot Search : 
1N2279 ADCMP6 LTC31 H80N60 55520 ZTX688 C1210 LTC2654
Product Description
Full Text Search
 

To Download LTC222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC201A/LTC202/LTC203 Micropower, Low Charge Injection, Quad CMOS Analog Switches
FEATURES

DESCRIPTIO
Micropower Operation Single 5V or 15V Supply Operation Low Charge Injection Low RON Low Leakage Guaranteed Break Before Make Latch Resistant Design TTL/CMOS Compatible Improved Second Source for DG2O1A/DG202
The LTC(R)201A, LTC202, and LTC203 are micropower, quad CMOS analog switches which typically dissipate only 250W from 15V supplies and 40W from a single 5V supply. The switches have 65 typical on resistance and a very high off resistance. A break-before-make characteristic, inherent in these switches, prevents the shorting of two channels. With a supply voltage of 15V, the signal range is 15V. These switches have special charge compensation circuitry which greatly reduces charge injection to a maximum of 25pC (15V supplies). The LTC201A, LTC202, and LTC203 are designed for applications such as programmable gain amplifiers, analog multiplexers, sample-and-hold circuits, precision charge switching and remote switching. These three devices are differentiated by the type of switch action, as shown in the logic table.
, LTC and LT are registered trademarks of Linear Technology Corporation.
KEY SPECIFICATIO S


Supply Current ................... I+ = 40A, I- = 5A Max Charge Injection 15V Supplies ................................. 25pC Max Single 5V Supply .................................. 2pC Typ RON ............................................................. 65 Typ Signal Range .................................................... 15V
TYPICAL APPLICATIO
VIN OV TO 5V 220k* 100Hz TRIM (240k* TYP) 50k
Micropower 100Hz to 1MHz V-to-F Converter
1.5M 10k 7V TO 10V 100k 12k 1N4148 1F 47k 2N3906 2N3904 0.01F VDD CLK CD4024 0.33F 3pF 74C14 10M FOUT RESET Q7 VSS LINEARITY IS 0.02% QUIESCENT CURRENT IS 90A SUPPLY CURRENT IS 360A AT 1MHz *1%FILM RESISTOR NC 100 1F
+
1/2 LT (R)1178
-
2k
2F S1 S3 V+ IN2 IN3 IN1 IN4
GND
V-
S4
LTC201A/LTC202 0.022F D1 D3 500pF POLYSTYRENE D4 D2
U
+
1/2 LT1178 LT1004-2.5
U
U
-
S2
LTC201A/202/203*TA01
201a23fb
1
LTC201A/LTC202/LTC203
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW IN1 D1 S1 V- GND S4 D4 IN4 1 2 3 4 5 6 7 8 16 IN2BP C 15 D2 14 S2 13 V + 12 NC 11 S3 10 D3 9 IN3
Voltages Referenced to V - V+ ........................................................................ 44V GND ..................................................................... 25V Digital Inputs, S, D (Note 2) ....... - 2V to (V + + 2V) or 20mA, Whichever Occurs First Current Any Input Except S or D ................................... 30mA Continuous S or D ............................................ 20mA Peak S or D (Pulsed at 1ms, 10% Duty Cycle Max) ................................... 70mA ESD Susceptibility (Note 3) ...................................... 4kV Power Dissipation (Plastic) ............................... 500mW Power Dissipation (Ceramic) ............................. 900mW Operating Temperature Range LTC201AC/LTC202C/LTC203C ................ 0C to 70C LTC201AM/LTC202M/LTC203M .......-55C to 125C Storage Temperature Range ..................-65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC201ACN LTC201ACS LTC202CN LTC202CS LTC203CN LTC203CS
N PACKAGE 16-LEAD PDIP TJMAX = 110C, JA - 120C/W S PACKAGE 16-LEAD PLASTIC SO TJMAX = 110C, JA - 130C/W J PACKAGE 16-LEAD CERDIP TJMAX = 150C, JA - 100C/W
LOGIC TABLE
INX 0 1 LTC201A IN1 TO IN4 ON OFF LTC202 IN1 TO IN4 OFF ON LTC203 IN1, IN4 IN2, IN3 OFF ON ON OFF
ORDER PART NUMBER LTC201AMJ LTC201ACJ LTC202MJ LTC202CJ LTC203MJ LTC203CJ
OBSOLETE PACKAGE
Consider the N16 or SO-16 Package for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DIGITAL A D DC ELECTRICAL CHARACTERISTICS +
PARAMETER Analog Signal Range RON VS = 10V ID = 1mA TMIN 25C TMAX RON vs VS RON vs Temperature RON Match Off Input Leakage IS (OFF) VS = 0V, IDS = 1mA VD = 14V, VS = 14V Switch Off
The denotes the specifications which apply over full operating temperature range, otherwise specifications are at TA = 25C. V = 15V, V - = -15V, GND = 0V.
LTC201AM/LTC202M/ LTC203M MIN TYP MAX
CONDITIONS
LTC201AC/LTC202C/ LTC203C MIN TYP MAX 15 125 65 125 160 20 0.5 5
UNITS V % %/C %
15 110 65 110 160 20 0.5 5 0.01 1 100
0.01
5 100
201a23fb
2
U
nA nA
W
U
U
WW
W
U
LTC201A/LTC202/LTC203
DIGITAL A D DC ELECTRICAL CHARACTERISTICS+
PARAMETER Off Output Leakage ID (0FF) On Channel Leakage lD (ON) CONDITIONS VD = 14V, VS = 14V Switch Off VD = VS = 14V Switch On Input High Voltage VINH Input Low Voltage VINL Input High or Low Current IINH and IINL CS (OFF) CD (OFF) CD, CS (ON) I+ All Logic Inputs Tied Together VIN = 0V or 4.0V I-

The denotes the specifications which apply over full operating temperature range, otherwise specifications are at TA = 25C. V = 15V, V - = -15V, GND = 0V.
LTC201AM/LTC202M/ LTC203M MIN TYP MAX 0.01 0.02 1 100 1 200 2.4 0.8 1 5 12 30 16 40 60 0.1 5 10 0.1 5 12 30 16 40 60 5 10 2.4 0.8 1 LTC201AC/LTC202C/ LTC203C MIN TYP MAX 0.01 0.02 5 100 5 200
AC ELECTRICAL CHARACTERISTICS
V+ = 15V, V - = -15V, GND = 0V unless otherwise noted.
LTC201AM/LTC202M/ LTC203M MIN TYP MAX 290 210 20 VS = 2VP-P, RL = 1k, f 100kHz RS = 0, CL = 1000pF, VS = 0V VS = 2VP-P, RL = 10k 85 75 90 5 0.01 25 400 300 20 LTC201AC/LTC202C/ LTC203C MIN TYP MAX 290 210 85 75 90 8 0.01 25 400 300
PARAMETER tON tOFF tOPEN Off Isolation Crosstalk Charge Injection OINJ Total Harmonic Distortion THD
U
UNITS nA nA nA nA V V A pF pF pF A A A A
VIN = 15V, 0V
CONDITIONS VS = 2V, RL = 1k, CL = 35pF
UNITS ns ns ns dB dB pC %
201a23fb
3
LTC201A/LTC202/LTC203
DIGITAL A D DC ELECTRICAL CHARACTERISTICS+
PARAMETER Analog Signal Range RON VS = 1.5V, +3V ID = 0.25mA RON vs VS RON vs Temperature RON Match Off Input Leakage IS (OFF) Off Output Leakage ID (0FF) On Channel Leakage lD (ON) Input High Voltage VINH Input Low Voltage VINL Input High or Low Current IINH and IINL CS (OFF) CD (OFF) CD, CS (ON) I+ All Logic Inputs Tied Together VIN = 0V OR 4.0V
The denotes the specifications which apply over full operating temperature range, otherwise specifications are at TA = 25C. V = 5V, V- = GND = 0V unless otherwise noted.
LTC201AM/LTC202M/ LTC203M MIN TYP MAX
AC ELECTRICAL CHARACTERISTICS
V + = 5V, V - = GND = 0V unless otherwise noted.
LTC201AM/LTC202M/ LTC203M MIN TYP MAX 450 190 100 VS = 2VP-P, RL = 1k, f = 100Hz RS = 0, CL = 1000pF, VS = 2.5V VS = 2VP-P, RL = 10k 250 75 90 2 0.01 600 300 100 LTC201AC/LTC202C/ LTC203C MIN TYP MAX 450 190 250 75 90 2 0.01 600 300
PARAMETER tON tOFF tOPEN Off Isolation Crosstalk Charge Injection OINJ Total Harmonic Distortion THD
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Signals on S, D, or IN exceeding V + or V - will be clamped by internal diodes. Limit forward diode current to maximum current rating.
4
U
CONDITIONS TMIN 25C TMAX
LTC201AC/LTC202C/ LTC203C MIN TYP MAX UNITS 0 280 20 0.5 5 5 520 525 650 V % %/C % 5 100 0.01 0.01 2.4 +5 100 5 200 0.8 1 5 12 30 nA nA nA nA nA nA V V A pF pF pF 20 30 A A
0 280 20 0.5
5 450 450 650
VS = 2.5V, IDS = 0.25mA VD = 4V, 1V; VS = 1V, 4V (Note 4) Switch Off VD = 4V, 1V; VS = 1V, 4V (Note 4) Switch Off VD = VS = 1V, 4V (Note 4) Switch On

5 0.01 0.01 0.01 2.4 0.8 1 5 12 30 8 20 30 1 100 1 100 1 200
0.01
VIN = 5V, 0V
8
CONDITIONS VS = 2V, RL = 1k, CL = 35pF
UNITS ns ns ns dB dB pC %
Note 3: In-circuit ESD on the switch pins (S or D) exceeds 4kV (see test circuit). Note 4: Leakage current with a single 5V supply is guaranteed by correlation with the 15V leakage current.
201a23fb
LTC201A/LTC202/LTC203 TYPICAL PERFOR A CE CHARACTERISTICS
RON vs VS Over Supply Voltage
T = 25C 250 I A = 1mA D VSUPPLY = 5V, 0V
200
RON ()
RON ()
RON ()
150 100
5V 10V 15V
50
20V
0 - 20 - 16 - 12 - 8 - 4
04 VS (V)
8
LT201_202_203 * TPC01
QINJ vs VS Over Supply Voltage
50 TA = 25C 40 C = 1000p-F L 30 20
QINJ (pC)
V + = 5V V - = - 5V
V + = 5V V - = 0V
I+ (A)
10
0
I+ (A)
- 10 - 20 - 30 - 40 - 50 - 15
- 10 -5 0 5 10 15
V + = 15V -
V = - 15V
VS(V)
LT201_202_203 * TPC04
UW
RON vs VS Over Temperature
100 80
25C 125C
RON vs VS Over Temperature
V + = 5V 500 V - = 0V ID = 1mA
400
125C
60 40
- 55C V + = 15V V - = - 15V ID = 1mA
300 200
25C
20
100 0
- 55C
12 16 20
0 - 15 - 12 - 9 - 6 - 3
03 VS(V)
6
9
12 15
0
1
2
VS(V)
3
4
5
LT201_202_203 * TPC02
LT201_202_203 * TPC03
Positive Supply Current vs Logic Input Voltage
V + = 15V 300 V - = - 15V 270 TA = 25C ALL LOGIC INPUTS 240 TIED TOGETHER
Supply Current vs Logic Input Voltage
300 270 240 210 180 150 120 90 60 30
V + = 5V V - = 0V TA = 25C ALL LOGIC INPUTS TIED TOGETHER
210 180 150 120 90 60 30 0 0 3 6
VIN(V)
LT201_202_203 * TPC05
9
12
15
0 0
1
2
VIN(V)
3
4
LT201_202_203 * TPC06
5
201a23fb
5
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
Switching Time Test Circuit
Switch output waveform shown for VS = constant with logic input waveform as shown. Note that VS may be + or - as per switching time test circuit. VO is the steady state
LOGIC "1" = SW ON NO LOGIC INPUT tr < 20ns tf < 20ns NC LOGIC INPUT tr < 20ns tf < 20ns SWITCH INPUT SWITCH OUTPUT 3V 50% 0V LOGIC "0" = SW ON 3V 50% 0V VS VO 0V tON 0.9 VO tOFF
LT201_202_203 * AI01
0.9
Charge Injection Test Circuit
RGEN VGEN SX DX
VO
VO CL = 1000pF
VO
INX
LT201_202_203 * AI03
6
U
output switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge of output waveform.
Switching Time Test Circuit
SWITCH INPUT VS = 2V IN1 LOGIC INPUT (REPEAT TEST FOR IN2, IN3 AND IN4) RL 1k S1 D1 SWITCH OUTPUT VO CL 35pF VO = VS RL RL + rDS(ON)
LT201_202_203 * AI02
W
UU
3V NC 0V 3V NO 0V OFF ON ON OFF ON ON
VO IS THE MEASURED VOLTAGE ERROR DUE TO CHARGE INJECTION. THE ERROR VOLTAGE IN COULOMBS IS Q = CL * VO LT201_202_203 * AI04
201a23fb
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
OIRR-Off Isolation Test Circuit
C 15V
SIGNAL GENERATOR VS = 2VP-P f = 100kHz CHAN A ANALYZER CHAN B RL 1k C = 0.001F//0.1F CHIP CAPACITORS VO VD
VS V + NX
VD GND V-
OIRR = 20 LOG
C - 15V
LT201_202_203 * AI05
VIN 3V 0V NC NO
In-Circuit ESD Test Circuit
ANY SOURCE OR DRAIN PIN ESD TESTER 1.5k LTC201A/ LTC202/ LTC203 S OR D V+ 15V VIN 4kV 100pF V- 0.1F GND 0.1F POWER APPLIED OR OPEN CIRCUIT 330k - 15V
PER MIL-STD-883C METHOD 3015.2
LT201_202_203 * AI07
U
CCRR-Channel to Channel Crosstalk Test Circuit
C 15V SIGNAL GENERATOR VS = 2VP-P f = 100kHz 3
+ VS1 V
W
UU
VL
VD1
50
VIN
CHAN A ANALYZER CHAN B VIN RL 1k C = 0.001F//0.1F CHIP CAPACITORS
IN1
IN2
VIN
VD2 GND
VS2 V-
NC
CCRR = 20 LOG
VS1 VD2 - 15V
C
LT201_202_203 * AI06
VIN 3V 0V NC NO
Micropower, 4.5V to 15V Input, Voltage Doubler Using the LTC203
VOUT = 2VIN 1F D1 V+ 1N4148 S3 V- GND 1/4 74C14 14 S2 IN3 1M IN2 10F 1000pF IN1 IN4 D4 S4 D2 D3 1F LTC203 S1
LT201_202_203 * AI08
VIN 4.5V 15V
IQ 20A 130A
VOUT, NO LOAD 8.988V(12mV Error) 29.96V(40mV Error)
ROUT 1.2k 600
201a23fb
7
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
Micropower, 4.5V to 15V, Voltage Inverter Using the LTC203
LTC203 10 13 VIN 3 D1 V+ S3 D3 2 S1 11
10F
VIN 4.5V 15V
IQ 15A 125A
VOUT, NO LOAD -4.494V(6mV Error) -14.975V(25mV Error)
Quad 12-Bit Sample-and-Hold
5V
IN1 NC SAMPLE HOLD IN2 IN3 IN4 VIN1 S1
LTC201A/ LTC202/ LTC203
NO SAMPLE HOLD
V
+
D1 0.01F
VIN2
S2
D2 0.01F
VIN3
S3
D3 0.01F
VIN4
S4
D4 0.01F V-
GND
8
U
5 330k 14 1 16 74C14 14 9 1M 1000pF 8 7 1F GND S2 IN3 IN2 IN1 IN4 D4 V- 4 1F
LT201_202_203 * AI09
W
UU
D2
15
S4
6
ROUT 1.1k 520
VOUT = - VIN
+ -
LT1014 OR LT1079
VOUT1
+
VOUT2
-
LT1014 LT1079 0.6mV 300ns 27s 0.07V/s 0.6mV/ms 180A SAMPLE-TO-HOLD OFFSET
VOUT3
0.6mV 300ns 14s 0.4V/s 0.8mV/ms 1.6mA
+ -
APERTURE TIME AQUISITION TIME TO 0.01% (0 TO 2V STEP) SLEW RATE (0 TO 5V STEP)
+
VOUT4
DROOP RATE SUPPLY CURRENT
-
- 5V
LT201_202_203 * AI10
201a23fb
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO U
15V 74C14 INPUT 9 IN3 8 IN4 14 S2 3 S1 1F V- 4 - 15V 1F GND 5 D2 15 D1 2 15V 100k 15V 1M 1000pF 470pF - 15V 10k 100k 10 0.47F R2 10k 10 sec
10 D3
7 D4
S3 11
S4 6
15V
+
LT1028
-
NOISE: 40nVP-P 0.1Hz TO 10Hz VOS: 1V DRIFT: 0.05V/C R2 GAIN: +1 R1 AVOL: > 108 Ib: 25nA
Noise in a 0.1 to 10Hz Bandwidth
50nV
+
-
W
1 IN1 NC
UU
Ultra Low Noise, Low Drift Chopper Amplifier
16 IN2 LTC203 V+ 13
12
LT1097
OUTPUT
- 15V
R1 10
LT201_202_203 * AI11
201a23fb
9
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
Bipolar (AC) Input V/F Converter
0.01F*
3 S1 S4
D1 2 1N4148 1N4148
1N4148 36.5k 1%** 15V
1N4148
10k INPUT 10V
LT1056
- 15V - 15V * POLYSTYRENE 50ppm/C DRIFT 0.04% LINEARITY ** TRW/IRC MTR/5/+ 120 1N4148 33k 100pF
0.33F
10
+
- 15V
-
+
-
U
15V 6 1 IN1 16 IN2 LTC203 D4 7 NC 12 V+ 13 15V 2k LT1004-2.5 - 15V 15V 1k V- 4 GND 5 D3 10 0.1F S2 14 9 IN3 8 IN4 11 S3 15 D2 74C04 OUTPUT 0kHz TO 10kHz 15V 15V LT1012 A = 10 10k 3.6k 3.6k LT1011 1N4148 2N2369 15V 10k
LT201_202_203 * AI13
W
UU
+ -
201a23fb
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
0.02F TYPE K THERMOCOUPLE "A"
Micropower Thermocouple Temperature to Frequency Converter
6V NC 6V
+V
6V
LT1025 GND R-
6.81k** C3 0.47F 100C 1.5k TRIM 6.8F
3 S1
NOTES: * POLYSTYRENE D1 ** IRC/TRW MTR/5/+ 120ppm 2 360A OPERATING CURRENT 4.75V TO 10V SUPPLY VOLTAGE FOR 4mV FULL SCALE "GENERAL PURPOSE" V F DELETE LT1025 AND THERMOCOUPLE AND DRIVE POINT "A"
+
+
-
K
-
100k
LT1049
14 S2
D2 15
U
10k Q1 2N3904 1M Q2 2N3906 6V 74C14 100k OUTPUT 0C to 100C D.C. to 1kHz C4 300pF C1 100pF 240k 6V LT1004-1.2V 1 IN1 16 IN2 9 IN3 8 IN4 11 S3 6 S4 LTC203 NC 12 V+ 13 6V
LT201_202_203 * AI14
W
UU
V- 4
GND 5
D3 10
D4 7
C2 390pF*
201a23fb
11
LTC201A/LTC202/LTC203
APPLICATIO S I FOR ATIO
Precision Current Sensing in Supply Rails
74C14 SHUNT CAN BE IN POSITIVE OR NEGATIVE SUPPLY LEAD 15V
IIN
RSHUNT
S1
S2
IN1
IN2 LTC203
D1
D2
NC
V+
15V
Precision Voltage Divide by 2 Circuit
VOUT = VIN/2 1F
VIN 4.5V TO 20V S1 S2 V+ NC LTC203 D1 IN1 IN2 IN3 IN4 V- GND S3 S4
D2
12
U
1M VOUT 1F IN3 IN4 S3 S4 1000pF V- GND D3 D4 - 15V 1F
LT201_202_203 * AI15
W
UU
D3
D4
1F
74C14
330k
1M
10F
1000pF
LT201_202_203 * AI16
201a23fb
LTC201A/LTC202/LTC203
PACKAGE DESCRIPTIO
CORNER LEADS OPTION (4 PLCS)
.023 - .045 (0.584 - 1.143) HALF LEAD OPTION .045 - .065 (1.143 - 1.65) FULL LEAD OPTION .300 BSC (7.62 BSC)
.008 - .018 (0.203 - 0.457)
0 - 15
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS
U
J Package 16-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
.840 (21.336) MAX 16 15 14 13 12 11 10 9 .005 (0.127) MIN .025 (0.635) RAD TYP 1 2 3 4 5 6 7 8 .200 (5.080) MAX .015 - .060 (0.380 - 1.520) .220 - .310 (5.588 - 7.874) .125 (3.175) MIN .045 - .065 (1.143 - 1.651) .014 - .026 (0.360 - 0.660) .100 (2.54) BSC
J16 0801
OBSOLETE PACKAGE
201a23fb
13
LTC201A/LTC202/LTC203
PACKAGE DESCRIPTIO U
N Package 16-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
.770* (19.558) MAX 16 15 14 13 12 11 10 9 .255 .015* (6.477 0.381) 1 2 3 4 5 6 7 8 .130 .005 (3.302 0.127) .020 (0.508) MIN .045 - .065 (1.143 - 1.651) .065 (1.651) TYP .120 (3.048) MIN .100 (2.54) BSC .018 .003 (0.457 0.076)
N16 1002
.300 - .325 (7.620 - 8.255)
.008 - .015 (0.203 - 0.381) +.035 .325 -.015 +0.889 8.255 -0.381
(
)
INCHES MILLIMETERS *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
NOTE: 1. DIMENSIONS ARE
201a23fb
14
LTC201A/LTC202/LTC203
PACKAGE DESCRIPTIO U
S Package 16-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.386 - .394 (9.804 - 10.008) NOTE 3 16 15 14 13 12 11 10 9 .045 .005 .050 BSC N N .160 .005 .228 - .244 (5.791 - 6.197) 1 .030 .005 TYP 2 3 N/2 N/2 .150 - .157 (3.810 - 3.988) NOTE 3 1
.010 - .020 x 45 (0.254 - 0.508) .008 - .010 (0.203 - 0.254) 0 - 8 TYP
.245 MIN
RECOMMENDED SOLDER PAD LAYOUT 2 3 4 5 6 7 8 .053 - .069 (1.346 - 1.752)
.004 - .010 (0.101 - 0.254)
.016 - .050 (0.406 - 1.270)
NOTE: 1. DIMENSIONS IN
.014 - .019 (0.355 - 0.483) TYP
.050 (1.270) BSC
S16 0502
INCHES (MILLIMETERS) 2. DRAWING NOT TO SCALE 3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
201a23fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LTC201A/LTC202/LTC203
RELATED PARTS
PART NUMBER LTC221/LTC222 LTC1380/LTC1393 LTC1390/LTC1391 LT1675/LT1675-1 DESCRIPTION Micropower, Low Charge Injection, Quad CMOS Analog Switches 8-Channel/4-Channel Differential Analog Multiplexer with SMBus Interface 8-Channel, Analog Multiplexer with Serial Interface 250MHz, Triple and Single RGB Multiplexer COMMENTS Parallel Controlled with Data Latches 3V to 15V, RON = 35 Single-Ended/70 Differential 3V to 15V, RON = 45, Low Charge Injection 100MHz Pixel Switching, 1100V/s Slew Rate
201a23fb
16 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
LW/TP 1102 1K REV B * PRINTED IN USA
www.linear.com
LINEAR TECHNOLOGY CORPORATION 1991


▲Up To Search▲   

 
Price & Availability of LTC222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X