Part Number Hot Search : 
APE34024 6M181RPA Z0109 HD74LV 105K100 ADP1853 EPS13 0EP16
Product Description
Full Text Search
 

To Download LT116702 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1167 Single Resistor Gain Programmable, Precision Instrumentation Amplifier
FEATURES
s s s s
DESCRIPTIO
s s s s s s s s s s
Single Gain Set Resistor: G = 1 to 10,000 Gain Error: G = 10, 0.08% Max Input Offset Voltage Drift: 0.3V/C Max Meets IEC 1000-4-2 Level 4 ESD Tests with Two External 5k Resistors Gain Nonlinearity: G = 10, 10ppm Max Input Offset Voltage: G = 10, 60V Max Input Bias Current: 350pA Max PSRR at G = 1: 105dB Min CMRR at G = 1: 90dB Min Supply Current: 1.3mA Max Wide Supply Range: 2.3V to 18V 1kHz Voltage Noise: 7.5nV/Hz 0.1Hz to 10Hz Noise: 0.28VP-P Available in 8-Pin PDIP and SO Packages
APPLICATIO S
s s s s s
Bridge Amplifiers Strain Gauge Amplifiers Thermocouple Amplifiers Differential to Single-Ended Converters Medical Instrumentation
The LT (R)1167 is a low power, precision instrumentation amplifier that requires only one external resistor to set gains of 1 to 10,000. The low voltage noise of 7.5nV/Hz (at 1kHz) is not compromised by low power dissipation (0.9mA typical for 2.3V to 15V supplies). The part's high accuracy (10ppm maximum nonlinearity, 0.08% max gain error (G = 10)) is not degraded even for load resistors as low as 2k (previous monolithic instrumentation amps used 10k for their nonlinearity specifications). The LT1167 is laser trimmed for very low input offset voltage (40V max), drift (0.3V/C), high CMRR (90dB, G = 1) and PSRR (105dB, G = 1). Low input bias currents of 350pA max are achieved with the use of superbeta processing. The output can handle capacitive loads up to 1000pF in any gain configuration while the inputs are ESD protected up to 13kV (human body). The LT1167 with two external 5k resistors passes the IEC 1000-4-2 level 4 specification. The LT1167, offered in 8-pin PDIP and SO packages, requires significantly less PC board area than discrete multi op amp and resistor designs. These advantages make the LT1167 the most cost effective solution for precision instrumentation amplifier applications.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
VS R5 392k 1 LT1634CCZ-1.25 2 2
Single Supply Barometer Gain Nonlinearity
3 1/2 LT1490 1 4 5k R6 1k 5k R1 825 2 6 OFFSET R4 ADJUST 50k R3 50k 6 R8 100k RSET 5 5k 5k R2 12 8 3 LT1167 G = 60 5 4 TO 4-DIGIT DVM 6
-
4
+
1/2 LT1490 7 R7 50k
5
-
0.2% ACCURACY AT 25C 1.2% ACCURACY AT 0C TO 60C VS = 8V TO 30V
+
+
3
NONLINEARITY (100ppm/DIV)
-
+
8
LUCAS NOVA SENOR NPC-1220-015-A-3L
VS 1 2 1 7
-
VOLTS 2.800 3.000 3.200
INCHES Hg 28.00 30.00 32.00
1167 TA01
U
1167 TA02
U
U
G = 1000 RL = 1k VOUT = 10V
OUTPUT VOLTAGE (2V/DIV)
1
LT1167
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW RG 1 -IN 2 +IN 3 -VS 4 N8 PACKAGE 8-LEAD PDIP S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 130C/ W (N8) TJMAX = 150C, JA = 190C/ W (S8)
Supply Voltage ...................................................... 20V Differential Input Voltage (Within the Supply Voltage) ..................................................... 40V Input Voltage (Equal to Supply Voltage) ................ 20V Input Current (Note 3) ........................................ 20mA Output Short-Circuit Duration .......................... Indefinite Operating Temperature Range ................ - 40C to 85C Specified Temperature Range LT1167AC/LT1167C (Note 4) .................. 0C to 70C LT1167AI/LT1167I ............................. - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER
8 - + 7 6 5 RG +VS OUTPUT REF
LT1167ACN8 LT1167ACS8 LT1167AIN8 LT1167AIS8 LT1167CN8 LT1167CS8 LT1167IN8 LT1167IS8 S8 PART MARKING 1167A 1167AI 1167 1167I
Consult factory for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER G Gain Range Gain Error
VS = 15V, VCM = 0V, TA = 25C, R L = 2k, unless otherwise noted.
LT1167AC/LT1167AI MIN TYP MAX 1 0.008 0.010 0.025 0.040 1 2 15 5 6 20 10k 0.02 0.08 0.08 0.10 6 10 40 12 15 65 LT1167C/LT1167I MIN TYP MAX 1 0.015 0.020 0.030 0.040 1.5 3 20 6 7 25 10k 0.03 0.10 0.10 0.10 10 15 60 15 20 80 % % % % ppm ppm ppm ppm ppm ppm UNITS
CONDITIONS (Note 7) G = 1 + (49.4k/RG) G=1 G = 10 (Note 2) G = 100 (Note 2) G = 1000 (Note 2) VO = 10V, G = 1 VO = 10V, G = 10 and 100 VO = 10V, G = 1000 VO = 10V, G = 1, RL = 600 VO = 10V, G = 10 and 100, RL = 600 VO = 10V, G = 1000, RL = 600
Gain Nonlinearity (Note 5)
VOST VOSI VOSO IOS IB en
Total Input Referred Offset Voltage Input Offset Voltage Output Offset Voltage Input Offset Current Input Bias Current Input Noise Voltage (Note 8)
VOST = VOSI + VOSO/G G = 1000, VS = 5V to 15V G = 1, VS = 5V to 15V 15 40 90 50 0.1Hz to 10Hz, G = 1 0.1Hz to 10Hz, G = 10 0.1Hz to 10Hz, G = 100 and 1000 fO = 1kHz 2.00 0.50 0.28 7.5 67 12 90 40 200 320 350 20 50 100 80 2.00 0.50 0.28 7.5 67 12 90 60 300 450 500 V V pA pA VP-P VP-P VP-P nV/Hz nV/Hz
Total RTI Noise = eni 2 + (eno /G)2 (Note 8) eni eno Input Noise Voltage Density (Note 8) Output Noise Voltage Density (Note 8) fO = 1kHz (Note 3)
2
U
W
U
U
WW
W
LT1167
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER in RIN CIN(DIFF) CIN(CM) VCM Input Noise Current Input Noise Current Density Input Resistance Differential Input Capacitance Common Mode Input Capacitance Input Voltage Range CONDITIONS (Note 7) fO = 0.1Hz to 10Hz fO = 10Hz VIN = 10V fO = 100kHz fO = 100kHz
VS = 15V, VCM = 0V, TA = 25C, RL = 2k, unless otherwise noted.
LT1167AC/LT1167AI MIN TYP MAX 10 124 200 1000 1.6 1.6 200 LT1167C/LT1167I MIN TYP MAX 10 124 1000 1.6 1.6 UNITS pAP-P fA/Hz G pF pF
G = 1, Other Input Grounded VS = 2.3V to 5V VS = 5V to 18V 1k Source Imbalance, VCM = 0V to 10V G=1 G = 10 G = 100 G = 1000 VS = 2.3 to 18V G=1 G = 10 G = 100 G = 1000 VS = 2.3V to 18V RL = 10k VS = 2.3V to 5V VS = 5V to 18V G=1 G = 10 G = 100 G = 1000 G = 1, VOUT = 10V 10V Step G = 1 to 100 G = 1000 VREF = 0V
- VS + 1.9 - VS + 1.9
+ VS - 1.2 - VS + 1.9 + VS - 1.4 - VS + 1.9
+ VS - 1.2 + VS - 1.4
V V
CMRR
Common Mode Rejection Ratio
90 106 120 126 105 125 131 135
95 115 125 140 120 135 140 150 0.9 1.3
85 100 110 120 100 120 126 130
95 115 125 140 120 135 140 150 0.9 1.3 + VS - 1.2 + VS - 1.3 27 1000 800 120 12
dB dB dB dB dB dB dB dB mA V V mA kHz kHz kHz kHz V/s s s k A V
PSRR
Power Supply Rejection Ratio
IS VOUT
Supply Current Output Voltage Swing
- VS + 1.1 - VS + 1.2 20 27 1000 800 120 12 0.75 1.2 14 130 20 50 - VS + 1.6
+ VS - 1.2 - VS + 1.1 + VS - 1.3 - VS + 1.2 20
IOUT BW
Output Current Bandwidth
SR
Slew Rate Settling Time to 0.01%
0.75
1.2 14 130 20 50
RREFIN IREFIN VREF AVREF
Reference Input Resistance Reference Input Current Reference Voltage Range Reference Gain to Output
+ VS - 1.6 - VS + 1.6 + VS - 1.6 1 0.0001 1 0.0001
3
LT1167
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER Gain Error
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 15V, VCM = 0V, 0C TA 70C, RL = 2k, unless otherwise noted.
CONDITIONS (Note 7) G=1 G = 10 (Note 2) G = 100 (Note 2) G = 1000 (Note 2) VOUT = 10V, G = 1 VOUT = 10V, G = 10 and 100 VOUT = 10V, G = 1000 G < 1000 (Note 2) VOST = VOSI + VOSO/G VS = 5V to 15V (Notes 3, 6) VS = 5V to 15V (Notes 3, 6) (Note 3) (Note 3)
q q q q q q q q q q q q q q q q
MIN
LT1167AC TYP MAX 0.01 0.08 0.09 0.14 1.5 3 20 20 0.03 0.30 0.30 0.33 10 15 60 50
MIN
LT1167C TYP MAX 0.012 0.100 0.120 0.140 2 4 25 20 0.04 0.33 0.33 0.35 15 20 80 50
UNITS % % % % ppm ppm ppm ppm/C
Gain Nonlinearity
G/T VOST VOSI VOSIH VOSO VOSOH VOSI/T VOSO/T IOS IOS/T IB IB/T VCM
Gain vs Temperature Total Input Referred Offset Voltage Input Offset Voltage Input Offset Voltage Hysteresis Output Offset Voltage Output Offset Voltage Hysteresis Input Offset Drift (Note 8) Output Offset Drift Input Offset Current Input Offset Current Drift Input Bias Current Input Bias Current Drift Input Voltage Range
18 3.0 60 30 0.05 0.7 100 0.3 75 0.4 - VS + 2.1 - VS + 2.1
60 380 0.3 3 400 450
23 3.0 70 30 0.06 0.8 120 0.4 105 0.4
80 500 0.4 4 550 600
V V V V V/C V/C pA pA/C pA pA/C
G = 1, Other Input Grounded VS = 2.3V to 5V VS = 5V to 18V 1k Source Imbalance, VCM = 0V to 10V G=1 G = 10 G = 100 G = 1000 VS = 2.3V to 18V G=1 G = 10 G = 100 G = 1000 VS = 2.3V to 18V RL = 10k VS = 2.3V to 5V VS = 5V to 18V G = 1, VOUT = 10V (Note 3)
q q
+ VS - 1.3 + VS - 1.4
- VS + 2.1 - VS + 2.1
+ VS - 1.3 + VS - 1.4
V V
CMRR
Common Mode Rejection Ratio
q q q q q q q q q q q q q q
88 100 115 117 103 123 127 129
92 110 120 135 115 130 135 145 1.0 1.5 + VS - 1.3 + VS - 1.5 21 1.1 + VS - 1.6
83 97 113 114 98 118 124 126
92 110 120 135 115 130 135 145 1.0 1.5 + VS -1.3 + VS - 1.5 21 1.1 + VS - 1.6
dB dB dB dB dB dB dB dB mA V V mA V/s V
PSRR
Power Supply Rejection Ratio
IS VOUT
Supply Current Output Voltage Swing
- VS + 1.4 - VS + 1.6 16 0.65 - VS + 1.6
- VS + 1.4 - VS + 1.6 16 0.65 - VS + 1.6
IOUT SR VREF
Output Current Slew Rate REF Voltage Range
4
LT1167
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VS = 15V, VCM = 0V, - 40C TA 85C, RL = 2k, unless otherwise noted. (Note 4)
SYMBOL PARAMETER Gain Error CONDITIONS (Note 7) G=1 G = 10 (Note 2) G = 100 (Note 2) G = 1000 (Note 2) VO = 10V, G = 1 VO = 10V, G = 10 and 100 VO = 10V, G = 1000 G < 1000 (Note 2) VOST = VOSI + VOSO/G
q q q q q q q q q
MIN
LT1167AI TYP MAX 0.014 0.130 0.140 0.160 2 5 26 20 20 3.0 180 30 0.05 0.8 110 0.3 180 0.5 600 0.04 0.40 0.40 0.40 15 20 70 50 75 500 0.3 5 550
MIN
LT1167I TYP MAX 0.015 0.140 0.150 0.180 3 6 30 20 25 3.0 200 30 0.06 1 120 0.3 220 0.6 800 +VS - 1.3 + VS - 1.4 0.4 6 700 600 0.05 0.42 0.42 0.45 20 30 100 50 100
UNITS % % % % ppm ppm ppm ppm/C V V V V V/C V/C pA pA/C pA pA/C V V
GN
Gain Nonlinearity (Notes 2, 4)
G/T VOST VOSI VOSIH VOSO VOSOH VOSI /T VOSO/T IOS IOS/T IB IB/T VCM CMRR
Gain vs Temperature Total Input Referred Offset Voltage Input Offset Voltage Input Offset Voltage Hysteresis Output Offset Voltage Output Offset Voltage Hysteresis Input Offset Drift (Note 8) Output Offset Drift Input Offset Current Input Offset Current Drift Input Bias Current Input Bias Current Drift Input Voltage Range Common Mode Rejection Ratio
(Notes 3, 6)
q
(Notes 3, 6) (Note 3) (Note 3)
q q q q q q
VS = 2.3V to 5V VS = 5V to 18V 1k Source Imbalance, VCM = 0V to 10V G=1 G = 10 G = 100 G = 1000 VS = 2.3V to 18V G=1 G = 10 G = 100 G = 1000 VS = 2.3V to 5V VS = 5V to 18V G = 1, VOUT = 10V (Note 3)
q q
- VS + 2.1 - VS + 2.1
+ VS - 1.3 - VS + 2.1 + VS - 1.4 - VS + 2.1
q q q q q q q q q q q q q q
86 98 114 116 100 120 125 128 - VS + 1.4 - VS + 1.6 15 0.55 - VS + 1.6
90 105 118 133 112 125 132 140 1.1 1.6
81 95 112 112 95 115 120 125 + VS - 1.3 - VS + 1.4 + VS - 1.5 - VS + 1.6
90 105 118 133 112 125 132 140 1.1 1.6 + VS - 1.3 + VS - 1.5 20 0.95 + VS - 1.6
dB dB dB dB dB dB dB dB mA V V mA V/s V
PSRR
Power Supply Rejection Ratio
IS VOUT IOUT SR VREF
Supply Current Output Voltage Swing Output Current Slew Rate REF Voltage Range
20 0.95
15 0.55 + VS - 1.6 - VS + 1.6
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be imparied. Note 2: Does not include the effect of the external gain resistor RG. Note 3: This parameter is not 100% tested. Note 4: The LT1167AC/LT1167C are designed, characterized and expected to meet the industrial temperature limits, but are not tested at - 40C and 85C. I-grade parts are guaranteed. Note 5: This parameter is measured in a high speed automatic tester that does not measure the thermal effects with longer time constants. The magnitude of these thermal effects are dependent on the package used, heat sinking and air flow conditions.
Note 6: Hysteresis in offset voltage is created by package stress that differs depending on whether the IC was previously at a higher or lower temperature. Offset voltage hysteresis is always measured at 25C, but the IC is cycled to 85C I-grade (or 70C C-grade) or - 40C I-grade (0C C-grade) before successive measurement. 60% of the parts will pass the typical limit on the data sheet. Note 7: Typical parameters are defined as the 60% of the yield parameter distribution. Note 8: Referred to input.
5
LT1167 TYPICAL PERFOR A CE CHARACTERISTICS
Gain Nonlinearity, G = 1
NONLINEARITY (10ppm/DIV) NONLINEARITY (1ppm/DIV)
OUTPUT VOLTAGE (2V/DIV) G=1 RL = 2k VOUT = 10V
1167 G01
OUTPUT VOLTAGE (2V/DIV) G = 10 RL = 2k VOUT = 10V
1167 G02
NONLINEARITY (10ppm/DIV)
Gain Nonlinearity, G = 1000
80
NONLINEARITY (100ppm/DIV)
NONLINEARITY (ppm)
GAIN ERROR (%)
G = 1000 OUTPUT VOLTAGE (2V/DIV) RL = 2k VOUT = 10V
Distribution of Input Offset Voltage, TA = - 40C
40 35
PERCENT OF UNITS (%)
VS = 15V G = 1000
137 N8 (2 LOTS) 165 S8 (3 LOTS) 302 TOTAL PARTS
PERCENT OF UNITS (%)
25 20 15 10 5 0 0 - 80 - 60 - 40 - 20 20 40 INPUT OFFSET VOLTAGE (V) 60
1167 G40
20 15 10 5 0 - 60
PERCENT OF UNITS (%)
30
6
UW
1167 G04
Gain Nonlinearity, G = 10
Gain Nonlinearity, G = 100
G = 100 OUTPUT VOLTAGE (2V/DIV) RL = 2k VOUT = 10V
1167 G03
Gain Nonlinearity vs Temperature
70 60 50 40 30 G = 1000 20 10 G = 100 0 - 50 - 25 0 75 50 25 TEMPERATURE (C) 100 150 G = 1, 10 VS = 15V VOUT = - 10V TO 10V RL = 2k 0.20 0.15 0.10 0.05
Gain Error vs Temperature
G=1 0 - 0.05 - 0.10 - 0.15 VS = 15V G = 10* VOUT = 10V RL = 2k G = 100* *DOES NOT INCLUDE G = 1000* TEMPERATURE EFFECTS OF RG - 25 0 25 50 TEMPERATURE (C) 75 100
- 0.20 - 50
1167 G05
1167 G06
Distribution of Input Offset Voltage, TA = 25C
30 25 VS = 15V G = 1000 137 N8 (2 LOTS) 165 S8 (3 LOTS) 302 TOTAL PARTS 40 35 30 25 20 15 10 5 - 40 - 20 0 20 40 INPUT OFFSET VOLTAGE (V) 60
1167 G41
Distribution of Input Offset Voltage, TA = 85C
VS = 15V G = 1000 137 N8 (2 LOTS) 165 S8 (3 LOTS) 302 TOTAL PARTS
0 0 - 80 - 60 - 40 - 20 20 40 INPUT OFFSET VOLTAGE (V)
60
1167 G42
LT1167 TYPICAL PERFOR A CE CHARACTERISTICS
Distribution of Output Offset Voltage, TA = - 40C
40 137 N8 (2 LOTS) 35 165 S8 (3 LOTS) 302 TOTAL PARTS
PERCENT OF UNITS (%)
PERCENT OF UNITS (%)
20 15 10 5
PERCENT OF UNITS (%)
30 25 20 15 10 5 0 -400 -300 -200 -100 0 100 200 300 400 OUTPUT OFFSET VOLTAGE (V)
1167 G43
Distribution of Input Offset Voltage Drift
30 25 VS = 15V TA = - 40C TO 85C G = 1000 137 N8 (2 LOTS) 165 S8 (3 LOTS) 302 TOTAL PARTS
CHANGE IN OFFSET VOLTAGE (V)
PERCENT OF UNITS (%)
PERCENT OF UNITS (%)
20 15 10 5 0 0.1 0.2 0.3 - 0.4 - 0.3 - 0.2 - 0.1 0 INPUT OFFSET VOLTAGE DRIFT (V/C)
1167 G46
Input Bias Current
50 VS = 15V TA = 25C 270 S8 122 N8 392 TOTAL PARTS 50
INPUT BIAS AND OFFSET CURRENT (pA)
40
PERCENT OF UNITS (%)
PERCENT OF UNITS (%)
30
20
10
0 - 100
- 60 20 60 - 20 INPUT BIAS CURRENT (pA)
UW
VS = 15V G=1
1167 G10
Distribution of Output Offset Voltage, TA = 25C
30 137 N8 (2 LOTS) 165 S8 (3 LOTS) 25 302 TOTAL PARTS VS = 15V G=1
40
Distribution of Output Offset Voltage, TA = 85C
137 N8 (2 LOTS) 35 165 S8 (3 LOTS) 302 TOTAL PARTS 30 25 20 15 10 5 VS = 15V G=1
0 - 200 -150 -100 -50 0 50 100 150 200 OUTPUT OFFSET VOLTAGE (V)
1167 G44
0 -400 -300 -200 -100 0 100 200 300 400 OUTPUT OFFSET VOLTAGE (V)
1167 G45
Distribution of Output Offset Voltage Drift
40 35 30 25 20 15 10 5 0 -5 -4 -3 -2 -1 0 1 2 3 4 5 OUTPUT OFFSET VOLTAGE DRIFT (V/C)
1167 G47
Warm-Up Drift
14 12 10 8 N8 6 4 2 0 0 1 2 3 4 TIME AFTER POWER ON (MINUTES) 5 VS = 15V TA = 25C G=1
VS = 15V TA = - 40C TO 85C G=1
137 N8 (2 LOTS) 165 S8 (3 LOTS) 302 TOTAL PARTS
S8
1167 G09
Input Offset Current
VS = 15V TA = 25C 500 270 S8 122 N8 392 TOTAL PARTS 400 300 200 100 0 - 100 - 200 - 300 - 400
Input Bias and Offset Current vs Temperature
VS = 15V VCM = 0V
40
30
IOS IB
20
10
100
0 - 100
- 60 20 60 - 20 INPUT OFFSET CURRENT (pA)
100
1167 G11
- 500 -75 - 50 -25 0 25 50 75 TEMPERATURE (C)
100 125
1167 G12
7
LT1167 TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Common Mode Input Voltage
500 400
COMMON MODE REJECTION RATIO (dB)
160 140 120 100 80 60 40 20 0 0.1 1 10 1k 100 FREQUENCY (Hz) G = 1000 G = 100 G = 10 G=1
NEGATIVE POWER SUPPLY REJECTION RATIO (dB)
INPUT BIAS CURRENT (pA)
300 200 100 0 -100 - 200 - 300 - 400 - 500 -15 -12 - 9 - 6 - 3 0 3 6 9 12 15 COMMON MODE INPUT VOLTAGE (V)
1167 G13
85C 0C - 40C
70C
25C
Positive Power Supply Rejection Ratio vs Frequency
POSITIVE POWER SUPPLY REJECTION RATIO (dB)
160 140 120 100 80 60 40 20 0 0.1 1 10 1k 100 FREQUENCY (Hz) G = 10 G = 100 G=1
V - = - 15V TA = 25C G = 1000
SUPPLY CURRENT (mA)
GAIN (dB)
Voltage Noise Density vs Frequency
1000 VOLTAGE NOISE DENSITY (nVHz) VS = 15V TA = 25C 1/fCORNER = 10Hz GAIN = 1 1/fCORNER = 9Hz GAIN = 10 10 1/fCORNER = 7Hz GAIN = 100, 1000
NOISE VOLTAGE (2V/DIV)
100
BW LIMIT GAIN = 1000 0 1 10 100 1k FREQUENCY (Hz) 10k 100k
1167 G19
NOISE VOLTAGE (0.2V/DIV)
8
UW
10k
Common Mode Rejection Ratio vs Frequency
VS = 15V TA = 25C 1k SOURCE IMBALANCE 160 140 120 100 80 60 40 20
Negative Power Supply Rejection Ratio vs Frequency
G = 100 G = 10 G=1 G = 1000 V + = 15V TA = 25C
10k
100k
1167 G14
0 0.1
1
10
1k 100 FREQUENCY (Hz)
10k
100k
1167 G15
Gain vs Frequency
60 50 40 30 20 10 0 -10 G=1 VS = 15V TA = 25C 0.1 1 10 FREQUENCY (kHz) 100 1000
1167 G17
Supply Current vs Supply Voltage
1.50
G = 1000 G = 100
1.25 85C 1.00 25C - 40C 0.75
G = 10
100k
1167 G16
- 20 0.01
0.50
0
10 15 5 SUPPLY VOLTAGE ( V)
20
1167 G18
0.1Hz to 10Hz Noise Voltage, G=1
VS = 15V TA = 25C
0.1Hz to 10Hz Noise Voltage, Referred to Input, G = 1000
VS = 15V TA = 25C
0
1
2
3
456 TIME (SEC)
7
8
9
10
0
1
2
3
456 TIME (SEC)
7
8
9
10
1167 G20
1167 G21
LT1167 TYPICAL PERFOR A CE CHARACTERISTICS
Current Noise Density vs Frequency
1000
CURRENT NOISE DENSITY (fA/Hz)
OUTPUT CURRENT (mA) (SINK) (SOURCE)
CURRENT NOISE (5pA/DIV)
100 RS
10 1 10 100 FREQUENCY (Hz) 1000
1167 G22
Overshoot vs Capacitive Load
100 90 80
OVERSHOOT (%)
VS = 15V VOUT = 50mV RL =
20mV/DIV 5V/DIV
70 60 50 40 30 20 10 0 10 AV = 10 AV 100 100 1000 CAPACITIVE LOAD (pF) 10000
1167 G25
AV = 1
Output Impedance vs Frequency
1000 VS = 15V TA = 25C G = 1 TO 1000
OUTPUT IMPEDANCE ()
100
10
1
0.1 1 10 100 FREQUENCY (kHz) 1000
1167 G26
G = 10 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G31
20mV/DIV
5V/DIV
UW
VS = 15V TA = 25C
0.1Hz to 10Hz Current Noise
50 VS = 15V TA = 25C 40 30 20 10 0 - 10 - 20 - 30 - 40 - 50 0 1 2 3 456 TIME (SEC) 7 8 9 10
Short-Circuit Current vs Time
VS = 15V TA = - 40C TA = 25C TA = 85C
TA = 85C TA = - 40C TA = 25C
2 1 0 3 TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
1167 G24
1167 G23
Large-Signal Transient Response
Small-Signal Transient Response
G=1 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G28
G=1 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G29
Large-Signal Transient Response
Small-Signal Transient Response
G = 10 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G32
9
LT1167 TYPICAL PERFOR A CE CHARACTERISTICS
Undistorted Output Swing vs Frequency
35
PEAK-TO-PEAK OUTPUT SWING (V)
20 15 10 5 0 1 10 100 FREQUENCY (kHz) 1000
1167 G27
20mV/DIV
30 G = 10, 100, 1000 G=1 25
VS = 15V TA = 25C
5V/DIV
Settling Time vs Gain
1000 VS = 15V TA = 25C VOUT = 10V 1mV = 0.01%
SETTLING TIME (s)
10
5V/DIV
100
1 1 10 GAIN (dB)
1167 G30
100
1000
G = 1000 VS = 15V RL = 2k CL = 60pF
50s/DIV
1167 G37
20mV/DIV
Settling Time vs Step Size
10 8 6 VS = 15 G=1 TA = 25C CL = 30pF RL = 1k
TO 0.1%
1.6
TO 0.01%
OUTPUT VOLTAGE SWING (V) (REFERRED TO SUPPLY VOLTAGE)
SLEW RATE (V/s)
OUTPUT STEP (V)
4 2 0 -2 -4 -6 -8 -10 2
0V 0V
TO 0.01%
TO 0.1% 3 4 5 6 7 8 9 10 11 12 SETTLING TIME (s)
1167 G33
10
UW
VOUT VOUT
Large-Signal Transient Response
Small-Signal Transient Response
G = 100 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G34
G = 100 VS = 15V RL = 2k CL = 60pF
10s/DIV
1167 G35
Large-Signal Transient Response
Small-Signal Transient Response
G = 1000 VS = 15V RL = 2k CL = 60pF
50s/DIV
1167 G38
Slew Rate vs Temperature
1.8 VS = 15V VOUT = 10V G=1
Output Voltage Swing vs Load Current
+ VS + VS - 0.5 + VS - 1.0 + VS - 1.5 + VS - 2.0 - VS + 2.0 - VS + 1.5 - VS + 1.0 - VS + 0.5 - VS 0.01 0.1 1 10 OUTPUT CURRENT (mA) 100
1167 G39
VS = 15V
85C 25C - 40C SOURCE
1.4 + SLEW 1.2 - SLEW 1.0
SINK
0.8 - 50 -25
50 25 0 75 TEMPERATURE (C)
100
125
1167 G36
LT1167
BLOCK DIAGRA W
V+ VB
+
A1 R3 400 -IN 2 Q1
R5 10k
R6 10k 6 OUTPUT
-
C1 R1 24.7k
V-
RG 1 RG 8 V+ VB
+
A2
R7 10k
R4 400 +IN 3 Q2
-
C2 V- R2 24.7k 7 4 PREAMP STAGE DIFFERENCE AMPLIFIER STAGE V+ V-
V-
Figure 1. Block Diagram
THEORY OF OPERATIO
The LT1167 is a modified version of the three op amp instrumentation amplifier. Laser trimming and monolithic construction allow tight matching and tracking of circuit parameters over the specified temperature range. Refer to the block diagram (Figure 1) to understand the following circuit description. The collector currents in Q1 and Q2 are trimmed to minimize offset voltage drift, thus assuring a high level of performance. R1 and R2 are trimmed to an absolute value of 24.7k to assure that the gain can be set accurately (0.05% at G = 100) with only one external resistor RG. The value of RG determines the transconductance of the preamp stage. As RG is reduced for larger programmed gains, the transconductance of the input preamp stage increases to that of the input transistors Q1 and Q2. This increases the open-loop gain when the programmed gain is increased, reducing the input referred gain related errors and noise. The input voltage noise at gains greater than 50 is determined only by Q1 and Q2. At lower gains the noise of the difference amplifier and preamp gain setting resistors increase the noise. The gain bandwidth product is determined by C1, C2 and the preamp transconductance which increases
with programmed gain. Therefore, the bandwidth does not drop proportionally to gain. The input transistors Q1 and Q2 offer excellent matching, which is inherent in NPN bipolar transistors, as well as picoampere input bias current due to superbeta processing. The collector currents in Q1 and Q2 are held constant due to the feedback through the Q1-A1-R1 loop and Q2-A2-R2 loop which in turn impresses the differential input voltage across the external gain set resistor RG. Since the current that flows through RG also flows through R1 and R2, the ratios provide a gained-up differential voltage,G = (R1 + R2)/RG, to the unity-gain difference amplifier A3. The common mode voltage is removed by A3, resulting in a single-ended output voltage referenced to the voltage on the REF pin. The resulting gain equation is: VOUT - VREF = G(VIN+ - VIN-) where: G = (49.4k / RG) + 1 solving for the gain set resistor gives: RG = 49.4k /(G - 1)
+
V- R8 10k 5 REF
1167 F01
-
A3
U
11
LT1167
THEORY OF OPERATIO
Input and Output Offset Voltage
The offset voltage of the LT1167 has two components: the output offset and the input offset. The total offset voltage referred to the input (RTI) is found by dividing the output offset by the programmed gain (G) and adding it to the input offset. At high gains the input offset voltage dominates, whereas at low gains the output offset voltage dominates. The total offset voltage is: Total input offset voltage (RTI) = input offset + (output offset/G) Total output offset voltage (RTO) = (input offset * G) + output offset Reference Terminal The reference terminal is one end of one of the four 10k resistors around the difference amplifier. The output voltage of the LT1167 (Pin 6) is referenced to the voltage on the reference terminal (Pin 5). Resistance in series with the REF pin must be minimized for best common mode rejection. For example, a 2 resistance from the REF pin to ground will not only increase the gain error by 0.02% but will lower the CMRR to 80dB. Single Supply Operation For single supply operation, the REF pin can be at the same potential as the negative supply (Pin 4) provided the output of the instrumentation amplifier remains inside the specified operating range and that one of the inputs is at least 2.5V above ground. The barometer application on the front page of this data sheet is an example that satisfies these conditions. The resistance Rb from the bridge transducer to ground sets the operating current for the bridge and also has the effect of raising the input common mode voltage. The output of the LT1167 is always inside the specified range since the barometric pressure rarely goes low enough to cause the output to rail (30.00 inches of Hg corresponds to 3.000V). For applications that require the output to swing at or below the REF potential, the voltage on the REF pin can be level shifted. An op amp is used to buffer the voltage on the REF pin since a parasitic series resistance will degrade the CMRR. The application in the back of this data sheet, Four Digit Pressure Sensor, is an example.
-IN
1
RG 8 +IN
1 10mV ADJUSTMENT RANGE
1/2 LT1112
Figure 2. Optional Trimming of Output Offset Voltage
Input Bias Current Return Path The low input bias current of the LT1167 (350pA) and the high input impedance (200G) allow the use of high impedance sources without introducing additional offset voltage errors, even when the full common mode range is required. However, a path must be provided for the input bias currents of both inputs when a purely differential signal is being amplified. Without this path the inputs will float to either rail and exceed the input common mode range of the LT1167, resulting in a saturated input stage. Figure 3 shows three examples of an input bias current path. The first example is of a purely differential signal source with a 10k input current path to ground. Since the impedance of the signal source is low, only one resistor is needed. Two matching resistors are needed for higher impedance signal sources as shown in the second example. Balancing the input impedance improves both common mode rejection and DC offset. The need for input resistors is eliminated if a center tap is present as shown in the third example.
12
-
+
+
3
-
U
Output Offset Trimming The LT1167 is laser trimmed for low offset voltage so that no external offset trimming is required for most applications. In the event that the offset needs to be adjusted, the circuit in Figure 2 is an example of an optional offset adjust circuit. The op amp buffer provides a low impedance to the REF pin where resistance must be kept to minimum for best CMRR and lowest gain error.
2 LT1167 REF 5 2 10mV 100 3 10k 100 -10mV 6 OUTPUT V+ V-
1167 F02
LT1167
THEORY OF OPERATIO
-
THERMOCOUPLE RG LT1167 MICROPHONE, HYDROPHONE, ETC RG 10k
LT1167
RG
200k
200k CENTER-TAP PROVIDES BIAS CURRENT RETURN
1167 F03
Figure 3. Providing an Input Common Mode Current Path
APPLICATIO S I FOR ATIO
The LT1167 is a low power precision instrumentation amplifier that requires only one external resistor to accurately set the gain anywhere from 1 to 1000. The output can handle capacitive loads up to 1000pF in any gain configuration and the inputs are protected against ESD strikes up to 13kV (human body). Input Protection The LT1167 can safely handle up to 20mA of input current in an overload condition. Adding an external 5k input resistor in series with each input allows DC input fault voltages up to 100V and improves the ESD immunity to 8kV (contact) and 15kV (air discharge), which is the IEC 1000-4-2 level 4 specification. If lower value input resistors are needed, a clamp diode from the positive supply to each input will maintain the IEC 1000-4-2 specification to level 4 for both air and contact discharge.
VCC J1 2N4393 RIN VCC J2 2N4393 OPTIONAL FOR HIGHEST ESD PROTECTION VCC
A 2N4393 drain/source to gate is a good low leakage diode for use with 1k resistors, see Figure 4. The input resistors should be carbon and not metal film or carbon film. RFI Reduction In many industrial and data acquisition applications, instrumentation amplifiers are used to accurately amplify small signals in the presence of large common mode voltages or high levels of noise. Typically, the sources of these very small signals (on the order of microvolts or millivolts) are sensors that can be a significant distance from the signal conditioning circuit. Although these sensors may be connected to signal conditioning circuitry, using shielded or unshielded twisted-pair cabling, the cabling may act as antennae, conveying very high frequency interference directly into the input stage of the LT1167. The amplitude and frequency of the interference can have an adverse effect on an instrumentation amplifier's input stage by causing an unwanted DC shift in the amplifier's input offset voltage. This well known effect is called RFI rectification and is produced when out-of-band interference is coupled (inductively, capacitively or via radiation) and rectified by the instrumentation amplifier's input transistors. These transistors act as high frequency signal detectors, in the same way diodes were used as RF envelope detectors in early radio designs. Regardless of the type of interference or the method by which it is coupled into the circuit, an out-of-band error signal appears in series with the instrumentation amplifier's inputs.
RG RIN
LT1167
OUT REF
VEE
1167 F04
Figure 4. Input Protection
-
LT1167
+
- +
U
U
W
+
-
UU
+
13
LT1167
APPLICATIO S I FOR ATIO
To significantly reduce the effect of these out-of-band signals on the input offset voltage of instrumentation amplifiers, simple lowpass filters can be used at the inputs. These filters should be located very close to the input pins of the circuit. An effective filter configuration is illustrated in Figure 5, where three capacitors have been added to the inputs of the LT1167. Capacitors CXCM1 and CXCM2 form lowpass filters with the external series resistors RS1, 2 to any out-of-band signal appearing on each of the input traces. Capacitor CXD forms a filter to reduce any unwanted signal that would appear across the input traces. An added benefit to using CXD is that the circuit's AC common mode rejection is not degraded due to common mode capacitive imbalance. The differential mode and common mode time constants associated with the capacitors are: tDM(LPF) = (2)(RS)(CXD) tCM(LPF) = (RS1, 2)(CXCM1, 2) Setting the time constants requires a knowledge of the frequency, or frequencies of the interference. Once this frequency is known, the common mode time constants can be set followed by the differential mode time constant. To avoid any possibility of inadvertently affecting the signal to be processed, set the common mode time constant an order of magnitude (or more) larger than the differential mode time constant. Set the common mode
CXD 0.1F RS2 1.6k CXCM2 0.001F EXTERNAL RFI FILTER
RG
Figure 5. Adding a Simple RC Filter at the Inputs to an Instrumentation Amplifier is Effective in Reducing Rectification of High Frequency Out-of-Band Signals
14
-
IN -
+
IN +
RS1 CXCM1 1.6k 0.001F
V+
LT1167
V- f- 3dB 500Hz
1167 F05
U
time constants such that they do not degrade the LT1167's inherent AC CMR. Then the differential mode time constant can be set for the bandwidth required for the application. Setting the differential mode time constant close to the sensor's BW also minimizes any noise pickup along the leads. To avoid any possibility of common mode to differential mode signal conversion, match the common mode time constants to 1% or better. If the sensor is an RTD or a resistive strain gauge, then the series resistors RS1, 2 can be omitted, if the sensor is in proximity to the instrumentation amplifier. "Roll Your Own"--Discrete vs Monolithic LT1167 Error Budget Analysis The LT1167 offers performance superior to that of "roll your own" three op amp discrete designs. A typical application that amplifies and buffers a bridge transducer's differential output is shown in Figure 6. The amplifier, with its gain set to 100, amplifies a differential, full-scale output voltage of 20mV over the industrial temperature range. To make the comparison challenging, the low cost version of the LT1167 will be compared to a discrete instrumentation amp made with the A grade of one of the best precision quad op amps, the LT1114A. The LT1167C outperforms the discrete amplifier that has lower VOS, lower IB and comparable VOS drift. The error budget comparison in Table 1 shows how various errors are calculated and how each error affects the total error budget. The table shows the greatest differences between the discrete solution and the LT1167 are input offset voltage and CMRR. Note that for the discrete solution, the noise voltage specification is multiplied by 2 which is the RMS sum of the uncorelated noise of the two input amplifiers. Each of the amplifier errors is referenced to a full-scale bridge differential voltage of 20mV. The common mode range of the bridge is 5V. The LT1114 data sheet provides offset voltage, offset voltage drift and offset current specifications for the matched op amp pairs used in the error-budget table. Even with an excellent matched op amp like the LT1114, the discrete solution's total error is significantly higher than the LT1167's total error. The LT1167 has additional advantages over the discrete design, including lower component cost and smaller size.
VOUT
W
UU
LT1167
APPLICATIO S I FOR ATIO U
+
1/4 LT1114A 10k* 10k*
350 RG 499 LT1167C REF 202** 10k**
350
350
Figure 6. "Roll Your Own" vs LT1167 Table 1. "Roll Your Own" vs LT1167 Error Budget
ERROR SOURCE Absolute Accuracy at TA = 25C Input Offset Voltage, V Output Offset Voltage, V Input Offset Current, nA CMR, dB LT1167C CIRCUIT CALCULATION 60V/20mV (300V/100)/20mV [(450pA)(350/2)]/20mV 110dB[(3.16ppm)(5V)]/20mV "ROLL YOUR OWN"' CIRCUIT CALCULATION 100V/20mV [(60V)(2)/100]/20mV [(450pA)(350)/2]/20mV [(0.02% Match)(5V)]/20mV Total Absolute Error Drift to 85C Gain Drift, ppm/C Input Offset Voltage Drift, V/C Output Offset Voltage Drift, V/C ERROR, ppm OF FULL SCALE LT1167C "ROLL YOUR OWN" 3000 150 4 790 3944 5000 60 4 500 5564
(50ppm + 10ppm)(60C) [(0.4V/C)(60C)]/20mV [6V/C)(60C)]/100/20mV
(100ppm/C Track)(60C) [(1.6V/C)(60C)]/20mV [(1.1V/C)(2)(60C)]/100/20mV Total Drift Error
Resolution Gain Nonlinearity, ppm of Full Scale Typ 0.1Hz to 10Hz Voltage Noise, VP-P
15ppm 0.28VP-P/20mV
10ppm (0.3VP-P)( 2)/20mV Total Resolution Error Grand Total Error
G = 100, VS = 15V All errors are min/max and referred to input.
Current Source Figure 7 shows a simple, accurate, low power programmable current source. The differential voltage across Pins 2 and 3 is mirrored across RG. The voltage across RG is amplified and applied across RX, defining the output
current. The 50A bias current flowing from Pin 5 is buffered by the LT1464 JFET operational amplifier. This has the effect of improving the resolution of the current source to 3pA, which is the maximum IB of the LT1464A. Replacing RG with a programmable resistor greatly increases the range of available output currents.
+
PRECISION BRIDGE TRANSDUCER
LT1167 MONOLITHIC INSTRUMENTATION AMPLIFIER G = 100, RG = 10ppm TC SUPPLY CURRENT = 1.3mA MAX
1/4 LT1114A
10k*
"ROLL YOUR OWN" INST AMP, G = 100 * 0.02% RESISTOR MATCH, 3ppm/C TRACKING ** DISCRETE 1% RESISTOR, 100ppm/C TC 100ppm TRACKING SUPPLY CURRENT = 1.35mA FOR 3 AMPLIFIERS
1167 F06
3600 1200 180 4980
15 14 29 8953
+
-
350
-
+
10V
-
W
UU
-
10k** 1/4 LT1114A
10k*
6000 4800 66 10866
10 21 31 16461
15
LT1167
APPLICATIO S I FOR ATIO
+IN 3 8 VS
+
7 6 REF 5 VX IL RX
RG 1 -IN 2
LT1167
-
4 2 -V S 1
1/2 LT1464
3
V [(+IN) - (-IN)]G IL = X = RX RX G= 49.4k +1 RG
LOAD
1167 F07
Figure 7. Precision Voltage-to-Current Converter
Nerve Impulse Amplifier The LT1167's low current noise makes it ideal for high source impedance EMG monitors. Demonstrating the LT1167's ability to amplify low level signals, the circuit in Figure 8 takes advantage of the amplifier's high gain and low noise operation. This circuit amplifies the low level nerve impulse signals received from a patient at Pins 2 and 3. RG and the parallel combination of R3 and R4 set a gain of ten. The potential on LT1112's Pin 1 creates a ground for the common mode signal. C1 was chosen to maintain the stability of the patient ground. The LT1167's high CMRR ensures that the desired differential signal is amplified and unwanted common mode signals are attenuated. Since the DC portion of the signal is not
3V 3 8 R3 30k R4 30k 2
PATIENT/CIRCUIT PROTECTION/ISOLATION +IN C1 0.01F R2 1M R1 12k
RG 6k 1 2
PATIENT GROUND
1
1/2 LT1112
3 AV = 101 POLE AT 1kHz
-IN
Figure 8. Nerve Impulse Amplifier
16
U
important, R6 and C2 make up a 0.3Hz highpass filter. The AC signal at LT1112's Pin 5 is amplified by a gain of 101 set by (R7/R8) +1. The parallel combination of C3 and R7 form a lowpass filter that decreases this gain at frequencies above 1kHz. The ability to operate at 3V on 0.9mA of supply current makes the LT1167 ideal for battery-powered applications. Total supply current for this application is 1.7mA. Proper safeguards, such as isolation, must be added to this circuit to protect the patient from possible harm. Low IB Favors High Impedance Bridges, Lowers Dissipation The LT1167's low supply current, low supply voltage operation and low input bias currents optimize it for battery-powered applications. Low overall power dissipation necessitates using higher impedance bridges. The single supply pressure monitor application (Figure 9) shows the LT1167 connected to the differential output of a 3.5k bridge. The bridge's impedance is almost an order of magnitude higher than that of the bridge used in the error-budget table. The picoampere input bias currents keep the error caused by offset current to a negligible level. The LT1112 level shifts the LT1167's reference pin and the ADC's analog ground pins above ground. The LT1167's and LT1112's combined power dissipation is still less than the bridge's. This circuit's total supply current is just 2.8mA.
+
7 C2 0.47F LT1167 G = 10 5 6 R6 1M 5 0.3Hz HIGHPASS 3V
-
+
W
-
+
UU
+ -
8 1/2 LT1112 4 -3V 7 OUTPUT 1V/mV
6
-
4 -3V R8 100
R7 10k
C3 15nF
1167 F08
LT1167
APPLICATIO S I FOR ATIO
5V
1 3.5k 3.5k G = 200 249 3.5k 3.5k
3 8
+
LT1167 1 2 5
-
4
Figure 9. Single Supply Bridge Amplifier
TYPICAL APPLICATIO
AC Coupled Instrumentation Amplifier
2 1
-IN
-
LT1167 6 C1 0.3F R1 500k
RG 8 +IN 3
+
1
1/2 LT1112
-
+
U
BI TECHNOLOGIES 67-8-3 R40KQ (0.02% RATIO MATCH) 40k 7 REF 6 20k 3 40k 2 IN ADC LTC(R)1286 1 AGND DIGITAL DATA OUTPUT
W
U
UU
+
1/2 LT1112
-
1167 F09
OUTPUT
REF 5
2 f -3dB = 1 (2)(R1)(C1)
1167 TA04
3
= 1.06Hz
17
LT1167
PACKAGE DESCRIPTION U
Dimensions in inches (millimeters) unless otherwise noted.
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5
0.255 0.015* (6.477 0.381)
1 0.300 - 0.325 (7.620 - 8.255)
2
3
4 0.130 0.005 (3.302 0.127)
0.045 - 0.065 (1.143 - 1.651)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076)
N8 1098
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
0.100 (2.54) BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
18
LT1167
PACKAGE DESCRIPTION
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
1
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.050 (1.270) BSC
SO8 1298
19
LT1167
TYPICAL APPLICATIO U
4-Digit Pressure Sensor
9V R8 392k 1 LT1634CCZ-1.25 2 2 LUCAS NOVA SENOR NPC-1220-015A-3L 1 4 5k R9 1k 5k 9V 1 R1 825 R2 12 8 3 2 1 LT1167 G = 60 5
3
+ -
4
1/4 LT1114 11
-
-
7 6
2 6
5k
5k
RSET 5
+
3
+
4
10
+
1/4 LT1114 8
TO 4-DIGIT DVM
9 12 0.2% ACCURACY AT ROOM TEMP 1.2% ACCURACY AT 0C TO 60C VOLTS 2.800 3.000 3.200 INCHES Hg 28.00 30.00 32.00
+
1/4 LT1114 14
-
CALIBRATION ADJUST
13
-
R4 100k R5 100k R6 50k R7 180k
R3 51k
C1 1F
1167 TA03
RELATED PARTS
PART NUMBER LTC1100 LT1101 LT1102 LT1168 LTC 1418 LT1460 LT1468 LTC1562 LTC1605
(R)
DESCRIPTION Precision Chopper-Stabilized Instrumentation Amplifier Precision, Micropower, Single Supply Instrumentation Amplifier High Speed, JFET Instrumentation Amplifier Low Power, Single Resistor Programmable Instrumentation Amplifier 14-Bit, Low Power, 200ksps ADC with Serial and Parallel I/O Precision Series Reference 16-Bit Accurate Op Amp, Low Noise Fast Settling Active RC Filter 16-Bit, 100ksps, Sampling ADC
COMMENTS Best DC Accuracy Fixed Gain of 10 or 100, IS < 105A Fixed Gain of 10 or 100, 30V/s Slew Rate ISUPPLY = 530A Max Single Supply 5V or 5V Operation, 1.5LSB INL and 1LSB DNL Max Micropower; 2.5V, 5V, 10V Versions; High Precision 16-Bit Accuracy at Low and High Frequencies, 90MHz GBW, 22V/s, 900ns Settling Lowpass, Bandpass, Highpass Responses; Low Noise, Low Distortion, Four 2nd Order Filter Sections Single 5V Supply, Bipolar Input Range: 10V, Power Dissipation: 55mW Typ
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
1167fa LT/TP 0301 2K REV A * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1998


▲Up To Search▲   

 
Price & Availability of LT116702

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X