Part Number Hot Search : 
VP0350N5 MAX5008 FML0230 W91590 MAX5008 TDA8120B EVKIT 2N4399
Product Description
Full Text Search
 

To Download LT0R45P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Under development New product
LT0R45P/M
Features (1) Maximum operating output: 5mW (2) Wavelength:635nm (3) Built-in high speed(MIN. 20MHz) OPIC* (4) Needless of external noise solution (5) With sensitivity switching function (6) Compact package(Thickness: 4.8mm) (7) High temperature operation: 70C (8) Single power supply***LT0R45P Double power supply***LT0R45M
Red Hologram Laser
Compacat Size Hologram Laser for DVD (650nm-5m Single Mode)
Outline Dimensions
(Unit:mm)
Hologram glass Cap glass 0.25
o 8.2 7.5MAX. o 6.63
t 3.2
4.8 3.97 1.0 4.3 4.6 1.2
Reference surface
10 - o0.4
Specifications Laser diode Parameter
*1 Optical power output
o 8.2
(Tc=25C)
P1.4+- 0.2 * 3 =4.2+- 0.2
Threshold current Operating current Operating voltage Wavelength
Operating temperature
Conditions Ratings MAX.4.5mW TYP. 55mA TYP.65mA Po=2.7mW TYP.2.2V *1 TYP.650nm -10 to +70C Single mode TE mode
1
10
2
3
4 5
9
8
7
6
4.9
[Terminal connection]
Vcc
Oscillation mode Deflection mode
2.8 4.8
VM (H/L) VA VB VC VD VS
GND LD Monitor PD(LT0R45P) Monitor PD(LT0R45M)
-
*1 Output power from hologram laser
+
+
Hologram laser Parameter
RF output amplitude
(Tc=25C)
Conditions
Ratings
+
H gain L gain FES output amplitude Radial error balance OPIC operating voltage OPIC response frequency
TYP.0.87Vp-p Output power3.0mW *2 TYP.0.34Vp-p RF amplitude at 0.27V TYP.0.54Vp-p MAX.0.5m MAX.4.5 to 5.5V MIN.20MHz Vcc=5V,-3dB
+
D1
D2
D3
D4
D5
D6
*2 optical system is regulated by another paper.
(Notice)
In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Specifications are subject to change without notice for improvement.
(Internet)
Data for Sharp's optoelectronic/power devices is provided for internet.(Address http://www.sharp.co.jp/ecg/)
0.3MAX.
1.27
LD chip
As of Sep. 1996 Tec.L960907


▲Up To Search▲   

 
Price & Availability of LT0R45P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X