Part Number Hot Search : 
C56M1 3CG5401 NJU7021D C56M1 114G1 SSP5N90A SC250B 29AL004D
Product Description
Full Text Search
 

To Download LSR106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LSR102 THRU LSR106
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 1.0 Ampere
Features
Surge overload ratings to 40 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Mounting position: Any Weight: 0.12 gram
MELF
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol LSR102 LSR103 LSR104 LSR105 LSR106 Units Type Number Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 V Maximum RMS Voltage VRMS 14 21 28 35 42 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 V
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Typical Thermal Resistance Typical Junction Capacitance ( Note ) Operating Temperature Range
I(AV) IFSM VF IR RJA Cj TJ
1.0 30 0.55 1.0 10 15 0.70
A A V mA mA /W pF
110 80 - 65 to + 125 - 65 to + 150 Storage Temperature Range TSTG - 65 to + 150 Note: Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
- 44 -
RATINGS AND CHARACTERISTIC CURVES (LSR102 THRU LSR106)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
LS
FIG.2- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
20 10
1.0
AVERAGE FORWARD CURRENT. (A)
.75
LS R1 02 ~L SR 10 4
1.0 0.1 .1 .3 .5
R1
LS R1 02 ~L SR
.50
6 10 SR ~L 5 10 R LS
05 ~L SR 10 6
4 10
.25
0
0
25
50
75
100
o
125
150
175
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
LEAD TEMPERATURE. ( C)
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
100 400 200
FIG.4- TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE.(pF)
INSTANTANEOUS REVERSE CURRENT. (mA)
10 Tj=125OC
LSR
102
100 80 60 40
LSR
~LS
105
R10
~LS
4
R10
6
1.0
20
.10
Tj=75OC 10 .1 .4 1.0 4 10 40 80
REVERSE VOLTAGE. (V) .01 Tj=25 C .001 0
O
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
PEAK FORWARD SURGE CURRENT. (A)
50
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40
30
20
10
0
1
2
4
6
8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60Hz
- 45 -


▲Up To Search▲   

 
Price & Availability of LSR106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X