Part Number Hot Search : 
202157B ST72324 AT49BV16 STV2180A TYN210 HV82507 E13003 1N4006G
Product Description
Full Text Search
 

To Download LSPA10708 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L.S.E.
Mechanical
30.5 MAX.
Power Transformer LSPA10708
Schematic
Note : 1. Unitmm 2. ScaleF 3. YYWW Date Code
30V UNIV. INPUT 15V
24.5 MAX.
LSPA10708 LSE YYWW
BIAS 15V
0.80.1
6.00.5
:TEFLON TUBE
1
29.5 MAX.
5.00.3
6
25.00.5
-0.0/+0.2
1.3
5.0 Typ.
25.0 Typ.
12
7
Electrical Characteristics
A. D.C. Resistance (25) R(1-3)431.0 m max. R(6-5)53.0 m max. R(12-11)107.0 m max. R(10-9)57.0 m max. R(8-7)57.0 m max. B. Inductance L(1-3) 510.0 H 10% C. Leakage Inductance Lk(1-3)9.0 H max. D. Turns Ratio P1-3 P6-5 10.114 10% P1-3 P12-11 10.227 5% P1-3 P10-9 10.114 10% P1-3 P8-7 10.114 10% E. Isolation VoltageHi-Pot 3750 Vac, 3mA, 60 Sec Pri., Bias To Sec. 1500 Vac, 3mA, 60 Sec Pri. To Bias Sec. To Sec. 500 Vac, 3mA, 60 Sec @ 132 KHz, 1V, Ls @ 132 KHz, 1V, Ls, shorted P(5+6+7+8+9+10+11+12) @ 20 KHz, 1V @ 20 KHz, 1V @ 20 KHz, 1V @ 20 KHz, 1V
NO. 7, LANE 3, SAN Ho RD. SAN-SHIN VILLAGE TA-YUAN HSIANG, TAOYUAN HSIEN, TAIWAN, R.O.C. Tel886-3-3831513 Fax886-3-3835738 www.lse.com.tw USA: www.cdiweb.com/lse Tel: (800)777-7334
43W


▲Up To Search▲   

 
Price & Availability of LSPA10708

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X