Part Number Hot Search : 
BA9741 DWR2G EPD1007G TM6117 CMD4505 P6KE250 SK261 331KL
Product Description
Full Text Search
 

To Download LS5D18-8R9-RN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 


Surface Mount Power Inductors
FEATURES
-Will Handle Up To 1.95A -Economical Design -Suitable For Pick And Place -Withstands Solder Reflow -Shielded Design
LS5D18 Series
PACKAGING
-Reel Diameter: 330mm -Reel Width: 12.3mm -Pieces Per Reel: 2000
APPLICATIONS
-DC/DC Converters -Output Power Chokes -Handheld And PDA Applications -Battery Powered Or Low Voltage Applications
Mechanical
5.7+/-0.3
2.0 max
8.2 max
6.3
Electrical Specifications
Part Number
LS5D18-4R1-RN LS5D18-5R4-RN LS5D18-6R2-RN LS5D18-8R9-RN LS5D18-100-RN LS5D18-120-RN LS5D18-150-RN LS5D18-180-RN LS5D18-220-RN LS5D18-270-RN LS5D18-330-RN LS5D18-390-RN LS5D18-470-RN LS5D18-560-RN LS5D18-680-RN LS5D18-820-RN LS5D18-101-RN LS5D18-121-RN LS5D18-151-RN LS5D18-181-RN LS5D18-221-RN LS5D18-271-RN LS5D18-331-RN
6
Specifications subject to change without notice.
5.7+/-0.3
XXX
2.0 ref 5.5 ref
2.0 2.15
5.5 ref
unit= mm
2
Inductance1 Test Frequency (H+/-30%) (khz)
4.1 5.4 6.2 8.9 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
DCR max ()
0.057 0.076 0.096 0.116 0.124 0.153 0.196 0.210 0.290 0.330 0.386 0.520 0.595 0.665 0.840 0.978 1.20 1.50 1.71 2.24 2.44 3.38 4.34
IDC max (A)
1.95 1.60 1.40 1.25 1.20 1.10 0.97 0.85 0.80 0.75 0.65 0.57 0.54 0.50 0.43 0.41 0.36 0.33 0.31 0.28 0.23 0.21 0.18
Tested @ 10kHz, 0.1Vrms. Inductance drop = 35% at rated IDC max. Electrical specifications at 25C. Operating temperature range: -40C to +85C. 5. Meets UL 94V-0. 6. Optional Tolerances: 10%(K), 15%(L), and 20%(M).
1. 2. 3. 4.
(10/06) LS-10


▲Up To Search▲   

 
Price & Availability of LS5D18-8R9-RN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X